Part Number Hot Search : 
384XBDG 55C7V ON1849 BAT54R BA5915FP 91680 HBU331 73B48
Product Description
Full Text Search
 

To Download ECJ1XXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general multilayer ceramic chip capacitors (for general electronic equipment) series: ecj n features l small in size and wide capacitance range l superior humidity characteristic and long life thanks to the monolithic construction l excellent solderability and resistance to soldering heat thanks to terminals with three layers of cop- per, nickel and solder l low self-inductance and excellent frequency characteristics n precautions for handling see page 51 to 57 n recommended applications l class 1 (t.c. type) temperature compensations, tuned circuits and filter circuits, where low loss and high stability of capacitance and high insulation resistance are required l class 2 (hi-k type) coupling and by-pass, where low and high stability of capacitance are not so important n packaging method see page 96 e 1 c 2 j 3 z 4 e 5 b1 7 a 8 1 9 0 10 3 11 k 12 1 product code 3 packaging 5 rated voltage 6 nominal capacitance 7 4 2 size code (example) 6 capacitance tolerance temperature characteristics code (ecj: multilayer ceramic chip capacitors) styles code n construction n dimensions in mm (not to scale) 5 4 3 2 1 l t w l 1 l 2 code size code l w t l1, l2 (eia) z type06 0.600.03 0.300.03 0.300.03 0.150.05 0201 0 type10 1.000.05 0.500.05 0.500.05 0.20.1 0402 1 type11 1.60.1 0.80.1 0.80.1 0.30.2 0603 0.60.1 2 type12 2.00.1 1.250.10 0.850.10 0805 1.250.10 0.500.25 2.000.15 1.250.15 1.250.15 0.60.1 3 type13 3.200.15 1.600.15 0.850.10 0.60.3 1206 1.150.10 3.20.2 1.60.2 1.60.2 unit : mm n explanation of part numbers no name 1 ceramic dielectric 2 internal electrode 3 substrate electrode 4 terminal intermediate electrode 5 electrode external electrode n discontinued / revise part numbers see page 58
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general n packaging styles and standard packaging quantity n temperature characteristics l class 1 capacitors l class 2 capacitors n rated voltage n nominal capacitance n capacitance tolerance code temp. char. temp. coeff. code < 2 pf 3 pf > 4 pf > 10 pf cc d ck(0 250 ppm/?c) cj(0 120 ppm/?c) ch(0 60 ppm/?c) cg(0 30 ppm/?c) * g sl +350 to e1000 temp. coeff. (1) rate of capacitance change at each temperature (%) temp. char. (ppm/?c) e25 ?c 85 ?c max. min. max. min. cg 0 30 0.33 e0.14 0.20 e0.20 ch 0 60 0.49 e0.27 0.39 e0.39 cj 0 120 0.82 e0.54 0.78 e0.78 ck 0 250 1.54 e1.13 1.63 e1.63 sl +350 to e1000 ? ? 2.28 e6.50 code 1h 1e 1c 1a 0j rated voltage dc 50 v dc 25 v dc 16 v dc 10 v dc 6.3 v ex 0r5 010 100 104 nominal 0.5 pf 1 pf 10 pf 100,000 pf capacitance (0.1f) note:measurement of capacitance at 20 ?c and 85 ?c shall be made to calculate temperature characteristic (1) these temperature coefficient are calculated between 20 ?c and 85 ?c for applicable temperature characteristics, see the lists of standard products on page 16 to 23. type06 type10 type11 type12 type13 code packaging styles quantity (0201) (0402) (0603) (0805) (1206) t=0.3 t=0.5 t=0.8 t=0.6 t=0.85 t=1.25 t=0.6 t=0.85 t=1.15 t=1.6 e paper taping 15,000 10,000 ? ? ? ? ? ? ? ? (pitch: 2 mm) v paper taping ? ? 4,000 5,000 4,000 ? 5,000 4,000 ? ? f 180 (pitch: 4 mm) f reel ? ? ? ? ? 3,000 ? ? 3,000 ? embossed taping pcs./ y (pitch: 4 mm) reel ? ? ? ? ? ? ? ? ? 2,000 w paper taping ? 50,000 ? ? ? ? ? ? ? ? f 330 (pitch: 2 mm) z reel * paper taping ? ? 10,000 20,000 10,000 ? 20,000 10,000 ? ? (pitch: 4 mm) c bulk case pcs./reel ? 50,000 15,000 10,000 ? ? ? ? ? ? for part number applicable to f 330 reel, please contact us. code temp. char. capacitance change measurement temperature range reference temperature b 10 % e25 to 85 ?c 20 ?c b x7r 15 % e55 to 125 ?c 25 ?c x5r 15 % e55 to 85 ?c 25 ?c f f +30, e80 % e25 to 85 ?c 20 ?c y5v +22, e82 % e30 to 85 ?c 25 ?c t: thickness (mm) * it is not opplying to the type 06 class temp. char. tol. code capacitance tolerance cc < 5 pf 0.25 dc < 10 pf 0.5 1c d , sl f c =10 pf 1 j c > 10 pf 5 % k 10 % b, x7r, x5r k 10 % 2m 20 % f, y5v z +80, e20 % pf pf pf for applicable temperature characteristics, see the lists of standard products on page 16 to 23.
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general n specification and test method operating temperature range q factor or dissipation factor (tan d ) temperature characteristics temp. char. c d :e55 to 125 ?c e25 to 85 ?c (type13, 5600 to 10000 pf) temp. char. sl :e55 to 125 ?c temp. char. b, x7r : e55 to 125 ?c temp. char. b, x5r :e55 to 85 ?c temp. char. f, y5v : e30 to 85 ?c q: c < 30 pf: q > 400+20c 30 pf < c < 1000 pf:q > 1000 tan d : c > 1000 pf: tan d < 0.002 (c:nominal cap. in pf) temp. char. cg: 0 30 ppm/ ?c ch: 0 60 ppm/ ?c cj : 0 120 ppm/ ?c ck: 0 250 ppm/ ?c sl : +350 to e1000 ppm/ ?c temp. char. b : 10 %(e25 to 85 ?c) x7r: 15 %(e55 to 125 ?c) x5r: 15 %(e55 to 85 ?c) f : +30, e80 %(e25 to 85 ?c) y5v: +22, e82 %(e30 to 85 ?c) dielectric withstanding voltage no break down test voltage: class 1:rated voltage 300 % class 2:rated voltage 250 % duration:1 to 5s charge/discharge current:within 50 ma 10000 m w or 500/c (m w ) whichever is less. note:dc10v, dc6.3v:100/c(m w )min. (c:nominal cap. in f) measuring voltage:rated voltage duration : 605s charge/discharge current:within 50 ma cpacitance within the specified tolerance test method item specification class 1 class 2 reference temperature: 202 ?c class 1: class 2: pretreatment: the capacitors shall be kept in a temperature of 150+0/e10 ?c for 1 hour and then shall be stored in standard condition * for 48 4 hours, befor initial measurement. nominal capacitance c < 1000 pf c > 1000 pf measuring frequency 1 mhz 10% 1 khz 10% measuring voltage 0.5 to 5 vrms 0.5 to 5 vrms nominal capacitance c < 1 f measuring frequency 1 khz 10% measuring voltage 1.0 0.2 vrms maximum capacitance change at stage 1 to 5 * standard condition : temperature 15 to 35 ?c, relative humidity 45 to 75 % insulation resistance (i r) tan d :0.2 max. please confirmation to the technical reports for details. temp. char. stage c d , sl x7r x5r y5v b, f 1 20252525 2 e25 e55 e55 e30 3 20 25 25 25 (reference temp.) 4 85 125 85 85 5 20252525 ] ecjzeb0j104m(0210/x5r/6.3 v/0.1 f) ecj0 1 b0j474 1 (0402/x5r/6.3 v/0.47 f) of 0.50 0.05 vrms measurement voltage. (unit:?c)
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general resistance to solder heat solderability temperature cycle more than 95 % of the soldered area of both terminal electrodes shall be covered with fresh solder. solder bath method solder temperature:230 5 ?c dipping period:4 1 s solder:h63a (jiseze3282) appearance: no mechanical damage capacitance change: within 2.5 % or 0.25 pf whichever is larger. q.tan d :initial value ir:initial value with-stand voltage: no dielectric breakdown or damage appearance: no mechanical damage capacitance change: temp. char. b, x7r, x5r : within 7.5 % f, y5v : within 20 % tan d initial value ir:initial value with-stand voltage: no dielectric breakdown or damage preconditioning:heat treatment (150 ?c, 1h)/class 2 solder temperature:270 5?c dipping period:3.0 0.5 s preheat condition: appearance: no mechanical damage capacitance change: within 2.5 % or 0.25 pf whichever is larger. q.tan d :initial value ir:initial value with-stand voltage: no dielectric breakdown or damage appearance: no mechanical damage capacitance change: temp. char. b, x7r, x5r : within 7.5 % f, y5v : within 20 % tan d initial value ir:initial value with-stand voltage: no dielectric breakdown or damage preconditioning:heat treatment (150 ?c, 1h) /class 2 condition of one cycle step 1:minimum operation temp. 30 3 min. step 2:room temp. 3 min. step 3:maximum operation temp. 30 3 min. step 4:room temp. 3 min. number of cycles:5 cycles recovery (standard condition) class 1:24 2 h class 2:48 4 h bending strength appearance:no mechanical damage capacitance change: temp. char. b, x7r, x5r : within 12.5 % f ,y5v : within 30 % bending value:1 mm bending speed:1 mm/s 20 45 245 2 bending value unit : mm r340 appearance: no mechanical damage capacitance change: within 5 % or 0.5 pf whichever is larger. test method item specification class 1 class 2 applied force: 2 n(type 06) 5 n(type 10, 11, 12 and 13) arrow direction for 10 seconds. adhesion the terminal electrode shall be free from peeling or signs of peeling. 1.0 sample 1.0 sample 0.5r 0.3(06type) 0.5(10type) pc board unit : mm test of type 11,12 and 13 test of type 06 and 10 order temp. time(s) (?c) type type 06,10,11,12 13 1 80 to 100 120 to 180 300 to 360 2 150 to 200 120 to 80 300 to 360 recovery (standard condition) class 1:24 2 h class 2:48 4 h vibration proof apply a variable vibration of 1.5mm total amplitude in the 10 to 55 to 10hz vibration frequency range swept in 1 min. in 3 mutually perpendicular directions for 2 hours each, a total of 6 hours. appearance: there shall be no cracks and other mechanical damage. capacitance:shall be within the specifiedtolerance q.tan d :initial value
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general test method item specification class 1 class 2 loading under damp heat appearance: no mechanical damage capacitance change: within 7.5 % or 0.75 pf whichever is larger. q tan d : c < 30 pf:q > 100+10c/3 30 pf < c < 1000 pf:q > 200 tan d c > 1000 pf:tan d < 0.004 (c:nominal capacitance in pf) ir: 500 m w or 25/c (m w ) whichever is less. (c:nominal capacitance in f) appearance: no mechanical damage capacitance change: temp. char. b, x7r, x5r: within 12.5 % note:ecj0 1 b0j474 1 (0402/x5r/6.3 v/0.47 f), within 20 % f, y5v: within 30 % tan d 0.3 max. please confirmation to the technical reports for details. ir: 500 m w or 25/c (m w ) whichever is less. note:dc10 v:5/c(m w ) min. (c:nominal capacitance in f) preconditioning:voltage treatment (150?c, 1h)/class 2 temperature:40 2?c relative humidity:90 to 95 % applied voltage:rated voltage charge/discharge current: within 50ma test period:500 + 24/0 h recovery (standard condition) class 1:24 2 h class 2:48 4 h damp heat (steady state) appearance: no mechanical damage capacitance change: within 5 % or 0.5 pf whichever is larger. q: c < 10 pf:q > 200 + 10c 10 pf < c < 30 pf:q > 275 + 5c/2 30 pf < c < 1000 pf:q > 350 tan d c > 1000 pf:tan d < 0.004 (c:nominal capacitance in pf) ir: 1000 m w or 50/c (m w ) whichever is less. (c:nominal capacitance in f) appearance: no mechanical damage capacitance change: temp. char. b, x7r, x5r: within 12.5 % note:ecj0 1 b0j474 1 (0402/x5r/6.3 v/0.47 f), within 20 % f, y5v: within 30 % tan d 0.3 max. please confirmation to the technical reports for details. ir: 1000 m w or 50/c (m w ) whichever is less. note:dc10 v:10/c(m w ) min. (c:nominal capacitance in f) preconditioning:heat treatment (150?c, 1h)/class 2 temperature:40 2?c relative humidity:90 to 95 % test period:500 + 24/0 h recovery (standard condition) class 1:24 2 h class 2:48 4 h
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general test method item specification class 1 class 2 note 1) heat treatment:1 h of heat treatment at 150+0/e10?c followed by 484 h recovery under the standead condition note 2) voltage treatment:1 h of voltage treatment under the specified temperature and voltage for testing followed by 48 4 h of recovery under the standead condition loading at high temperature appearance: no mechanical damage capacitance change: within 3 % or 0.3 pf whichever is larger. q tan d : c < 10 pf:q > 200 + 10c 10 pf < c < 30 pf:q > 275 + 5c/2 30 pf < c < 1000 pf:q > 350 tan d c > 1000 pf:tan d < 0.004 (c:nominal capcitance in pf) ir: 1000 m w or 50/c (m w ) whichever is less. (c:nominal capacitance in f) appearance: no mechanical damage capacitance change: temp. char. b, x7r, x5r: within 12.5 % note:ecj0 1 b0j474 1 (0402/x5r/6.3 v/0.47 f), within 20 % f, y5v: within 30 % tan d 0.3 max. please confirmation to the technical reports for details. ir: 1000 m w or 50/c (m w ) whichever is less. note:dc10 v:10/c(m w ) min. (c:nominal capacitance in f) preconditioning:voltage treatment /class 2 temperature: maximum operation temp. 3?c applied voltage:rated voltage 200% note:ecjzeb0j104m (0201/x5r/6.3 v/0.1 f) ecj0 1 b0j474 1 (0402/x5r/6.3 v/0.47 f) :rated voltage 100% charge/discharge current:within 50ma test period:1000 + 48/0 h recovery (standard condition) class 1:24 2 h class 2:48 4 h
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general code c rated voltage dc25v dc16v part no part no ck cj ch ck cj ch 0.5 0.25pf(c) ecjzec1e0r5c 0.3 l ?? 1 0.25pf ecjzec1e010 @ 0.3 l ?? 1.5 (c) ecjzec1e1r5 @ 0.3 l ?? 2 or ecjzec1e020 @ 0.3 l ?? 3 0.5pf ecjzec1e030 @ 0.3 ? l ? 4 (d) ecjzec1e040 @ 0.3 ? ? l 5 ecjzec1e050 @ 0.3 ? ? l 6 ecjzec1e060d 0.3 ? ? l 7 0.5pf ecjzec1e070d 0.3 ? ? l 8 (d) ecjzec1e080d 0.3 ? ? l 9 ecjzec1e090d 0.3 ? ? l 0.5pf(d) 10 or 1pf(f) ecjzec1e100 @ 0.3 ? ? l 12 ecjzec1e120 @ 0.3 ? ? l 15 ecjzec1e150 @ 0.3 ? ? l 18 ecjzec1e180 @ 0.3 ? ? l 22 ecjzec1e220 @ 0.3 ? ? l 27 5%(j) ecjzec1e270 @ 0.3 ? ? l 33 or ecjzec1e330 @ 0.3 ? ? l 39 10%(k) ecjzec1c390 @ 0.3 ? ? l 47 ecjzec1c470 @ 0.3 ? ? l 56 ecjzec1c560 @ 0.3 ? ? l 68 ecjzec1c680 @ 0.3 ? ? l 82 ecjzec1c820 @ 0.3 ? ? l 100 ecjzec1c101 @ 0.3 ? ? l code b rated voltage dc50v dc25v dc16v dc10v part no part no part no part no b x7r x5r b x7r x5r b x7r x5r b x7r x5r n standard products for type 06 (eia 0201) , taped version capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char. 1 : capacitance tolerance code. : 1 for k or m packaging style code: e for taped version. ( f 180 reel, taping pitch: 2 mm) recommend soldering method: reflow soldering. capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char. dim. t (mm) temp. char. dim. t (mm) temp. char. l class 2 l class 1 150 ecjzeb1h151 @ 0.3 ll ? ecjzeb1e151 @ 0.3 ll ? 220 ecjzeb1h221 @ 0.3 ll ? ecjzeb1e221 @ 0.3 ll ? 330 ecjzeb1h331 @ 0.3 ll ? ecjzeb1e331 @ 0.3 ll ? 470 ecjzeb1h471 @ 0.3 ll ? ecjzeb1e471 @ 0.3 ll ? 680 10%(k) ecjzeb1h681 @ 0.3 ll ? ecjzeb1e681 @ 0.3 ll ? 1000 or ecjzeb1h102 @ 0.3 ll ? ecjzeb1e102 @ 0.3 ll ? 1500 20%(m) ecjzeb1e152 @ 0.3 ll ? ecjzeb1c152 @ 0.3 ll ? 2200 ecjzeb1e222 @ 0.3 ll ? ecjzeb1c222 @ 0.3 ll ? 3300 ecjzeb1c332 @ 0.3 ll ? ecjzeb1a332 @ 0.3 l ? l 4700 ecjzeb1a472 @ 0.3 ? ? l 6800 ecjzeb1a682 @ 0.3 ? ? l 10000 ecjzeb1a103 @ 0.3 ? ? l 4700 10%(k) ecjzeb0j472 @ 0.3 ? ? l 6800 or ecjzeb0j682 @ 0.3 ? ? l 10000 20%(m) ecjzeb0j103 @ 0.3 ? ? l 100000 ecjzeb0j104m 0.3 ? ? l code b rated voltage dc6.3v part no b x7r x5r capaci- tance (pf) dim. t (mm) temp. char.
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general n standard products for type 10 (eia 0402) , taped version l class 1 1 : capacitance tolerance code. : 1 for k or m packaging style code: e for taped version. ( f 180 reel, taping pitch: 2 mm) recommend soldering method: reflow soldering. code c g rated voltage dc50v dc50v part no part no ck cj ch cg sl 0.5 0.25pf(c) ecj0ec1h0r5c 0.5 l ??? ecj0eg1h0r5c 0.5 l 1 0.25pf ecj0ec1h010 @ 0.5 l ??? ecj0eg1h010 @ 0.5 l 1.5 (c) ecj0ec1h1r5 @ 0.5 l ??? ecj0eg1h1r5 @ 0.5 l 2 or ecj0ec1h020 @ 0.5 l ??? ecj0eg1h020 @ 0.5 l 3 0.5pf ecj0ec1h030 @ 0.5 ? l ?? ecj0eg1h030 @ 0.5 l 4 (d) ecj0ec1h040 @ 0.5 ? ? l ? ecj0eg1h040 @ 0.5 l 5 ecj0ec1h050 @ 0.5 ? ? l ? ecj0eg1h050 @ 0.5 l 6 ecj0ec1h060d 0.5 ? ? l ? ecj0eg1h060d 0.5 l 7 0.5pf ecj0ec1h070d 0.5 ? ? l ? ecj0eg1h070d 0.5 l 8 (d) ecj0ec1h080d 0.5 ? ? l ? ecj0eg1h080d 0.5 l 9 ecj0ec1h090d 0.5 ? ? l ? ecj0eg1h090d 0.5 l 0.5pf(d) 10 or 1pf(f) ecj0ec1h100 @ 0.5 ? ? ll ecj0eg1h100 @ 0.5 l 12 ecj0ec1h120 @ 0.5 ? ? ll ecj0eg1h120 @ 0.5 l 15 ecj0ec1h150 @ 0.5 ? ? ll ecj0eg1h150 @ 0.5 l 18 ecj0ec1h180 @ 0.5 ? ? ll ecj0eg1h180 @ 0.5 l 22 ecj0ec1h220 @ 0.5 ? ? ll ecj0eg1h220 @ 0.5 l 27 ecj0ec1h270 @ 0.5 ? ? ll ecj0eg1h270 @ 0.5 l 33 ecj0ec1h330 @ 0.5 ? ? ll ecj0eg1h330 @ 0.5 l 39 5%(j) ecj0ec1h390 @ 0.5 ? ? ll ecj0eg1h390 @ 0.5 l 47 or ecj0ec1h470 @ 0.5 ? ? ll ecj0eg1h470 @ 0.5 l 56 10%(k) ecj0ec1h560 @ 0.5 ? ? ll ecj0eg1h560 @ 0.5 l 68 ecj0ec1h680 @ 0.5 ? ? ll ecj0eg1h680 @ 0.5 l 82 ecj0ec1h820 @ 0.5 ? ? ll ecj0eg1h820 @ 0.5 l 100 ecj0ec1h101 @ 0.5 ? ? ll ecj0eg1h101 @ 0.5 l 120 ecj0ec1h121 @ 0.5 ? ? ll ecj0eg1h121 @ 0.5 l 150 ecj0ec1h151 @ 0.5 ? ? ll ecj0eg1h151 @ 0.5 l 180 ecj0ec1h181 @ 0.5 ? ? ll ecj0eg1h181 @ 0.5 l 220 ecj0ec1h221 @ 0.5 ? ? ll ecj0eg1h221 @ 0.5 l capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char.
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general 100 ecj0eb1h101 @ 0.5 ll ? 120 ecj0eb1h121k 0.5 ll ? 150 ecj0eb1h151 @ 0.5 ll ? 180 ecj0eb1h181k 0.5 ll ? 220 ecj0eb1h221 @ 0.5 ll ? 270 ecj0eb1h271k 0.5 ll ? 330 ecj0eb1h331 @ 0.5 ll ? 390 ecj0eb1h391k 0.5 ll ? 470 ecj0eb1h471 @ 0.5 ll ? 560 ecj0eb1h561k 0.5 ll ? 680 ecj0eb1h681 @ 0.5 ll ? 820 ecj0eb1h821k 0.5 ll ? 1000 ecj0eb1h102 @ 0.5 ll ? 1200 ecj0eb1h122k 0.5 ll ? 1500 ecj0eb1h152 @ 0.5 ll ? 1800 ecj0eb1h182k 0.5 ll ? 2200 ecj0eb1h222 @ 0.5 ll ? 2700 ecj0eb1h272k 0.5 ll ? 3300 10%(k) ecj0eb1h332 @ 0.5 ll ? 3900 or ecj0eb1h392k 0.5 ll ? 4700 20%(m) ecj0eb1e472 @ 0.5 ll ? 5600 ecj0eb1e562k 0.5 ll ? 6800 ecj0eb1e682 @ 0.5 ll ? 8200 ecj0eb1e822k 0.5 ll ? 10000 ecj0eb1e103 @ 0.5 ll ? ecj0eb1c103 @ 0.5 ll ? 12000 ecj0eb1c123k 0.5 ll ? 15000 ecj0eb1c153 @ 0.5 ll ? 18000 ecj0eb1c183k 0.5 ll ? 22000 ecj0eb1c223 @ 0.5 ll ? 27000 ecj0eb1a273k 0.5 l ? l 33000 ecj0eb1a333 @ 0.5 l ? l 39000 ecj0eb1a393k 0.5 l ? l 47000 ecj0eb1a473 @ 0.5 l ? l 56000 ecj0eb1a563k 0.5 l ? l 68000 ecj0eb1a683 @ 0.5 l ? l 82000 ecj0eb1a823k 0.5 l ? l 100000 ecj0eb1a104 @ 0.5 l ? l 220000 ecj0eb0j224 @ 0.5 ?? l 470000 ecj0eb0j474 @ 0.5 ?? l n standard products for type 10 (eia 0402) , taped version l class 2 code b rated voltage dc50v dc25v dc16v dc10v dc6.3v part no part no part no part no part no b x7r x5r b x7r x5r b x7r x5r b x7r x5r b x7r x5r capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char. dim. t (mm) temp. char. dim. t (mm) temp. char. dim. t (mm) temp. char. 1 : capacitance tolerance code. : 1 for k or m packaging style code: e for taped version. ( f 180 reel, taping pitch: 2 mm) recommend soldering method: reflow soldering. 1000 ecj0ef1h102z 0.5 ll ecj0ef1e102z 0.5 ll 2200 ecj0ef1h222z 0.5 ll ecj0ef1e222z 0.5 ll 4700 ecj0ef1h472z 0.5 ll ecj0ef1e472z 0.5 ll 10000 +80, e20% ecj0ef1h103z 0.5 ll ecj0ef1e103z 0.5 ll 22000 (z) ecj0ef1e223z 0.5 ll ecj0ef1c223z 0.5 ll 47000 ecj0ef1c473z 0.5 ll 100000 ecj0ef1c104z 0.5 ll 220000 ecj0ef1a224z 0.5 ll code f rated voltage dc50v dc25v dc16v dc10v part no part no part no part no f y5v f y5v f y5v f y5v capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char. dim. t (mm) temp. char. dim. t (mm) temp. char.
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general n standard products for type 11 (eia 0603) , taped version l class 1 1 : capacitance tolerance code. : 1 for k or m packaging style code: v for taped version. ( f 180 reel, taping pitch: 4 mm). recommend soldering method: reflow soldering. code c g rated voltage dc50v dc50v part no part no ck cj ch cg sl 0.5 0.25pf(c) ecj1vc1h0r5c 0.8 l ??? ecj1vg1h0r5c 0.8 l 1 0.25pf ecj1vc1h010 @ 0.8 l ??? ecj1vg1h010 @ 0.8 l 1.5 (c) ecj1vc1h1r5 @ 0.8 l ??? ecj1vg1h1r5 @ 0.8 l 2 or ecj1vc1h020 @ 0.8 l ??? ecj1vg1h020 @ 0.8 l 3 0.5pf ecj1vc1h030 @ 0.8 ? l ?? ecj1vg1h030 @ 0.8 l 4 (d) ecj1vc1h040 @ 0.8 ? ? l ? ecj1vg1h040 @ 0.8 l 5 ecj1vc1h050 @ 0.8 ? ? l ? ecj1vg1h050 @ 0.8 l 6 ecj1vc1h060d 0.8 ? ? l ? ecj1vg1h060d 0.8 l 7 0.5pf ecj1vc1h070d 0.8 ? ? l ? ecj1vg1h070d 0.8 l 8 (d) ecj1vc1h080d 0.8 ? ? l ? ecj1vg1h080d 0.8 l 9 ecj1vc1h090d 0.8 ? ? l ? ecj1vg1h090d 0.8 l 0.5pf(d) 10 or 1pf(f) ecj1vc1h100 @ 0.8 ? ? ll ecj1vg1h100 @ 0.8 l 12 ecj1vc1h120 @ 0.8 ? ? ll ecj1vg1h120 @ 0.8 l 15 ecj1vc1h150 @ 0.8 ? ? ll ecj1vg1h150 @ 0.8 l 18 ecj1vc1h180 @ 0.8 ? ? ll ecj1vg1h180 @ 0.8 l 22 ecj1vc1h220 @ 0.8 ? ? ll ecj1vg1h220 @ 0.8 l 27 ecj1vc1h270 @ 0.8 ? ? ll ecj1vg1h270 @ 0.8 l 33 ecj1vc1h330 @ 0.8 ? ? ll ecj1vg1h330 @ 0.8 l 39 5%(j) ecj1vc1h390 @ 0.8 ? ? ll ecj1vg1h390 @ 0.8 l 47 or ecj1vc1h470 @ 0.8 ? ? ll ecj1vg1h470 @ 0.8 l 56 10%(k) ecj1vc1h560 @ 0.8 ? ? ll ecj1vg1h560 @ 0.8 l 68 ecj1vc1h680 @ 0.8 ? ? ll ecj1vg1h680 @ 0.8 l 82 ecj1vc1h820 @ 0.8 ? ? ll ecj1vg1h820 @ 0.8 l 100 ecj1vc1h101 @ 0.8 ? ? ll ecj1vg1h101 @ 0.8 l 120 ecj1vc1h121 @ 0.8 ? ? ll ecj1vg1h121 @ 0.8 l 150 ecj1vc1h151 @ 0.8 ? ? ll ecj1vg1h151 @ 0.8 l 180 ecj1vc1h181 @ 0.8 ? ? ll ecj1vg1h181 @ 0.8 l 220 ecj1vc1h221 @ 0.8 ? ? ll ecj1vg1h221 @ 0.8 l 270 ecj1vc1h271 @ 0.8 ? ? ll ecj1vg1h271 @ 0.8 l 330 ecj1vc1h331 @ 0.8 ? ? ll ecj1vg1h331 @ 0.8 l 390 ecj1vc1h391 @ 0.8 ? ? ll ecj1vg1h391 @ 0.8 l 470 ecj1vc1h471 @ 0.8 ? ? ll ecj1vg1h471 @ 0.8 l 560 ecj1vc1h561 @ 0.8 ? ? ll ecj1vg1h561 @ 0.8 l 680 ecj1vc1h681 @ 0.8 ? ? ll ecj1vg1h681 @ 0.8 l 820 ecj1vc1h821 @ 0.8 ? ? ll ecj1vg1h821 @ 0.8 l 1000 ecj1vc1h102 @ 0.8 ? ? ll ecj1vg1h102 @ 0.8 l capaci- tance (pf) dim. t (mm) temp. char. dim. t (mm) temp. char. capacitance tolerance
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general n standard products for type 11 (eia 0603) , taped version l class 2 1000 ecj1vb1h102 @ 0.8 ll ? 1200 ecj1vb1h122k 0.8 ll ? 1500 ecj1vb1h152 @ 0.8 ll ? 1800 ecj1vb1h182k 0.8 ll ? 2200 ecj1vb1h222 @ 0.8 ll ? 2700 ecj1vb1h272k 0.8 ll ? 3300 ecj1vb1h332 @ 0.8 ll ? 3900 ecj1vb1h392k 0.8 ll ? 4700 ecj1vb1h472 @ 0.8 ll ? 5600 ecj1vb1h562k 0.8 ll ? 6800 ecj1vb1h682 @ 0.8 ll ? 8200 ecj1vb1h822k 0.8 ll ? 10000 ecj1vb1h103 @ 0.8 ll ? ecj1vb1e103 @ 0.8 ll ? ecj1vb1c103 @ 0.8 ll ? 12000 10%(k) ecj1vb1h123k 0.8 ll ? ecj1vb1e123k 0.8 ll ? ecj1vb1c123k 0.8 ll ? 15000 or ecj1vb1h153 @ 0.8 ll ? ecj1vb1e153 @ 0.8 ll ? ecj1vb1c153 @ 0.8 ll ? 18000 20%(m) ecj1vb1h183k 0.8 ll ? ecj1vb1e183k 0.8 ll ? ecj1vb1c183k 0.8 ll ? 22000 ecj1vb1h223 @ 0.8 ll ? ecj1vb1e223 @ 0.8 ll ? ecj1vb1c223 @ 0.8 ll ? 27000 ecj1vb1h273k 0.8 ll ? ecj1vb1e273k 0.8 ll ? ecj1vb1c273k 0.8 ll ? 33000 ecj1vb1h333 @ 0.8 ll ? ecj1vb1e333 @ 0.8 ll ? ecj1vb1c333 @ 0.8 ll ? 39000 ecj1vb1h393k 0.8 ll ? ecj1vb1e393k 0.8 ll ? ecj1vb1c393k 0.8 ll ? 47000 ecj1vb1h473 @ 0.8 ll ? ecj1vb1e473 @ 0.8 ll ? ecj1vb1c473 @ 0.8 ll ? 56000 ecj1vb1e563k 0.8 ll ? ecj1vb1c563k 0.8 ll ? 68000 ecj1vb1e683 @ 0.8 ll ? ecj1vb1c683 @ 0.8 ll ? 82000 ecj1vb1e823k 0.8 ll ? ecj1vb1c823k 0.8 ll ? 100000 ecj1vb1h104 @ 0.8 ll ? ecj1vb1e104 @ 0.8 ll ? ecj1vb1c104 @ 0.8 ll ? 150000 ecj1vb1a154 @ 0.8 l ? l 220000 ecj1vb1a224 @ 0.8 l ? l 330000 ecj1vb1a334 @ 0.8 ?? l 470000 ecj1vb1a474 @ 0.8 ?? l ecj1vb0j474 @ 0.8 l ? l 680000 ecj1vb1a684 @ 0.8 ?? l ecj1vb0j684 @ 0.8 l ? l code b rated voltage dc50v dc25v dc16v dc10v dc6.3v part no part no part no part no part no b x7r x5r b x7r x5r b x7r x5r b x7r x5r b x7r x5r code f rated voltage dc50v dc25v dc16v part no part no part no f y5v f y5v f y5v 10000 ecj1vf1h103z 0.8 ll 22000 ecj1vf1h223z 0.8 ll 47000 +80, e20% ecj1vf1h473z 0.8 ll 100000 (z) ecj1vf1h104z 0.8 ll ecj1vf1e104z 0.8 ll ecj1vf1c104z 0.8 ll 220000 ecj1vf1c224z 0.8 ll 470000 ecj1vf1c474z 0.8 ll capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char. dim. t (mm) temp. char. dim. t (mm) temp. char. dim. t (mm) temp. char. capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char. dim. t (mm) temp. char. 1 : capacitance tolerance code. : 1 for k or m packaging style code: v for taped version. ( f 180 reel, taping pitch: 4 mm) recommend soldering method: reflow soldering. as for the capacitance value 1 f above, please refer the page 8 and 9
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general n standard products for type 12 (eia 0805) , taped version l class 1 code c g rated voltage dc50v dc50v part no part no ch cg sl 27 ecj2vc1h270 @ 0.6 ll ecj2vg1h270 @ 0.6 l 33 ecj2vc1h330 @ 0.6 ll ecj2vg1h330 @ 0.6 l 39 ecj2vc1h390 @ 0.6 ll ecj2vg1h390 @ 0.6 l 47 ecj2vc1h470 @ 0.6 ll ecj2vg1h470 @ 0.6 l 56 ecj2vc1h560 @ 0.6 ll ecj2vg1h560 @ 0.6 l 68 ecj2vc1h680 @ 0.6 ll ecj2vg1h680 @ 0.6 l 82 ecj2vc1h820 @ 0.6 ll ecj2vg1h820 @ 0.6 l 100 ecj2vc1h101 @ 0.6 ll ecj2vg1h101 @ 0.6 l 120 ecj2vc1h121 @ 0.6 ll ecj2vg1h121 @ 0.6 l 150 ecj2vc1h151 @ 0.6 ll ecj2vg1h151 @ 0.6 l 180 ecj2vc1h181 @ 0.6 ll ecj2vg1h181 @ 0.6 l 220 5%(j) ecj2vc1h221 @ 0.6 ll ecj2vg1h221 @ 0.6 l 270 or ecj2vc1h271 @ 0.6 ll ecj2vg1h271 @ 0.6 l 330 10%(k) ecj2vc1h331 @ 0.6 ll ecj2vg1h331 @ 0.6 l 390 ecj2vc1h391 @ 0.6 ll ecj2vg1h391 @ 0.6 l 470 ecj2vc1h471 @ 0.6 ll ecj2vg1h471 @ 0.6 l 560 ecj2vc1h561 @ 0.6 ll ecj2vg1h561 @ 0.6 l 680 ecj2vc1h681 @ 0.6 ll ecj2vg1h681 @ 0.6 l 820 ecj2vc1h821 @ 0.6 ll ecj2vg1h821 @ 0.6 l 1000 ecj2vc1h102 @ 0.6 ll ecj2vg1h102 @ 0.6 l 1200 ecj2vc1h122 @ 0.6 l ? ecj2vg1h122 @ 0.6 l 1500 ecj2vc1h152 @ 0.6 l ? ecj2vg1h152 @ 0.6 l 1800 ecj2vc1h182 @ 0.6 l ? ecj2vg1h182 @ 0.6 l 2200 ecj2vc1h222 @ 0.6 l ? ecj2vg1h222 @ 0.6 l 2700 ecj2vc1h272 @ 0.85 l ? ecj2vg1h272 @ 0.6 l 1 : capacitance tolerance code. : 1 for k or m packaging style code: v for taped version. ( f 180 reel, taping pitch: 4 mm) recommend soldering method: reflow soldering. capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char.
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general code b rated voltage dc50v dc25v dc16v dc10v part no part no part no part no b x7r x5r b x7r x5r b x7r x5r b x7r x5r n standard products for type 12 (eia 0805) , taped version l class 2 1 : capacitance tolerance code. : 1 for k or m packaging style code: v or f for taped version. ( f 180 reel, taping pitch: 4 mm) * :l w t dimension tolerance 0.15 mm ** :l w t dimension tolerance 0.2 mm soldering method of dimension t>1 mm: do not use the flow soldering. as for the capacitance value 1 f above, please refer the page 8 and 9 capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char. dim. t (mm) temp. char. dim. t (mm) temp. char. code f rated voltage dc50v dc25v dc16v part no part no part no f y5v f y5v f y5v 10000 ecj2vf1h103z 0.6 ll 22000 ecj2vf1h223z 0.6 ll 47000 +80, e20% ecj2vf1h473z 0.6 ll 100000 (z) ecj2vf1h104z 0.85 ll ecj2vf1e104z 0.6 ll ecj2vf1c104z 0.6 ll 220000 ecj2vf1h224z 0.85 ll ecj2vf1e224z 0.85 ll ecj2vf1c224z 0.6 ll 470000 ecj2ff1e474z 1.25 ll ecj2vf1c474z 0.85 ll capacitance tolerance capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char. dim. t (mm) temp. char. 1000 ecj2vb1h102 @ 0.6 ll ? 1200 ecj2vb1h122k 0.6 ll ? 1500 ecj2vb1h152 @ 0.6 ll ? 1800 ecj2vb1h182k 0.6 ll ? 2200 ecj2vb1h222 @ 0.6 ll ? 2700 ecj2vb1h272k 0.6 ll ? 3300 ecj2vb1h332 @ 0.6 ll ? 3900 ecj2vb1h392k 0.6 ll ? 4700 ecj2vb1h472 @ 0.6 ll ? 5600 ecj2vb1h562k 0.6 ll ? 6800 ecj2vb1h682 @ 0.6 ll ? 8200 ecj2vb1h822k 0.6 ll ? 10000 ecj2vb1h103 @ 0.6 ll ? 12000 10%(k) ecj2vb1h123k 0.6 ll ? 15000 or ecj2vb1h153 @ 0.6 ll ? 18000 20%(m) ecj2vb1h183k 0.6 ll ? 22000 ecj2vb1h223 @ 0.6 ll ? 27000 ecj2vb1h273k 0.85 ll ? 33000 ecj2vb1h333 @ 0.85 ll ? 39000 ecj2vb1h393k 0.85 ll ? 47000 ecj2fb1h473 @ 1.25 ll ? ecj2vb1e473 @ 0.85 ll ? 56000 ecj2fb1h563k 1.25 ll ? ecj2vb1e563k 0.85 ll ? 68000 ecj2fb1h683 @ 1.25 ll ? ecj2vb1e683 @ 0.85 ll ? 82000 ecj2fb1h823k 1.25 ll ? ecj2vb1e823k 0.85 ll ? 100000 ecj2fb1h104 @ 1.25 ll ? ecj2vb1e104 @ 0.85 ll ? ecj2vb1c104 @ 0.85 ll ? 150000 ecj2fb1e154 @ 1.25 ll ? ecj2vb1c154 @ 0.85 ll ? 220000 ecj2fb1e224 @ 1.25 ll ? ecj2vb1c224 @ 0.85 ll ? 330000 ecj2fb1c334 @ 1.25 ll ? 470000 ecj2fb1c474 @ 1.25 ll ? 680000 ecj2fb1c684 @ * 1.25 ?? l ecj2fb1a684 @ 1.25 ?? l
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. multilayer ceramic capacitors ( ) for general code b rated voltage dc50v dc25v dc16v part no part no part no b x7r x5r b x7r x5r b x7r x5r n standard products for type 13 (eia 1206) , taped version l class 1 code c g rated voltage dc50v dc50v part no part no ch sl 3300 ecj3vc1h332 @ 0.6 l ecj3vg1h332 @ 0.6 l 3900 ecj3vc1h392 @ 0.6 l ecj3vg1h392 @ 0.6 l 4700 5%(j) ecj3vc1h472 @ 0.6 l ecj3vg1h472 @ 0.6 l 5600 or ecj3vc1h562 @ 0.85 l ecj3vg1h562 @ 0.6 l 6800 10%(k) ecj3vc1h682 @ 0.85 l 8200 ecj3fc1h822 @ 1.15 l 10000 ecj3fc1h103 @ 1.15 l capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance capaci- tance (pf) dim. t (mm) temp. char. capacitance tolerance dim. t (mm) temp. char. 1 : capacitance tolerance code. : 1 for k or m packaging style code: v , f and y for taped version. ( f 180 reel, taping pitch: 4 mm) soldering method of dimension t>1 mm: do not use the flow soldering. as for the capacitance value 1 f above, please refer the page 8 and 9 l class 2 100000 ecj3vb1e104 @ 0.85 ll ? ecj3vb1c104 @ 0.85 ll ? 150000 10%(k) ecj3vb1e154 @ 0.85 ll ? ecj3vb1c154 @ 0.85 ll ? 220000 or ecj3yb1h224 @ 1.6 ll ? ecj3vb1e224 @ 0.85 ll ? ecj3vb1c224 @ 0.85 ll ? 330000 20%(k) ecj3vb1e334 @ 0.85 ll ? ecj3vb1c334 @ 0.85 ll ? 470000 ecj3fb1e474 @ 1.15 ll ? ecj3vb1c474 @ 0.85 ll ? 680000 ecj3yb1e684 @ 1.6 ll ? ecj3vb1c684 @ 0.85 ll ? dim. t (mm) temp. char. dim. t (mm) temp. char.


▲Up To Search▲   

 
Price & Availability of ECJ1XXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X