Part Number Hot Search : 
R2000 MM3Z12 03515 R2000 29F040 CCN1002 N5400 1205D
Product Description
Full Text Search
 

To Download CMLM740510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmlm7405 multi discrete module ? surface mount high current low v ce(sat) silicon pnp transistor and low v f silicon schottky diode description: the central semiconductor cmlm7405 is a single pnp transistor and schottky diode packaged in a space saving sot-563 case is designed for small signal general purpose applications where size and operational efficiency are prime requirements. ? complementary device: cmlm3405 ? combination high current low v ce(sat) transistor and low v f schottky diode. marking code: c57 maximum ratings - case: (t a =25c) symbol units power dissipation p d 350 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 357 c/w maximum ratings - q1: (t a =25c) symbol units collector-base voltage v cbo 40 v collector-emitter voltage v ceo 25 v emitter-base voltage v ebo 6.0 v continuous collector current i c 1.0 a peak collector current i cm 1.5 a maximum ratings - d1: (t a =25c) symbol units peak repetitive reverse voltage v rrm 40 v continuous forward current i f 500 ma peak repetitive forward current, tp 1.0ms i frm 3.5 a peak forward surge current, tp = 8.0ms i fsm 10 a electrical characteristics - q1: (t a =25c unless otherwise noted) symbol test conditions min typ max units i cbo v cb =40v 100 na i ebo v eb =6.0v 100 na bv cbo i c =100a 40 v bv ceo i c =10ma 25 v bv ebo i e =100a 6.0 v v ce(sat) i c =50ma, i b =5.0ma 25 50 mv v ce(sat) i c =100ma, i b =10ma 40 75 mv v ce(sat) i c =200ma, i b =20ma 80 150 mv v ce(sat) i c =500ma, i b =50ma 150 250 mv v ce(sat) i c =800ma, i b =80ma 220 400 mv v ce(sat) i c =1.0a, i b =100ma 275 450 mv v be(sat) i c =800ma, i b =80ma 1.1 v v be(on) v ce =1.0v, i c =10ma 0.9 v sot-563 case r1 (18-january 2010) www.centralsemi.com
cmlm7405 multi discrete module ? surface mount high current low v ce(sat) silicon pnp transistor and low v f silicon schottky diode electrical characteristics - q1 - continued: symbol test conditions min max units h fe v ce =1.0v, i c =10ma 100 h fe v ce =1.0v, i c =100ma 100 300 h fe v ce =1.0v, i c =500ma 100 h fe v ce =1.0v, i c =1.0a 50 f t v ce =10v, i c =50ma, f=100mhz 100 mhz c ob v cb =10v, i e =0, f=1.0mhz 15 pf electrical characteristics - d1: (t a =25c) i r v r =10v 20 a i r v r =30v 100 a bv r i r =500a 40 v v f i f =100a 0.13 v v f i f =1.0ma 0.21 v v f i f =10ma 0.27 v v f i f =100ma 0.35 v v f i f =500ma 0.47 v c t v r =1.0v, f=1.0mhz 50 pf lead code: 1) emitter q1 2) base q1 3) cathode d1 4) anode d1 5) anode d1 6) collector q1 marking code: c57 sot-563 case - mechanical outline www.centralsemi.com r1 (18-january 2010)


▲Up To Search▲   

 
Price & Availability of CMLM740510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X