![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2007-05-29 bfp640 1 1 2 3 4 npn silicon germanium rf transistor ? high gain low noise rf transistor ? provides outstanding performance for a wide range of wireless applications ? ideal for cdma and wlan applications ? outstanding noise figure f = 0.65 db at 1.8 ghz outstanding noise figure f = 1.2 db at 6 ghz ? high maximum stable gain g ms = 24 db at 1.8 ghz ? gold metallization for extra high reliability ? 70 ghz f t -silicon germanium technology ? pb-free (rohs compliant) package 1) ? qualified according aec q101 esd ( e lectro s tatic d ischarge) sensitive device, observe handling precaution! type marking pin configuration package bfp640 r4s 1=b 2=e 3=c 4=e - - sot343 1 pb-containing package may be available upon special request
2007-05-29 bfp640 2 maximum ratings parameter symbol value unit collector-emitter voltage t a > 0 c t a 0 c v ceo 4 3.7 v collector-emitter voltage v ces 13 collector-base voltage v cbo 13 emitter-base voltage v ebo 1.2 collector current i c 50 ma base current i b 3 total power dissipation 1) t s 90c p tot 200 mw junction temperature t j 150 c ambient temperature t a -65 ... 150 storage temperature t st g -65 ... 150 thermal resistance parameter symbol value unit junction - soldering point 2) r thjs 300 k/w electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 1 ma, i b = 0 v (br)ceo 4 4.5 - v collector-emitter cutoff current v ce = 13 v, v be = 0 i ces - - 30 a collector-base cutoff current v cb = 5 v, i e = 0 i cbo - - 100 na emitter-base cutoff current v eb = 0.5 v, i c = 0 i ebo - - 3 a dc current gain i c = 30 ma, v ce = 3 v, pulse measured h fe 110 180 270 - 1 t s is measured on the collector lead at the soldering point to the pcb 2 for calculation of r thja please refer to application note thermal resistance 2007-05-29 bfp640 3 electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. ac characteristics (verified by random sampling) transition frequency i c = 30 ma, v ce = 3 v, f = 1 ghz f t 30 40 - ghz collector-base capacitance v cb = 3 v, f = 1 mhz, v be = 0 , emitter grounded c cb - 0.09 0.2 pf collector emitter capacitance v ce = 3 v, f = 1 mhz, v be = 0 , base grounded c ce - 0.23 - emitter-base capacitance v eb = 0.5 v, f = 1 mhz, v cb = 0 , collector grounded c eb - 0.5 - noise figure i c = 5 ma, v ce = 3 v, f = 1.8 ghz, z s = z sopt i c = 5 ma, v ce = 3 v, f = 6 ghz, z s = z sopt f - - 0.65 1.2 - - db power gain, maximum stable 1) i c = 30 ma, v ce = 3 v, z s = z sopt , z l = z lopt , f = 1.8 ghz g ms - 24 - db power gain, maximum available 1) i c = 30 ma, v ce = 3 v, z s = z sopt , z l = z lopt , f = 6 ghz g ma - 12.5 - db transducer gain i c = 30 ma, v ce = 3 v, z s = z l = 50 ? , f = 1.8 ghz f = 6 ghz | s 21e | 2 - - 21 10.5 - - db third order intercept point at output 2) v ce = 3 v, i c = 30 ma, z s = z l =50 ? , f = 1 . 8 ghz ip 3 - 26.5 - dbm 1db compression point at output i c = 30 ma, v ce = 3 v, z s = z l =50 ? , f = 1 . 8 ghz p -1db - 13 - 1 g ma = | s 21e / s 12e | (k-(k2-1) 1/2 ), g ms = | s 21e / s 12e | 2 ip3 value depends on termination of all intermodulation frequency components. termination used for this measurement is 50 ? from 0.1 mhz to 6 ghz 2007-05-29 bfp640 4 spice parameter (gummel-poon model, berkley-spice 2g.6 syntax): transistor chip data: is = 0.22 fa vaf = 1000 v ne = 2- var = 2v nc = 1.8 - rbm = 2.707 ? cje = 227.6 ff tf = 1.8 ps itf = 0.4 a vjc = 0.6 v tr = 0.2 ns mjs = 0.27 - xti = 3- af = 2 - titf1 -0.0065 - bf = 450 - ikf = 0.15 a br = 55 - ikr = 3.8 ma rb = 3.129 ? re = 0.6 - vje = 0.8 v xtf = 10 - ptf = 0 deg mjc = 0.5 - cjs = 93.4 ff xtb = -1.42 - fc = 0.8 kf = 7.291e-11 titf2 1.0e-5 nf = 1.025 - ise = 21 fa nr = 1- isc = 400 fa irb = 1.522 ma rc = 3.061 ? mje = 0.3 - vtf = 1.5 v cjc = 67.43 ff xcjc = 1- vjs = 0.6 v eg = 1.078 ev tnom 298 k all parameters are ready to use, no scalling is necessary. package equivalent circuit: lbc = 120 ph lcc = 120 ph lec = 20 ph lbb = 696.2 ph lcb = 682.4 ph leb = 230.6 ph cbec = 98.4 ff cbcc = 55.9 ff ces = 180 ff cbs = 79 ff ccs = 75 ff cceo = 131.2 ff cbeo = 102.5 ff ccei = 112.6 ff cbei = 180.4 ff rbs = 1200 ? rcs = 1200 ? res = 300 ? b c e cceo cbeo ccei cbe i cbec cbcc s c b e bfp640_chip lbc lcc lec cbs rcs res lbb lcb leb itf = 400* ( 1 - 6.5e-3 * (t-25) + 1.0e-5 * (t-25)^2 ) t = 25c rbs ccs ces valid up to 6ghz for examples and ready to use parameters please contact your local infineon technologies distributor or sales office to obtain a infineon technologies cd-rom or see internet: http://www.infineon.com 2007-05-29 bfp640 5 total power dissipation p tot = ? ( t s ) 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 120 140 160 180 mw 220 p tot permissible pulse load r thjs = ? ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = ? ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 collector-base capacitance c cb = ? ( v cb ) f = 1mhz 0 2 4 6 8 10 v 14 v cb 0 0.05 0.1 0.15 pf 0.25 c cb 2007-05-29 bfp640 6 third order intercept point ip 3 = ? ( i c ) (output, z s =z l =50 ? ) v ce = parameter, f = 1.8 ghz 0 10 20 30 40 ma 60 i c 0 3 6 9 12 15 18 21 24 dbm 30 i p3 2v 3v 4v transition frequency f t = ? ( i c ) f = 1ghz v ce = parameter 0 10 20 30 40 ma 60 i c 0 5 10 15 20 25 30 35 ghz 45 f t 3v 2v 1v 0.5v power gain g ma , g ms = ? ( i c ) v ce = 3v f = parameter 0 10 20 30 40 ma 60 i c 10 12 14 16 18 20 22 24 26 db 30 g 0.9ghz 1.8ghz 2.4ghz 3ghz 4ghz 5ghz 6ghz power gain g ma , g ms = ? ( f ), | s 21 |2 = f (f) v ce = 3v, i c = 30ma 0 1 2 3 4 ghz 6 f 10 15 20 25 30 35 40 45 db 55 g gms gma |s21|2 2007-05-29 bfp640 7 power gain g ma , g ms = ? ( v ce ) i c = 30ma f = parameter 0 0.5 1 1.5 2 2.5 3 3.5 4 v 5 v ce 0 5 10 15 20 db 30 g 0.9ghz 1.8ghz 2.4ghz 3ghz 4ghz 5ghz 6ghz noise figure f = ? ( i c ) v ce = 3v, z s = z sopt 0 10 20 30 40 50 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 f [db] i c [ma] f = 5ghz f = 0.9ghz f = 1.8ghz f = 4ghz f = 6ghz f = 2.4ghz f = 3ghz noise figure f = ? ( i c ) v ce = 3v, f = 1.8 ghz 0 10 20 30 40 50 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 i c [ma] f [db] z s = 50 ? z s = z sopt noise figure f = ? ( f ) v ce = 3v, z s = z sopt 0 1 2 3 4 5 6 7 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 f [db] f [ghz] i c = 30ma i c = 5.0ma 2007-05-29 bfp640 8 source impedance for min. noise figure vs. frequency v ce = 3 v, i c = 5 ma/ 30 ma 1 0.1 0.2 0.3 0.4 0.5 2 1.5 3 4 5 0 5 1 ?5 ?1 10 ?10 0.5 1.5 ?0.5 ?1.5 0.1 ?0.1 0.2 2 ?0.2 ?2 0.3 ?0.3 0.4 3 ?0.4 ?3 4 ?4 3ghz i c = 5.0ma 1.8ghz 6ghz 5ghz 0.9ghz i c = 30ma 4ghz 2.4ghz 2007-05-29 bfp640 9 package sot343 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel 2005, june date code (ym) bga420 type code 0.2 4 2.15 8 2.3 1.1 pin 1 0.6 0.8 1.6 1.15 0.9 1.25 0.1 0.1 max. 2.1 0.1 0.15 +0.1 -0.05 0.3 +0.1 2 0.2 0.1 0.9 12 3 4 a +0.1 0.6 a m 0.2 1.3 -0.05 -0.05 0.15 0.1 m 4x 0.1 0.1 min. pin 1 manufacturer 2007-05-29 bfp640 10 edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. |
Price & Availability of BFP64007
![]() |