Part Number Hot Search : 
AD1939 VN3205N3 22S1GD08 ST25W16 C1000 TS274CDT NCP5392Q ISL6608
Product Description
Full Text Search
 

To Download BC846BW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc846aw,bw bc847aw, bw, cw bc848aw, bw, cw npn plastic encapsulate transistor elektronische bauelemente 24-mar-2010 rev. a page 1 of 4 ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? ideally suited for automatic insertion ? for switching and af amplifier applications marking bc846aw=1a;BC846BW=1b; bc847aw=1e;bc847bw=1f;bc847cw=1g; bc848aw=1j;bc848bw=1k;bc848cw=1l absolute maximum ratings ( t a = 25 c unless otherwise noted ) parameter symbol ratings unit collector to base voltage bc846w v cbo 80 v bc847w 50 bc848w 30 collector to emitter voltage bc846w v ceo 65 v bc847w 45 bc848w 30 emitter to base voltage bc846w v ebo 6 v bc847w 6 bc848w 5 collector current - continuous i c 0.1 a collector power dissipation p c 150 mw junction, storage temperature t j , t stg 150, -55 ~ 150 top view a l c b d g h j f k e 1 2 3 1 2 3 sot-323 ref. millimete r ref. millimete r min. max. min. max. a 1.80 2.20 g 0.100 ref. b 1.80 2.45 h 0.525 ref. c 1.15 1.35 j 0.08 0.25 d 0.80 1.10 k - - e 1.20 1.40 l 0.650 typ. f 0.20 0.40 ? base ? emitter ? collector
bc846aw,bw bc847aw, bw, cw bc848aw, bw, cw npn plastic encapsulate transistor elektronische bauelemente 24-mar-2010 rev. a page 2 of 4 electrical characteristics ( tamb = 25 c unless otherwise specified ) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage bc846w v cbo 80 - - v i c = 10 ua, i e = 0 bc847w 50 bc848w 30 collector to emitter breakdown voltage bc846w v ceo 65 - - v i c = 10 ma, i b = 0 bc847w 45 bc848w 30 emitter to base breakdown voltage bc846w v ebo 6 - - v i e = 1 a, i c = 0 bc847w 6 bc848w 5 collector cutoff current i cbo - - 15 na v cb = 30 v collector to emitter saturation voltage v ce(sat) - - 0.25 v i c = 10ma, i b = 0.5 ma - - 0.6 i c = 100ma, i b = 5 ma base to emitter saturation voltage v be(sat) - 0.7 - v i c = 10ma, i b = 0.5 ma - 0.9 - i c = 100ma, i b = 5 ma base to emitter voltage v be(on) 580 660 700 mv v ce = 5 v, i c = 2 ma - - 770 v ce = 5 v, i c = 10 ma dc current gain bc846aw,bc847aw,bc848aw h fe(1) - 90 - v ce = 5 v, i c = 10 a BC846BW,bc847bw,bc848bw 150 bc847cw,bc848cw 270 bc846aw,bc847aw,bc848aw h fe(2) 110 - 220 v ce = 5 v, i c = 2 ma BC846BW,bc847bw,bc848bw 200 450 bc847cw,bc848cw 420 800 transition frequency f t 100 - - mhz v ce = 5 v, i c = 10 ma, f = 100mhz collector output capacitance c ob - - 4.5 pf v cb = 10 v, f=1mhz noise figure bc846aw,bc847aw,bc848aw nf - - - db v ce = 5 v, i c = 0.2 ma, f= 1khz, r s = 2 k ? , bw= 200hz BC846BW,bc847bw,bc848bw 10 bc847cw,bc848cw 4
bc846aw,bw bc847aw, bw, cw bc848aw, bw, cw npn plastic encapsulate transistor elektronische bauelemente 24-mar-2010 rev. a page 3 of 4 characteristic curves
bc846aw,bw bc847aw, bw, cw bc848aw, bw, cw npn plastic encapsulate transistor elektronische bauelemente 24-mar-2010 rev. a page 4 of 4 characteristic curves


▲Up To Search▲   

 
Price & Availability of BC846BW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X