Part Number Hot Search : 
621501 TC143T MAX1555 TC74LC 000EC G6R3ESS1 Z3PK860H GL3276
Product Description
Full Text Search
 

To Download B65496-A3001-X1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pm/p/p cores halves/ep/tt/pr cores series/type: p 4.6 x 4.1 the following products presented in this data sheet are being withdrawn. for further information please contact your nearest epcos sales office, which will also support you in selecting a suitable substitute. the addresses of our worldwide sales network are presented at www.epcos.com/sales. ordering code substitute product date of withdrawal deadline last orders last shipments b65496b20030000 2003-08-08 b65496b20020000 b65496b20030000 2003-08-08 2005-03-31 2005-09-30 b63399a10070000 2003-08-08 2004-02-29 2004-08-31
308 08/01 miniature pot cores for adjustable miniature inductors one of the two cores is equipped with an internal thread for the adjusting screw the unit can be fixed to the terminal carrier by glue space requirements of the inductor 5 5,1 mm (without terminals) pot cores are supplied in sets magnetic characteristics (per set) l/a = 2,6 mm ?1 l e = 7,6 mm a e = 2,8 mm 2 v e = 21,3 mm 3 approx. weight 0,17 g/set ungapped 1) replace the + by the code letter ?k? or ?b? for the required version. material a l value nh e ordering code 1) -k with thread -b with center hole m33 200 + 40/? 30 % 414 b65495-b-y33 n30 800 + 40/? 30 % 1660 b65495-+-y30 fpk0337-9 4,65 _ 0,19 3,7+0,15 1,1+0,1 0,1 2,2 _ 1,4+0,05 _ 4,1 0,1 2,7+0,2 0,85+0,1 m1,2 b65495 core p 4,6 4,1
309 08/01 coil former with positioning lug material: gfr polyterephthalate (ul 94 v-0, insulation class to iec 60085: f max. operating temperature 155 c), color code black winding: see ? processing notes ? , page 155 sections a n mm 2 l n mm a r value ? ordering code 1 0,8 9,5 400 b65496-b1000-t1 0,35 fpk0273-y positioning lug 0,7 2,55 0,6+0,2 _ 3,65 0,08 0,25 n a 2,27+0,05 _ 2,67 0,05 0,25 0,07 _ b65496 accessories p 4,6 4,1
310 08/01 terminal carrier material: gfr polyether ketone (ul 94 v-0, insulation class to iec 60085: f max. operating temperature 155 c), color code natural solderability: to iec 60068-2-20, test ta, method 1 (aging 3): 350 c, 1 s resistance to soldering heat: to iec 60068-2-20, test tb, method 1b: 350 c, 3,5 s for pcb through-hole assembly for smt terminal carrier ordering code with 4 solder terminals for pcb through-hole assembly b65496-b2002 with 4 solder terminals for smt b65496-b2003 hole arrangement view in mounting direction fpk0241-v 0,4 x 0,2 kennzeichnung f ? r stift 1 2,54 5,08 0,8+0,1 2 50,3 0,5 1,5 nach dem l ? ten umbiegen 0,3 2,6 _ 0,1 5 _ 0,1 5 _ 0,4 x 0,2 marking of pin 1 bend after soldering fpk0265-8 0,4 x 0,2 marking of pin 1 2,5 7,5 0,5 1,5 bend after soldering 0,2 0,9 1,5 0,8 0,2 6,9 _ 0,1 5 _ _ 5 0,1 0,4 x 0,2 recommended pcb layout b65496 accessories p 4,6 4,1
311 08/01 adjusting screw tube core with thread and core brake made of polyacetal plastic adjusting screwdriver (not shown) plastic handle for adjusting screwdriver (not shown) adjusting screw adjusting screw min. adjusting range % ordering code tube core ? length mm material color code 1,25 1,2 k 1 blue 10 B65496-A3001-X1 adjusting screwdriver b63399-a1007 handle b63399-b5 b63399 b65496 accessories p 4,6 4,1
1 herausgegeben von epcos ag marketing kommunikation, postfach 80 17 09, 81617 mnchen, deutschland ? epcos ag 2000. alle rechte vorbehalten. vervielf ? ltigung, ver ? ffentlichung, verbreitung und verwertung dieser brosch re und ihres inhalts ohne ausdr ckliche genehmigung der epcos ag nicht gestattet. mit den angaben in dieser brosch re werden die bauelemente spezifiziert, keine eigenschaften zugesichert. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen f r erzeugnisse und leistungen der elektroindustrie, soweit nichts anderes vereinbart wird. diese brosch re ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm ? glichkeiten richten sie bitte an den ihnen n ? chstgele- genen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k ? nnen aufgrund technischer erfordernisse gefahrstoffe enthalten. ausk nfte dar ber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust ? ndige vertriebsge- sellschaft einzuholen. published by epcos ag marketing communications, p.o. box 80 17 09, 81617 munich, germany ? epcos ag 2000. all rights reserved. reproduction, publication and dissemination of this bro- chure and the information contained therein without epcos ? prior express consent is prohibited. the information contained in this brochure describes the type of component and shall not be con- sidered as guaranteed characteristics. purchase orders are subject to the general conditions for the supply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and electronic manufacturers ? association), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representatives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B65496-A3001-X1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X