Part Number Hot Search : 
7703405Y AK035 MC34151D J107F1CS 13L3D1AB 68CGD HRF502A 302MR
Product Description
Full Text Search
 

To Download B39212B7699P810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? epcos ag 2010. reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without epcos prior express consent is prohibited. saw components saw duplexer for w-cdma band iv / cdma 1x aws band series/type: ordering code: b7699 B39212B7699P810 date: version: february 04, 2010 2.0
2 february 04, 2010 b7699 1732.5/2132.5 mhz please read cautions and warnings and important notes at the end of this document. saw components saw duplexer data sheet application n low-loss saw duplexer for mobile telephone w-cdma band iv / cdma 1x aws systems n low insertion attenuation n low amplitude ripple n usable passband 45 mhz n fully matched with integrated matching network features n package size 2.5 x 2.0 x 0.89 mm 3 n rohs compatible n approx. weight 0.035 g n package for s urface m ount t echnology ( smt ) n ni, gold-plated terminals n e lectrostatic s ensitive d evice ( esd ) n m oisture s ensitive l evel 3 pin configuration n 1 rx output n 3 tx input n 6 antenna n 2, 4, 5 to be grounded n 7, 8, 9 to be grounded 2,4,5 7,8,9 6 1 3
3 february 04, 2010 b7699 1732.5/2132.5 mhz saw components saw duplexer data sheet please read cautions and warnings and important notes at the end of this document. characteristics for w-cdma band 4 temperature range for specification: t = C15 ?c to +80 ?c antenna terminating impedance: z ant =50 w rx terminating impedance: z rx =50 w tx terminating impedance: z tx =50 w characterisitcs tx - ant min. typ. @ 25 ?c max. center frequency f c 1732.5 mhz maximum insertion attenuation a wcdma 1) 1) attenuation of wcdma signal (powertransferfunction). please refer to annotation on page (9). @f carrier 1712.4 ... 1752.6 mhz 1.5 1.8 db @f carrier 1712.4 ... 1752.6 mhz 1.5 1.7 2) 2) maximum insertion attenuation at room temperature t= +25 ?c. db amplitude ripple (p-p) da wcdma 1) @f carrier 1712.4 ... 1752.6 mhz 0.4 1.0 db error vector magnitude 1712.4 ... 1752.6 mhz evm 3) 3) error vector magnitude (evm) based on definition given in 3gpp ts 25.141. 0.85 2.0 % input vswr (tx port) 1710.0 ... 1755.0 mhz 1.9 2.0 output vswr (ant port) 1710.0 ... 1755.0 mhz 1.7 2.0 attenuation a 0.3 ... 1000.0 mhz 30 38 db 1310.0 ... 1355.0 mhz 30 36 db 1574.0 ... 1577.0 mhz 38 45 db @f carrier 2112.4 ... 2152.6 mhz a wcdma 1) 43 46 db 2400.0 ... 2500.0 mhz 25 37 db 3420.0 ... 3510.0 mhz 20 25 db 5130.0 ... 5265.0 mhz 7 12 db
4 february 04, 2010 b7699 1732.5/2132.5 mhz please read cautions and warnings and important notes at the end of this document. saw components saw duplexer data sheet characteristics for w-cdma band 4 temperature range for specification: t = C15 ?c to +80 ?c antenna terminating impedance: z ant =50 w rx terminating impedance: z rx =50 w tx terminating impedance: z tx =50 w characterisitcs ant - rx min. typ. @25?c max. center frequency f c 2132.5 mhz maximum insertion attenuation a wcdma 1) 1) attenuation of wcdma signal (powertransferfunction). please refer to annotation on page (9). @f carrier 2112.4 ... 2152.6 mhz 1.8 2.5 db @f carrier 2112.4 ... 2152.6 mhz 1.8 2.4 2) 2) maximum insertion attenuation at room temperature t= +25 ?c. db amplitude ripple (p-p) da wcdma 1) @f carrier 2112.4 ... 2152.6 mhz 0.4 1.0 db error vector magnitude 2112.4 ... 2152.6 mhz evm 3) 3) error vector magnitude (evm) based on definition given in 3gpp ts 25.141. 1.0 3.0 % input vswr (ant port) 2110.0 ... 2155.0 mhz 1.65 2.0 output vswr (rx port) 2110.0 ... 2155.0 mhz 1.4 2.0 attenuation a 0.3 ... 1310.0 mhz 30 42 db 1310.0 ... 1355.0 mhz 38 42 db @f carrier 1712.4 ... 1752.6 mhz a wcdma 1) 46 51 db 1910.0 ... 1955.0 mhz 27 33 db 2400.0 ... 2500.0 mhz 25 35 db 3820.0 ... 3910.0 mhz 19 39 db 4220.0 ... 4370.0 mhz 20 32 db 5530.0 ... 5665.0 mhz 20 27 db
5 february 04, 2010 b7699 1732.5/2132.5 mhz saw components saw duplexer data sheet please read cautions and warnings and important notes at the end of this document. characteristics for w-cdma band 4 temperature range for specification: t = C15 ?c to +80 ?c antenna terminating impedance: z ant =50 w rx terminating impedance: z rx =50 w tx terminating impedance: z tx =50 w characterisitcs tx - rx min. typ. @25?c max. isolation a wcdma 1) 1) attenuation of wcdma signal (powertransferfunction). please refer to annotation on page (9). @f carrier 1712.4 ... 1752.6 mhz 52 56 db @f carrier 2112.4 ... 2152.6 mhz 45 51 db
6 february 04, 2010 b7699 1732.5/2132.5 mhz please read cautions and warnings and important notes at the end of this document. saw components saw duplexer data sheet characteristics for cdma 1x aws band temperature range for specification: t = C30 ?c to +85 ?c antenna terminating impedance: z ant =50 w rx terminating impedance: z rx =50 w tx terminating impedance: z tx =50 w characterisitcs tx - ant min. typ. @ 25 ?c max. center frequency f c 1732.5 mhz maximum insertion attenuation a 1710.0 ... 1755.0 mhz 1.6 2.0 db 1710.0 ... 1755.0 mhz 1.6 1.9 1) 1) maximum insertion attenuation at room temperature t= +25 ?c db amplitude ripple (p-p) da 1710.0 ... 1755.0 mhz 0.4 1.0 db input vswr (tx port) 1710.0 ... 1755.0 mhz 1.9 2.0 output vswr (ant port) 1710.0 ... 1755.0 mhz 1.7 2.0 attenuation a 0.3 ... 1000.0 mhz 30 38 db 1310.0 ... 1355.0 mhz 30 36 db 1574.0 ... 1577.0 mhz 38 45 db 2110.0 ... 2155.0 mhz 43 46 db 2400.0 ... 2500.0 mhz 25 37 db 3420.0 ... 3510.0 mhz 20 25 db 5130.0 ... 5265.0 mhz 7 12 db
7 february 04, 2010 b7699 1732.5/2132.5 mhz saw components saw duplexer data sheet please read cautions and warnings and important notes at the end of this document. characteristics for cdma 1x aws band temperature range for specification: t = C30 ?c to +85 ?c antenna terminating impedance: z ant =50 w rx terminating impedance: z rx =50 w tx terminating impedance: z tx =50 w characterisitcs ant - rx min. typ. @25?c max. center frequency f c 2132.5 mhz maximum insertion attenuation a 2110.0 ... 2155.0 mhz 1.8 2.6 db 2110.0 ... 2155.0 mhz 1.8 2.5 1) 1) maximum insertion attenuation at room temperature t= +25 ?c db amplitude ripple (p-p) da 2110.0 ... 2155.0 mhz 0.4 1.0 db input vswr (ant port) 2110.0 ... 2155.0 mhz 1.65 2.0 output vswr (rx port) 2110.0 ... 2155.0 mhz 1.4 2.0 attenuation a 0.3 ... 1310.0 mhz 30 42 db 1310.0 ... 1355.0 mhz 38 42 db 1710.0 ... 1755.0 mhz 46 51 db 1910.0 ... 1955.0 mhz 27 33 db 2400.0 ... 2500.0 mhz 25 35 db 3820.0 ... 3910.0 mhz 19 39 db 4220.0 ... 4370.0 mhz 20 32 db 5530.0 ... 5665.0 mhz 20 27 db
8 february 04, 2010 b7699 1732.5/2132.5 mhz please read cautions and warnings and important notes at the end of this document. saw components saw duplexer data sheet characteristics for cdma 1x aws band temperature range for specification: t = C30 ?c to +85 ?c antenna terminating impedance: z ant =50 w rx terminating impedance: z rx =50 w tx terminating impedance: z tx =50 w characterisitcs tx - rx min. typ. @25?c max. isolation a 1710.0 ... 1755.0 mhz 52 56 db 2110.0 ... 2155.0 mhz 45 51 db
9 february 04, 2010 b7699 1732.5/2132.5 mhz saw components saw duplexer data sheet please read cautions and warnings and important notes at the end of this document. maximum ratings storage temperature range t stg C40/+85 ?c dc voltage v dc 5 v esd voltage v esd 50 1) 1) acc. to jesd22-a115a (machine model), 10 negative & 10 positive pulses. annotation for characteristics section attenuation of wcdma signal (powertransferfunction, a wcdma ) is determined by f carrier according to 3gpp ts 25.101 (e.g. for umts-passband, f carrier ranges from 2112.4 mhz (lowest rx channel) to 2167.6 mhz (highest rx channel)). h rrc (f) is the transfer function of the root-raised cosine transmit pulse shaping filter according to 3gpp ts 25.101 with the following normalization: v machine model, 10 pulses input power at p in source and load impedance 50 w 1710.0 ... 1755.0 mhz elsewhere 29 10 dbm dbm continuous wave t = 55?c, 5000 h s s d21 f () h rrc ff carrier C () 2 f d h rrc f () 2 f1 = d }
10 february 04, 2010 b7699 1732.5/2132.5 mhz please read cautions and warnings and important notes at the end of this document. saw components saw duplexer data sheet frequency response tx-ant (power transfer function) frequency response tx-ant (wideband)
11 february 04, 2010 b7699 1732.5/2132.5 mhz saw components saw duplexer data sheet please read cautions and warnings and important notes at the end of this document. frequency response rx-ant (power transfer function) frequency response rx-ant (wideband)
12 february 04, 2010 b7699 1732.5/2132.5 mhz please read cautions and warnings and important notes at the end of this document. saw components saw duplexer data sheet frequency response tx-rx (power transfer function) frequency response tx-rx (wideband)
13 february 04, 2010 b7699 1732.5/2132.5 mhz saw components saw duplexer data sheet please read cautions and warnings and important notes at the end of this document. references type b7699 ordering code B39212B7699P810 marking and package c61157-a3-a67 packaging f61074-v8153-z000 date codes l_1126 s-parameters b7699_nb.s3p b7699_wb.s3p see file header for pin/port assignments soldering profile s_6001 rohs compatible defined as compatible with the following documents: "directive 2002/95/ec of the european parliament and of the council of 27 january 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. 2005/618/ec from april 18th, 2005, amending directive 2002/95/ec of the european parliament and of the council for the purposes of establishing the maxi- mum concentration values for certain hazardous substances in electrical and electronic equipment." moldability before using in overmolding environment, please contact your epcos sales office. for further information please contact your local epcos sales office or visit our webpage at w ww.epcos.com . published by epcos ag surface acoustic wave components division p.o. box 80 17 09, 81617 munich, germany ? epcos ag 2010. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or t he international representatives. due to technical requirements components may contain dangerous substances. for information on t he type in question please also contact one of our sales offices.
14 february 04, 2010 important notes t he following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product speci?cation is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as speci?ed. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-speci?c notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales of?ces. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product speci?cations. please check therefore to what extent product descriptions and speci?cations contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . conse- quently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-speci?c products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the general terms of delivery for products and services in the electrical industry published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, deltacap, digisimic, dssp, miniblue, minicell, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B39212B7699P810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X