Part Number Hot Search : 
A9557D ATC900C P100D 9575GI SWF634 89LPC925 MN103S U834BS
Product Description
Full Text Search
 

To Download 74LVT16374A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74LVT16374A; 74lvth16374a are high pe rformance bicmos products designed for v cc operation at 3.3 v. this device is a 16-bit edge-triggered d-type flip-flop featuring non-inverting 3-state outputs. the device can be used as two 8-bit flip-flops or one 16-b it flip-flop. on the positive transition of the clock (ncp), the nq n outputs of the flip-flop take on the logic levels set up at the ndn inputs. 2. features and benefits ? 16-bit edge-triggered flip-flop ? 3-state buffers ? output capability: +64 ma and ? 32 ma ? ttl input and output switching levels ? input and output interface capa bility to systems at 5 v supply ? bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs ? live insertion and extraction permitted ? power-up reset ? power-up 3-state ? no bus current loading when output is tied to 5 v bus ? latch-up protection: ? jesd78b class ii exceeds 500 ma ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state rev. 07 ? 22 march 2010 product data sheet
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 2 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state 3. ordering information 4. functional diagram table 1. ordering information type number package temperature range name description version 74LVT16374Adl ? 40 c to +85 c ssop48 plastic shrink small outline package; 48 leads; body width 7.5 mm sot370-1 74LVT16374Adgg ? 40 c to +85 c tssop48 plastic thin shrink small outline package; 48 leads; body width 6.1 mm sot362-1 74lvth16374adgg 74LVT16374Aev ? 40 c to +85 c vfbga56 plastic very thin fine-pitch ball grid array package; 56 balls; body 4.5 7 0.65 mm sot702-1 74lvth16374abq ? 40 c to +85 c hxqfn60u plastic thermal enhanced extremely thin quad flat package; no leads; 60 terminals; utlp based; body 4 6 0.5 mm sot1134-1 pin numbers are shown for ssop48 and tssop48 packages only. pin numbers are shown for ssop48 and tssop48 packages only. fig 1. logic symbol fig 2. iec logic symbol 001aac369 1cp 1oe 48 47 1d0 46 1d1 44 1d2 43 1d3 41 1d4 40 1d5 38 1d6 37 2 3 5 6 8 9 11 12 1d7 1q0 1q1 1q2 1q3 1q4 1q5 1q6 1q7 1 2cp 2oe 25 36 2d0 35 2d1 33 2d2 32 2d3 30 2d4 29 2d5 27 2d6 26 13 14 16 17 19 20 22 23 2d7 2q0 2q1 2q2 2q3 2q4 2q5 2q6 2q7 24 23 001aaa254 37 12 11 9 8 6 5 47 46 44 43 41 40 38 1d7 1d0 1d1 1d2 1d3 1d4 1d5 1d6 2 3 1q7 1q6 1q5 1q4 1q3 1q2 1q0 1q1 26 22 20 19 17 16 36 35 33 32 30 29 27 2d5 2d0 2d1 2d2 2d3 2d4 13 14 2q5 2q4 2q3 2q2 2q1 2q0 24 25 en2 1oe 1 en1 1cp 2oe 2cp 48 c3 c4 3d 1 4d 2d7 2d6 2q7 2q6 2
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 3 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state 5. pinning information 5.1 pinning fig 3. logic diagram 001aac371 d cp q nd0 ncp noe nq0 d cp q nd1 nq1 d cp q nd2 nq2 d cp q nd3 nq3 d cp q nd4 nq4 d cp q nd5 nq5 d cp q nd6 nq6 d cp q nd7 nq7 fig 4. pin configuration for sot370-1 (ssop48) and sot362-1 (tssop48) fig 5. pin configuration for sot702-1 (vfbga56) 74LVT16374A 74lvth16374a 1oe 1cp 1q0 1d0 1q1 1d1 gnd gnd 1q2 1d2 1q3 1d3 v cc v cc 1q4 1d4 1q5 1d5 gnd gnd 1q6 1d6 1q7 1d7 2q0 2d0 2q1 2d1 gnd gnd 2q2 2d2 2q3 2d3 v cc v cc 2q4 2d4 2q5 2d5 gnd gnd 2q6 2d6 2q7 2d7 2oe 2cp 001aak263 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 001aak26 4 74LVT16374A 74lvth16374a transparent top view k j h g f e c b a d 246 135 ball a1 index area
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 4 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state (1) the die substrate is attached to this p ad using conductive die attach material. it c an not be used as a supply pin or input. fig 6. pin configuration sot1134-1 (hxqfn60u) d1 d3 a16 a15 a14 a13 a12 a11 d2 b9 gnd (1) b10 d7 a17 a18 b11 a19 b12 a20 b13 a21 b14 b8 a10 d6 a9 a8 b7 b6 a7 b5 a6 a22 b15 a23 b16 a24 b17 a25 a26 d8 d4 a27 b18 a28 a29 b19 b20 a30 a31 a32 b4 a5 b3 b2 b1 d5 a4 a3 a2 a1 74LVT16374A 74lvth16374a 001aak26 5 transparent top view terminal 1 index area
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 5 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state 5.2 pin description 6. functional description [1] h = high voltage level; h = high voltage level one set-up time prior to the high-to-low clock transition; l = low voltage level; l = low voltage level one set-up time prior to the high-to-low clock transition; nc = no change; x = don?t care; z = high-impedance off-state; = low-to-high clock transition. table 2. pin description symbol pin description sot370-1 and sot362-1 sot702-1 sot1134-1 1oe , 2oe 1, 24 a1, k1 a30, a13 output enable input (active low) 1cp, 2cp 48, 25 a6, k6 a29, a14 clock input 1q0 to 1q7 2, 3, 5, 6, 8, 9, 11, 12 b2, b1, c2, c1, d2, d1, e2, e1 b20, a31, d5, d1, a2, b2, b3, a5 data output 2q0 to 2q7 13, 14, 16, 17, 19, 20, 22, 23 f1, f2, g1, g2, h1, h2, j1, j2 a6, b5, b6, a9, d2, d6, a12, b8 data output gnd 4, 10, 15, 21, 28, 34, 39, 45 b3, d3, g3, j3, j4, g4, d4, b4 a32, a3, a8, a11, a16, a19, a24, a27 ground (0 v) v cc 7, 18, 31, 42 c3, h3, h4, c4 a1, a10, a17, a26 supply voltage 1d0 to 1d7 47, 46, 44, 43, 41, 40, 38, 37 b5, b6, c5, c6, d5, d6, e5, e6 b18, a28, d8, d4, a25, b16, b15, a22 data input 2d0 to 2d7 36, 35, 33, 32, 30, 29, 27, 26 f6, f5, g6, g5, h6, h5, j6, j5 a21, b13, b12, a18, d3, d7, a15, b10 data input n.c. - a2, a3, a4, a5, k2, k3, k4, k5 a4, a7, a20, a23, b1, b4, b7, b9, b11, b14, b17, b19 not connected table 3. function table [1] operating mode input internal register output noe ncp ndn nq0 to nq7 load and read register l ll l l hh h hold l nc x nc nc disable outputs h nc x nc z h ndn ndn z
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 6 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state 7. limiting values [1] the input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. [2] the performance capability of a high-perfo rmance integrated circuit in conjunction with its thermal environment can create j unction temperatures which are detrimental to reliability. [3] above 60 c the value of p tot derates linearly with 5.5 mw/k. [4] above 70 c the value of p tot derates linearly with 1.8 mw/k. 8. recommended operating conditions table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +4.6 v v i input voltage [1] ? 0.5 +7.0 v v o output voltage output in off-state or high-state [1] ? 0.5 +7.0 v i ik input clamping current v i < 0 v ? 50 - ma i ok output clamping current v o < 0 v ? 50 - ma i o output current output in low-state - 128 ma output in high-state ? 64 - ma t stg storage temperature ? 65 +150 c t j junction temperature [2] - 150 c p tot total power dissipation t amb = ? 40 c to +85 c (t)ssop48 package [3] - 500 mw vfbga56 and hxqfn60u package [4] - 1000 mw table 5. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 2.7 - 3.6 v v i input voltage 0 - 5.5 v v ih high-level input voltage 2.0 - - v v il low-level input voltage - - 0.8 v i oh high-level output current ? 32 - - ma i ol low-level output current none - - 32 ma current duty cycle 50 %; f i 1khz --64ma t amb ambient temperature in free-air ? 40 - +85 c t/ v input transition rise and fall rate outputs enabled - - 10 ns/v
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 7 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state 9. static characteristics table 6. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ [1] max unit t amb = ? 40 c to +85 c v ik input clamping voltage v cc = 2.7 v; i ik = ? 18 ma ? 1.2 ? 0.85 - v v oh high-level output voltage i oh = ? 100 a; v cc = 2.7 v to 3.6 v v cc ? 0.2 v cc -v i oh = ? 8ma; v cc = 2.7 v 2.4 2.5 - v i oh = ? 32 ma; v cc = 3.0 v 2.0 2.3 - v v ol low-level output voltage v cc = 2.7 v i ol = 100 a - 0.07 0.2 v i ol = 24 ma - 0.3 0.5 v v cc = 3.0 v i ol = 16 ma - 0.25 0.4 v i ol = 32 ma - 0.3 0.5 v i ol = 64 ma - 0.4 0.55 v v ol(pu) power-up low-level output voltage v cc = 3.6 v; i o = 1 ma; v i = v cc or gnd [2] - 0.1 0.55 v i i input leakage current control pins v cc = 3.6 v; v i = v cc or gnd - 0.1 1 a v cc = 0 v or 3.6 v; v i = 5.5 v - 0.4 10 a input data pins [3] v cc = 0 v or 3.6 v; v i = 5.5 v - 0.4 10 a v cc = 3.6 v; v i = v cc -0.11 a v cc = 3.6 v; v i = 0 v ? 5 ? 0.4 - a i off power-off leakage current v cc = 0 v; v i or v o = 0v to4.5v - 0.1 100 a i bhl bus hold low current v cc = 3 v; v i = 0.8 v 75 135 - a i bhh bus hold high current v cc = 3 v; v i = 2.0 v - ? 135 ? 75 a i bhlo bus hold low overdrive current input data pins; v i =0vto3.6v;v cc =3.6v [4] 500 - - a i bhho bus hold high overdrive current input data pins; v i =0vto3.6v;v cc =3.6v [4] -- ? 500 a i lo output leakage current outpu t in high-state when v o >v cc ; v o = 5.5 v; v cc =3.0v - 50 125 a i o(pu/pd) power-up/power-down output current v cc 1.2 v; v o = 0.5 v to v cc ; v i = gnd or v cc ; noe = don?t care [5] -1 100 a i oz off-state output current v cc = 3.6 v; v i = v ih or v il output high: v o = 3.0 v - 0.5 5 a output low: v o = 0.5 v ? 50.5- a i cc supply current v cc = 3.6 v; v i = gnd or v cc ; i o =0a outputs high - 0.07 0.12 ma outputs low - 4.0 6.0 ma outputs disabled [6] - 0.07 0.12 ma
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 8 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state [1] typical values are measured at v cc = 3.3 v and at t amb = 25 c. [2] for valid test results, data must not be loaded into the flips-flops (or latches) after applying power. [3] unused pins at v cc or gnd. [4] this is the bus hold overdrive current requir ed to force the input to the opposite logic state. [5] this parameter is valid for any v cc between 0 v and 1.2 v with a transition time of up to 10 ms. from v cc = 1.2 v to v cc = 3.3 v 0.3 v a transition time of 100 s is permitted. this parameter is valid for t amb = 25 c only. [6] i cc is measured with outputs pulled to v cc or gnd. [7] this is the increase in supply current for each input at the specified voltage level other than v cc or gnd. 10. dynamic characteristics i cc additional supply current per input pin; v cc = 3.0 v to 3.6 v; one input at v cc ? 0.6 v, other inputs at v cc or gnd [7] -0.10.2ma c i input capacitance input pins; v i = 0 v or 3.0 v - 3 - pf c o output capacitance output pi ns nqn; outputs disabled; v o =0vorv cc -9-pf table 6. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ [1] max unit table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit see figure 10 . symbol parameter conditions min typ [1] max unit t amb = ? 40 c to +85 c f max maximum frequency ncp; v cc = 3.3 v 0.3 v; see figure 7 150 - - mhz t plh low to high propagation delay ncp to nqn; see figure 7 v cc = 3.3 v 0.3 v 1.5 2.9 5.0 ns v cc = 2.7 v - - 5.6 ns t phl high to low propagation delay ncp to nqn; see figure 7 v cc = 3.3 v 0.3 v 1.5 3.0 5.0 ns v cc = 2.7 v - - 5.6 ns t pzh off-state to high propagation delay noe to nqn; see figure 8 v cc = 3.3 v 0.3 v 1.5 3.2 4.8 ns v cc = 2.7 v - - 6.0 ns t pzl off-state to low propagation delay noe to nqn; see figure 8 v cc = 3.3 v 0.3 v 1.5 3.0 4.6 ns v cc = 2.7 v - - 5.2 ns t phz high to off-state propagation delay noe to nqn; see figure 8 v cc = 3.3 v 0.3 v 1.5 3.9 5.4 ns v cc = 2.7 v - - 6.0 ns t plz low to off-state propagation delay noe to nqn; see figure 8 v cc = 3.3 v 0.3 v 1.5 3.4 4.6 ns v cc = 2.7 v - - 5.0 ns
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 9 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state [1] all typical values are at v cc = 3.3 v and t amb = 25 c. [2] t su is the same as t su(h) and t su(l) . [3] t h is the same as t h(h) and t h(l) . [4] t w is the same as t w(h) and t w(l) . 11. waveforms t su set-up time ndn to ncp; high or low; see figure 9 [2] v cc = 3.3 v 0.3 v 2.0 0.7 - ns v cc = 2.7 v 2.0 - - ns t h hold time ndn to ncp; high or low; see figure 9 [3] v cc = 3.3 v 0.3 v 0.8 0 - ns v cc = 2.7 v 0.1 - - ns t w pulse width ncp high; see figure 7 [4] v cc = 3.3 v 0.3 v 1.5 0.6 - ns v cc = 2.7 v 1.5 - - ns ncp low; see figure 7 v cc = 3.3 v 0.3 v 3.0 1.6 - ns v cc = 2.7 v 3.0 - - ns table 7. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 10 . symbol parameter conditions min typ [1] max unit measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 7. propagation delay clock input to output, clock pulse width and maximum clock frequency 001aaa2 56 ncp input nqn output t phl t plh t w v oh v i gnd v ol v m v m v m 1/f max table 8. measurement points input output v m v m v x v y 1.5 v 1.5 v v ol + 0.3 v v oh ? 0.3 v
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 10 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state measurements points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 8. enable and disable times 001aae464 t pzl nyn output nyn output noe input v ol v oh 3.0 v v i v m gnd 0 v t plz t pzh t phz v x v y v m v m measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. remark: the shaded areas indicate when the input is permitt ed to change for predictable output performance. fig 9. data set-up and hold times 001aaa25 7 gnd gnd t h t su t h t su v m v m v m v i v oh v ol v i nqn output ncp input ndn input
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 11 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state test data is given in table 9 . definitions test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. v ext = test voltage for switching times. fig 10. test circuit for measuring switching times v ext v cc v i v o 001aae2 35 dut c l r t r l r l pulse generator v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f table 9. test data input load v ext v i f i t w t r , t f c l r l t phz , t pzh t plz , t pzl t plh , t phl 2.7 v 10 mhz 500 ns 2.5 ns 50 pf 500 gnd 6 v open
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 12 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state 12. package outline fig 11. package outline sot370-1 (ssop48) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm 0.4 0.2 2.35 2.20 0.25 0.3 0.2 0.22 0.13 16.00 15.75 7.6 7.4 0.635 1.4 0.25 10.4 10.1 1.0 0.6 1.2 1.0 0.85 0.40 8 0 o o 0.18 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot370-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 48 25 mo-118 24 1 a a 1 a 2 l p q detail x l (a ) 3 pin 1 index 0 5 10 mm scale ssop48: plastic shrink small outline package; 48 leads; body width 7.5 mm sot370 -1 a max. 2.8
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 13 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state fig 12. package outline sot362-1 (tssop48) unit a 1 a 2 a 3 b p cd (1) e (2) eh e ll p qz y w v references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.2 0.1 8 0 o o 0.1 dimensions (mm are the original dimensions). notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. sot362-1 99-12-27 03-02-19 w m a a 1 a 2 d l p q detail x e z e c l x (a ) 3 0.25 124 48 25 y pin 1 index b h 1.05 0.85 0.28 0.17 0.2 0.1 12.6 12.4 6.2 6.0 0.5 1 0.25 8.3 7.9 0.50 0.35 0.8 0.4 0.08 0.8 0.4 p e v m a a tssop48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm sot362 -1 a max. 1.2 0 2.5 5 mm scale mo-153
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 14 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state fig 13. package outline sot702-1 (vfbga56) 0.65 a 1 b a 2 unit d y e references outline version european projection issue date 02-08-08 03-07-01 iec jedec jeita mm 1 0.3 0.2 0.7 0.6 4.6 4.4 y 1 7.1 6.9 0.45 0.35 0.08 0.1 e 1 3.25 e 2 5.85 dimensions (mm are the original dimensions) sot702-1 mo-225 e 0.15 v 0.08 w 0 2.5 5 mm scale sot702 -1 v fbga56: plastic very thin fine-pitch ball grid array package; 56 balls; body 4.5 x 7 x 0.65 mm a max. a a 2 a 1 detail x y y 1 c e e b x d e c a b c d e f h g j k 246 135 ball a1 index area b a e 2 e 1 1/2 e 1/2 e a c c b ? v m ? w m ball a1 index area
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 15 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state fig 14. package outline sot1134-1 (hxqfn60u) references outline version european projection issue date iec jedec jeita sot1134-1 - - - - - - - - - sot1134-1_po 08-12-17 09-01-22 unit mm max nom min 0.50 0.48 0.46 0.05 0.02 0.00 4.1 4.0 3.9 1.90 1.85 1.80 6.1 6.0 5.9 3.90 3.85 3.80 1 2.5 4.5 0.125 0.075 0.025 0.07 a dimensions h xqfn60u: plastic thermal enhanced extremely thin quad flat package; no leads; 6 0 terminals; utlp based; body 4 x 6 x 0.5 mm sot1134 -1 a 1 b 0.35 0.30 0.25 dd h ee h 0.08 0.1 yy 1 e 0.5 e 1 e 2 e 3 3 e 4 er 0.5 k 0.25 0.20 0.15 l 0.35 0.30 0.25 l 1 v 0.05 w 0 2.5 5 mm scale a c b v c w b a terminal 1 index area d e c y c y 1 x detail x a a 1 e r e 3 e 4 e 2 e 1 e e 1/2 e 1/2 e b a c b v c w k l b20 b18 a27 d8 d4 a32 d5 d7 d6 d1 d3 d2 d h e h l 1 terminal 1 index area a11 a16 b10 b8 a17 b11 b17 a26 a1 b1 a10 b7
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 16 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state 13. abbreviations 14. revision history table 10. abbreviations acronym description bicmos bipolar complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 11. revision history document id release date data sheet status change notice supersedes 74lvt_lvth16374a_7 20100322 product data sheet - 74lvt_lvth16374a_6 modifications: ? 74lvth16374abq changed from huqfn60u (sot1025-1) to hxqfn60u (sot1134-1) package. 74lvt_lvth16374a_6 20100118 product data sheet - 74LVT16374A_5 modifications: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? added type numbers 74lvth16374adgg (tssop48) and 74lvth16374abq (huqfn60u) 74LVT16374A_5 20040916 product data sheet - 74LVT16374A_4 74LVT16374A_4 20021101 product specification - 74LVT16374A_3 74LVT16374A_3 19991018 product specification - 74LVT16374A_2 74LVT16374A_2 19980219 product specification - -
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 17 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on a weakness or default in the customer application/use or the application/use of customer?s third party customer(s) (hereinafter both referred to as ?application?). it is customer?s sole responsibility to check whether the nxp semiconductors product is suitable and fit for the application planned. customer has to do all necessary testing for the application in order to avoid a default of the application and the product. nxp semiconducto rs does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
74lvt_lvth16374a_7 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2010. all rights reserve d. product data sheet rev. 07 ? 22 march 2010 18 of 19 nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74LVT16374A; 74lvth16374a 3.3 v 16-bit edge-triggered d-type flip-flop; 3-state ? nxp b.v. 2010. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 22 march 2010 document identifier: 74lvt_lvth16374a_7 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5 6 functional description . . . . . . . . . . . . . . . . . . . 5 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 8 recommended operating conditions. . . . . . . . 6 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 7 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 8 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 12 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 16 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 16 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 17 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 17 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 17 16 contact information. . . . . . . . . . . . . . . . . . . . . 18 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19


▲Up To Search▲   

 
Price & Availability of 74LVT16374A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X