Part Number Hot Search : 
T273D AZ88943 BCR8PM EDZ11B CXA2076Q MD1213 250BZX 2N3331
Product Description
Full Text Search
 

To Download 3CW10000H3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maxi m u m ratings t ypical ope r ati o n c lass of t ype of s ervice p late p late p late s creen p late drive output operation voltage c urrent voltage voltage c urrent p ower p ower (volts) ( a mps) (volts) (volts) ( a mps) (watts) (kilowatts) c rf industrial oscillator 10,000 3.0 9,000 --- 2.9 --- 20.6 the 3cw10,000h3 is a water cooled, ceramic/ metal, medium-mu power triode designed primar - ily for use in industrial radio frequency heating services. its water-cooled anode is conservatively rated at 10 kw of plate dissipation with low water fow and pressure drop. input of 30 kw is permis - sible up to 90 mhz. plentiful reserve emission is available from its 560 watt flament. the grid structure is rated at 150 watts, making this tube an excellent choice for industrial service. 3 c w10,000h3 cpi | 4 c w50,000j for information on this and other cpi products, visit our website at: www.cpii.com , or contact: cpi mpp division, eimac operations, 607 hansen way, palo alto, ca 94303 telephone : 1(800) 414-8823. fax : (650) 592-9988 | email : powergrid@cpii.com the values listed above represent specifed limits for the product and are subject to change. the data should be used for basic information only. formal, controlled specifcations may be obtained from cpi for use in equipment design. ch a r acte r istics plate dissipation (max.) 10,000 watts screen dissipation (max.) --- grid dissipation (max.) 150 watts frequency for max. rating (cw) 90 mhz amplifcation factor 20 filament/cathode thoriated tungsten voltage 7.5 volts current 75.5 amps capacitance grounded cathode input 51.0 pf output 1.5 pf feedthrough 25 pf capacitance --- input --- pf output --- pf feedthrough --- pf cooling water and forced air base flexible filament leads air socket --- air chimney --- boiler --- length 18.75 in; 476.20 mm diameter 6.80 in; 172.70 mm weight 10 lb; 4053 kg cpi | 3cw10,000h3


▲Up To Search▲   

 
Price & Availability of 3CW10000H3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X