Part Number Hot Search : 
SN74LS 1N5232B IL317L 16SVP56M ILX585K LU3802PB LD111 CXN1010
Product Description
Full Text Search
 

To Download V23818-K305-V15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fiber optics september 1999 V23818-K305-V15 small form factor multimode 850 nm 1.0625 gbd fiber channel 1.3 gigabit ethernet 2x5 transceiver with vf-45? (volition?) connector preliminary features ? small form factor transceiver ? rj-45 style vf-45? connector system ? half the size of sc duplex 1x9 transceiver ? single power supply (3.3 v) ? extremely low power consumption ? pecl differential inputs and outputs ? system optimized for 62.5/50 m m graded index fiber ? multisource footprint ? small footprint for high channel density ? ul-94 v-0 certified ? esd class 2 per mil-std 883 method 3015 ? voted as sg-connector by fc-standard ? compliant with fcc (class b) and en 55022 ? for distances of up to 550 m absolute maximum ratings exceeding any one of these values may destroy the device immediately. package power dissipation................................................ 1.5 w data input levels (pecl) ............................................v cc +0.5 v differential data input voltage ............................................ 2.5 v operating ambient temperature .................... 0 c to 70 c storage ambient temperature ............................ C40 c to 85c soldering conditions, temp/time (mil-std 883c, method 2003) ............................. 250c/5.5s v cc max.............................................................................. 5.5 v ecl-output current sd ..................................................... 30 ma ecl-output current data ................................................... 50 ma volition? and vf-45? are trademarks of 3m (13.2) .52 (14.5) .571 (13.45) .53 (12.87) .51 (9.46) .372 (3.1) .12 (4.57) .18 (7.11) .28 (3) .12 (3.1) .12 2 (9.61) .378 ? (1.07) .04 (19.75) .778 (13.34) .525 (17.778) .7 (0.38) .015 (3.56) .14 (0.254) .01 (10.16) .4 (1.778) .07 made in germany V23818-K305-V15 lot: 00001 00001 rev. 01 (10x) ? 0 m (6x) ? 0.05 m circuit board layout recommended pcb thickness: max. (2.54) 0.1 6x ? (1.4 0.1) .055 0.04 10x ? (0.81 0.1) .032 0.04 holes for housing leads 2. 2. 4 optional package grounding tabs 10 pin module requires only 12 pcb holes. dimensions in (mm) inches
fiber optics V23818-K305-V15, sff, mm 850nm 1.0625 gbd fiber channel, 1.3 gbe 2x5 trx (vf-45) 2 description the infineon gigabit ethernet multimode transceiverpart of infineon small form factor transceiver familyis based on the physical medium depend (pmd) sublayer and baseband medium, type 1000base-sx (short wavelength). the appropriate fiber optic cable is 62.5 m or 50 m multi- mode fiber with vf-45? (volition?) connector. operating range for 1000base-sx over each optical fiber type the infineon gigabit ethernet multimode transceiver is a single unit comprised of a transmitter, a receiver, and an vf-45? receptacle. this design frees the customer from many align- ment and pc board layout concerns. this transceiver supports the innovative volition connectoriza- tion concept, which competes with utp/cat 5 solutions. it is compatible with rj-45 style backpanels for fiber-to-the-desktop applications while providing the advantages of fiber optic tech- nology. the receptacle accepts the new sg/vf-45? connector. the small form factor is specially developed for distances of up to 550 m. the module is designed for low cost lan, wan, and gigabit ethernet applications. it can be used as the network end device interface in mainframes, workstations, servers, and storage devices, and in a broad range of network devices such as bridges, routers, hubs, and local and wide area switches. this transceiver operates at 1.25 gbits per second from a single power supply (+3.3 v). the full differential data inputs and out- puts are pecl compatible. functional description of 2x5 pin row transceiver this transceiver is designed to transmit serial data via multimode cable. functional diagram the receiver component converts the optical serial data into pecl compatible electrical data (rd and rdnot). the signal detect (sd, active high) shows whether an optical signal is present. the transmitter converts pecl compatible electrical serial data (td and tdnot) into optical serial data. data lines are differen- tially 100 w terminated. the transmitter contains a laser driver circuit that drives the modulation and bias current of the laser diode. the currents are controlled by a power control circuit to guarantee constant out- put power of the laser over temperature and aging. the power control uses the output of the monitor pin diode (mechanically built into the laser coupling unit) as a controlling signal, to pre- vent the laser power from exceeding the operating limits. single fault condition is ensured by means of an integrated automatic shutdown circuit that disables the laser when it detects transmitter failures. a reset is only possible by turning the power off, and then on again. the transceiver contains a supervisory circuit to control the power supply. this circuit makes an internal reset signal when- ever the supply voltage drops below the reset threshold. it keeps the reset signal active for at least 140 milliseconds after the voltage has risen above the reset threshold. during this time the laser is inactive. technical data the electro-optical characteristics described in the following tables are valid only for use under the recommended operating conditions. recommended operating conditions notes 1. f o r v cc Cv ee (min., max.). 50% duty cycle. the supply current does not include the load drive current of the receiver output. add max. 45 ma for the three outputs. load is 50 w to v cc C2 v. 2. data inputs are ac coupled with 100 w differential termination built into the transceiver. fiber type minimum range (meters) 62.5 micron mff 2 to 260 50.0 micron mff 2 to 550 10 micron sff not supported laser driver power control receiver o/e o/e laser e/o rx coupling unit tdC td+ rdC rd+ sd laser coupling unit multimode fiber len monitor automatic shut-down parameter symbol min. typ. max. units case temperature t c 070 c power supply voltage v cc Cv ee 3.1 3.3 3.5 v transmitter input voltage swing |v td+ Cv td C| 300 900 mv data input low voltage (2) v il Cv cc C900 C300 input data rise/fall time, 10%C90% t r , t f 100 375 ps receiver input center wavelength l c 770 860 nm
fiber optics V23818-K305-V15, sff, mm 850nm 1.0625 gbd fiber channel, 1.3 gbe 2x5 trx (vf-45) 3 transmitter electro-optical characteristics notes 1. into multimode fiber, 62.5 m or 50 m diameter. 2. laser power is shut down if power supply is below v th and switched on if power supply is above v th after t res . receiver electro-optical characteristics notes 1. average optical power at which the ber is 1 x 10eC12. measured with a 2 7 C1 nrz prbs and er=9 db. 2. an increase in optical power above the specified level will cause the signal detect output to switch from a low state to a high state. 3. a decrease in optical power below the specified level will cause the signal detect to change from a high state to a low state. 4. pecl compatible. load is 50 w into v cc C2v. measured under dc conditions. for dynamic measurements a tolerance of 50 mv should be added. 5. supply current excluding rx output load. regulatory compliance transmitter symbol min. typ. max. units launched power (average) (1) p o C10 C4 dbm center wavelength l c 830 850 860 nm spectral width (rms) s l 0.85 relative intensity noise rin C117 db/hz extinction ratio (dynamic) er 9 db reset threshold (2) v th 2.9 v reset time out (2) t res 140 240 560 ms rise time, 20%C80% t r 0.26 ns supply current 75 ma receiver symbol min. typ. max. units sensitivity (average power) (1) p in C19 C17 dbm saturation (average power) p sat 0 signal detect assert level (2) p sda C24 C20 signal detect deassert level (3) p sdd C30 C27 signal detect hysteresis p sda C p sdd 3db signal detect assert time t ass 100 m s signal detect deassert time t das 350 output low voltage (4) v ol Cv cc C1950 C1620 mv output high voltage (4) v oh C v cc C1100 C720 output data rise/fall time, 20%C80% t r , t f 375 ps return loss of receiver a rl 12 db supply current (5) 60 ma feature standard comments electrostatic discharge (esd) to the electrical pins mil-std 883c method 3015.4 class 1 (>1000 v) immunity: electrostatic discharge (esd) to the duplex sc receptacle en 61000-4-2 iec 1000-4-2 discharges of 15kv with an air discharge probe on the recepta- cle cause no damage. immunity: radio frequency electromagnetic field en 61000-4-3 iec 1000-4-3 with a field strength of 10 v/m rms, noise frequency ranges from 10 mhz to 1 ghz. no effect on transceiver perfor- mance between the specification limits. emission: electromagnetic interference (emi) fcc class b en 55022 class b cispr 22 noise frequency range: 30 mhz to 1 ghz
fiber optics V23818-K305-V15, sff, mm 850nm 1.0625 gbd fiber channel, 1.3 gbe 2x5 trx (vf-45) 4 laser safety this multimode gigabit ethernet transceiver is a class 1 laser product. it complies with iec 825-1 and fda 21 cfr 1040.10 and 1040.11. the transceiver must be operated under recom- mended operating conditions. because the transceiver design is designed to be inherently eye safe, it does not require open fiber control thus eliminating complex electronics or mechanics. caution the use of optical instruments with this product will increase eye hazard! general restrictions classification is valid only if the module is operated within the specified temperature and voltage limits. the system using the module must provide power supply protection that guarantees that the system power source will cease to provide power if the maximum recommended operation limit or more is detected on the +3.3 v at the power source. the case temperature of the module must be in the temperature range given in the recom- mended operating limits. these limits guarantee the laser safety. usage restrictions the optical ports of the modules shall be terminated with an optical connector or with a dust plug. note failure to adhere to the above restrictions could result in a modifica- tion that is considered an act of manufacturing, and will require, under law, recertification of the modified product with the u.s. food and drug administration (ref. 21 cfr 1040.10 (i)). laser data required labels laser emission pin description wavelength 850 nm total output power (as defined by iec: 50 mm aperture at 10 cm distance) <400 w total output power (as defined by fda: 7 mm aperture at 20 cm distance) <70 w beam divergence 12 class 1 laser product iec complies with 21 cfr 1040.10 and 1040.11 fda 10 9 8 7 6 1 2 3 4 5 tx rx indication of laser aperture and beam pin name level/logic pin# description v eer receiver signal ground n/a 1 v ccr receiver power supply n/a 2 sd signal detect pecl 3 normal operation: logic 1 output, represents that light is present at receiver input fault condition: logic 0 output rd- received data out not pecl 4 rd+ received data out pecl 5 v cct n/a 6 transmitter power supply v eet n/a 7 transmitter signal ground tdis ttl 8 optional use for laser based products only. td+ transmit data pecl 9 transmitter data in td- transmit data not pecl 10 transmitter data in ms ms n/a ms mounting studs the mounting studs are provided for transceiver mechanical attachment to the cir- cuit board. they also provide an optional connection of the transceiver to the equip- ment chassis ground. the holes in the circuit board must be tied to chassis ground.
fiber optics V23818-K305-V15, sff, mm 850nm 1.0625 gbd fiber channel, 1.3 gbe 2x5 trx (vf-45) 5 application note multimode 850nm gigabit ethernet 2x5 transceiver transmitter driver receiver post amplifier pre- amp sff transceiver 4 5 2 6 9 10 7 vee t td- td+ vcc t vcc r rd+ rd- c4 100r* sd 3 1 vee r r1 r2 r3 c6 c7 c9 c8 c5 l2 c3 c2 l1 c1 * for gbit versions only c10 c11 l1/2 = 1 ... 4.7 m h c1/2/6/7/10/11= 10 nf c3 = 4.7 ... 10 m f c4/5 = 4.7 ... 10 m f c8 = 100 nf r1/2/3= 270 w
published by infineon technologies ag ? infineon technologies ag 1999 all rights reserved attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologiesis an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact the infineon technologies offices or our infineon technologies representatives worldwide - see our webpage at www.infineon.com/fiberoptics warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your infineon technologies offices. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. infineon technologies ag ? fiber optics ? wernerwerkdamm 16 ? berlin d-13623, germany infineon technologies, corp. ? fiber optics ? 19000 homestead road ? cupertino, ca 95014 usa siemens k.k. ? fiber optics ? takanawa park tower ? 20-14, higashi-gotanda, 3-chome, shinagawa-ku ? tokyo 141, japan small form factor multisourcing footprint and dimensions 2x5 pin module top view tx rx (9.8) .386 max. (49.56) 1.951 max. (37 .56) 1.479 max. (13.97) .550 min pitch (13.59) .535 max. (10.16) .400 (1.78) .070 (12) .472 - b - - c - 4x (7.75) .305 (17 .78) .7 (7.11) .280 2x ? ( 1.07 0 - 0.1 ) .042 +.000 - .004 10x ? ( 0.61 0 - 0.2 ) .024 +.000 - .008 - a - 1. 2. toleranced to accommodate round or rectangular leads 12345 109876 (4.57) .18 (7.11) .28 (13.34) .53 (3.56) .14 (10x) ? 0 m (6x) ? 0.05 m 4 optional package grounding tabs circuit board layout recommended pcb thickness: max. (2.54) 0.1 6x ? (1.4 0.1) .055 0.04 10x ? (0.81 0.1) .032 0.04 holes for housing leads 1. 4x ? (0.9 max.) .035 max. 1. 2. 2. 2. 10 pin module requires only 12 pcb holes. (3.0) .118 (3.1) .12


▲Up To Search▲   

 
Price & Availability of V23818-K305-V15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X