Part Number Hot Search : 
HYS72T25 29050 FS3107 HI5710A 16245 BSX52B BD2812GU CSC3930
Product Description
Full Text Search
 

To Download V23806-A84-C6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fiber optics march 2000 5 v V23806-A84-C6 single mode 155 mbd atm/sdh/sonet 2x9 transceiver with rx monitor features ? compliant with atm, sonet oc-3, sdh stm-1  compact integrated transceiver unit with ? mqw laser diode transmitter ? ingaas pin photodiode receiver ? duplex sc receptacle  class 1 fda and iec laser safety compliant  fda accession no. 9520890-08  single power supply (5 v)  signal detect indicator  pecl differential inputs and outputs  process plug included  wave solderable and washable with process plug inserted  analog rx power monitor output  industry multisource 2x9 footprint  for distances of up to 15 km on single mode fiber absolute maximum ratings exceeding any one of these values may destroy the device immediately. package power dissipation (1) ............................................ 1.5 w supply voltage (v cc ?v ee )...................................................... 6 v data input levels...........................................................v cc +0.5 differential data input voltage ............................................ 2.5 v operating case temperature.................................. 0 c to 70 c storage ambient temperature ............................?40 c to 85 c soldering conditions temp/time (mil-std 883 c method 2003) ............................. 250 c/5.5s note 1. f o r v cc ? v ee (min., max.). 50% duty cycle. the supply current does not include the load drive current of the receiver output. add max. 45 ma for the three outputs. load is 50 ? to v cc ? 2 v. (1.5 0.1 ) .06 .004 (8.6 max) .338 max (0.75 0.1 ) .030 .004 6.375 .251 optical centerline pc board (11.5 max) .453 max. (2) .080 (0.73 0.1) .028 .004 ( ? 0.45 0.1) ? .0175 .004 (25.4 0.1 ) 1 .004 20.32 33.02 1. 3 (15.88 0.5 ) .625 .020 (52 max) 2.048 max 2.54 .10 0 20x 2x z 18x duplex sc receptacle view z (lead cross section and standoff size) pc board thickness (1.4 - 0.05 ) .055 - .002 a 12.7 (11 max) .433 max rx tx .500 top view 123456789 18 17 16 15 14 13 12 11 10   m m ? 0.2 ? .008 m m ? 0.3 ? .012 (4 0.2 ) .158 .008 a a m m 0.3 ? .012 a a ? (4 0.2 ) .158 .008 dimensions in (mm) inches
fiber optics V23806-A84-C6, single mode 155 mbd atm/sdh/sonet 2x9 trx w/rx monitor, 5 v 2 description the infineon single mode atm transceiver complies with the atm forum ? s network compatible atm for local network applications document and ansi ? s broadband isdn - customer installation interfaces, physical media dependent specification , t1.646-1995, bellcore-sonet oc-3/ir-1 and itu-t g.957 stm-1/s.1.1. atm was developed to facilitate solutions in multimedia appli- cations and real time transmission. the data rate is scalable, and the atm protocol is the basis of the broadband public net- works being standardized in the international telecommunica- tions union (itu), the former international telegraph and telephone consultative committee (ccitt). atm can also be used in local private applications. this infineon single mode atm transceiver is a single unit com- prised of a transmitter, a receiver, and an sc receptacle. this design frees the customer from many alignment and pc board layout concerns. the module is designed for low cost wan applications. it can be used as the network end device interface in workstations, servers, and storage devices, and in a broad range of network devices such as bridges, routers, and intelli- gent hubs, and wide area atm switches. this transceiver operates at 155.52 mbit/s from a single power supply (+5 v). the differential data inputs, data outputs and sig- nal detect output are pecl compatible. functional description this transceiver is designed to transmit serial data via single mode cable. functional diagram the receiver component converts the optical serial data into pecl compatible electrical data (rxd and rxdn). the signal detect (sd, active high) shows whether an optical signal is present (1) . this transceiver offers the advantage of an analog rx power monitor (rxpmon) that can prove and control link status, including transmission distances and security of the connec- tion. this output shows an analog voltage that is proportional to the light input within the range of -20 dbm to -30 dbm. the transmitter part converts electrical pecl compatible serial data (txd and txdn) into optical serial data. it contains a laser driver circuit that drives the modulation and bias current of the laser diode. the currents are controlled by a power control cir- cuit to guarantee constant output power of the laser over tem- perature and aging. the power control uses the output of the monitor pin diode (mechanically built into the laser coupling unit) as a controlling signal, to prevent the laser power from exceeding the operating limits. the laser can be switched off with a high signal on the trans- mitter disable pin (txdis). the txpmon pin shows a voltage reflecting the optical power output. the bias current is moni- tored on the biasmon pins. both signals can be used to super- vise the function of the module. aging control is possible using the bias monitor output (bias- mon). the module has an integrated shutdown function that switches the laser off in the event of an internal failure. the transceiver contains a supervisory circuit to control the power supply. this circuit generates an internal reset signal whenever the supply voltage drops below the reset threshold. it keeps the reset signal active for at least 15 milliseconds after the voltage has risen above the reset threshold. during this time the laser is inactive. note 1. we recommend to switch off the transmitter supply (v cc -tx) if no transmitter input data is applied. laser driver laser power control receiver sd rxpmon txd rxd rxdn biasmon - biasmon+ txdn laser coupling unit rx coupling unit e/o o/e o/e txdis txpmon 3k 3k 10 single mode fiber automatic shut-down
fiber optics V23806-A84-C6, single mode 155 mbd atm/sdh/sonet 2x9 trx w/rx monitor, 5 v 3 technical data the electro-optical characteristics described in the following tables are valid only for use under the recommended operating conditions. recommended operating conditions note 1. f o r v cc ? v ee (min., max.). 50% duty cycle. the supply current does not include the load drive current of the receiver output. add max. 45 ma for the three outputs. load is 50 ? to v cc ? 2 v. transmitter electro-optical characteristics notes 1. transmitter meets ansi t1e1.2, sonet oc-3, and itu-t g.957 mask patterns. 2. laser power is shut down if power supply is below v th and switched on if power supply is above v th after t res . the supervi- sory circuit can be reset by switching txdis from high to low. receiver electro-optical characteristics notes 1. minimum average optical power at which the ber is less than 1 x 10 -10 . measured with a 2 23 -1 nrz prbs as recommended by ansi t1e1.2, sonet oc-3, and itu-t g.957. 2. an increase in optical power of data signal above the specified level will cause the signal detect to switch from a low state to a high state. 3. a decrease in optical power of data signal below the specified level will cause the signal detect to switch from a high state to a low state. 4. pecl compatible. load is 50 ? into v cc ? 2 v. measured under dc conditions at 25 c. for dynamic measurements a tolerance of 50 mv should be added. v cc =+5 v. parameter symbol min. typ. max. units case temperature t c 070 c power supply voltage v cc ? v ee 4.75 5.0 5.25 v supply current (1) i cc 230 250 ma transmitter data input high voltage v ih ? v cc ? 1165 ? 880 mv data input low voltage v il ? v cc ? 1810 ? 1475 input data rise/fall time, 10% ? 90% t r , t f 0.4 1.3 ns txdis input high voltage v tih 2.0 v txdis input low voltage v til 0.8 receiver output current i o 25 ma input center wavelength c 1260 1360 nm transmitter symbol min. typ. max. units output power (average) p o ? 15.0 ? 11.0 ? 8.0 dbm center wavelength c 1274 1356 nm spectral width, rms l 2.5 output rise/fall time, 20% ? 80% t r , t f 0.4 ns extinction ratio (dynamic) er 8.2 12 db eye diagram (1) ed reset threshold for txv cc (2) v th 2.85 2.93 3.0 v reset active time out (2) t res 15 22 35 ms receiver symbol min. typ. max. units sensitivity (average power) (1) p in ? 34 ? 29 dbm saturation (average power) p sat ? 8.0 ? 3.0 signal detect assert level (2) p sda ? 38 ? 34 signal detect deassert level (3) p sdd ? 44 ? 40 signal detect hysteresis p sda ? p sdd 2db signal detect assert time t ass 1ms signal detect deassert time t das 5 pecl output low voltage (4) v ol ? v cc ? 1950 ? 1630 mv pecl output high voltage (4) v oh ? v cc ? 1025 ? 735 output data, rise/fall time, 20% ? 80% t r , t f 0.7 1 ns output sd, rise/fall time 40
fiber optics V23806-A84-C6, single mode 155 mbd atm/sdh/sonet 2x9 trx w/rx monitor, 5 v 4 pin description regulatory compliance pin name level pin# description nc 1 ? 4 pin not connected bias mon bias monitor analog voltage bias mon ? bias mon + 5 6 this output shows an analog voltage that is proportional to the laser bias current. use this output to check proper laser operation and for end of life indications. limit: bias current i bias <60 ma i bias = txdis tx disable/enable ttl-input 7 a low signal switches the laser on. a high signal switches the laser off. rxpmon rx power monitor analog voltage 8 this output shows an analog voltage that is proportional to the light input. output voltage rxpmon = 2.5 v (typical) at ? 20 dbm opt. input signal and rxpmon = 0.3 v (typical) at ? 30 dbm opt. input signal. source resistance r s = 300 k ? . txpmon tx power monitor analog voltage 9 this output shows an analog voltage that is proportional to the light output. this output can be used for laser safety functions. output voltage vmon = 1.2, source resistance r s = 100 k ? txv ee tx ground power supply 10 negative power supply, normally ground txd tx input data pecl input 11 transmitter input data txdn 12 inverted transmitter input data txv cc tx +5 v power supply 13 positive power supply, +5 v rxv cc rx +5 v power supply 14 sd rx signal detect pecl output active high 15 a high level on this output shows that optical data is applied to the optical input. rxdn rx output data pecl output 16 inverted receiver output data rxd 17 receiver output data rxv ee rx ground power supply 18 negative power supply, normally ground stud pin mech. support s1/2 not connected feature standard comments electrostatic discharge (esd) to the electrical pins mil-std 883c method 3015.4 class 1 (>1000 v) immunity: electrostatic discharge (esd) to the duplex sc receptacle en 61000-4-2 iec 61000-4-2 discharges of 15kv with an air discharge probe on the receptacle cause no damage. immunity: radio frequency electromagnetic field en 61000-4-3 iec 61000-4-3 with a field strength of 3 v/m rms, noise frequency ranges from 10 mhz to 1 ghz. no effect on transceiver performance between the specification limits. emission: electromagnetic interference (emi) fcc class b en 55022 class b cispr 22 noise frequency range: 30 mhz to 1 ghz 3 k 3 k 10 ? u 10 ?
fiber optics V23806-A84-C6, single mode 155 mbd atm/sdh/sonet 2x9 trx w/rx monitor, 5 v 5 eye safety this laser based single mode transceiver is a class 1 product. it complies with iec 60825-1 and fda 21 cfr 1040.10 and 1040.11. to meet laser safety requirements the transceiver shall be oper- ated within the absolute maximum ratings. caution all adjustments have been made at the factory prior to ship- ment of the devices. no maintenance or alteration to the device is required. tampering with or modifying the performance of the device will result in voided product warranty. note failure to adhere to the above restrictions could result in a modifica- tion that is considered an act of ? manufacturing, ? and will require, under law, recertification of the modified product with the u.s. food and drug administration (ref. 21 cfr 1040.10 (i)). laser data required labels laser emission wavelength 1300 nm total output power (as defined by iec: 50 mm aperture at 10 cm distance) less than 2 mw total output power (as defined by fda: 7 mm aperture at 20 cm distance) less than 180 w beam divergence 4 class 1 laser product iec complies with 21 cfr 1040.10 and 1040.11 fda indication of laser aperture and beam
published by infineon technologies ag ? infineon technologies ag 1999 all rights reserved attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact the infineon technologies offices or our infineon technologies representatives worldwide - see our webpage at www.infineon.com/fiberoptics warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your infineon technologies offices. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. infineon technologies ag  fiber optics  wernerwerkdamm 16  berlin d-13623, germany infineon technologies, inc.  fiber optics  1730 north first street  san jose, ca 95112, usa infineon technologies k.k.  fiber optics  takanawa park tower  20-14, higashi-gotanda, 3-chome, shinagawa-ku  to ky o 14 1, j a p a n application note single mode 155 mbd atm 2x9 transceiver * recommended choke is siemens matsushita b78108-s1153-k or b78148-s1153-k (q min =60, max. dc resistance =0.6 ? ). the power supply filtering is recommended for good emi per- formance. use short tracks from the inductor l1/l2 to the mod- ule v cc -rx/v cc -tx. we recommend a v ee plane under the module for getting good emi performance. the transceiver con- tains an automatic shutdown circuit. reset is only possible when the power is turned off, and then on again (v cc tx = 0 v). the receiver data signals should be terminated with 50 ? at the far end. terminations should be placed very close to the receiver data pins in combination with ac coupling. rxpmon txpmon txdis biasmon+ biasmon top view transceiver v ee v ee v ee v ee v ee v ee v ee v ee v ee v ee v ee s2 s1 r1 r3 r5 r7 r2 r4 r6 r9 r8 txd txdn rxd rxdn sd l1 l2 v cc v cc c1 c2 c3 c4 v cc -tx v cc -rx 10 18 1 9 c1/c3 = 4.7 f optional c2/4 = 4.7 f l1/2 = 15 h (l2 optional)* r1/3 = 68 ? r2/4 = 185 ? r5/7 = 82 ? r6/8 = 127 ? r9 = 510 ?


▲Up To Search▲   

 
Price & Availability of V23806-A84-C6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X