Part Number Hot Search : 
SN751508 P0000Y 29DS400 ZPD11 SMBJ78CA 05255 53102 30PDA60
Product Description
Full Text Search
 

To Download V23806-A84-C20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fiber optics march 2000 V23806-A84-C20 single mode 155 mbd atm/sdh/sonet 1x9 transceiver with isolated stud pins and high sensitivity features ? compliant with atm, sonet oc-3, sdh stm-1  compact integrated transceiver unit with ? mqw laser diode transmitter ? ingaas pin photodiode receiver ? duplex sc receptacle  class 1 fda and iec laser safety compliant  fda accession no. 9520890  single power supply (5 v)  signal detect indicator  pecl differential inputs and outputs  process plug included  wave solderable and washable with process plug inserted isolated studs  industry standard multisource 1x9 footprint  for distances of up to 15 km on single mode fiber absolute maximum ratings exceeding any one of these values may destroy the device immediately. package power dissipation (1) ............................................ 1.5 w supply voltage (v cc ?v ee )...................................................... 6 v data input levels .......................................................v cc +0.5 v differential data input voltage ............................................ 2.5 v operating ambient temperature ............................ 0c to 70c storage ambient temperature ............................ ?40c to 85c soldering conditions, temp/time (mil-std 883c, method 2003) ............................. 250c/5.5s note 1. f o r v cc ? v ee (min., max.). 50% duty cycle. the supply current does not include the load drive current of the receiver output. add max. 45 ma for the three outputs. load is 50 ? to v cc ? 2 v. (1.5 0.1 ) .06 .004 (7.42 ? 0.15 ) .292 ? .006 (0.75 0.1 ) .030 .004 6.375 .251 optical centerline pc board (11.5 max) .453 max. ( 4 0.2 ) .158 .008 (2) .080 12.7 .500 (20 ? 1 ) .787 ? .040 (0.73 0.1) .028 .004 (0.5) typ. .020 typ. (25.4 ? 0.1 ) 1 ? .004 8x 2.54=20.32 8x .100 =.800 123456789 20.32 .800 (15.88 0.5 ) .625 .020 (38.62 0.1 ) 1.52 .004 (12.6 0.3 ) .496 .012 ? 0.1 m ? .004 m ? 0.3 m ? .012 m a a ? 0.3 m ? .012 m a a 11 x 2x (1.4 ? 0.05 ) .055 ? .002  z 9x duplex sc receptacle view z (lead cross section and standoff size) (0.25) typ. .010 typ. rx tx (9.6 +0.1 ) .378 +.004  8x 2.54=20.32 8x .100 =.800 20.32 .800 (2.54) .10 0 9x (0.8) min. .032 min. ? 0.1 m ? .004 m 11 x (1.9 0.1) .075 .004 2x pc board thickness (2.54) .10 0 top view a dimensions in (mm) inches v 2 3 8 0 6 -a 8 4 -c 2 0
fiber optics V23806-A84-C20, single mode 155 mbd atm/sdh/sonet 1x9 trx, iso studs 2 description the infineon single mode atm transceiver complies with the atm forum ? s network compatible atm for local network applications document and ansi ? s broadband isdn - customer installation interfaces, physical media dependent specification , t1.646-1995, bellcore-sonet oc-3/ir-1 and itu-t g.957 stm-1/s.1.1. atm was developed to facilitate solutions in multimedia appli- cations and real time transmission. the data rate is scalable, and the atm protocol is the basis of the broadband public net- works being standardized in the international telecommunica- tions union (itu), the former international telegraph and telephone consultative committee (ccitt). atm can also be used in local private applications. this infineon single mode atm transceiver is a single unit com- prised of a transmitter, a receiver, and an sc receptacle. this design frees the customer from many alignment and pc board layout concerns. the module is designed for low cost wan applications. it can be used as the network end device interface in workstations, servers, and storage devices, and in a broad range of network devices such as bridges, routers, and intelli- gent hubs, and wide area atm switches. this transceiver operates at 155.52 mbit/s from a single power supply (+5 v). the differential data inputs, data outputs and sig- nal detect output are pecl compatible. functional description this transceiver is designed to transmit serial data via single mode cable. functional diagram the receiver component converts the optical serial data into pecl compatible electrical data (rd and rdnot). the signal detect (sd, active high) shows whether optical data is present (1) . the transmitter converts electrical pecl compatible serial data (td and tdnot) into optical serial data. it contains a laser driver circuit that drives the modulation and bias current of the laser diode. the currents are controlled by a power control circuit to guarantee constant output power of the laser over temperature and aging. the power control uses the output of the monitor pin diode (mechanically built into the laser coupling unit) as a controlling signal, to prevent the laser power from exceeding the operating limits. this module is a class 1 laser product, due to an integrated automatic shutdown circuit that disables the laser when it detects transmitter failures. the transceiver contains a supervisory circuit to monitor the power supply. this circuit makes an internal reset signal whenever the supply voltage drops below the reset threshold. it keeps the reset signal active for at least 140 milliseconds after the voltage has risen above the reset threshold. during this time the laser is inactive. note 1. we recommend to switch off the transmitter supply (v cc -tx) if no transmitter input data is applied. automatic shut-down laser driver power control receiver o/e o/e laser e/o rx coupling unit td td rd rd sd laser coupling unit single mode fiber len monitor
fiber optics V23806-A84-C20, single mode 155 mbd atm/sdh/sonet 1x9 trx, iso studs 3 technical data the electro-optical characteristics described in the following tables are valid only for use under the recommended operating conditions. recommended operating conditions note 1. f o r v cc ? v ee (min., max.). 50% duty cycle. the supply current does not include the load drive current of the receiver output. add max. 45 ma for the three outputs. load is 50 ? to v cc ? 2 v. transmitter electro-optical characteristics notes 1. laser power is shut down if power supply is below v th and switched on if power supply is above v th after t res . 2. transmitter meets ansi t1e1.2, sonet oc-3, and itu-t g.957 mask patterns. receiver electro-optical characteristics notes 1. minimum average optical power at which the ber is less than 1x10 -10 . measured with a 2 23 ? 1 nrz prbs as recommended by ansi t1e1.2, sonet oc-3, and itu-t g.957. 2. an increase in optical power of data signal above the specified level will cause the signal detect to switch from a low state to a high state. 3. a decrease in optical power of data signal below the specified level will cause the signal detect to switch from a high state to a low state. 4. measured by switching the light from < ? 40 dbm to ? 25 dbm. 5. measured by switching the light from ? 25 dbm to < ? 40 dbm. switching from higher power levels increases this time. 6. pecl compatible. load is 50 ? into v cc ? 2 v. measured under dc conditions at 25 c. for dynamic measurements a tolerance of 50 mv should be added. v cc =5 v. 7. pecl compatible. a high level on this output shows that optical data is applied to the optical input. parameter symbol min. typ. max. units ambient temperature t amb 070 c power supply voltage v cc ? v ee 4.75 5.0 5.25 v supply current (1) i cc 150 250 ma tr a n s m i t t e r data input high voltage v ih ? v cc ? 1165 ? 880 mv data input low voltage v il ? v cc ? 1810 ? 1475 input data rise/fall time, 10% ? 90% t r , t f 0.4 1.3 ns receiver output current i o 25 ma input center wavelength c 1260 1360 nm transmitter symbol min. typ. max. units output power (average) p o ? 15 ? 11 ? 8dbm center wavelength c 1260 1360 nm spectral width (fwhm) d l 7.7 output rise time t r 0.6 2.5 ns output fall time t f 3 extinction ratio (dynamic) er 8.2 db reset threshold for tx vcc (1) v th 4.25 4.38 4.5 v reset active time out (1) t res 140 240 560 ms eye diagram (2) receiver symbol min. typ. max. units sensitivity (average power) (1) p in ? 38 ? 35 dbm saturation (average power) p sat ? 8.0 signal detect assert level (2) p sda ? 40.5 ? 38 signal detect deassert level (3) p sdd ? 45 ? 42 signal detect hysteresis p sda ? p sdd 11.53 db signal detect assert time (4) t ass 10 30 100 s signal detect deassert time (5) t das 30 150 350 output low voltage (6) v ol ? v cc ? 1950 ? 1630 mv output high voltage (6) v oh ? v cc ? 1025 ? 735 output data rise/fall time, 10% ? 90% t r , t f 1.3 ns output sd rise/fall time (7) 40
fiber optics V23806-A84-C20, single mode 155 mbd atm/sdh/sonet 1x9 trx, iso studs 4 pin description regulatory compliance eye safety this laser based single mode transceiver is a class 1 product. it complies with iec 60825-1 and fda 21 cfr 1040.10 and 1040.11. to meet laser safety requirements the transceiver shall be oper- ated within the absolute maximum ratings. caution all adjustments have been made at the factory prior to ship- ment of the devices. no maintenance or alteration to the device is required. tampering with or modifying the performance of the device will result in voided product warranty. note failure to adhere to the above restrictions could result in a modifica- tion that is considered an act of ? manufacturing, ? and will require, under law, recertification of the modified product with the u.s. food and drug administration (ref. 21 cfr 1040.10 (i)). laser data required labels laser emission pin name level pin # description rxv ee rx ground power supply 1 negative power supply, normally ground rd rx output data pecl output 2 receiver output data rdn 3 inverted receiver output data sd rx signal detect pecl output active high 4 a high level on this output shows that optical data is applied to the optical input. rxv cc rx +5 v power supply 5 positive power supply, +5 v txv cc tx +5 v 6 tdn tx input data pecl input 7 inverted transmitter input data td 8 transmitter input data txv ee tx ground power supply 9 negative power supply, normally ground stud pin mech. support s1/2 not connected feature standard comments electrostatic discharge (esd) to the electrical pins mil-std 883c method 3015.4 class 1 (>1000 v) immunity: electrostatic discharge (esd) to the duplex sc receptacle en 61000-4-2 iec 61000-4-2 discharges of 15kv with an air discharge probe on the receptacle cause no damage. immunity: radio frequency electromagnetic field en 61000-4-3 iec 61000-4-3 with a field strength of 10 v/m rms, noise frequency ranges from 10 mhz to 1 ghz. no effect on transceiver performance between the specification limits. emission: electromagnetic interference (emi) fcc class b en 55022 class b cispr 22 noise frequency range: 30 mhz to 1 ghz wavelength 1300 nm total output power (as defined by iec: 50 mm aperture at 10 cm distance) 2 mw total output power (as defined by fda: 7 mm aperture at 20 cm distance) 180 w beam divergence 4 class 1 laser product iec complies with 21 cfr 1040.10 and 1040.11 fda indication of laser aperture and beam
published by infineon technologies ag ? infineon technologies ag 1999 all rights reserved attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact the infineon technologies offices or our infineon technologies representatives worldwide - see our webpage at www.infineon.com/fiberoptics warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your infineon technologies offices. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. infineon technologies ag  fiber optics  wernerwerkdamm 16  berlin d-13623, germany infineon technologies, inc.  fiber optics  1730 north first street  san jose, ca 95112, usa infineon technologies k.k.  fiber optics  takanawa park tower  20-14, higashi-gotanda, 3-chome, shinagawa-ku  to ky o 14 1, j a p a n application note single mode 1x9 transceiver with isolated stud pins * recommended choke is siemens matsushita b78108-s1153-k or b78148-s1153-k (q min =60, max. dc resistance=0.6 ? ). the power supply filtering is recommended for good emi per- formance. use short tracks from the inductor l1/l2 to the mod- ule v cc ? rx/v cc ? tx. we recommend a v ee plane under the module for getting good emi and sensitivity performance. the transceiver contains an automatic shutdown circuit. reset is only possible if the power is turned off, and then on again. (v cc tx switched below v th ). further application notes for elec- trical interfacing are available upon request. ask for appnote 82. application board available on request. txd txdn r2 r4 127r 127r s2 s1 top view transceiver r9 r8 r6 127r 127r 510r v ee v ee v ee v ee v ee rxd rxdn sd v ee v ee v ee v ee v ee v ee c3 c4 v cc c2 c1 r1 r3 v cc r5 r7 82r 82r 82r 82r v cc -tx v cc -rx l1 l2 91 c1/3 = 4.7 f c2/4 = 4.7 f l1/2 = 15 h (l2 optional)* r1/3/5/7 = 82 ? r2/4/6/8 = 127 ? r9 = 510 ?


▲Up To Search▲   

 
Price & Availability of V23806-A84-C20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X