Part Number Hot Search : 
SKY773 74458168 RB751 ADL5371 C1892CT C2704 SNC12168 08771
Product Description
Full Text Search
 

To Download TLP620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isocom components ltd unit 25b, park view road west, park v iew industrial estate, brenda road hartlepool, cleveland, ts25 1yd tel: (01429) 863609 fax :(01429) 863581 7/12/00 db92548m-aas/a1 0.26 20.32 19.32 3.35 4.0 3.0 0.5 13 max 7.0 6.0 2.54 1.2 0.5 3.0 1.2 3.0 3.3 5 7.0 6.0 0.5 0.5 7.62 0.26 13 max 2.54 10.16 sur face mount 0.26 7.62 TLP620 3.0 10.1 6 9.16 4.0 3.0 3.35 0.5 7.0 6.0 7.62 1.2 13 max 0.5 0.26 2.54 TLP620-4 dimensions in mm high density a.c. input phototransistor optical ly coupled isol ators 1 2 3 7 8 16 15 10 4 13 11 12 14 9 6 5 4 8 7 6 2 1 3 5 4 3 1 2 appro v als l ul recognised, file no. e91231 'x' specific ation appro vals ll vde 0884 in 3 available lead forms : - - std - g form - smd approved to cecc 00802 description the TLP620, TLP620-2, TLP620-4 series of optically coupled isolators consist of two infrared light emitting diodes connected in inverse parallel and npn silicon photo transistors in space efficient dual in line plastic packages. fe atures l options :- 10mm lead spread - add g after part no. surface mount - add sm after part no. tape&reel - add smt&r after part no. l high isolation v oltage (5.3kv rms ,7.5kv pk ) l ac or polarity insensitive input l all electrical parameters 100% tested l custom electrical selections available applic ations l computer terminals l industrial systems controllers l telephone sets, telephone exchangers l signal transmission between systems of different potentials and impedances option g option sm 5.0 8 4.0 8 4.0 3.0 7.62 TLP620x, TLP620-2x, TLP620-4x TLP620, TLP620-2, TLP620-4 TLP620-2 10.46 9.86 0.6 0.1 1.25 0.75
db92548m-aas/a1 parameter min typ max units test condition input forward voltage (v f ) 1.0 1.15 1.3 v i f = 10ma output collector-emitter breakdown (bv ceo ) 55 v i c = 0.5ma ( note 2 ) emitter-collector breakdown (bv eco ) 6 v i e = 100 m a collector-emitter dark current (i ceo ) 100 na v ce = 20v coupled current transfer ratio (ctr) (note 2) TLP620, TLP620-2, TLP620-4 50 600 % 5mai f , 5v v ce ctr selection available gb 100 600 % 5mai f , 5v v ce 30 % 1mai f , 0.4v v ce collector-emitter saturation voltagev ce (sat) 0.4 v 8mai f , 2.4mai c gb 0.4 v 1mai f , 0.2mai c input to output isolation voltage v iso 5300 v rms see note 1 7500 v pk see note 1 input-output isolation resistance r iso 5x10 10 w v io = 500v (note 1) rise time tr 2 m s v cc = 10v , fall time tf 3 m s i c = 2ma, r l = 100 w 7/12/00 electrical characteristics ( t a = 25c unless otherwise noted ) note 1 measured with input leads shorted together and output leads shorted together. note 2 special selections are available on request. please consult the factory. absolute maximum ratings (25c unless otherwise specified) storage temperature -55c to + 125c operating temperature -55c to + 100c lead soldering temperature (1/16 inch (1.6mm) from case for 10 secs) 260c input diode forward current 50ma power dissipation 70mw output transistor collector-emitter voltage bv ceo 55v emitter-collector voltage bv eco 6v power dissipation 150mw power dissipation total power dissipation 200mw (derate linearly 2.67mw/ c above 25c) turn-on time ton 3 turn-off time toff 3 m s m s
db92548m-aas/a1 7/12/00 50 -30 0 25 50 75 100 125 ambient temperature t a ( c ) 150 0 200 ambient temperature t a ( c ) collector power dissipation p c (mw) 60 30 20 10 0 40 50 -30 0 25 50 75 100 125 collector power dissipation vs. ambient temperature forward current vs. ambient temperature -30 0 25 50 75 100 ambient temperature t a ( c ) collector-emitter saturation voltage v ce(sat) (v) collector-emitter saturation voltage vs. ambient temperature 100 0 0.04 0.08 0.12 0.16 0.20 0.24 0.28 i f = 5ma i c = 1ma forward current i f (ma) collector current vs. collector-emitter voltage collector-emitter voltage v ce ( v ) collector current i c (ma) current transfer ratio vs. forward current forward current i f (ma) current transfer ratio ctr (%) 1 2 5 10 20 50 0 80 120 160 200 240 0 2 4 6 8 10 0 10 20 30 40 50 40 t a = 25c 280 320 v ce = 5v t a = 25c i f = 5ma 10 15 20 30 50 collector-emitter voltage v ce ( v ) t a = 25c 0 5 10 15 20 25 collector current vs. low collector-emitter voltage 5 20 30 40 50 0 0.2 0.4 0.6 0.8 1.0 collector current i c (ma) i f = 2ma 10


▲Up To Search▲   

 
Price & Availability of TLP620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X