Part Number Hot Search : 
AF28TC 2SK612 A225D 93A915 PT12216 74F378 R6031635 RFI4019H
Product Description
Full Text Search
 

To Download STP300NH02L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary data this is preliminary information on a new product now in deve lopment or undergoing evaluation. details are subject to change without notice. 21 february 2007 rev 1 1/14 14 stb300nh02l STP300NH02L n-channel 24v - 120a - to-220 / d 2 pa k stripfet? power mosfet general features r ds(on) *q g industry?s benchmark conduction losses reduced switching losses reduced low profile, very low parasitic inductance description this product utilizes t he latest advanced design rules of st?s proprietary stripfet? technology. this is suitable for high current or-ing application. applications switching application ? specifically designed and optimized for high efficiency dc/dc converters ? or-ing internal schematic diagram type v dss r ds(on) i d stb300nh02l 24v < 1.8m ? 120a STP300NH02L 24v < 2.2m ? 120a 1 2 3 to-220 1 3 d2pak www.st.com order codes part number marking package packaging STP300NH02L p300nh02l to-220 tube stb300nh02l b300nh02l d2pak tape & reel
contents stb300nh02l - STP300NH02L 2/14 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
stb300nh02l - STP300NH02L electrical ratings 3/14 1 electrical ratings table 1. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 24 v v gs gate-source voltage 20 v i d (1) 1. this value is limited by package drain current (continuous) at t c = 25c 120 a i d (1) drain current (continuous) at t c = 100c 120 a i dm (2) 2. pulse width limited by safe operating area drain current (pulsed) 480 a p tot (3) 3. this value is rated according rthj-case total dissipation at t c = 25c 300 w derating factor 2 w/c t j operating junction temperature -55 to 175 c table 2. thermal data symbol parameter value unit rthj-case thermal resistance junction-case max 0.5 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w table 3. avalanche characteristics symbol parameter max value unit i av not-repetitive avalanche current (pulse width limited by tj max) 60 a e as (1) 1. starting tj = 25c, i d = i av , v dd = 20v single pulse avalanche energy 2296 j
electrical characteristics stb300nh02l - STP300NH02L 4/14 2 electrical characteristics (t case =25c unless otherwise specified) table 4. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 1ma, v gs = 0 24 v i dss zero gate voltage drain current (v gs = 0) v ds = 20v, v ds = 20v, t c =125c 1 10 a a i gss gate body leakage current (v ds = 0) v ds = 20v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250a 12v r ds(on) static drain-source on resistance v gs = 10v, i d = 80a to-220 d2pak 1.8 1.4 2.2 1.8 m ? m ? r ds(on) static drain-source on resistance v gs = 10v, i d = 80a @100c to-220 d2pak 2.7 2.1 m ? m ? table 5. dynamic symbol parameter test conditions min. typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 15v, f = 1 mhz, v gs =0 7055 3251 307 pf pf pf q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 12v,i d = 120a, v gs = 10v (see figure 13) 109.4 30.2 26.4 nc nc nc r g gate input resistance f=1 mhz gate dc bias = 0 test signal level = 20mv open drain 4.4 ?
stb300nh02l - STP300NH02L electrical characteristics 5/14 table 6. switching times symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 10v, i d = 60a r g = 4.7 ? , v gs = 10v, (see figure 12) 18 275 ns ns t d(off) t f turn-off delay time fall time v dd = 10v, i d = 60a r g = 4.7 ? , v gs = 10v, (see figure 12) 138 94.4 ns ns table 7. source drain diode symbol parameter test conditions min typ. max unit i sd i sd source-drain current source-drain current (pulsed) 120 640 a a v sd (1) 1. pulsed: pulse duration = 300s, duty cycle 1.5% forward on voltage i sd = 120 a, v gs = 0 1.3 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 120a, v dd = 20v, di/dt = 100a/s t j = 25c (see figure 17) 63 85 2.7 ns nc a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd =120a, v dd = 20v di/dt = 100a/s t j = 150c (see figure 17) 63.2 88 2.8 ns nc a
electrical characteristics stb300nh02l - STP300NH02L 6/14 2.1 electrical characteri stics (curves) figure 1. safe operating area figure 2. thermal impedance figure 3. output characteristics figure 4. transfer characteristics figure 5. static drain-source on resistance figure 6. normalized bv dss vs temperature
stb300nh02l - STP300NH02L electrical characteristics 7/14 figure 7. gate charge vs gate-source voltage figure 8. capacitance variations figure 9. normalized gate threshold voltage vs temperature figure 10. normalized on resistance vs temperature figure 11. source-drain diode forward characteristics
test circuit stb300nh02l - STP300NH02L 8/14 3 test circuit figure 12. switching times test circuit for resistive load figure 13. gate charge test circuit figure 14. test circuit for inductive load switching and diode recovery times figure 15. unclamped inductive load test circuit figure 16. unclamped inductive wavefo rm figure 17. switching time waveform
stb300nh02l - STP300NH02L package mechanical data 9/14 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect. the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com
package mechanical data stb300nh02l - STP300NH02L 10/14 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ?p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data
stb300nh02l - STP300NH02L package mechanical data 11/14 to-247 mechanical data 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r0.4 0.015 v2 0o 4o d 2 pak mechanical data 3
packaging mechanical data stb300nh02l - STP300NH02L 12/14 5 packaging mechanical data tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
stb300nh02l - STP300NH02L revision history 13/14 6 revision history table 8. revision history date revision changes 21-feb-2007 1 first release
stb300nh02l - STP300NH02L 14/14 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2007 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STP300NH02L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X