Part Number Hot Search : 
1SMA5950 10016 TSHA5200 485NC MX770 302UR100 LVA477A AL251
Product Description
Full Text Search
 

To Download SST39VF1602-90-4I-EKE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ?2005 silicon storage technology, inc. s71223-04-000 11/05 1 the sst logo and superflash are registered trademarks of silicon storage technology, inc. mpf is a trademark of silicon storage technology, inc. these specifications are subject to change without notice. 16 mbit / 32 mbit / 64 mbit ( x16) multi-purpose flash plus sst39vf1601 / sst39vf3201 / sst39vf6401 sst39vf1602 / sst39vf3202 / sst39vf6402 features: ? organized as 1m x16: sst39vf1601/1602 2m x16: sst39vf3201/3202 4m x16: sst39vf6401/6402 ? single voltage read and write operations ? 2.7-3.6v ? superior reliability ? endurance: 100,000 cycles (typical) ? greater than 100 years data retention ? low power consumption (typical values at 5 mhz) ? active current: 9 ma (typical) ? standby current: 3 a (typical) ? auto low power mode: 3 a (typical) ? hardware block-protection/wp# input pin ? top block-protection (top 32 kword) for sst39vf1602/3202/6402 ? bottom block-protection (bottom 32 kword) for sst39vf1601/3201/6401 ? sector-erase capability ? uniform 2 kword sectors ? block-erase capability ? uniform 32 kword blocks ? chip-erase capability ? erase-suspend/erase-resume capabilities ? hardware reset pin (rst#) ? security-id feature ? sst: 128 bits; user: 128 bits ? fast read access time: ? 70 ns ? 90 ns ? latched address and data ? fast erase and word-program: ? sector-erase time: 18 ms (typical) ? block-erase time: 18 ms (typical) ? chip-erase time: 40 ms (typical) ? word-program time: 7 s (typical) ? automatic write timing ? internal v pp generation ? end-of-write detection ? toggle bits ? data# polling ? cmos i/o compatibility ? jedec standard ? flash eeprom pinouts and command sets ? packages available ? 48-lead tsop (12mm x 20mm) ? 48-ball tfbga (6mm x 8mm) for 16m and 32m ? 48-ball tfbga (8mm x 10mm) for 64m ? all non-pb (lead-free) devices are rohs compliant product description the sst39vf160x/320x/640x devices are 1m x16, 2m x16, and 4m x16 respecti vely, cmos multi-purpose flash plus (mpf+) manufactured with sst?s proprietary, high performance cmos superflash technology. the split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. the sst39vf160x/320x/640x write (program or erase) with a 2.7-3.6v power supply. these devices conform to jedec standard pinouts for x16 memories. featuring high performance word-program, the sst39vf160x/320x/640x devices provide a typical word- program time of 7 sec. these devices use toggle bit or data# polling to indicate the completion of program opera- tion. to protect against inadvertent write, they have on-chip hardware and software data protection schemes. designed, manufactured, and tested for a wide spectrum of applications, these devices are offered with a guaranteed typical endurance of 100,000 cycles. data retention is rated at greater than 100 years. the sst39vf160x/320x/640x devices are suited for appli- cations that require convenient and economical updating of program, configuration, or data memory. for all system applications, they significantly improve performance and reliability, while lowering power consumption. they inher- ently use less energy during erase and program than alter- native flash technologies. the total energy consumed is a function of the applied voltage, current, and time of applica- tion. since for any given voltage range, the superflash technology uses less current to program and has a shorter erase time, the total energy consumed during any erase or program operation is less than alternative flash technolo- gies. these devices also improve flexibility while lowering the cost for program, data, and configuration storage appli- cations. the superflash technology provides fixed erase and pro- gram times, independent of the number of erase/program cycles that have occurred. therefore the system software or hardware does not have to be modified or de-rated as is necessary with alternative flash technologies, whose erase and program times increase with accumulated erase/program cycles. sst39vf160x / 320x / 640x2.7v 16mb / 32mb / 64mb (x16) mpf+ memories
2 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 to meet high density, surface mount requirements, the sst39vf160x/320x/640x are offered in 48-lead tsop and 48-ball tfbga packages. see figures 1 and 2 for pin assignments. device operation commands are used to initiate the memory operation func- tions of the device. commands are written to the device using standard microprocessor write sequences. a com- mand is written by asserting we# low while keeping ce# low. the address bus is latc hed on the falling edge of we# or ce#, whichever occurs last. the data bus is latched on the rising edge of we# or ce#, whichever occurs first. the sst39vf160x/320x/640x also have the auto low power mode which puts the device in a near standby mode after data has been accessed with a valid read operation. this reduces the i dd active read current from typically 9 ma to typically 3 a. the auto low power mode reduces the typical i dd active read current to the range of 2 ma/mhz of read cycle time. the device exits the auto low power mode with any address transition or control signal transition used to initiate another read cycle, with no access time penalty. note that the device does not enter auto-low power mode after power-up with ce# held steadily low, until the first address transition or ce# is driven high. read the read operation of the sst39vf160x/320x/640x is controlled by ce# and oe#, both have to be low for the system to obtain data from the outputs. ce# is used for device selection. when ce# is high, the chip is dese- lected and only standby power is consumed. oe# is the output control and is used to gate data from the output pins. the data bus is in high impedance state when either ce# or oe# is high. refer to the read cycle timing diagram for further details (figure 3). word-program operation the sst39vf160x/320x/640x are programmed on a word-by-word basis. before programming, the sector where the word exists must be fully erased. the program operation is accomplished in three steps. the first step is the three-byte load sequence for software data protection. the second step is to load word address and word data. during the word-program operation, the addresses are latched on the falling edge of either ce# or we#, which- ever occurs last. the data is latched on the rising edge of either ce# or we#, whichever occurs first. the third step is the internal program operation which is initiated after the rising edge of the fourth we# or ce#, whichever occurs first. the program operation, once initiated, will be com- pleted within 10 s. see figures 4 and 5 for we# and ce# controlled program operation timing diagrams and figure 19 for flowcharts. during the program operation, the only valid reads are data# polling an d toggle bit. during the internal program operation, the host is free to perform addi- tional tasks. any commands issued during the internal pro- gram operation are ignored. during the command sequence, wp# should be statically held high or low. sector/block-e rase operation the sector- (or block-) erase operation allows the system to erase the device on a sector-by-sector (or block-by- block) basis. the sst39vf160x/320x/640x offer both sec- tor-erase and block-erase mode. the sector architecture is based on uniform sector size of 2 kword. the block- erase mode is based on uniform block size of 32 kword. the sector-erase operation is initiated by executing a six- byte command sequence with sector-erase command (30h) and sector address (sa) in the last bus cycle. the block-erase operation is initiated by executing a six-byte command sequence with block-erase command (50h) and block address (ba) in the last bus cycle. the sector or block address is latched on the falling edge of the sixth we# pulse, while the command (30h or 50h) is latched on the rising edge of the sixth we# pulse. the internal erase operation begins after the sixth we# pulse. the end-of- erase operation can be determined using either data# polling or toggle bit methods. see figures 9 and 10 for tim- ing waveforms and figure 23 for the flowchart. any com- mands issued during the sector- or block-erase operation are ignored. when wp# is low, any attempt to sector- (block-) erase the protected block will be ignored. during the command sequence, wp# should be statically held high or low. erase-suspend/erase-resume commands the erase-suspend operation temporarily suspends a sector- or block-erase operation thus allowing data to be read from any memory location, or program data into any sector/block that is not suspended for an erase operation. the operation is executed by issuing one byte command sequence with erase-suspend command (b0h). the device automatically enters read mode typically within 20 s after the erase-suspend command had been issued. valid data can be read from any sector or block that is not suspended from an erase operation. reading at address location within erase-suspended sectors/blocks will output dq 2 toggling and dq 6 at ?1?. while in erase-suspend mode, a word-program operation is allowed except for the sector or block selected for erase-suspend.
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 3 ?2005 silicon storage technology, inc. s71223-04-000 11/05 to resume sector-erase or block-erase operation which has been suspended the system must issue erase resume command. the operation is executed by issuing one byte command sequence with erase resume command (30h) at any address in the last byte sequence. chip-erase operation the sst39vf160x/320x/640x provide a chip-erase oper- ation, which allows the user to erase the entire memory array to the ?1? state. this is useful when the entire device must be quickly erased. the chip-erase operation is initiated by executing a six- byte command sequence with chip-erase command (10h) at address 5555h in the last byte sequence. the erase operation begins with the rising edge of the sixth we# or ce#, whichever occurs first. during the erase operation, the only valid read is toggle bit or data# polling. see table 6 for the command sequence, figure 9 for tim- ing diagram, and figure 23 for the flowchart. any com- mands issued during the chip-erase operation are ignored. when wp# is low, an y attempt to chip-erase will be ignored. during the command sequence, wp# should be statically held high or low. write operation status detection the sst39vf160x/320x/640x provide two software means to detect the completion of a write (program or erase) cycle, in order to optimize the system write cycle time. the software detection includes two status bits: data# polling (dq 7 ) and toggle bit (dq 6 ). the end-of-write detection mode is enabled after the rising edge of we#, which initiates the internal program or erase operation. the actual completion of the nonvolatile write is asyn- chronous with the system; theref ore, either a data# poll- ing or toggle bit read may be simultaneous with the completion of the write cycle. if this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either dq 7 or dq 6 . in order to pre- vent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. if both reads are valid, then the device has completed the write cycle, otherwise the rejection is valid. data# polling (dq 7 ) when the sst39vf160x/320x/640x are in the internal program operation, any attempt to read dq 7 will produce the complement of the true data. once the program oper- ation is completed, dq 7 will produce true data. note that even though dq 7 may have valid data immediately follow- ing the completion of an internal write operation, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in subsequent successive read cycles after an interval of 1 s. during internal erase oper- ation, any attempt to read dq 7 will produce a ?0?. once the internal erase operation is completed, dq 7 will produce a ?1?. the data# polling is valid after the rising edge of fourth we# (or ce#) pulse for program operation. for sector-, block- or chip-erase, the data# polling is valid after the rising edge of sixth we# (or ce#) pulse. see figure 6 for data# polling timing diagram and figure 20 for a flowchart. toggle bits (dq6 and dq2) during the internal program or erase operation, any con- secutive attempts to read dq 6 will produce alternating ?1?s and ?0?s, i.e., toggling between 1 and 0. when the internal program or erase operation is completed, the dq 6 bit will stop toggling. the device is then ready for the next opera- tion. for sector-, block-, or chip-erase, the toggle bit (dq 6 ) is valid after the rising edge of sixth we# (or ce#) pulse. dq 6 will be set to ?1? if a read operation is attempted on an erase-suspended sector/block. if program operation is ini- tiated in a sector/block not selected in erase-suspend mode, dq 6 will toggle. an additional toggle bit is available on dq 2 , which can be used in conjunction with dq 6 to check whether a particular sector is being actively erased or erase-suspended. table 1 shows detailed status bits information. the toggle bit (dq 2 ) is valid after the rising edge of the last we# (or ce#) pulse of write operation. see figure 7 for toggle bit timing diagram and figure 20 for a flowchart. note: dq 7 and dq 2 require a valid address when reading status information. table 1: w rite o peration s tatus status dq 7 dq 6 dq 2 normal operation standard program dq 7 # toggle no toggle standard erase 0 toggle toggle erase- suspend mode read from erase-suspended sector/block 1 1 toggle read from non- erase-suspended sector/block data data data program dq 7 # toggle n/a t1.0 1223
4 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 data protection the sst39vf160x/320x/640x provide both hardware and software features to protect nonvolatile data from inadvertent writes. hardware data protection noise/glitch protection: a we# or ce# pulse of less than 5 ns will not initiate a write cycle. v dd power up/down detection: the write operation is inhibited when v dd is less than 1.5v. write inhibit mode: forcing oe# low, ce# high, or we# high will inhibit t he write operation. th is prevents inadvert- ent writes during power-up or power-down. hardware block protection the sst39vf1602/3202/6402 support top hardware block protection, which protects the top 32 kword block of the device. the sst39vf1601/3201/6401 support bottom hardware block protection, which protects the bottom 32 kword block of the device. the boot block address ranges are described in table 2. program and erase operations are prevented on the 32 kword when wp# is low. if wp# is left floating, it is internally held high via a pull-up resistor, and the boot block is unprotected, enabling program and erase operations on that block. hardware reset (rst#) the rst# pin provides a hardware method of resetting the device to read array data. when the rst# pin is held low for at least t rp, any in-progress operat ion will terminate and return to read mode. when no internal program/erase operation is in progress, a minimum period of t rhr is required after rst# is driven high before a valid read can take place (see figure 15). the erase or program operation that has been interrupted needs to be reinitiated after the device resumes normal operation mode to ensure data integrity. software data protection (sdp) the sst39vf160x/320x/640x provide the jedec approved software data protection scheme for all data alteration operations, i.e., program and erase. any pro- gram operation requires the inclusion of the three-byte sequence. the three-byte load sequence is used to initiate the program operation, providing optimal protection from inadvertent write operations, e.g., during the system power-up or power-down. any erase operation requires the inclusion of six-byte sequence. these devices are shipped with the software data protection permanently enabled. see table 6 for the specific software command codes. dur- ing sdp command sequence, invalid commands will abort the device to read mode within t rc. the contents of dq 15 - dq 8 can be v il or v ih , but no other value, during any sdp command sequence. common flash memory interface (cfi) the sst39vf160x/320x/640x also contain the cfi infor- mation to describe the charac teristics of the device. in order to enter the cfi query mode, the system must write three-byte sequence, same as product id entry command with 98h (cfi query command) to address 5555h in the last byte sequence. once the device enters the cfi query mode, the system can read cfi data at the addresses given in tables 7 through 10. the system must write the cfi exit command to return to read mode from the cfi query mode. table 2: b oot b lock a ddress r anges product address range bottom boot block sst39vf1601/3201/6401 000000h-007fffh top boot block sst39vf1602 0f8000h-0fffffh sst39vf3202 1f8000h-1fffffh sst39vf6402 3f8000h-3fffffh t2.0 1223
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 5 ?2005 silicon storage technology, inc. s71223-04-000 11/05 product identification the product identification mode identifies the devices as the sst39vf1601, sst39 vf1602, sst39vf3201, sst39vf3202, sst39vf64 01, sst39vf6402, and manufacturer as sst. this mode may be accessed soft- ware operations. users may use the software product identification operation to identify the part (i.e., using the device id) when using multiple manufacturers in the same socket. for details, see table 6 for software operation, figure 11 for the software id entry and read timing dia- gram and figure 21 for the software id entry command sequence flowchart. product identification mode exit/ cfi mode exit in order to return to the standard read mode, the software product identification mode must be exited. exit is accom- plished by issuing the software id exit command sequence, which returns the device to the read mode. this command may also be used to reset the device to the read mode after any inadvertent transient condition that apparently causes the device to behave abnormally, e.g., not read correctly. please note that the software id exit/ cfi exit command is ignored during an internal program or erase operation. see table 6 for software command codes, figure 13 for timing waveform, and figures 21 and 22 for flowcharts. security id the sst39vf160x/320x/640x devices offer a 256-bit security id space. the secure id space is divided into two 128-bit segments - one factory programmed segment and one user programmed segment. the first segment is pro- grammed and locked at sst with a random 128-bit num- ber. the user segment is left un-programmed for the customer to program as desired. to program the user segment of the security id, the user must use the security id word-program command. to detect end-of-write for the sec id, read the toggle bits. do not use data# polling. once this is complete, the sec id should be locked using the user sec id program lock-out. this disables any future corrupt ion of this space. note that regardless of whether or not the sec id is locked, neither sec id segment can be erased. the secure id space can be queried by executing a three- byte command sequence with enter sec id command (88h) at address 5555h in the last byte sequence. to exit this mode, the exit sec id command should be executed. refer to table 6 for more details. table 3: p roduct i dentification address data manufacturer?s id 0000h bfh device id sst39vf1601 0001h 234bh sst39vf1602 0001h 234ah sst39vf3201 0001h 235bh sst39vf3202 0001h 235ah sst39vf6401 0001h 236bh sst39vf6402 0001h 236ah t3.2 1223
6 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 1: p in a ssignments for 48- lead tsop y-decoder i/o buffers and data latches 1223 b1.0 address buffer & latches x-decoder dq 15 - dq 0 memory address oe# ce# we# superflash memory control logic wp# reset# f unctional b lock d iagram a15 a14 a13 a12 a11 a10 a9 a8 a19 a20 we# rst# a21 wp# nc a18 a17 a7 a6 a5 a4 a3 a2 a1 a15 a14 a13 a12 a11 a10 a9 a8 a19 a20 we# rst# nc wp# nc a18 a17 a7 a6 a5 a4 a3 a2 a1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 a16 nc v ss dq15 dq7 dq14 dq6 dq13 dq5 dq12 dq4 v dd dq11 dq3 dq10 dq2 dq9 dq1 dq8 dq0 oe# v ss ce# a0 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1223 48-tsop p01.3 standard pinout top view die up sst39vf160x/320x/640x sst39vf6401/6402 a15 a14 a13 a12 a11 a10 a9 a8 a19 nc we# rst# nc wp# nc a18 a17 a7 a6 a5 a4 a3 a2 a1 sst39vf1601/1602 sst39vf3201/3202
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 7 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 2: pin assignments for 48- ball tfbga 1223 4-tfbga b1k p02b.2 a b c d e f g h sst39vf6401/6402 6 5 4 3 2 1 top view (balls facing down) a13 a9 we# nc a7 a3 a12 a8 rst# wp# a17 a4 a14 a10 a21 a18 a6 a2 a15 a11 a19 a20 a5 a1 a16 dq7 dq5 dq2 dq0 a0 nc dq14 dq12 dq10 dq8 ce# dq15 dq13 v dd dq11 dq9 oe# v ss dq6 dq4 dq3 dq1 v ss a13 a9 we# nc a7 a3 a12 a8 rst# wp# a17 a4 a14 a10 nc a18 a6 a2 a15 a11 a19 a20 a5 a1 a16 dq7 dq5 dq2 dq0 a0 nc dq14 dq12 dq10 dq8 ce# dq15 dq13 v dd dq11 dq9 oe# v ss dq6 dq4 dq3 dq1 v ss 1223 48-tfbga b3k p02a.2 sst39vf3201/3202 top view (balls facing down) 6 5 4 3 2 1 a b c d e f g h a13 a9 we# nc a7 a3 a12 a8 rst# wp# a17 a4 a14 a10 nc a18 a6 a2 a15 a11 a19 nc a5 a1 a16 dq7 dq5 dq2 dq0 a0 nc dq14 dq12 dq10 dq8 ce# dq15 dq13 v dd dq11 dq9 oe# v ss dq6 dq4 dq3 dq1 v ss 1223 48-tfbga b3k p02.0 sst39vf1601/1602 top view (balls facing down) 6 5 4 3 2 1 a b c d e f g h
8 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 table 4: p in d escription symbol pin name functions a ms 1 -a 0 address inputs to provide memory addresses. during sector-erase a ms -a 11 address lines will select the sector. during block-erase a ms -a 15 address lines will select the block. dq 15 -dq 0 data input/output to output data during read cycles and receive input data during write cycles. data is internally latched during a write cycle. the outputs are in tri-state when oe# or ce# is high. wp# write protect to protect the top/bottom boot bl ock from erase/program operation when grounded. rst# reset to reset and return the device to read mode. ce# chip enable to activate the device when ce# is low. oe# output enable to gate the data output buffers. we# write enable to control the write operations. v dd power supply to provide power supply voltage: 2.7-3.6v v ss ground nc no connection unconnected pins. t4.2 1223 1. a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 table 5: o peration m odes s election mode ce# oe# we# dq address read v il v il v ih d out a in program v il v ih v il d in a in erase v il v ih v il x 1 1. x can be v il or v ih , but no other value. sector or block address, xxh for chip-erase standby v ih x x high z x write inhibit x v il x high z/ d out x xxv ih high z/ d out x product identification software mode v il v il v ih see table 6 t5.0 1223
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 9 ?2005 silicon storage technology, inc. s71223-04-000 11/05 table 6: s oftware c ommand s equence command sequence 1st bus write cycle 2nd bus write cycle 3rd bus write cycle 4th bus write cycle 5th bus write cycle 6th bus write cycle addr 1 data 2 addr 1 data 2 addr 1 data 2 addr 1 data 2 addr 1 data 2 addr 1 data 2 word-program 5555h aah 2aaah 55h 5555h a0h wa 3 data sector-erase 5555h aah 2aaah 55h 5555h 80h 5555h aah 2aaah 55h sa x 4 30h block-erase 5555h aah 2aaah 55h 5555h 80h 5555h aah 2aaah 55h ba x 4 50h chip-erase 5555h aah 2aaah 55h 5555h 80h 5555h aah 2aaah 55h 5555h 10h erase-suspend xxxxh b0h erase-resume xxxxh 30h query sec id 5 5555h aah 2aaah 55h 5555h 88h user security id word-program 5555h aah 2aaah 55h 5555h a5h wa 6 data user security id program lock-out 5555h aah 2aaah 55h 5555h 85h xxh 6 0000h software id entry 7,8 5555h aah 2aaah 55h 5555h 90h cfi query entry 5555h aah 2aaah 55h 5555h 98h software id exit 9,10 /cfi exit/sec id exit 5555h aah 2aaah 55h 5555h f0h software id exit 9,10 /cfi exit/sec id exit xxh f0h t6.6 1223 1. address format a 14 -a 0 (hex). addresses a 15 -a 19 can be v il or v ih , but no other value, for command sequence for sst39vf1601/1602, addresses a 15 -a 20 can be v il or v ih , but no other value, for command sequence for sst39vf3201/3202, addresses a 15 - a 21 can be v il or v ih , but no other value, for command sequence for sst39vf6401/6402. 2. dq 15 -dq 8 can be v il or v ih , but no other value, for command sequence 3. wa = program word address 4. sa x for sector-erase; uses a ms -a 11 address lines ba x , for block-erase; uses a ms -a 15 address lines a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 5. with a ms -a 4 = 0; sec id is read with a 3 -a 0 , sst id is read with a 3 = 0 (address range = 000000h to 000007h), user id is read with a 3 = 1 (address range = 000010h to 000017h). lock status is read with a 7 -a 0 = 0000ffh. unlocked: dq 3 = 1 / locked: dq 3 = 0. 6. valid word-addresses for sec id are from 000000h-000007h and 000010h-000017h. 7. the device does not remain in software product id mode if powered down. 8. with a ms -a 1 =0; sst manufacturer id = 00bfh, is read with a 0 = 0, sst39vf1601 device id = 234bh, is read with a 0 = 1, sst39vf1602 device id = 234ah, is read with a 0 = 1, sst39vf3201 device id = 235bh, is read with a 0 = 1, sst39vf3202 device id = 235ah, is read with a 0 = 1, sst39vf6401 device id = 236bh, is read with a 0 = 1, sst39vf6402 device id = 236ah, is read with a 0 = 1. a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 9. both software id exit operations are equivalent 10. if users never lock after programming, sec id can be programm ed over the previously unprogramm ed bits (data=1) using the sec id mode again (the programmed ?0? bits cannot be reversed to ?1?). valid word-addresses for sec id are from 000000h-000007h and 000010h-000017h.
10 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 table 7: cfi q uery i dentification s tring 1 for sst39vf160 x /320 x /640 x address data data 10h 0051h query unique ascii string ?qry? 11h 0052h 12h 0059h 13h 0001h primary oem command set 14h 0007h 15h 0000h address for primary extended table 16h 0000h 17h 0000h alternate oem command set (00h = none exists) 18h 0000h 19h 0000h address for alternate oem extended table (00h = none exits) 1ah 0000h t7.1 1223 1. refer to cfi publication 100 for more details. table 8: s ystem i nterface i nformation for sst39vf160 x /320 x /640 x address data data 1bh 0027h v dd min (program/erase) dq 7 -dq 4 : volts, dq 3 -dq 0 : 100 millivolts 1ch 0036h v dd max (program/erase) dq 7 -dq 4 : volts, dq 3 -dq 0 : 100 millivolts 1dh 0000h v pp min. (00h = no v pp pin) 1eh 0000h v pp max. (00h = no v pp pin) 1fh 0003h typical time out for word-program 2 n s (2 3 = 8 s) 20h 0000h typical time out for min. size buffer program 2 n s (00h = not supported) 21h 0004h typical time out for individual sector/block-erase 2 n ms (2 4 = 16 ms) 22h 0005h typical time out for chip-erase 2 n ms (2 5 = 32 ms) 23h 0001h maximum time out for word-program 2 n times typical (2 1 x 2 3 = 16 s) 24h 0000h maximum time out for buffer program 2 n times typical 25h 0001h maximum time out for individual sector/block-erase 2 n times typical (2 1 x 2 4 = 32 ms) 26h 0001h maximum time out for chip-erase 2 n times typical (2 1 x 2 5 = 64 ms) t8.3 1223 table 9: d evice g eometry i nformation for sst39vf1601/1602 address data data 27h 0015h device size = 2 n bytes (15h = 21; 2 21 = 2 mbyte) 28h 0001h flash device interface description; 0001h = x16-only asynchronous interface 29h 0000h 2ah 0000h maximum number of byte in multi-byte write = 2 n (00h = not supported) 2bh 0000h 2ch 0002h number of erase sector/block sizes supported by device 2dh 00ffh sector information (y + 1 = numb er of sectors; z x 256b = sector size) 2eh 0001h y = 511 + 1 = 512 sectors (01ff = 511 2fh 0010h 30h 0000h z = 16 x 256 bytes = 4 kbyte/sector (0010h = 16) 31h 001fh block information (y + 1 = number of blocks; z x 256b = block size) 32h 0000h y = 31 + 1 = 32 blocks (001f = 31) 33h 0000h 34h 0001h z = 256 x 256 bytes = 64 kbyte/block (0100h = 256) t9.0 1223
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 11 ?2005 silicon storage technology, inc. s71223-04-000 11/05 table 10: d evice g eometry i nformation for sst39vf3201/3202 address data data 27h 0016h device size = 2 n bytes (16h = 22; 2 22 = 4 mbyte) 28h 0001h flash device interface description; 0001h = x16-only asynchronous interface 29h 0000h 2ah 0000h maximum number of byte in multi-byte write = 2 n (00h = not supported) 2bh 0000h 2ch 0002h number of erase sector/block sizes supported by device 2dh 00ffh sector information (y + 1 = numb er of sectors; z x 256b = sector size) 2eh 0003h y = 1023 + 1 = 1024 (03ffh = 1023) 2fh 0010h 30h 0000h z = 16 x 256 bytes = 4 kbytes/sector (0010h = 16) 31h 003fh block information (y + 1 = number of blocks; z x 256b = block size) 32h 0000h y = 63 + 1 = 64 blocks (003fh = 63) 33h 0000h 34h 0001h z = 256 x 256 bytes = 64 kbytes/block (0100h = 256) t10.2 1223 table 11: d evice g eometry i nformation for sst39vf6401/6402 address data data 27h 0017h device size = 2 n bytes (17h = 23; 2 23 = 8 mbyte) 28h 0001h flash device interface description; 0001h = x16-only asynchronous interface 29h 0000h 2ah 0000h maximum number of bytes in multi-byte write = 2 n (00h = not supported) 2bh 0000h 2ch 0002h number of erase sector/block sizes supported by device 2dh 00ffh sector information (y + 1 = numb er of sectors; z x 256b = sector size) 2eh 0007h y = 2047 + 1 = 2048 sectors (07ffh = 2047) 2fh 0010h 30h 0000h z = 16 x 256 bytes = 4 kbytes/sector (0010h = 16) 31h 007fh block information (y + 1 = number of blocks; z x 256b = block size) 32h 0000h y =127 + 1 = 128 blocks (007fh = 127) 33h 0000h 34h 0001h z = 256 x 256 bytes = 64 kbytes/block (0100h = 256) t11.2 1223
12 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 absolute maximum stress ratings (applied conditions greater than t hose listed under ?absolute maximum stress ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these conditions or conditions greater t han those defined in the operational sections of this data sheet is not implied. exposu re to absolute maximum stress rating co nditions may affect device reliability.) temperature under bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55c to +125c storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65c to +150c d. c. voltage on any pin to ground potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0. 5v to v dd +0.5v transient voltage (<20 ns) on any pin to ground potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0v to v dd +2.0v voltage on a 9 pin to ground potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5v to 13.2v package power dissipation capability (t a = 25c) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0w surface mount solder reflow temperature 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260c for 10 seconds output short circuit current 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 ma 1. excluding certain with-pb 32-plcc units, all packages are 260 c capable in both non-pb and with-pb solder versions. certain with-pb 32-plcc package types are capable of 240 c for 10 seconds; please consult the factory for the latest information. 2. outputs shorted for no more than one second. no more than one output shorted at a time. o perating r ange range ambient temp v dd commercial industrial 0c to +70c -40c to +85c 2.7-3.6v 2.7-3.6v ac c onditions of t est input rise/fall time . . . . . . . . . . . . . . 5 ns output load . . . . . . . . . . . . . . . . . . . . c l = 30 pf see figures 17 and 18
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 13 ?2005 silicon storage technology, inc. s71223-04-000 11/05 table 12: dc o perating c haracteristics v dd = 2.7-3.6v 1 symbol parameter limits test conditions min max units i dd power supply current address input=v ilt /v iht 2 , at f=5 mhz, v dd =v dd max read 3 18 ma ce#=v il , oe#=we#=v ih , all i/os open program and erase 35 ma ce#=we#=v il , oe#=v ih i sb standby v dd current 20 a ce#=v ihc , v dd =v dd max i alp auto low power 20 a ce#=v ilc , v dd =v dd max all inputs=v ss or v dd, we#=v ihc i li input leakage current 1 a v in =gnd to v dd , v dd =v dd max i liw input leakage current on wp# pin and rst# 10 a wp#=gnd to v dd or rst#=gnd to v dd i lo output leakage current 10 a v out =gnd to v dd , v dd =v dd max v il input low voltage 0.8 v v dd =v dd min v ilc input low voltage (cmos) 0.3 v v dd =v dd max v ih input high voltage 0.7v dd vv dd =v dd max v ihc input high voltage (cmos) v dd -0.3 v v dd =v dd max v ol output low voltage 0.2 v i ol =100 a, v dd =v dd min v oh output high voltage v dd -0.2 v i oh =-100 a, v dd =v dd min t12.8 1223 1. typical conditions for the active current shown on t he front page of the data sheet are average values at 25c (room temperature), and v dd = 3v. not 100% tested. 2. see figure 17 3. the i dd current listed is typically le ss than 2ma/mhz, with oe# at v ih. ty p i c a l v dd is 3v. table 13: r ecommended s ystem p ower - up t imings symbol parameter minimum units t pu-read 1 1. this parameter is measured only for init ial qualification and after a design or proc ess change that could affect this paramet er. power-up to read operation 100 s t pu-write 1 power-up to program/erase operation 100 s t13.0 1223 table 14: c apacitance (t a = 25c, f=1 mhz, other pins open) parameter description test condition maximum c i/o 1 1. this parameter is measured only for init ial qualification and after a design or proc ess change that could affect this paramet er. i/o pin capacitance v i/o = 0v 12 pf c in 1 input capacitance v in = 0v 6 pf t14.0 1223 table 15: r eliability c haracteristics symbol parameter minimum specification units test method n end 1,2 1. this parameter is measured only for init ial qualification and after a design or proc ess change that could affect this paramet er. 2. n end endurance rating is qualified as a 10,000 cycl e minimum for the whole device. a sector- or block-level rating would result in a higher minimum specification. endurance 10,000 cycles jedec standard a117 t dr 1 data retention 100 years jedec standard a103 i lt h 1 latch up 100 + i dd ma jedec standard 78 t15.2 1223
14 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 ac characteristics table 16: r ead c ycle t iming p arameters v dd = 2.7-3.6v symbol parameter sst39vfxx01/xx02-70 sst39vfxx01/xx02-90 units min max min max t rc read cycle time 70 90 ns t ce chip enable access time 70 90 ns t aa address access time 70 90 ns t oe output enable access time 35 45 ns t clz 1 1. this parameter is measured only for init ial qualification and after a design or proc ess change that could affect this paramet er. ce# low to active output 0 0 ns t olz 1 oe# low to active output 0 0 ns t chz 1 ce# high to high-z output 20 30 ns t ohz 1 oe# high to high-z output 20 30 ns t oh 1 output hold from address change 0 0 ns t rp 1 rst# pulse width 500 500 ns t rhr 1 rst# high before read 50 50 ns t ry 1,2 2. this parameter applies to sector-erase, block-erase and program operations. this parameter does not apply to chip-erase operations. rst# pin low to read mode 20 20 s t16.3 1223 table 17: p rogram /e rase c ycle t iming p arameters symbol parameter min max units t bp word-program time 10 s t as address setup time 0 ns t ah address hold time 30 ns t cs we# and ce# setup time 0 ns t ch we# and ce# hold time 0 ns t oes oe# high setup time 0 ns t oeh oe# high hold time 10 ns t cp ce# pulse width 40 ns t wp we# pulse width 40 ns t wph 1 1. this parameter is measured only for init ial qualification and after a design or proc ess change that could affect this paramet er. we# pulse width high 30 ns t cph 1 ce# pulse width high 30 ns t ds data setup time 30 ns t dh 1 data hold time 0 ns t ida 1 software id access and exit time 150 ns t se sector-erase 25 ms t be block-erase 25 ms t sce chip-erase 50 ms t17.1 1223
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 15 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 3: r ead c ycle t iming d iagram figure 4: we# c ontrolled p rogram c ycle t iming d iagram 1223 f03.2 address a ms-0 dq 15-0 we# oe# ce# t ce t rc t aa t oe t olz v ih high-z t clz t oh t chz high-z data valid data valid t ohz note: a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 1223 f04.3 address a ms-0 dq 15-0 t dh t wph t ds t wp t ah t as t ch t cs ce# sw0 sw1 sw2 5555 2aaa 5555 addr xxaa xx55 xxa0 data internal program operation starts word (addr/data) oe# we# t bp note: a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 wp# must be held in proper logic state (v il or v ih ) 1 s prior to and 1 s after the command sequence x can be v il or v ih , but no other value
16 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 5: ce# c ontrolled p rogram c ycle t iming d iagram figure 6: d ata # p olling t iming d iagram 1223 f05.3 address a ms-0 dq 15-0 t dh t cph t ds t cp t ah t as t ch t cs we# sw0 sw1 sw2 5555 2aaa 5555 addr xxaa xx55 xxa0 data internal program operation starts word (addr/data) oe# ce# t bp note: a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 wp# must be held in proper logic state (v il or v ih ) 1 s prior to and 1 s after the command sequence x can be v il or v ih , but no other value 1223 f06.2 address a ms-0 dq 7 data data # data # data we# oe# ce# t oeh t oe t ce t oes note: a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 17 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 7: t oggle b its t iming d iagram figure 8: we# c ontrolled c hip -e rase t iming d iagram 1223 f07.3 address a ms-0 dq 6 and dq 2 we# oe# ce# t oe t oeh t ce t oes two read cycles with same outputs note: a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 1223 f08.4 address a ms-0 dq 15-0 we# sw0 sw1 sw2 sw3 sw4 sw5 5555 2aaa 2aaa 5555 5555 xx55 xx10 xx55 xxaa xx80 xxaa 5555 oe# ce# six-byte code for chip-erase t sce t wp note: this device also supports ce# controlled chip-erase operation. the we# and ce# signals are interchageable as long as minimum timings are met. (see table 17) a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 wp# must be held in proper logic state (v ih ) 1 s prior to and 1 s after the command sequence x can be v il or v ih , but no other value
18 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 9: we# c ontrolled b lock -e rase t iming d iagram figure 10: we# c ontrolled s ector -e rase t iming d iagram 1223 f09.4 address a ms-0 dq 15-0 we# sw0 sw1 sw2 sw3 sw4 sw5 5555 2aaa 2aaa 5555 5555 xx55 xx50 xx55 xxaa xx80 xxaa ba x oe# ce# six-byte code for block-erase t be t wp note: this device also supports ce# controlled block-erase operation. the we# and ce# signals are interchageable as long as minimum timings are met. (see table 17) ba x = block address a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 wp# must be held in proper logic state (v il or v ih ) 1 s prior to and 1 s after the command sequence x can be v il or v ih , but no other value 1223 f10.4 address a ms-0 dq 15-0 we# sw0 sw1 sw2 sw3 sw4 sw5 5555 2aaa 2aaa 5555 5555 xx55 xx30 xx55 xxaa xx80 xxaa sa x oe# ce# six-byte code for sector-erase t se t wp note: this device also supports ce# controlled sector-erase operation. the we# and ce# signals are interchageable as long as minimum timings are met. (see table 17) sa x = sector address a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 wp# must be held in proper logic state (v il or v ih ) 1 s prior to and 1 s after the command sequence x can be v il or v ih , but no other value
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 19 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 11: s oftware id e ntry and r ead figure 12: cfi q uery e ntry and r ead 1223 f11.2 address a 14-0 t ida dq 15-0 we# sw0 sw1 sw2 5555 2aaa 5555 0000 0001 oe# ce# three-byte sequence for software id entry t wp t wph t aa 00bf device id xx55 xxaa xx90 note: device id = 234bh for 39vf1601, 234ah for 39vf1602, 235bh for 39vf3201, 235ah for 39vf3202, 236bh for 39vf6401, and 236ah for 39vf6402, wp# must be held in proper logic state (v il or v ih ) 1 s prior to and 1 s after the command sequence x can be v il or v ih , but no other value 1223 f12.1 address a 14-0 t ida dq 15-0 we# sw0 sw1 sw2 5555 2aaa 5555 oe# ce# three-byte sequence for cfi query entry t wp t wph t aa xx55 xxaa xx98 note: wp# must be held in proper logic state (v il or v ih ) 1 s prior to and 1 s after the command sequence x can be v il or v ih , but no other value
20 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 13: s oftware id e xit /cfi e xit figure 14: s ec id e ntry 1223 f13.0 address a 14-0 dq 15-0 t ida t wp t whp we# sw0 sw1 sw2 5555 2aaa 5555 three-byte sequence for software id exit and reset oe# ce# xxaa xx55 xxf0 note: wp# must be held in proper logic state (v il or v ih ) 1 s prior to and 1 s after the command sequence x can be v il or v ih , but no other value 1223 f20.1 address a ms-0 t ida dq 15-0 we# sw0 sw1 sw2 5555 2aaa 5555 oe# ce# three-byte sequence for cfi query entry t wp t wph t aa xx55 xxaa xx88 note: a ms = most significant address a ms = a 19 for sst39vf1601/1602, a 20 for sst39vf3201/3202, and a 21 for sst39vf6401/6402 wp# must be held in proper logic state (v il or v ih ) 1 s prior to and 1 s after the command sequence x can be v il or v ih , but no other value.
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 21 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 15: rst# t iming d iagram (w hen no internal operation is in progress ) figure 16: rst# t iming d iagram (d uring p rogram or e rase operation ) 1223 f22.1 rst# ce#/oe# t rp t rhr 1223 f23.0 rst# ce#/oe# t rp t ry end-of-write detection (toggle-bit)
22 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 17: ac i nput /o utput r eference w aveforms figure 18: a t est l oad e xample 1223 f14.0 reference points output input v it v iht v ilt v ot ac test inputs are driven at v iht (0.9 v dd ) for a logic ?1? and v ilt (0.1 v dd ) for a logic ?0?. measurement reference points for inputs and outputs are v it (0.5 v dd ) and v ot (0.5 v dd ). input rise and fall times (10% ? 90%) are <5 ns. note: v it - v input te s t v ot - v output te s t v iht - v input high test v ilt - v input low test 1223 f15.0 to tester to dut c l
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 23 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 19: w ord -p rogram a lgorithm 1223 f16.0 start load data: xxaah address: 5555h load data: xx55h address: 2aaah load data: xxa0h address: 5555h load word address/word data wait for end of program (t bp , data# polling bit, or toggle bit operation) program completed x can be v il or v ih , but no other value
24 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 20: w ait o ptions 1223 f17.0 wait t bp , t sce, t se or t be program/erase initiated internal timer toggle bit ye s ye s no no program/erase completed does dq 6 match? read same word data# polling program/erase completed program/erase completed read word is dq 7 = true data? read dq 7 program/erase initiated program/erase initiated
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 25 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 21: s oftware id/cfi e ntry c ommand f lowcharts 1223 f21.0 load data: xxaah address: 5555h software product id entry command sequence load data: xx55h address: 2aaah load data: xx90h address: 5555h wait t ida read software id load data: xxaah address: 5555h cfi query entry command sequence load data: xx55h address: 2aaah load data: xx98h address: 5555h wait t ida read cfi data load data: xxaah address: 5555h sec id query entry command sequence load data: xx55h address: 2aaah load data: xx88h address: 5555h wait t ida read sec id x can be v il or v ih , but no other value
26 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 22: s oftware id/cfi e xit c ommand f lowcharts 1223 f18.1 load data: xxaah address: 5555h software id exit/cfi exit/sec id exit command sequence load data: xx55h address: 2aaah load data: xxf0h address: 5555h load data: xxf0h address: xxh return to normal operation wait t ida wait t ida return to normal operation x can be v il or v ih , but no other value
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 27 ?2005 silicon storage technology, inc. s71223-04-000 11/05 figure 23: e rase c ommand s equence 1223 f19.0 load data: xxaah address: 5555h chip-erase command sequence load data: xx55h address: 2aaah load data: xx80h address: 5555h load data: xx55h address: 2aaah load data: xx10h address: 5555h load data: xxaah address: 5555h wait t sce chip erased to ffffh load data: xxaah address: 5555h sector-erase command sequence load data: xx55h address: 2aaah load data: xx80h address: 5555h load data: xx55h address: 2aaah load data: xx30h address: sa x load data: xxaah address: 5555h wait t se sector erased to ffffh load data: xxaah address: 5555h block-erase command sequence load data: xx55h address: 2aaah load data: xx80h address: 5555h load data: xx55h address: 2aaah load data: xx50h address: ba x load data: xxaah address: 5555h wait t be block erased to ffffh x can be v il or v ih , but no other value
28 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 product ordering information valid combinations for sst39vf1601 sst39vf1601-70-4c-ek sst39vf1601-70-4c-b3k sst39vf1601-70-4c-eke sst39vf1601-70-4c-b3ke sst39vf1601-90-4c-ek sst39vf1601-90-4c-b3k sst39vf1601-90-4c-eke sst39vf1601-90-4c-b3ke sst39vf1601-70-4i-ek sst39vf1601-70-4i-b3k sst39vf1601-70-4i-eke sst39vf1601-70-4i-b3ke sst39vf1601-90-4i-ek sst39vf1601-90-4i-b3k sst39vf1601-90-4i-eke sst39vf1601-90-4i-b3ke environmental attribute e 1 = non-pb package modifier k = 48 balls or leads package type e = tsop (type1, die up, 12mm x 20mm) b3 = tfbga (6mm x 8mm, 0.8mm pitch) b1 = tfbga (8mm x 10mm, 0.8mm pitch) temperature range c = commercial = 0c to +70c i = industrial = -40c to +85c minimum endurance 4 = 10,000 cycles read access speed 70 = 70 ns 90 = 90 ns hardware block protection 1 = bottom boot-block 2 = top boot-block device density 160 = 16 mbit 320 = 32 mbit 640 = 64 mbit voltag e v = 2.7-3.6v product series 39 = multi-purpose flash 1. environmental suffix ?e? denotes non-pb solder. sst non-pb solder devices are ?rohs compliant?. sst 39 vf 6402 - 70 - 4c - ek e xx x xxxx x - xxx -x x -xx x x
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 29 ?2005 silicon storage technology, inc. s71223-04-000 11/05 valid combinations for sst39vf1602 sst39vf1602-70-4c-ek sst39vf1602-70-4c-b3k sst39vf1602-70-4c-eke sst 39vf1602-70-4c-b3ke sst39vf1602-90-4c-ek sst39vf1602-90-4c-b3k sst39vf1602-90-4c-eke sst 39vf1602-90-4c-b3ke sst39vf1602-70-4i-ek sst39vf1602-70-4i-b3k sst39vf1602-70-4i-eke sst39vf1602-70-4i-b3ke sst39vf1602-90-4i-ek sst39vf1602-90-4i-b3k SST39VF1602-90-4I-EKE sst39vf1602-90-4i-b3ke valid combinations for sst39vf3201 sst39vf3201-70-4c-ek sst39vf3201-70-4c-b3k sst39vf3201-70-4c-eke sst39vf3201-70-4c-b3ke sst39vf3201-90-4c-ek sst39vf3201-90-4c-b3k sst39vf3201-90-4c-eke sst39vf3201-90-4c-b3ke sst39vf3201-70-4i-ek sst39vf3201-70-4i-b3k sst39vf3201-70-4i-eke sst39vf3201-70-4i-b3ke sst39vf3201-90-4i-ek sst39vf3201-90-4i-b3k sst39vf3201-90-4i-eke sst39vf3201-90-4i-b3ke valid combinations for sst39vf3202 sst39vf3202-70-4c-ek sst39vf3202-70-4c-b3k sst39vf3202-70-4c-eke sst 39vf3202-70-4c-b3ke sst39vf3202-90-4c-ek sst39vf3202-90-4c-b3k sst39vf3202-90-4c-eke sst 39vf3202-90-4c-b3ke sst39vf3202-70-4i-ek sst39vf3202-70-4i-b3k sst39vf3202-70-4i-eke sst39vf3202-70-4i-b3ke sst39vf3202-90-4i-ek sst39vf3202-90-4i-b3k sst39vf3202-90-4i-eke sst39vf3202-90-4i-b3ke valid combinations for sst39vf6401 sst39vf6401-70-4c-ek sst39vf6401-70-4c-b1k sst39vf6401-70-4c-eke sst39vf6401-70-4c-b1ke sst39vf6401-90-4c-ek sst39vf6401-90-4c-b1k sst39vf6401-90-4c-eke sst39vf6401-90-4c-b1ke sst39vf6401-70-4i-ek sst39vf6401-70-4i-b1k sst39vf6401-70-4i-eke sst39vf6401-70-4i-b1ke sst39vf6401-90-4i-ek sst39vf6401-90-4i-b1k sst39vf6401-90-4i-eke sst39vf6401-90-4i-b1ke valid combinations for sst39vf6402 sst39vf6402-70-4c-ek sst39vf6402-70-4c-b1k sst39vf6402-70-4c-eke sst 39vf6402-70-4c-b1ke sst39vf6402-90-4c-ek sst39vf6402-90-4c-b1k sst39vf6402-90-4c-eke sst 39vf6402-90-4c-b1ke sst39vf6402-70-4i-ek sst39vf6402-70-4i-b1k sst39vf6402-70-4i-eke sst 39vf6402-70-4i-b1ke sst39vf6402-90-4i-ek sst39vf6402-90-4i-b1k sst39vf6402-90-4i-eke sst 39vf6402-90-4i-b1ke note: valid combinations are those products in mass producti on or will be in mass production. consult your sst sales representative to confirm availability of valid combinat ions and to determine availability of new combinations.
30 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 packaging diagrams 48- lead t hin s mall o utline p ackage (tsop) 12 mm x 20 mm sst p ackage c ode : ek 1.05 0.95 0.70 0.50 18.50 18.30 20.20 19.80 0.70 0.50 12.20 11.80 0.27 0.17 0.15 0.05 48-tsop-ek-8 note: 1. complies with jedec publication 95 mo-142 dd dimensions, although some dimensions may be more stringent. 2. all linear dimensions are in millimeters (max/min). 3. coplanarity: 0.1 mm 4. maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads. 1.20 max. 1mm 0?- 5? detail pin # 1 identifier 0. 50 bsc
data sheet 16 mbit / 32 mbit / 64 mb it multi-purpose flash plus sst39vf1601 / sst39v f3201 / sst39vf6401 sst39vf1602 / sst39v f3202 / sst39vf6402 31 ?2005 silicon storage technology, inc. s71223-04-000 11/05 48- ball t hin - profile , f ine - pitch b all g rid a rray (tfbga) 6 mm x 8 mm sst p ackage c ode : b3k a1 corner h g f e d c b a a b c d e f g h bottom view top view side view 6 5 4 3 2 1 6 5 4 3 2 1 seating plane 0.35 0.05 1.10 0.10 0.12 6.00 0.20 0.45 0.05 (48x) a1 corner 8.00 0.20 0.80 4.00 0.80 5.60 48-tfbga-b3k-6x8-450mic-4 note: 1. complies with jedec publication 95, mo-210, variant 'ab-1', although some dimensions may be more stringent. 2. all linear dimensions are in millimeters. 3. coplanarity: 0.12 mm 4. ball opening size is 0.38 mm ( 0.05 mm) 1mm
32 data sheet 16 mbit / 32 mbit / 64 mbit multi-purpose flash plus sst39vf1601 / sst39 vf3201 / sst39vf6401 sst39vf1602 / sst39 vf3202 / sst39vf6402 ?2005 silicon storage technology, inc. s71223-04-000 11/05 48- ball t hin - profile , f ine - pitch b all g rid a rray (tfbga) 8 mm x 10 mm sst p ackage c ode : b1k table 18: r evision h istory number description date 00 ? initial release mar 2003 01 ? corrected pin 15 from a20 to nc for sst39vf160x in figure 1 on page 6 apr 2003 02 ? changed data sheet title jun 2003 03 ? 2004 data book ? updated the b3k and b1k package diagrams ? added non-pb mpns and removed footnote. (see page 28) nov 2003 04 ? added rohs compliance information on page 1 and in the ?product ordering infor- mation? on page 28 ? corrected the solder temperature profile in ?absolute maximum stress ratings? on page 12 ? changed product status from ?preliminary specifications? to ?data sheet? nov 2005 a1 corner bottom view top view 8.00 0.20 a1 corner 10.00 0.20 h g f e d c b a a b c d e f g h 6 5 4 3 2 1 0.45 0.05 (48x) 0.80 4.00 0.80 5.60 48-tfbga-b1k-8x10-450mic-4 note: 1. although many dimensions are similar to those of jedec publication 95, mo-210, this specific package is not registere d. 2. all linear dimensions are in millimeters. 3. coplanarity: 0.12 mm 4. ball opening size is 0.38 mm ( 0.05 mm) 6 5 4 3 2 1 1mm side view seating plane 0.35 0.05 1.10 0.10 0.12 silicon storage technology, inc. ? 1171 sonora court ? sunnyvale, ca 94086 ? telephone 408-735-9110 ? fax 408-735-9036 www.superflash.com or www.sst.com


▲Up To Search▲   

 
Price & Availability of SST39VF1602-90-4I-EKE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X