Part Number Hot Search : 
BU252 13009 TPQ6100 13036 BU407F AMS3406 EEH2513 FDD6512
Product Description
Full Text Search
 

To Download SA2003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SA2003 hangzhou?silan?microelectronics?co.,ltd ?rev:?1.3??????2004.07.31 http:?www.silan.com.cn???????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?1?of?8 block?diagram absolute?maximum?ratings (t amb =25 c) characteristic symbol ratings unit supply?voltage v cc 8 v dip-16 750 power?dissipation sop-16 pd?(note) 350 mw operating?temperature t opr -25~75 c storage?temperature t stg -55~150 c note:?derated?above?t amb =25 c?in?the?proportion?of?6mw/ c?for?SA2003?and?of?2.8?mw/ c?for?sa2002s. am/fm?radio?receiver description the? SA2003? is? am/fm? radio? ic? (fm? f/e+am/fm? if)? which? is designed? for? am/fm? radios.? combining? with? the? utc7368? (mono? pw ic),?a?suitable?am/fm?radio?system?is?able?to?be?constituted. features *?fm?ift,?am?ift?and?fm?detector?coil?are?not?needed. *?pin?compatible?of?ta8164p. *?operating?supply?voltage?range:?v cc (opr)=1.8~7v?(t a =25 c) ordering?information device package SA2003 dip-16-300-2.54 SA2003s sop-16-225-1.27 dip-16-300-2.54 sop-16-225-1.27
SA2003 hangzhou?silan?microelectronics?co.,ltd ?rev:?1.3??????2004.07.31 http:?www.silan.com.cn???????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?2?of?8 electrical?characteristics ?(unless?otherwise?specified,?t a =25c,?v cc =3?v,??f/e?:?f=98?mhz,?fm=1 khz?;?fm?if?:?f=10.7?mhz, d f?= 22.5?khz,?fm=?1khz?;am?:?f=1mhz,?mod=30%,?fm=1khz) pin?configuration characteristic symbol test?condition min. typ. max. unit i cc ?(fm)? fm?mode,?vin=0 -- 10.5 16.5 supply?current i cc ?(am)? am?mode,?vin=0 -- 5.0 8.0 ma input?limiting?voltage vin(lim) - 3db?limiting?point -- 12 -- db m v emf quiescent?sensitivity qs s/n = 40db -- 12 -- db m v emf local?osc?voltage v osc ?f osc = 108?mhz 160 240 320 mvrms f/e local?osc?stop?voltage v stop (fm) vin=0 -- 1.2 -- v input?limiting?voltage v in( lim)?if -3db?limiting?point 42 47 52? db m v emf recovered?output?voltage v od vin?=?80db m v?emf 50 70 90 mvrms signal?to?noise?ratio s/n vin?=?80db m v?emf -- 62 -- db total?harmonic?distortion thd vin?=?80db m v?emf -- 0.4 -- % fm?if am?rejection?ratio amr? vin?=?80db m v?emf -- 33 -- db voltage?gain gv vin?=?27db m v?emf 15 32 50 mvrms recovered?output?voltage v od vin?=?60db m v?emf 35 60 85 mvrms signal?to?noise?ratio s/n vin?=?60db m v?emf -- 43 -- db total?harmonic?distortion thd vin?=?60db m v?emf -- 1.0 -- % am local?osc?stop?voltage v stop (am) vin=0 1.6 -- v
SA2003 hangzhou?silan?microelectronics?co.,ltd ?rev:?1.3??????2004.07.31 http:?www.silan.com.cn???????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?3?of?8 pin?description terminal?voltage?:?typical?dc?voltage?at?ta=25 c,vcc=3v?and??no?signal?with test?circuit?1 terminal?voltage?(v) pin?no. symbol internal?circuit am fm 1 fm?rf?in 15 1 2 1k ? 50?pf gnd1 fm-rf??out 0 0.7 2 gnd1 - 0 0 3 fm?mix am/fm sw 14 3 2 gnd1 0.4 1.7 4 am?mix v cc 6 9 4 gnd2 0.6 0 5 agc 5 9 gnd2 if?agc rf?agc agc 0 0 6 vcc - 3.0 3.0 7 am?if?in v cc 9 7 6 gnd2 2k ? 1k ? 3.0 3.0 (to?be?continued)
SA2003 hangzhou?silan?microelectronics?co.,ltd ?rev:?1.3??????2004.07.31 http:?www.silan.com.cn???????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?4?of?8 (continued) terminal?voltage?(v) pin?no. symbol internal?circuit am fm 8 fm?if?in v cc gnd2 6 9 8 330 ? 3.0 3.0 9 gnd2 - 0 0 10 quad v cc gnd2 6 9 10 2.5 2.2 11 det?out v cc 9 6 11 gnd2 a b a low??????fm,?high?????am b low??????am,?high?????fm 1.4 1.1 12 am?osc 6 alc 12 2 v cc gnd1 3.0 3.0 13 fm?osc 2 am/fm?sw gnd1 14 13 mix 0.9 3.0 (to?be?continued)
SA2003 hangzhou?silan?microelectronics?co.,ltd ?rev:?1.3??????2004.07.31 http:?www.silan.com.cn???????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?5?of?8 (continued) terminal?voltage?(v) pin?no. symbol internal?circuit am fm 14 am/fm?sw v cc 6 gnd2 14 9 0.9 3.0 15 fm?rf?out cf.?pin 7 3.0 3.0 16 am?rf?in 6 v cc 2 16 gnd1 3.0 3.0 test?circuit?1
SA2003 hangzhou?silan?microelectronics?co.,ltd ?rev:?1.3??????2004.07.31 http:?www.silan.com.cn???????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?6?of?8 test?circuit?2 coil?data turns coil?no. test freq. l ( m h) co (pf) qo 1-2 2-3 1-3 1-4 4-6 wire(mm) reference l1?fm?rf? 100mhz -- -- 100 -- -- -- 2 4 1 -- 0.5?uew (s)0258-000- 021 l2?fm?osc 100mhz -- -- 100 -- -- 1 4 3 -- -- 0.5?uew (s)0258-000- 020 l3?am?osc 796khz 268 -- 125 14 86 -- -- --? 0.06?uew (s)2157-2239- 213a (s):?sumida?electric?co.,?ltd. 3 1 3 2 1 3 4 6 l1,?l2 l3 v cc v.c. pin 12
SA2003 hangzhou?silan?microelectronics?co.,ltd ?rev:?1.3??????2004.07.31 http:?www.silan.com.cn???????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?7?of?8 package?outline dip-16-300-2.54 unit:?mm sop-16-225-1.27 unit:?mm


▲Up To Search▲   

 
Price & Availability of SA2003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X