Part Number Hot Search : 
209SP MPC56 APE8805 MAX3062 VMP6G 02659R FR90A AM27S
Product Description
Full Text Search
 

To Download MAAM26100-B1V7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 gaas mmic power amplifier 2.0 - 6.0 ghz rev. v7 maam26100-b1 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. features ?? saturated power: 30.5 dbm typical ?? gain: 19 db typical ?? power added efficiency: 30% ?? dc decoupled rf input and output ?? lead-free 7-lead ceramic package ?? rohs* compliant and 260c reflow compatible description the maam26100-b1 is a gaas mmic two stage high efficiency power amplifier in a small, lead-free, 7-leadceramic package. the maam26100-b1 is a fully monolithic design which eliminates the need for external circuitry in 50-ohm systems. the maam26100-b1 is ideally suited for driver amplifiers and transmitter outputs in umts applications, test equipment, electronic warfare jammers, missile subsystems and phased array radars. the maam26100-b1 is fabricated using a mature 0.5-micron gate length gaas process. the process features full passivation for increased performance reliability. ordering information part number package maam26100-b1 7 lead, ceramic (cr-2) maam26100-b1g 7 lead, ceramic (cr-2) with gull wing pin configuration pin no. function pin no. function 1 v gg 5 v d1 2 rf output 6 internal ground 3 internal ground 7 rf input 4 v d2 absolute maximum ratings 1,2 parameter absolute maximum v dd +9 v v gg -6 v to -3 v rf input power +17 dbm channel temperature 150c storage temperature -65c to +150c 1. exceeding any one or combination of these limits may cause permanent damage to this device and will void product warranty. 2. m/a-com tech does not recommend sustained operation near these survivability limits. 3. nominal bias is obtained by first connecting ?5 volts to pin 1 (v gg ), followed by connecting +8 volts to pin 5 (v d1 ) and pin 4 (v d2 ). note sequence. 4. rf ground and thermal interface are the case bottom. adequate heat sinking is required. functional diagram 3,4 7 rf in 2 rf out v gg 1 6 3 v dd 1000 pf 1000 pf 4 5 * restrictions on hazardous substanc es, european union directive 2002/95/ec.
2 gaas mmic power amplifier 2.0 - 6.0 ghz rev. v7 maam26100-b1 ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.43537383 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. electrical specifications: t a = 25c, v dd = +8 v, v gg = -5 v, z 0 = 50 ? parameter test conditions units min. typ. max. small signal gain 2 - 6 ghz db 15 19 ? input vswr input power +14 dbm, 2 - 6 ghz ratio ? 1.7:1 2.1:1 output vswr input power +14 db m, 2 - 6 ghz ratio ? 2.2:1 ? saturated output power input power +14 dbm, 2 - 6 ghz dbm 29 30.5 ? output power at 1 db gain compression 2 - 6 ghz dbm ? 27 ? power added efficiency ? % ? 30 ? third order intercept 2 - 6 ghz dbm ? 39 ? reverse isolation 2 - 6 ghz db ? 30 ? i dsq no rf ma ? 390 ? i ds input power +14 dbm ma 300 475 650 i gg input power +14 dbm ma ? 10 ? thermal resistance 5 ? c/w ? 16.5 ? 5. attachment method not included. lead-free cr-2 ? lead-free cr-2 w/ gull wing ? ? reference application note m538 for l ead-free solder reflow recommendations. meets jedec moisture sensitivity level 1 requirements.


▲Up To Search▲   

 
Price & Availability of MAAM26100-B1V7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X