Part Number Hot Search : 
X5083PI 46C12 2SA185 YMD564 U30D60C 0S102 E006963 AD8183
Product Description
Full Text Search
 

To Download IN75232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data IN75232n/d eia-232-d interface 1 chip ic description the IN75232n, IN75232d are m onolithic device containing 3 independent drives and 5 receivers. these are designed to interface between date term inal equipm ent and date com m unication equipm ent as designed by eia-232-d. v cc- ra 5 dy 3 ra 4 dy 2 dy 1 ra 3 ra 2 ra 1 v cc+ 10 9 8 7 6 5 4 3 2 1 11 12 13 14 15 16 17 18 19 20 gn d ry 5 da 3 ry 4 da 2 da 1 ry 3 ry 2 ry 1 v cc bl o c k d i a g r a m i l 75 23 2n , i l 75 232 d i n 75232n , i n75232d features ? meets standard eia-232-d (revision of rs-232-c) ? designed to support data rate up to 120kbps ? drivers - current lim ited output 10 m a ty pical - power-off output im pedance 300 ? min - slew rate control by load capacitor - flexible supply voltage range - input com p atible with most ttl and dtl circuits ? receivers - input resistance 3 k ? to 7 k ? - input signal range 30 v - built-in input hy steresis (double threshold) ? 20 dip/so20: s-001ad (IN75232n) / s-013a (IN75232d) pin description nam e pin no function nam e pin no function v cc+ 1 driver section supply + v cc- 10 driver section supply - d a 1 1 6 d y 1 5 d a 2 1 5 d y 2 6 driver o u t p u t d a 3 1 3 d r i v e r i n p u t d y 3 8 v cc 20 receiver section supply gnd 11 ground r a 1 2 r y 1 1 9 r a 2 3 r y 2 1 8 ra3 4 receiver input ry3 17 receiver output r a 4 7 r y 4 1 4 r a 5 9 r y 5 1 2 1
IN75232 absolute maximum ratin gs sy m b o l p a r a m e t e r r a t i n g u n i t v cc+ supply voltage 15 v v cc- supply voltage -15 v v cc supply voltage 10 v vi (driver) input voltage -15 +7 v vi (reciver) input voltage 30 v vo (driver) output voltage -15 +15 v pt continuous power dissipation (below 25 o c ) 1 . 0 w t stg storage tem p erature -65 +175 o c t o p o p e r a t i n g tem p e r a t u r e 0 +75 o c schematic v cc - 300 70 6.2 8.2 70 7 10 3.6 v cc + da dy dri ver res e i v e r 10 2 4 2 5 9 v cc da dy 2
IN75232 electrical characteristics supply current v cc = 5v, t a = 25 o c sy m b o l p a r a m e t e r test c o n d i t i o n s m i n m a x u n i t i cc+ supply current v cc+ = 9 v v in = 1.9v 15 m a f r o m v cc+ no load v in = 0.8v 4.5 v cc+ = 12 v v in = 1.9v 19 no l o a d v in = 0.8v 5.5 v cc+ = 15 v v in = 1.9v 25 no l o a d v in = 0.8v 9 i cc- supply current v cc- = -9 v v in = 1.9v -15 m a f r o m v cc- no load v in = 0.8v -3.2 v cc- = -12 v v in = 1.9v -19 no l o a d v in = 0.8v -3.2 v cc- = -15 v v in = 1.9v -25 no l o a d v in = 0.8v -3.2 i cc supply current v cc = 5 v v in = 5.0v 30 m a f r o m v cc driver section sy m b o l p a r a m e t e r test c o n d i t i o n s m i n m a x u n i t v ih high level v cc+ = 9 v 1.9 v i n p u t v o l t a g e v cc- = -9 v v il low level 0.8 v i n p u t v o l t a g e v oh high level v il = 0.8v v cc+ = 9 v 6 v o u t p u t v o l t a g e rl = 3 k ? v cc- = -9 v v cc+ = 13.2 v 9 v cc- = -13.2 v v ol low level v ih = 1.9v v cc+ = 9 v -6 v o u t p u t v o l t a g e rl = 3 k ? v cc- = -9 v v cc+ = 13.2 v -9 v cc- = -13.2 v i ih high level v i = 5v 10 a i n p u t c u r r e n t i il low level v i = 0 -1.6 m a i n p u t c u r r e n t i os(h) short circuit v i = 0.8v -6 -12 m a o u t p u t c u r r e n t v o = 0 at high level i os(l) short circuit v i = 1.9v 6 12 m a o u t p u t c u r r e n t v o = 0 at low level r o output resistance, v cc+ = 0, v cc- = 0 300 ? p o w e r o f f v o = -2v to 2v 3
IN75232 driver sw itching characteristic v cc+ = 9v, v cc- = -9v t a = 25 o c sy m b o l p a r a m e t e r t e s t c o n d i t i o n s m i n m a x u n i t t plh propagation delay tim e , rl = 3 k ? 5 0 0 n s l o w - t o - h i g h - l e v e l o u t p u t cl = 15 f t phl propagation delay tim e , 175 ns high -to- low -level output see figure 1 t tlh transition tim e , 100 ns low-to-high-level output * t thl transition tim e , 75 ns high -to- low -level output* t tlh transition tim e , rl = 3 k ? to 7 k ? 2.5 s l o w - t o - h i g h - l e v e l o u t p u t * * cl = 2500 f ( t i p ) t thl transition tim e , 3.0 s high-to-low -level output** see figure 1 (tip) *- measured between 10 % and 90 % points of output waveform ** - measured between +3v and -3v points on the output waveform (eia-232-d condition) receiver section sy m b o l p a r a m e t e r t e s t c o n d i t i o n s m i n m a x u n i t v t + p o s i t i v e - g o i n g 1 . 7 5 2 . 2 5 v t h r e s h o l d v o l t a g e v t - n e g a t i v e - g o i n g 0 . 7 5 1 . 2 5 v t h r e s h o l d v o l t a g e v oh high level output v i = 0.75v, i ol = - 0.5m a 2 . 6 5 v v o l t a g e input o p e n , 2 . 6 5 i ol = -0.5 m a v ol low level output voltage v i = 3v, i ol = 10 m a 0.45 v i ih high-level input current v i = 25v 3.6 8.3 m a v i = 3v 0.43 i il low-level input current v i = -25v -3.6 -8.3 m a v i = -3v -0.43 i os short-circuit -3 m a o u t p u t c u r r e n t ( t i p ) receiver sw itching characteristic v cc = 5v sy m b o l p a r a m e t e r t e s t c o n d i t i o n s m i n m a x u n i t t plh propagation delay tim e , c l = 15 f 1 5 0 n s l o w - t o - h i g h - l e v e l o u t p u t r l = 3.9 k ? t phl propagation delay tim e , c l = 15 f 5 0 n s high -to- low -level output r l = 390 k ? t tlh transition tim e , c l = 15 f 1 7 5 n s low-to-high-level output r l = 3.9 k ? t thl transition tim e , c l = 15 f 2 0 n s high -to- low -level output r l = 390 k ? 4
IN75232 parameter measurement information dri ver c l r l te s t c i r c u i t out p u t pu l s e gene r a t o r (s e e n o te a ) res e i v e r v cc c l r1 te s t c i r c u i t out p u t ( se e no te c ) pu l s e gene r a t o r (s e e n o te a ) v o lt ag e wa v e f o rm in t p u t 50% 50% 1.5v 1.5v 3v v ol v oh ov 10n s t phl t pl h t tl h t th l out p u t t w = 25 s, vo lt age wa v e f o r m in t p u t 1.5v 1.5v 50% 10% 10% 90% 90% 50% 3v v ol v oh ov 10n s t ph l t pl h t tl h t th l out p u t note a. the pulse generator has the following characteristics. f = 200 khz, z o = 50 ? b. c included probe and jig capacitance. c. all diodes are 1n3064 or equivalent. fig1. propagation and transition tim e s typical application db 9 5 si o c a r d i l a 7 5232 n , d 9 8 6 7 5 4 3 2 1 +5 v tx ct s dt r ri -1 2 v /r i /d t r so u t /c t s rx rt s /r t s s i n ds r dc d +1 2 v /d c d /d s r ua r t IN75232n, d 5
IN75232 n s u f f i x p l as t i c d i p (m s - 0 0 1 a d) sy m b o l m i n m a x a 24. 8 9 26. 92 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 3 a c) sy m b o l m i n m a x a 12. 6 1 3 b 7. 4 7 . 6 c 2. 35 2. 65 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h no t e s : j 0 8 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r pr o t r u s i on . k 0. 1 0 . 3 2. m a x i m u m m o l d fl a s h o r p r o t ru s i o n 0 . 1 5 m m (0 . 0 0 6 ) p e r s i d e m 0. 23 0. 32 f o r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . p 10 10. 65 r 0. 25 0. 75 d i me n s i o n , mm 1. 27 9. 53 d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0.2 5 ( 0 . 0 1 0 ) m t -t - 1 20 10 11 l h m j a b f g d se a t i n g pl an e n k 0.2 5 ( 0 . 010) m t -t - c 1 20 10 11 6


▲Up To Search▲   

 
Price & Availability of IN75232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X