Part Number Hot Search : 
R0402 93C46 TK13A60D 68332 BSW66 NTH1209M MIW4024 P6KE47
Product Description
Full Text Search
 

To Download EM7122XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to order, please specify pan overseas part no. as the following example ?g ? temperature characteristics code ?g ch (npo) sl b (y5p) e (z5u) f (z5v) x (x7r) ry (y5r) fy (y5v) t. c. (p p m/ j ) or cap. change % 0 60ppm + 350 - 12000ppm 10% + 22% -56% + 22% - 82% 15% 15% + 22% - 82% ? rated voltage ?g b t u a c m m2 m3 voltage 16v 25v 50v 100v 500v 1000v 2000v 3000v ? part diameter(mm) ?g code diameter code diameter code diameter code diameter 5 5mm 8 8mm a 11mm d 14mm 6 6mm 9 9mm b 12mm e 15mm 7 7mm 0 10mm c 13mm f 16mm ? capacitance code ?g code capacitance (pf) code capacitance (pf) 010 1 102 1000 1r5 1.5 222 2200 100 10 472 4700 101 100 103 10000 ? lead configuration code-bulk & taping package configuration and dimension bulk lead code taping lead code kinked / straight lead space (f) lead length (l) remarks 2 straight 5.0mm 5 1mm 5 straight 2.5mm 25 mm min. 6 g or l straight 5.0mm 25mm min. g = ammo, l = reel 7 straight 6.4mm 25mm min. 8 inside kinked 5.0mm 5 1mm 9 h or r inside kinked 5.0mm 25 mm min. h = ammo, r = reel a straight 10.0mm 5 1mm b inside kinked 10.0mm 5 1mm c straight 10.0mm 25 mm min. ? high temperature soldering type. ? epoxy coating material is used on 2kv & 3kv parts only. ? tolerance code ?g code tolerance code tolerance c 0.25pf k 10% d 0.50pf m 20% j 5% z + 80-20% ceramic ? disc ? capacitor pan overseas how to order ? part number explanation ? ch u 5 100 j h h ? ? ? ? ? ? a a 1 3
features ?g capacitance has non-linear temperature coefficient. large capacitance in small size. epoxy coating for 2kv and 3kv parts. wide range of general purposes applications. general specification ?g capacitance range 100pf to 10000pf capacitance tolerance 10%, 20%, +80%-20% operating temperature range -25 j ~ 85 j (y5p), 10 j ~ 85 j (z5u,z5v) rated working voltage rating 1000,2000 & 3000 vdc dissipation factor (tan ) y5p,z5u??..tan ?? 2.5% z5v???.tan ?? 5.0% insulation resistance (ir) @ 25 j 10000m [ minimum or 200 m [ f whichever is smaller dielectric strength 2 times the rated wvdc testing parameters 1khz 20%, 1.0vrms 0.2vrms capacitance chart ?g capacitance dim. (mm) max. tem p. char. part diameter rated voltage range (pf) tol . d t f 6 100 ~ 1000 7.0 5.0 8 1200 ~ 1800 9.0 10 2200 ~ 2700 11.0 5.0 or 10.0 12 m (1kv) 3300 ~ 4700 13.0 10.0 6 150 ~ 270 7.5 5.0 8 330 ~ 1000 9.5 10 1200 ~ 1800 11.5 5.0 or 10.0 12 2200 ~ 2700 13.5 10.0 14 m2 (2kv) 4700 16.5 4.5 10.0 6 100 ~ 270 7.0 7 330 ~ 560 8.0 9 680 ~ 1000 10.0 11 1500 ~ 1800 12.0 13 2200 14.0 14 2700 ~ 3300 15.0 15 3900 16.0 b (y5p) 10% 17 m3 (3kv) 4700 k, m 18.0 6.0 7.5 or 10.0 capacitance dim.(mm)max. tem p. char. part diameter rated voltage range (pf) tol . d t f 6 1000 ~ 3300 7.0 5.0 8 3600 ~ 5600 9.0 10 m (1kv) 6800 ~ 10000 z 11.0 4.5 5.0 or 10.0 f (z5v) +22% -82% 12 m2 (2kv) 10000 z 13.5 4.5 10.0 when ordering, please use the pan overseas part number as indicated on page no. 13. capacitance dim. (mm) max. tem p. char. part diameter rated voltage range (pf) tol . d t f 6 100 ~ 2200 7.0 5.0 8 2700 ~ 4700 9.0 10 5600 ~ 6800 11.0 5.0 or 10.0 12 m (1kv) 8200 ~ 10000 13.0 10.0 8 2200 ~ 3300 9.5 10 3900 ~ 4700 11.5 5.0 or 10.0 14 m2 (2kv) 10000 16.5 4.5 10.0 6 1000 7.0 8 1500 ~ 2200 9.0 10 3300 11.0 11 3900 12.0 12 4700 13.0 14 5600 ~ 6800 15.0 e (z5u) +22% -56% 17 m3 (3kv) 10000 m,z 18.0 6.0 7.5 or 10.0 ceramic ? disc ? capacitor pan overseas hi - voltage 1k v ~ 3kv type 17
specification item symbol value tolerance remarks body diameter d 11.0 max body thickness t 3.5 max lead-wire diameter d 0.6 +0.06-0.05 pitch of component p 12.7 1.0 feed hole pitch p 0 12.7 0.3 cumulative pitch error ?g 1.0 mm/20 pitch feed hole center to lead p 1 3.85 0.7 to be measured at bottom of clinch hole center to component center p 2 6.35 1.3 lead-to lead distance f 5.0 +0.8 -0.2 component alignment, f-r. ? h 0 2.0 tape width w 18.0 +1.0 -0.5 hold-down tape width w 0 11.0 min hole position w 1 9.0 +0.75 -0.5 hold-down tape position w 2 3.0 max for straight lead type h 20.0 +1.0 -0.5 height of component form tape center for kinked lead type h 0 16.0 0.5 component height h 1 32.25 max lead-wire protrusion l 2.0 max feed hole diameter d 0 4.0 0.3 total tape thickness t 0.7 0.2 length of snipped lead l 11.0 max ground paper ?g 0.5 0.1 mm coating rundown on leads c 1.5 max these radial taped ceramic disc capacitors are designed espec ially for automatic insertion, and is only available for those parts have diameter of 11.0mm or smaller. ceramic ? disc ? capacitor pan overseas taping specification and dimension 1 9


▲Up To Search▲   

 
Price & Availability of EM7122XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X