Part Number Hot Search : 
UGF1004G AOW25S65 MTP6N6 NCP15 FSL3306 FM24C04 MEL8206 12N60C
Product Description
Full Text Search
 

To Download DVHF28512THB-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dvhf+2800t series 1x006dsj 11314 4th avenue west, suite 206 everett, wa 98204 http://www.vpt-inc.com sales information: phone: (425) 353-3010 fax: (425) 353-4030 e-mail: vptsales@vpt-inc.com 1 high reliability hybrid dc-dc converters description the dvhf+ series of high reliability dc-dc converters is operable over the full military (-55 c to +125 c) temperature range with no power derating. unique to the dvhf+ series is a fault tolerant magnetic feedback circuit. operating at a nominal fixed frequency of 325 khz per stage, these regulated, isolated units utilize well-controlled undervoltage lockout circuitry to eliminate slow start- up problems. these converters are designed and manufactured in a facility qualified to iso9001 and certified to mil- prf-38534 and mil-std-883. this product may incorporate one or more of the following u.s. patents: 5,784,266 5,790,389 5,963,438 5,999,433 6,005,780 6,084,792 6,118,673 features ? high reliability ? very low output noise ? wide input voltage range: 15 to 50 volts per mil-std-704 ? up to 15 watts output power ? fault tolerant magnetic feedback circuit ? no use of optoisolators ? undervoltage lockout ? indefinite short circuit protection ? current limit protection ? industry standard pinout ? high input transient voltage: 80 volts for 1 sec per mil-std-704a ? precision projection welded hermetic package ? high power density: > 37 w/in 3 ? custom versions available ? additional environmental screening available ? meets mil-std-461c and mil-std-461d emc requirements when used with a dvmh28 emi filter ? flanged and non-flanged versions available. ? mil-prf-38534 element evaluated components figure 1 ? dvhf+2800t / dvhf+2 800tf dc-dc converter ( not to scale )
dvhf+2800t series 1x006dsj 2 specifications (t case = -55c to +125c, v in = +28v 5%, full load 5 , unless otherwise specified) absolute maximum ratings input voltage (continuous) 50 v dc junction temperature rise to case +15c input voltage (transient, 1 second) 80 vo lts storage temperature -65c to +150c output power 15 watts lead solder temperature (10 seconds) 270c power dissipation (full load, t case = +125c) 6.5 watts weight (maximum) (un-flanged / flanged) (26 / 29) grams dvhf+28512t dvhf+28515t parameter conditions min typ max min typ max units static continuous 15 28 50 15 28 50 v input voltage transient, 1 sec 4 - - 80 - - 80 v inhibited - 3.5 5.0 - 3.5 5.0 ma current no load - - 50 - - 50 ma ripple current full load 5 , 20hz to 10mhz - 40 50 - 40 50 ma p-p inhibit pin input 4 0 - 1.5 0 - 1.5 v inhibit pin open circuit voltage 4 13 15 17 13 15 17 v uvlo turn on 10.5 - 14.5 10.5 - 14.5 v uvlo turn off 4 9 - 13 9 - 13 v v main 4.95 5.0 5.05 4.95 5.0 5.05 v +v aux 11.88 12.0 12.12 14.85 15.0 15.15 v -v aux t case = 25c -12.24 -12.0 -11.76 -15.30 -15.0 -14.70 v v main 4.85 5.0 5.15 4.85 5.0 5.15 v +v aux 11.64 12.0 12.36 14.55 15.0 15.45 v output voltage -v aux t case = -55c to +125c -12.48 -12.0 -11.52 -15.60 -15.0 -14.40 v total 0 - 15 0 - 15 w v main 0 - 7.5 0 - 7.5 w power 4 v aux 6 0 - 7.5 0 - 7.5 w v main 0 - 1.5 0 - 1.5 a current 3 v aux either output 6 0 - 0.44 0 - 0.35 a v main - 40 50 - 40 50 mv p-p ripple voltage v aux full load 5 , 20hz to 10mhz - 60 80 - 60 80 mv p-p v main - 10 20 - 10 20 mv line regulation v aux v in = 15v to 50v - 15 50 - 15 50 mv v main - 5 50 - 5 50 mv +v aux - 10 50 - 10 50 mv load regulation -v aux no load to full load 5,8 - 20 200 - 20 200 mv cross regulation v aux +v out = 30%, -v out = 70% +v out = 70%, -v out = 30% - - 450 - - 450 mv efficiency full load 5 74 77 - 74 77 - % overload 4 - - 7.5 - - 7.5 w load fault power dissipation short circuit - - 7.5 - - 7.5 w capacitive load 4 - - 500 - - 500 f switching frequency 550 650 700 550 650 700 khz synchronization frequency 7 700 750 800 700 750 800 khz isolation 500 v dc , t case = 25c 100 - - 100 - - m ? mtbf (mil-hdbk-217f) aif @ t c = 55c - 350 - - 350 - khrs
dvhf+2800t series 1x006dsj 3 specifications (t case = -55c to +125c, v in = +28v 5%, full load 5 , unless otherwise specified) absolute maximum ratings input voltage (continuous) 50 v dc junction temperature rise to case +15c input voltage (transient, 1 second) 80 vo lts storage temperature -65c to +150c output power 15 watts lead solder temperature (10 seconds) 270c power dissipation (full load, t case = +125c) 6.5 watts weight (maximum) (un-flanged / flanged) (26 / 29) grams dvhf+28512t dvhf+28515t parameter conditions min typ max min typ max units dynamic v main - 200 400 - 200 400 mv pk load step output transient v aux - 400 500 - 400 500 mv pk v main - 450 650 - 450 650 sec load step recovery 2 v aux half load to full load - 300 350 - 300 350 sec v main - 50 150 - 50 150 mv pk line step output transient 4 v aux - 150 250 - 150 250 mv pk v main - 100 200 - 100 200 sec line step recovery 2, 4 v aux v in = 15v to 50v - 100 200 - 100 200 sec turn on delay - - 17 - - 17 msec v main - - 25 - - 25 mv pk turn on overshoot v aux v in = 0v to 28v - - 50 - - 50 mv pk notes: 1. this note intentionally not used. 2. time for output voltage to settl e within 1% of its nominal value. 3. derate linearly to 0 at 135c. 4. verified by qualification testing. 5. 7.5w on v main and 7.5w on v aux . 6. up to 70% of the total auxilia ry power or current can be drawn fr om either of the auxiliary outputs. 7. synchronization is ttl signal with v sync max = 6v. 8. -v aux is 5% load to full load at -55c.
dvhf+2800t series 1x006dsj 4 block diagram primary housekeeping su ppl y dual pwm controller pin 1 inh transformer isolated power feedforward transformer isolated error signal feedback voltage error amplifiers secondary houskeeping supply in com pin 8 28v in pin 9 +v main pin 2 out com pin 3 +v aux pin 4 -v aux pin 5 sync pin 7 figure 2
dvhf+2800t series 1x006dsj 5 connection diagram 8 in com 1 inh 9 28v in 4 +v aux 3 out com load + - 28 vdc 5 -v aux load sync 7 2 +v main load figure 3 inhibit drive connection diagrams 8 in com 1 inh 9 28v in optional capacitor bias 14v 15k 8 in com 1 inh 9 28v in optional capacitor bias 14v 15k optoisolator figure 4 ? internal inhibit circuit and recommended drive figure 5 ? isolated inhibit drive (shown with optional capacitor for turn-on delay) (shown with optional capacitor for turn-on delay)
dvhf+2800t series 1x006dsj 6 emi filter hookup diagram 8 in com 1 inh 9 28v in 4 +v aux 3 out com load + - 28 vdc 2 28v out 4 out com 1 28v in 5 in com 3 dvmh28 emi filter 6 dvhf+2800t dc-dc converter case 5 -v aux load sync 7 2 +v main load figure 6 ? converter with emi filter
dvhf+2800t series 1x006dsj 7 efficiency performance curves (t case = 25c) v in = 15v v in = 28v v in = 50v figure 7 ? dvhf+28512t efficiency (%) vs. output power (w) figure 8 ? dvhf+28515t efficiency (%) vs. output power (w)
dvhf+2800t series 1x006dsj 8 emi performance curves (t case = 25c, v in = +28v 5%, full load, unless otherwise specified) figure 9 ? dvhf+2800t without emi filter figure 10 ? dvhf+2800t with emi filter
dvhf+2800t series 1x006dsj 9 package specifications (non-flanged) top view side view pin function 1 inhibit 2 +v main 3 out com 4 +v aux 5 -v aux 6 case 7 sync 8 in com 9 28v in bottom view figure 11 ? non-flanged package and pinout (dimensional limits are 0.005? unless otherwise stated)
dvhf+2800t series 1x006dsj 10 package specifications (flanged) top view side view pin function 1 inhibit 2 +v main 3 out com 4 +v aux 5 -v aux 6 case 7 sync 8 in com 9 28v in bottom view figure 12 ? flanged package and pinout (dimensional limits are 0.005? unless otherwise stated)
dvhf+2800t series 1x006dsj 11 package pin description pin function description 1 inhibit logic low = disabled output. connecting the inhibit pin to input common causes converter shutdown. logic high = enabled output. unconnected or open collector ttl. 2 +v main positive main output voltage connection 3 out com output common connection 4 +v aux positive auxiliary output voltage connection 5 -v aux negative auxiliary output voltage connection 6 case case connection 7 sync synchronization signal 8 in com input common connection 9 28v in positive input voltage connection
dvhf+2800t series 1x006dsj 12 environmental screening (100% tested per mil-std-883 as referenced to mil-prf-38534) notes: 1. 100% r&r testing at ?55c, +25c, and +125 c with all test data included in product shipment. 2. pind test certificate of co mpliance included in product shipment. 3. radiographic test cert ificate of compliance and film(s) included in product shipment. screening mil-std-883 standard (no suffix) extended /es hb /hb class h /h class k /k non- destructive bond pull method 2023 ? ? ? ? ? internal visual method 2017, 2032 internal procedure ? ? ? ? ? temperature cycling method 1010, condition c method 1010, -55c to 125c ? ? ? ? constant acceleration method 2001, 3000g, y1 direction method 2001, 500g, y1 direction ? ? ? ? pind method 2020, condition a 2 ? pre burn-in electrical 100% at 25c ? burn-in method 1015, 320 hours at +125c method 1015, 160 hours at +125c 96 hours at +125c 24 hours at +125c ? ? ? ? ? final electrical mil-prf-38534, group a 1 100% at 25c ? ? ? ? ? hermeticity method 1014, fine leak, condition a method 1014, gross leak, condition c dip (1 x 10 -3 ) ? ? ? ? ? ? ? ? ? radiography method 2012 3 ? external visual method 2009 ? ? ? ? ?
dvhf+2800t series 1x006dsj 13 ordering information dvhf+ 28 5 12 t f /hb - xxx 1 2 3 4 5 6 7 8 (1) (2) (3) (4) product series nominal input voltage main output voltage auxiliary output voltages dvhf+ 28 28 volts 5 + 5 volts 12 15 12 volts 15 volts (5) (6) (7) (8) number of outputs package option screening code 1,2 additional screening code t triple none f non-flanged flanged none /es /hb /h /k standard extended hb class h class k contact sales notes: 1. contact the vpt inc. sales department for availability of class h (/h) or class k (/k) qualified products. 2. vpt inc. reserves the right to ship higher screen ed or smd products to meet lower screened orders at our sole discretion unless specifically forbidden by customer contract. please contact your sales representative or the vpt inc. sales department for more information concerning additional environmental screening and testing, different input voltage, output voltage, power requirement, source inspection, and/or special element evaluation for space or other higher quality applications.
dvhf+2800t series 1x006dsj 14 smd (standard microci rcuit drawing) numbers standard microcircuit drawing (smd) dvhf+2800t series similar part number *t.b.d. dvhf+28512t/h dvhf+28512tf/h *t.b.d. dvhf+28515t/h dvhf+28515tf/h do not use the dvhf+2800t series similar part number for smd product acquisition. it is listed for reference only. for exact specifications for the smd product, refer to the smd drawing. smd?s can be downloaded from the dscc website at http://www.dscc.dla.mil/programs/smcr/ . the smd number listed above is for mil-prf-38534 class h screening, standard gold plated lead finish, and no rha (radiation hardness assurance) level. please reference the smd for other screening levels, lead finishes, and radiation levels. contact information to request a quotation or place orders please contact your sales representative or the vpt inc. sales department at: phone : (425) 353-3010 fax : (425) 353-4030 e-mail : vptsales@vpt-inc.com all information contained in this datasheet is believed to be accurate, however, no responsibility is assumed for possible erro rs or omissions. the products or specifications cont ained herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of DVHF28512THB-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X