Part Number Hot Search : 
NN1002 MBRB4030 C1472 02584 HAL1822 SAA7185 T55M6 R09L03
Product Description
Full Text Search
 

To Download AP3842G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  green mode pwm contro ller ap384xg data sheet 1 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited general description the ap384xg is a green mo de pwm controller. it is specially designed for off- line ac-dc adapter and bat- tery charger applications where both needs for low standby power and high efficiency in normal operation are required. in a well designed product, the ap384xg is capable to allow the system consuming only 0.5w power in standby mode. in normal operation, the ap384xg features adjustable frequency by using an external resistor and capacitor combination. when output power falls below a given level, the ic automatically switches to the skip mode, which works by skipping switching cycles. the ap384xg also features low start-up and low standby operating current for its special topology. the ap384xg provides accu rate protection against over-temperature, over-current and maximal output power. the ap384xg is availabl e in soic-8 and dip-8 packages. features green mode pwm controller to support the "blue angel" norm adjustable skip cycle mode operation low start-up current: 50 a (typ.) low standby operating current: 6ma internal leading edge blanking adjustable oscillator frequency up to 500khz totem pole output under voltage lock out (uvlo) over-temperature protection pin to pin replacement for az384xa applications off-line converter dc-dc converter dvd/stb power supply power adapter crt monitor power supply figure 1. package types of ap384xg soic-8 dip-8 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 2 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited figure 2. pin configuration of ap384xg p/m package (dip-8/soic-8) pin configuration comp cs fb r t /c t 8 ref 7 vcc 6 output 5 gnd 1 2 3 4 pin description pin number pin name function 1 comp this pin is the error am plifier output and is made av ailable for loop compensation. 2 fb the inverting input of the error amplifier. it is normally connected to the switching power supply output through an exte rnal resistor divider. 3 cs it is used either for current sense (normal mode) or skip cycle leve l selection (standby mode). 4r t /c t the oscillator frequency a nd maximum output duty cycle are programmed by connecting resistor r t to ref and capacitor c t to ground. 5 gnd the ground pin. 6 output this output directly drives the gate of a power mosfet. peak currents up to 1.0 a are sourced and sunk by this pin. 7 vcc the power supply pin. 8ref this is the reference output. it pr ovides charging current for capacitor c t through resistor r t . 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 3 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited functional block diagram figure 3. functional block diagram of ap384xg vcc gnd r t /c t fb cs comp ref output package tempera- ture range part number marking id packing type tin lead lead free tin lead lead free soic-8 -40 to 85 o c ap3842/3/4/5gm ap3842/3/4/5gm-e1 3 842/3/4/5gm 3842/3/4/5gm-e1 tube ap3842/3/4/5gmtr ap3842/3/4/5gmtr-e1 3842/3/4/5gm 3842/3/4/5gm-e1 tape & reel dip-8 -40 to 85 o c ap3842/3/4/5gp ap3842/3/4/5gp-e1 ap 3842/3/4/5gp ap3842/3/4/5gp-e1 tube circuit type package p: dip-8 m: soic-8 e1: lead free blank: tin lead ap384xg - tr: tape and reel blank: tube osc vref good logic over temp protect internal bias 2r r s/r 5v ref uvlo 2.50v pwm latch current sense comparator error amp 34v 1v s r q q 3 1 2 4 5 7 8 6 bcd semiconductor's pb-free products, as designated with "e1" suffix in th e part number, are rohs compliant. ordering information 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 4 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited parameter symbol value unit supply voltage v cc 30 v gate output current i o 1 a analog inputs (pin2, 3) v(ana) -0.3 to 6.3 v error amp output sink current i sink (e.a) 20 ma power dissipation at t a < 25 o c (dip-8) p d (note 3) 1000 mw power dissipation at t a <25 o c (soic-8) p d (note 3) 460 mw storage temperature range t stg -65 to 150 o c ambient temperature t a -40 to 85 o c lead temperature (soldering, 10sec) t lead +300 o c esd (machine model) 300 v note 1: stresses greater than those listed under "absolut e maximum ratings" may cause permanent damage to the device. these are stress ratings only, an d functional operation of the device at these or any ot her conditions beyond those in di- cated under "recommended operat ing conditions" is not implied. exposure to "absolute maximum ratings" for extended periods may affect device reliability. note 2: all voltages are with respect to pin gnd and all currents are positive into specified terminal. note 3: board thickness 1.6mm, board dimension 90mm x 90mm. parameter symbol min max unit oscillation frequency f 500 khz ambient temperature t a -40 85 o c recommended operating conditions absolute maximum ratings (note 1, 2) 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 5 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited (v cc =15v, r t =10k ? c t =3.3nf, t a = -40 to 85 o c, unless otherwise specified.) parameter symbol conditions min typ max unit reference section reference output voltage v ref t j =25 o c, i ref =1ma 4.95 5.00 5.05 v total output variation line, load, temp. 4.9 5.10 v line regulation ? v ref 12v v cc 25v 4 15 mv load regulation ? v ref 1ma i ref 20ma 4 15 mv short circuit output current i sc t a =25 o c -100 -180 ma temperature stability 0.2 0.4 mv/ o c under voltage lock out section start-up threshold AP3842G/ap3844g 15 16 17 v ap3843g/ap3845g 7.8 8.4 9.0 minimum operating voltage AP3842G/ap3844g 8.5 10 11.5 v ap3843g/ap3845g 7.0 7.6 8.2 total standby current section start-up current v cc =14v 50 80 a operating current v fb =0, v cs =0, c l =1nf 8 ma standby operating current v fb =2.7v, v cs =0.5v 6 ma zener voltage i cc =25ma 30 34 v pwm section maximum duty cycle AP3842G/ap3843g 94 96 % ap3844g/ap3845g 46 48 50 minimum duty cycle 0% oscillator section oscillation frequency f t j =25 o c 47 52 57 khz oscillator amplitude v osc pin rt/ct, peak to peak 1.7 v temperature stability 2 % voltage stability 12v v cc 25v 0.2 1 % discharge current v rt/ct = 2v (note 4) 8.5 9.5 10.5 ma note 4: this parameter is measured with rt=10k ? to v ref, it contributes 0.3ma of curr ent to the measured value. so the total current flowing into the ct pin will be 0.3ma higher than the measured value approximately. electrical characteristics 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 6 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited parameter symbol conditions min typ max unit error amplifier section input voltage v i v comp =2.5v 2.45 2.50 2.55 v output sink current i sink v comp =1.1v 6 10 ma output source current i source v comp =5v -0.5 -0.8 ma high output voltage v oh r l =15k ? to gnd 5 7 v low output voltage v ol r l =15k ? to pin ref 0.7 1.1 v voltage gain 2v v o 4v 65 90 db power supply rejection ratio psrr 12v v cc 25v 60 70 db current sense section maximum input signal v i (max) v comp =5v (note 5) 0.9 1 1.1 v gain gv 0v v cs 4v (note 5, 6) 2.85 3 3.15 v/v power supply rejection ratio psrr 12v v cc 25v (note 5, 7) 70 db delay to output v cs = 0 to 2v (note 7) 150 250 ns input bias current i bias v output =high -3 -10 a leading edge blanking duration t leb 250 ns output section low output voltage v ol i sink = 20ma 0.2 0.4 v i sink = 200ma 1.4 2.2 v high output voltage v oh i source = 20ma 13 13.5 v i source = 200ma 12 13 v rise time t r t j =25 o c, c l =1nf 150 250 ns fall time t f t j =25 o c, c l =1nf 50 150 ns skip cycle mode section source current (@ cs) v output =low, t j =25 o c 180 200 220 a over-temperature protect section shutdown temperature t shut 155 o c temperature hysteresis t hys 25 o c a= , 0 vpin3 0.8v ? vpin 3 note 5: parameters are tested at trip point of latch with vpin2 = 0. note 6: here gain is defined as: ? vpin 1 note 7: these parameters, although gu aranteed, are not 100% tested in production. electrical characteristics (continued) 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 7 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited figure 4. basic test circuit figure 4 is the basic test circuit for ap384xg. in testing, the high peak currents asso ciated with capacitive loads necessitate careful grounding techniques. timing and bypass capacitors sh ould be connected close to pin 5 in a single point ground. the transistor and 5k potentiometer ar e used to sample the oscillator waveform and apply an adjustable ramp to pin 3. electrical characteristics (continued) 1 2 8 7 AP3842G 3 45 6 ref vcc output gnd r t /c t cs fb comp v ref v cc output gnd 1k 1w c t 5k i sense adjust 1k error amp adjust 4.7k 100k 2n2222 4.7k r t 0.1 f 0.1 f a 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 8 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited figure 7. reference voltage vs. ambient temperatur e figure 8. start-up current vs. supply voltage typical performance characteristics figure 5. oscillator dead time vs. timing capacitor figure 6. timing resistor vs. frequency 110100 1 10 0.3 30 3 47 22 4.7 2.2 dead time ( s) timing capacitor (nf) 100 1k 10k 100k 1m 10k 100k 5k 50k c t = 1 n f c t = 1 0 n f rt ( ? ) frequency (hz) c t = 1 0 0 n f -40 -20 0 20 40 60 80 100 120 4.980 4.985 4.990 4.995 5.000 5.005 5.010 5.015 v cc =15v, i o =1ma reference voltage (v) ambient temperature ( o c) 0 2 4 6 8 10 12 14 16 18 0 10 20 30 40 50 60 start-up current ( a) supply voltage (v) AP3842G/44g 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 9 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited figure 9. output saturation characteristics figure 10. error amplifier open-loop frequency response 0 50 100 150 200 250 300 350 400 450 500 550 600 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v cc =15v, t a =25 o c saturation voltage (v) output sink current (ma) -40 -20 0 20 40 60 80 100 120 20 30 40 50 60 start-up current ( a) ambient temperature ( o c) AP3842G figure 11. start-up curr ent vs. ambient temperature typical performance ch aracteristics (continued) 10 100 1k 10k 100k 1m 0 10 20 30 40 50 60 70 80 90 voltage gain (db) frequency (hz) v cc =15v, t a =25 o c 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 10 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited typical application figure 12. typical application of ap384xg in ac/dc converter + 8 4 6 3 + + jp1 ac 90 to 264v r2 1.2m c14 100 /400v c2 0.01 600v r3 39k 2w d1 fr107 t d3 8tq100 l3 10 c9 2200 c10 1000 c11 1 r21 3k z2 sa12a jp2 12v/5a c1 47 r4 4.7 d2 1n4001 u1 ap384xg v cc 7 2 1 5 vcc ref fb r t /c t comp output gnd cs u2 pc817 c5 220p r14 130k r13 15k r12 100 z1 1n5819 r7 2k r6 10 q1 irf830 r9 10k r10 0.51/1w c6 220p/600v r5 10k c8 0.22 r15 100 r16 8.2k w1 1k r18 1k r17 2k u3 az431 ntc c3 0.1 c4 3.3n + r11 820 c7 680p r19 10 c15 2.2n r20 1m 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 11 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited mechanical dimensions soic-8 unit: mm(inch) 0 8 1 5 r 0 . 1 5 0 ( 0 . 0 0 6 ) r0.150(0.006) 1.000(0.039) 0.330(0.013) 0.510(0.020) 4.800(0.189) 5.000(0.197) 1.350(0.053) 1.750(0.069) 0.100(0.004) 0.300(0.012) 0.900(0.035) 0.800(0.031) 0.200(0.008) 3.800(0.150) 4.000(0.157) 7 7 2 0 : 1 d 1.270(0.050) typ 0.190(0.007) 0.250(0.010) 8 d 5.800(0.228) 6.200(0.244) 0.675(0.027) 0.725(0.029) 0.320(0.013) 8 4 .com u datasheet
green mode pwm contro ller ap384xg data sheet 12 aug. 2005 rev. 1. 2 bcd semiconductor manufacturing limited mechanical dimens ions (continued) unit: mm(inch) 4 6 r0.750(0.030) 0.254(0.010)typ 0.130(0.005)min 8.200(0.323) 9.400(0.370) 0.204(0.008) 0.360(0.014) 7.620(0.300)typ 4 6 5 0.700(0.028) 9.000(0.354) 9.400(0.370) 3.710(0.146) 4.310(0.170) 3.000(0.118) 3.600(0.142) 0.360(0.014) 0.560(0.022) 2.540(0.100) typ 6.200(0.244) 6.600(0.260) 3.200(0.126) 3.600(0.142) 0.510(0.020)min 3.000(0.118) depth 0.100(0.004) 0.200(0.008) 1.524(0.060) typ dip-8 4 .com u datasheet
8f, b zone, 900 yi shan road, shanghai 200233, prc tel: +86-21-6495 9539, fax: +86-21- 6485 9673 bcd semiconductor (tai wan) company limited 4f, 298-1 rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656-2808, fax: +886-2-2 656-2806 important notice bcd semiconductor manufacturing limited reserves the right to make changes without further notice to any pro- ducts or specifications herein. bcd se miconductor manufacturing limited does not assume any responsibility for use of any its products for any particular purpose, nor does bcd semiconductor manufacturing limited assume any liability arising out of the application or use of any its products or circuits. bcd semiconductor manufacturing limi- ted does not convey any license under its patent rights or other rights nor the rights of others. http://www.bcdsemi.com bcd semiconductor corporation 3170 de la cruz blvd, suite # 105 santa clara, ca 95054-2411, u.s.a tel: +1-408-988 6388, fax: +1-408-988 63 86 shanghai sim-bcd semiconduc tor manufacturing co., ltd. 800 yi shan road, shanghai 200233, prc tel: +86-21-6485 1491, fax : +86-21-5450 0008 advanced analog circuits (shanghai) corporation 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of AP3842G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X