Part Number Hot Search : 
MOB63DR NTE349 BY9400 NTE2079 SMBJ90CA DBC98C51 MBT555 39K2FKR3
Product Description
Full Text Search
 

To Download AEE01B12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  special features electrical specs 10 watts aee01-12vin ? 10 w, dual output ? 2:1 input range ? 1.0" x 2.0" x 0.33 case ? industry standard package ?low profile ?low cost ? trim and enable option on single out module only operating base temperature range: -25c to +100c storage temperature: -40c to +125c mtbf: 3 million hours (belcore tr332) ul ul1950 recognition csa csa22.2-950 recognition tuv en60950 recognition input input range 9 to 18 vdc efficiency 78% typical (3.3v) output voltage tolerance 1.0% overall regulation 1% max noise/ripple 1% typ, 2% max transient response 300 usec typical (50% step load change to within 3%vo) temperature regulation 0.02 %vo/c switching frequency 330khz isolation i/o isolation 1500 vdc input to output 1000 vdc input to case 1000 vdc output to case isolation resistance 300 mohms total power: 10 watts input voltages: 12v no. of outputs: single and dual environmental safety americas (usa): 1-888-41-astec europe (uk): 44 (1384) 842-211 asia (hk): 852-2437-9662 24 w9959_02_dcdc_001-073_73 2/8/02 3:18 pm page 24
europe astec house, waterfront business park merry hill, dudley west midlands, dy5 1lx, uk telephone: 44 (1384) 842-211 facsimile: 44 (1384) 843-355 americas 5810 van allen way carlsbad, ca 92008 telephone: 760-930-4600 facsimile: 760-930-0698 ordering information asia units 2111-2116, level 21 tower1, metroplaza 223, hing fong road fwai fong, new territories hong kong telephone: 852-2437-9662 facsimile: 852-2402-4426 input output efficiency model number voltage voltage 9-18 v 3.3v @ 2.55 a 78% aee02f12 9-18 v 5.0v @ 2 a 81% aee02a12 9-18 v 12v @ 0.84 a 83% AEE01B12 9-18 v 15v @ 0.68 a 84% aee01c12 9-18 v 5v @ 1.0 a 81% aee01aa12 9-18 v 12v @ 0.42 a 83% aee00bb12 9-18 v 15v @ 0.33 a 84% aee00cc12 notes: en a b le f unc ti on "1" = negative logic enable (std, without "1 or 4" = no enable) "4" = positive logic enable (std, without "1 or 4" = no enable) t r im f e a tur e "9" = trim feature (std, without "9" no trim) available on single output devices only notes: 1. 20 mhz bandwidth. an external 0.1 uf ceramic capacitor is recommended to be placed from +v out to comm. 2. all specifications are typical at nominal line, full load, and 25c unless otherwise noted. 3. all specifications subject to change without notice. 4. mechanical drawings are for reference only. aee01-12vin 25 www.astec.com w9959_02_dcdc_001-073_73 2/8/02 3:19 pm page 25


▲Up To Search▲   

 
Price & Availability of AEE01B12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X