Part Number Hot Search : 
TSM9634F 25L20 BFS17 IRHNJ57 1N938B TMXW231 327MS8GE 74HC59
Product Description
Full Text Search
 

To Download 2SD2454 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD2454 d escription with to-3p(h)is package high voltage ;high speed low saturation voltage built-in damper diode applications horizontal deflection output for color tv pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1700 v v ceo collector-emitter voltage open base 600 v v ebo emitter-base voltage open collector 5 v i c collector current 7 a i cm collector current-peak 14 a i b base current 3.5 a p c total power dissipation t c =25 50 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3p(h)is) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SD2454 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ebo base-emitter breakdown voltage i e =400ma ;i c =0 5 v v cesat collector-emitter saturation voltage i c =6a; i b =1.2a 5 v v besat base-emitter saturation voltage i c =6a; i b =1.2a 0.9 1.5 v i cbo collector cut-off current v cb =1700v; i e =0 1.0 ma i ebo emitter cut-off current v eb =5v; i c =0 66 200 a h fe-1 dc current gain i c =1a ; v ce =5v 8 13 h fe-2 dc current gain i c =6a ; v ce =5v 5 8 v f diode forward voltage i f =7a 1.5 2.0 c ob collector output capacitance i e =0 ; v cb =10v,f=1mhz 250 pf f t transition frequency i c =0.1a ; v ce =10v 1 3 mhz switching times : inductive load t s storage time 9 12 s t f fall time i cp =6a;i b1 =1a f h =15.75khz 0.3 0.7 s
savantic semiconductor product specification 3 silicon npn power transistors 2SD2454 package outline fig.2 outline dimensions (unindicated tolerance:0.20 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SD2454


▲Up To Search▲   

 
Price & Availability of 2SD2454

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X