Part Number Hot Search : 
FQA17P10 6D61A KP30A MC74VHC1 NCS210 N82503 DA05N KAD1512D
Product Description
Full Text Search
 

To Download 2SD1762 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD1762 d escription with to-220fa package low collector saturation voltage complement to type 2sb1185 applications for low frequency power amplifier applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 60 v v ceo collector-emitter voltage open base 50 v v ebo emitter-base voltage open collector 5 v i c collector current (dc) 3 a i cm collector current-peak 4.5 a p c collector power dissipation t c =25 25 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220fa) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SD1762 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =1ma , i b =0 50 v v (br)cbo collector-base breakdown voltage i c =50a , i e =0 60 v v (br)ebo emitter-base breakdown voltage i e =50a , i c =0 5 v v cesat collector-emitter saturation voltage i c =2a ;i b =0.2a 1.0 v v besat base-emitter saturation voltage i c =2a ;i b =0.2a 1.5 v i cbo collector cut-off current v cb =40v i e =0 1 a i ebo emitter cut-off current v eb =4v; i c =0 1 a h fe dc current gain i c =0.5a ; v ce =3v 60 320 f t transition frequency i e =-0.5a ; v ce =5v;f=30mhz 90 mhz c ob output capacitance i e =0 ; v cb =10v ,f=1mhz 40 pf  h fe classifications d e f 60-120 100-200 160-320
savantic semiconductor product specification 3 silicon npn power transistors 2SD1762 package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SD1762

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X