Part Number Hot Search : 
0100C 7502B IRG4BC10 M51945 CS3842B ST1S10P 0603A NTE832SM
Product Description
Full Text Search
 

To Download 2SD1159 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD1159 d escription with to-220 package applications tv horizontal deflection output, high-current switching applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 200 v v ceo collector-emitter voltage open base 60 v v ebo emitter-base voltage open collector 6 v i c collector current (dc) 4.5 a i cm collector current-peak 10 a p c collector power dissipation t c =25 40 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon npn power transistors 2SD1159 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =5ma ;r be = : 60 v v (br)cbo collector-base breakdown voltage i c =5ma ;i e =0 200 v v (br)ebo emitter-base breakdown voltage i e =5ma ;i c =0 6 v v cesat collector-emitter saturation voltage i c =4a, i b =0.4a 0.5 1.0 v v besat base-emitter saturation voltage i c =4a, i b =0.4a 1.5 v i cbo collector cut-off current v cb =40v;i e =0 0.1 ma i ebo emitter cut-off current v eb =5v; i c =0 0.1 ma h fe-1 dc current gain i c =1a ; v ce =5v 30 160 h fe-2 dc current gain i c =4a ; v ce =5v 25 f t transition frequency i c =1a ; v ce =5v 10 mhz switching times t f fall time i c =5a;i b1 =-i b2 =0.5a; v cc =50v 0.2 0.5 s
savantic semiconductor product specification 3 silicon npn power transistors 2SD1159 package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SD1159


▲Up To Search▲   

 
Price & Availability of 2SD1159

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X