Part Number Hot Search : 
1N6046A C4420 DF005S SSD1858Z SS400 L8148 C4AKFA SB772
Product Description
Full Text Search
 

To Download 2SC3052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2SC3052 0.2a , 50v npn plastic-encapsulate transistor 18-feb-2011 rev. b page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 base 2 emitter collector 3 rohs compliant product a suffix of -c specifies halogen & lead-free feature  excellent linearity of dc forward current gain.  low collector to emitter saturation voltage v ce(sat) =0.3v max. (@i c =100ma, i b =10ma) classification of h fe product-rank 2SC3052-e 2SC3052-f 2SC3052-g range 150~300 250~500 400~800 marking le lf lg package information package mpq leadersize sot-23 3k 7 inch absolute maximum ratings (t a = 25 c unless otherwise specified) parameter symbol ratings unit collector to base voltage v cbo 50 v collector to emitter voltage v ceo 50 v emitter to base voltage v ebo 6 v collector current - continuous i c 200 ma collector power dissipation p c 150 mw junction, storage temperature t j , t stg 125, -55~125 c electrical characteristics (t a = 25 c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo 50 - - v i c =100 a, i e =0 collector to emitter breakdown voltage v (br)ceo 50 - - v i c =100 a, i b =0 emitter to base breakdown voltage v (br)ebo 6 - - v i e =100 a, i c =0 collector cut-off current i cbo - - 0.1 a v cb =50v, i e =0 emitter cut-off current i ebo - - 0.1 a v eb =6v, i c =0 h fe (1) 150 - 800 v ce =6v, i c =1ma dc current gain h fe (2) 50 - v ce =6v, i c =0.1ma collector to emitter saturation voltage v ce(sat) - - 0.3 v i c =100ma, i b =10ma base to emitter saturation voltage v be(sat) - - 1 v i c =100ma, i b =10ma transition frequency f t 180 - - mhz v ce =6v, i c =10ma collector output capacitance c ob - - 4 pf v ce =6v, i e =0, f=1mhz noise figure nf - - 15 db v ce =6v, i e = -0.1ma, f=1khz, r g =2k  sot-23 top view a l c b d g h j f k e 1 2 3 1 2 3 millimeter millimeter ref. min. max. ref. min. max. a 2.80 3.04 g 0.09 0.18 b 2.10 2.55 h 0.45 0.60 c 1.20 1.40 j 0.08 0.177 d 0.89 1.15 k 0.6 ref. e 1.78 2.04 l 0.89 1.02 f 0.30 0.50
elektronische bauelemente 2SC3052 0.2a , 50v npn plastic-encapsulate transistor 18-feb-2011 rev. b page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves
elektronische bauelemente 2SC3052 0.2a , 50v npn plastic-encapsulate transistor 18-feb-2011 rev. b page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SC3052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X