Part Number Hot Search : 
SA636DK BC847C MJE52103 USC1105 UPC1378 STV223 CTQ150 SST2623J
Product Description
Full Text Search
 

To Download 2SA1535 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1535 2SA1535a description with to-220fa package complement to type 2sc3944/3944a optimum for the driver-stage of a 60w to 100w output amplifier applications for low-frequency driver and high power amplification pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2SA1535 -150 v cbo collector-base voltage 2SA1535a open emitter -180 v 2SA1535 -150 v ceo collector-emitter voltage 2SA1535a open base -180 v v ebo emitter-base voltage open collector -5 v i c collector current -1.0 a i cm collector current-peak -1.5 a t a =25 2.0 p c collectorl power dissipation t c =25 15 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1535 2SA1535a characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2SA1535 i c =-1ma; i b =0 -150 v (br)ceo collector-emitter breakdown voltage 2SA1535a i c =-0.1ma; i b =0 -180 v v (br)ebo emitter-base breakdown voltage i e =-10a; i c =0 -5 v v cesat collector-emitter saturation voltage i c =-0.5 a;i b =-50m a -2.0 v v besat base-emitter saturation voltage i c =-0.5 a;i b =-50m a -2.0 v i cbo collector cut-off current v cb =-150v; i e =0 -10 a h fe-1 dc current gain i c =-150ma ; v ce =-10v 90 330 h fe-2 dc current gain i c =-500ma ; v ce =-5v 50 f t transition frequency i c =-50ma ; v cb =-10v 200 mhz c ob output capacitance i e =0; v cb =-10v;f=1mhz 30 pf  h fe-1 classifications q r s 90-155 130-220 185-330
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1535 2SA1535a package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm)
savantic semiconductor product specification 4 silicon pnp power transistors 2SA1535 2SA1535a


▲Up To Search▲   

 
Price & Availability of 2SA1535

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X