Part Number Hot Search : 
T321043 8051AH CS4244 4022B NCV7424 PTDF4 LM258 2SD1705
Product Description
Full Text Search
 

To Download 2N5401-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   through hole package 150 o c junction temperature 

 case: to-92, molded plastic marking: 2n5401  
        charateristic symbol value unit collector-emitter voltage v ceo 150 v collector-base voltage v cbo 160 v emitter-base voltage v ebo 5.0 v collector current(dc) i c 600 ma power dissipation@t a =25 o c derate above 25  p d 625 5.0 mw mw/ o c power dissipation@t c =25 o c derate above 25  p d 1.5 12 w mw/ o c maximum thermal resistance, junction to ambient air r   200 o c/mw maximum thermal resistance, junction to case r   83.3 o c/mw operating & storage temperature t j ,t stg -55~150 o c 2n5401 pnp silicon amplifier transistor 625mw to-92 inches mm dim min max min max note a .175 .185 4.45 4.70 b .175 .185 4.46 4.70 c .500 --- 12.7 --- d .016 .020 0.41 0.63 e .135 .145 3.43 3.68 g .095 .105 2.42 2.67 a e b c d g revision: 6 2009/04/21  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components x case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 www. mccsemi .com 1 of 5 ? lead free finish/rohs compliant ("p"suffix designates compliant. see ordering information) ? ? ? ? e b c
electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collector?emitter breakdown voltage (1) (i c = 1.0 madc, i b = 0) v (br)ceo 150 ? vdc collector?base breakdown voltage (i c = 100  adc, i e = 0) v (br)cbo 160 ? vdc emitter?base breakdown voltage (i e = 10  adc, i c = 0) v (br)ebo 5.0 ? vdc collector cutoff current (v cb = 120 vdc, i e = 0) (v cb = 120 vdc, i e = 0, t a = 100 c) i cbo ? ? 50 50 emitter cutoff current (v eb = 3.0 vdc, i c = 0) i ebo ? 50 nadc on characteristics (1) dc current gain (i c = 1.0 madc, v ce = 5.0 vdc) (i c = 10 madc, v ce = 5.0 vdc) (i c = 50 madc, v ce = 5.0 vdc) h fe 50 60 50 ? 240 ? ? collector? emitter saturation v oltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v ce(sat) ? ? 0.2 0.5 vdc base? emitter saturation v oltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v be(sat) ? ? 1.0 1.0 vdc small?signal characteristics current?gain ? bandwidth product (i c = 10 madc, v ce = 10 vdc, f = 100 mhz) f t 100 300 mhz output capacitance (v cb = 10 vdc, i e = 0, f = 1.0 mhz) c obo ? 6.0 pf small?signal current gain (i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz) h fe 40 200 ? noise figure (i c = 250 adc, v ce = 5.0 vdc, r s = 1.0 k  , f = 1.0 khz) nf ? 8.0 db 1. pulse test: pulse width = 300  s, duty cycle = 2.0%. mcc 2n5401 revision: 6 2009/04/21 tm micro commercial components www. mccsemi .com 2 of 5
figure 1. dc current gain    
        
                                figure 2. collector saturation region    
             ! "  #  $         figure 3. collector cut?off region    %       %     
  &'                        $  #                              ( ) mcc 2n5401 revision: 6 2009/04/21 tm micro commercial components www. mccsemi .com 3 of 5
figure 4. ?on? voltages    
   $ #    figure 5. temperature coefficients    
             *+, -  .              /  0       123 figure 6. switching time test circuit       ! "      *+, -  .       %/ 
  .   figure 7. capacitances   14  *  /
/
    5""   6    14   !$  37,     6 , 8 , 9   4* )
::; values shown are for i c @ 10 ma                           ,3    938  *+,   938  *+,  323                      ,% 4*                            
   figure 8. turn?on time   .       , < -  399     , 8 -   , 8 -   ,% 4*                           
   figure 9. turn?off time  , 9 -   , 9 -   , * -     .       mcc 2n5401 reision: 6 20090421 tm micro commercial comonents . mccsemi .com 4 of 5
mcc revision: 6 2009/04/21 tm micro commercial components www. mccsemi .com 5 of 5 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose rdering nformation evice packing part umberap ammo packing;pcsammoo part umberp ulk;pcsag


▲Up To Search▲   

 
Price & Availability of 2N5401-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X