Part Number Hot Search : 
C100LVE B8806 74LS11N PS7045 1100J BCM3037 C2620 459848
Product Description
Full Text Search
 

To Download SUM110N04-03P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  trenchfet  power mosfet  175  c junction temperature  new package with low thermal resistance  extremely low q gd wfet  technology for low switching losses  100% r g tested applications  automotive ? eps ? abs ? motor drives SUM110N04-03P vishay siliconix new product document number: 72346 s-32523?rev. b, 08-dec-03 www.vishay.com 1 n-channel 40-v (d-s) 175  c mosfet product summary v (br)dss (v) r ds(on) (  ) i d (a) 40 0.0031 @ v gs = 10 v 110 a d g s n-channel mosfet to-263 s d g top view ordering information: SUM110N04-03P SUM110N04-03P-e3 (lead free) absolute maximum ratings (t c = 25  c unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 40 gate-source voltage v gs  20 v continuous drain current (t j = 175  c) t c = 25  c i d 110 a c on ti nuous d ra i n c urren t (t j = 175  c) t c = 125  c i d 110 a a pulsed drain current i dm 440 a avalanche current l = 0 1 mh i as 70 single pulse a valanche energy b l = 0.1 mh e as 211 mj maximum power dissipation b t c = 25  c p d 375 c w maximum power dissipation b t a = 25  c p d 3.75 w operating junction and storage temperature range t j , t stg ? 55 to 175  c thermal resistance ratings parameter symbol limit unit junction-to-ambient pcb mount d r thja 40  c/w junction-to-case (drain) r thjc 0.4  c/w notes a. package limited. b. duty cycle  1%. c. see soa curve for voltage derating. d. when mounted on 1? square pcb (fr-4 material).
SUM110N04-03P vishay siliconix new product www.vishay.com 2 document number: 72346 s-32523?rev. b, 08-dec-03 specifications (t j =25  c unless otherwise noted) parameter symbol test condition min typ max unit static drain-source breakdown voltage v (br)dss v ds = 0 v, i d = 250  a 40 v gate-threshold voltage v gs(th) v ds = v gs , i d = 250  a 2.5 4 v gate-body leakage i gss v ds = 0 v, v gs =  20 v 100 na v ds = 40 v, v gs = 0 v 1 zero gate voltage drain current i dss v ds = 40 v, v gs = 0 v, t j = 125  c 50  a g dss v ds = 40 v, v gs = 0 v, t j = 175  c 250  on-state drain current a i d(on) v ds  5 v, v gs = 10 v 120 a v gs = 10 v, i d = 30 a 0.0025 0.0031 drain-source on-state resistance a r ds(on) v gs = 10 v, i d = 30 a, t j = 125  c 0.0049  ds(on) v gs = 10 v, i d = 30 a, t j = 175  c 0.0059 forward transconductance a g fs v ds = 15 v, i d = 30 a 30 s dynamic b input capacitance c iss 6500 output capacitance c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1400 pf reverse transfer capacitance c rss 570 total gate charge c q g 90 150 gate-source charge c q gs v ds = 30 v, v gs = 10 v, i d = 110 a 35 nc gate-drain charge c q gd ds , gs , d 22 gate resistance r g f = 1 mhz 0.5 1.1 1.9  turn-on delay time c t d(on) 145 220 rise time c t r v dd = 30 v, r l = 0.27  35 55 ns turn-off delay time c t d(off) v dd = 30 v , r l = 0 . 27  i d  110 a, v gen = 10 v, r g = 2.5  20 30 ns fall time c t f 55 85 source-drain diode ratings and characteristics (t c = 25  c) b continuous current i s 110 a pulsed current i sm 240 a forward voltage a v sd i f = 85 a, v gs = 0 v 1.1 1.5 v reverse recovery time t rr 60 90 ns peak reverse recovery current i rm(rec) i f = 85 a, di/dt = 100 a/  s 2.5 5 a reverse recovery charge q rr 0.075 0.22  c notes a. pulse test; pulse width  300  s, duty cycle  2%. b. guaranteed by design, not subject to production testing. c. independent of operating temperature.
SUM110N04-03P vishay siliconix new product document number: 72346 s-32523?rev. b, 08-dec-03 www.vishay.com 3 typical characteristics (25  c unless noted) 0 2000 4000 6000 8000 0 8 16 24 32 40 0 4 8 12 16 20 0 20 40 60 80 100 120 140 160 0 40 80 120 160 200 240 0 153045607590 0.000 0.001 0.002 0.003 0.004 0.005 0 20 40 60 80 100 120 0 50 100 150 200 250 01234567 0 50 100 150 200 250 0246810 output characteristics transfer characteristics capacitance gate charge transconductance on-resistance vs. drain current v ds ? drain-to-source voltage (v) v gs ? gate-to-source voltage (v) ? drain current (a) i d ? gate-to-source voltage (v) q g ? total gate charge (nc) i d ? drain current (a) v ds ? drain-to-source voltage (v) c ? capacitance (pf) v gs ? transconductance (s) g fs 25  c ? 55  c 6 v t c = 125  c v ds = 30 v i d = 110 a v gs = 10 thru 7 v v gs = 10 v c iss c oss t c = ? 55  c 25  c 125  c 5 v ? on-resistance ( r ds(on)  ) ? drain current (a) i d c rss i d ? drain current (a)
SUM110N04-03P vishay siliconix new product www.vishay.com 4 document number: 72346 s-32523?rev. b, 08-dec-03 typical characteristics (25  c unless noted) drain source breakdown vs. junction t emperature avalanche current vs. time 0.0 0.4 0.8 1.2 1.6 2.0 ? 50 ? 25 0 25 50 75 100 125 150 175 on-resistance vs. junction t emperature source-drain diode forward voltage t j ? junction temperature (  c) v sd ? source-to-drain voltage (v) ? source current (a) i s 100 10 1 0.3 0.6 0.9 1.2 v gs = 10 v i d = 30 a t j = 25  c t j = 150  c (normalized) ? on-resistance ( r ds(on)  ) 0 44 46 48 50 52 54 56 ? 50 ? 25 0 25 50 75 100 125 150 175 t j ? junction temperature (  c) t in (sec) 1000 10 0.00001 0.001 0.1 1 0.1 (a) i dav 0.01 i av (a) @ t a = 150  c (v) v (br)dss i d = 10 ma 100 1 i av (a) @ t a = 25  c 0.0001
SUM110N04-03P vishay siliconix new product document number: 72346 s-32523?rev. b, 08-dec-03 www.vishay.com 5 thermal ratings safe operating area v ds ? drain-to-source voltage (v) 1000 10 0.1 1 10 100 limited by r ds(on) 0.1 100 t c = 25  c single pulse normalized thermal transient impedance, junction-to-case square wave pulse duration (sec) 2 1 0.1 0.01 10 ? 4 10 ? 3 10 ? 2 10 ? 1 normalized effective transient thermal impedance 1 0.2 0.1 duty cycle = 0.5 ? drain current (a) i d 1 ms 10  s 100  s single pulse 0.05 0.02 1 0 50 100 150 200 250 300 0 25 50 75 100 125 150 175 maximum avalanche and drain current vs. case t emperature t c ? case temperature (  c) ? drain current (a) i d limited by package 10 ms dc, 100 ms


▲Up To Search▲   

 
Price & Availability of SUM110N04-03P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X