Part Number Hot Search : 
EL2142CN S7241 88523 AON6546 SR5421 1451C OPE5T87 74LCX16
Product Description
Full Text Search
 

To Download SR5006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  980.00 mhz one port saw resonator phone: +86 10 6301 4184 fax: +86 10 6301 9167 email: sales@vanlong.com web: http://www.va nlong.com ? 2004 by vanlong technology co., ltd. SR5006 ? ideal for 980.00 mhz transmitters ? very low insertion loss ? quartz stability ? ultra miniature ceramic smd package (qcc4a) absolute maximum rating (ta=25 c) parameter rating unit cw rf power dissipation p 0 dbm dc voltage v dc 30 v operating temperature range t a -10 ~ +60 c storage temperature range t stg -40 ~ +85 c electronic characteristics parameter sym minimum typical maximum unit frequency (25 c) nominal frequency tolerance from 980.00 mhz f c ? f c ns - 980.00 - ns 150 mhz khz insertion loss il - 1.5 2.2 db quality factor unloaded q-value 50 ? loaded q-value q u q l - - 10,020 1,600 - - - - temperature stability turnover temperature turnover frequency frequency temperature coefficient t o f o ftc 25 - - - f c 0.032 55 - - c khz ppm/ c 2 frequency aging absolute value during the first year |f a | - - 10 ppm/yr dc insulation resistance between any two pins - 1.0 - - m ? rf equivalent rlc model motional resistance motional inductance motional capacitance shunt static capacitance r m l m c m c o - - - 2.05 19.0 30.9372 0.8534 2.35 29.0 - - 2.65 ? h ff pf ns = not specified note: 1. the frequency f c is the frequency of minimum il with the resonator in the specified test fixture in a 50 ? test system with vswr 1.2:1. 2. unless noted otherwise, case temperature tc = +25c2c. 3. frequency aging is the change in fc with time and is specified at +65c or less. aging may exceed the specification for prolonged temperatures above +65c. typically, aging is greatest the first year after manufacture, decreasing in subsequent years. 4. turnover temperature, t0, is the temperature of maximum (or turnover) frequency, f0. the nominal frequency at any case temperature, tc, may be calculated from: f = f o [1 - ftc ( t o - t c ) 2 ]. 5. this equivalent rlc model approximates resonator performance near the resonant frequency and is provided for reference only. the capacitance c o is the measured static (nonmotional) capacitance between input terminal and ground or output terminal and ground. the measurement includes case parasitic capacitance. 6. derived mathematically from one or more of the following directly measured parameters: f c , il , 3 db bandwidth, f c versus t c , and co. 7. the specifications of this device are based on the test circuit shown above and subject to change or obsolescence without notice. 8. typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the equipment manufacturer. 9. our liability is only assumed for the surface acoustic wave (saw) component(s) per se, not for applications, processes and circuits implemented within components or assemblies. 10. for questions on technology, prices and delivery, please contact our sales offices or e-mail to sales@vanlong.com. SR5006
980.00 mhz one port saw resonator phone: +86 10 6301 4184 fax: +86 10 6301 9167 email: sales@vanlong.com web: http://www.va nlong.com ? 2004 by vanlong technology co., ltd. SR5006 package dimensions (qcc4a) marking equivalent lc model and test circuit typical application circuit typical frequency response temperature characteristics electrical connections terminals connection 1 terminal 1 3 terminal 2 2,4 case-ground package dimensions dimensions nom (mm) dimensions nom (mm) a 3.5 d 0.5 b 5.0 e 0.8 c 1.4 f 1.2 ? t= t c ?t o ( c) the curve shown above accounts for resonator contribution only and does not include oscillator temperature characteristics. (f - f o )/f o (ppm) f c = f o , t c = t o low power transmitter application local oscillator application r5006 980.00 yww 1 . r5006 - part code 2 . frequency in mhz 3 . date code: y : last digit of year ww : week no. typical test circiut from 50 ? source to 5 0 ? load equivalent lc model


▲Up To Search▲   

 
Price & Availability of SR5006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X