Part Number Hot Search : 
TC9271FS 253FF AP300 W503YDT IN74HC1 C4104A CP592 H16S7
Product Description
Full Text Search
 

To Download SMP550G-X2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SMP550G-X2 prelim. 7/97 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. mechanical data dimensions in inches. p.i.n. photodiode features ? water clear plastic ? wide spectral response ? 0.1 (2.54mm) lead spacing ? low dark current ? suitable for remote control ? high sensitivity description the SMP550G-X2 is a silicon pin photodiode which is incorporated in a colourless plastic package. the terminals are solder tabs with 0.1 (2.54mm) spacing. due to its design the diode can be assembled vertically on pc board. arrays can be realised by multiple arrangements. this versatile photo detector can be used as a diode as well as a voltage cell. the pin photodiode is outstanding for low junction capacitance , high cut off frequency and short switching time. it is particularly suitable for ir sound transmission and remote control. operating temperature range storage temperature range temperature coefficient of responsively temperature coefficient of dark current reverse breakdown voltage -40c to +70c -45c to +80c 0.35% per c x2 per 8c rise 60v absolute maximum ratings (t case = 25c unless otherwise stated) to-92 package 0.080 0.105 0.095 0.105 0.015 0.018 0.500 min. 0.015 0.018 0.170 0.210 0.175 0.205 0.125 0.165 active area
SMP550G-X2 prelim. 7/97 semelab plc. telephone (01455) 556565. telex: 341927. fax (01455) 552612. characteristic t est conditions. min. t yp. max. units responsiv ely activ e area dar k current breakdo wn v oltage capacitance rise time nep l at 900nm e = 0 dar k 1v re v erse e = 0 dar k 10v re v erse e = 0 dar k 10a re v erse e = 0 dar k 0v re v erse e = 0 dar k 20v re v erse 30v re v erse 50 w 900nm 0.45 0.55 5.19 0.25 2 1 5 60 80 30 55 5 10 8 9.8 a/w mm 2 na v pf ns w/ ? hz chara cteristics (t amb =25c unless otherwise stated) s p e c t r a l r e s p o n s e 0 2 0 4 0 6 0 8 0 1 0 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 1 2 0 0 w a v e l e n g t h ( n m ) relative responsivity (%)


▲Up To Search▲   

 
Price & Availability of SMP550G-X2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X