Part Number Hot Search : 
ERJ2GE01 2SC829 2SJ185 MCH6535 MH88632 EC3592R BAV74 C64WMN
Product Description
Full Text Search
 

To Download SDR1307-2R2ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdr1307 series - smd power inductors features available in e12 series small design of only 13 mm maximum diameter rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communications equipment ? camcorders ? lcd tvs ? cd players ? car radios electrical specifications general specifications test voltage.....................................0.1 v reflow soldering ...230 ?, 50 sec. max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core ...............................ferrite dr core wire ...................enamelled copper wire terminal.....................................ag/ni/sn rated current ....................ind. drop 10 % typ. at isat temperature rise ......................40 ? max. at rated irms packaging.....................400 pcs. per reel product dimensions recommended layout 13.0 0.5 (.512 .020) 7.0 0.3 (.276 .012) dimensions: mm (inches) 13.0 0.5 (.512 .020) 5.0 (.197) ref. 14.0 (.551) 4.5 (.177) ref. 14.0 (.551) ref. ref. typical part marking 101 start finish inductance 100 khz q test srf rdc i rms i sat bourns part no. (h) tol. % ref. frequency min. (m ? ) max. typ. (mhz) (mhz) (a) (a) sdr1307-1r5ml 1.5 20 20 7.96 65.0 5.0 9.50 20.00 SDR1307-2R2ML 2.2 20 22 7.96 50.0 6.0 9.00 18.00 sdr1307-2r7ml 2.7 20 24 7.96 40.0 8.0 8.20 16.00 sdr1307-3r3ml 3.3 20 26 7.96 38.0 8.7 7.50 15.00 sdr1307-4r7ml 4.7 20 25 7.96 36.0 10.0 7.00 13.00 sdr1307-5r6ml 5.6 20 24 7.96 28.0 15.0 6.50 11.00 sdr1307-6r8ml 6.8 20 24 7.96 26.0 17.0 6.00 10.50 sdr1307-8r2ml 8.2 20 24 7.96 24.0 19.0 5.80 9.80 sdr1307-100ml 10 20 22 2.52 22.0 21.0 5.60 9.20 sdr1307-120ml 12 20 25 2.52 20.0 30.0 4.80 8.00 sdr1307-150ml 15 20 28 2.52 17.0 34.0 4.50 7.50 sdr1307-180ml 18 20 28 2.52 16.0 36.0 4.20 7.00 sdr1307-220ml 22 20 40 2.52 15.0 47.0 3.60 6.50 sdr1307-270ml 27 20 35 2.52 11.0 60.0 3.30 5.50 sdr1307-330kl 33 10 35 2.52 10.0 65.0 3.10 5.00 sdr1307-390kl 39 10 28 2.52 9.0 75.0 2.90 4.60 sdr1307-470kl 47 10 24 2.52 7.5 82.0 2.70 4.20 sdr1307-560kl 56 10 22 2.52 7.2 95.0 2.50 3.80 sdr1307-680kl 68 10 24 2.52 7.0 120.0 2.30 3.50 sdr1307-820kl 82 10 18 2.52 6.0 140.0 2.10 3.20 sdr1307-101kl 100 10 25 0.796 5.8 180.0 1.90 3.00 sdr1307-121kl 120 10 20 0.796 5.5 210.0 1.80 2.80 sdr1307-151kl 150 10 20 0.796 4.5 250.0 1.60 2.60 sdr1307-181kl 180 10 18 0.796 4.0 280.0 1.50 2.30 sdr1307-221kl 220 10 15 0.796 3.8 360.0 1.30 2.10 sdr1307-271kl 270 10 15 0.796 3.5 410.0 1.20 1.80 sdr1307-331kl 330 10 15 0.796 3.2 520.0 1.10 1.60 sdr1307-391kl 390 10 12 0.796 2.5 600.0 1.00 1.50 sdr1307-471kl 470 10 12 0.796 2.2 720.0 0.90 1.40 sdr1307-561kl 560 10 10 0.796 2.0 880.0 0.85 1.30 sdr1307-681kl 680 10 10 0.796 1.6 1000.0 0.80 1.20 sdr1307-821kl 820 10 10 0.796 1.5 1300.0 0.75 1.10 sdr1307-102kl 1000 10 10 0.252 1.4 1600.0 0.65 1.00 electrical schematic *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sdr1307 series - smd power inductors rev. 05/05 2.0 0.5 (.079 .020) 50.0 (1.969) 26.0 (1.024) 30.4 (1.197) 330 (12.992) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21 0.8 (.827 .039) packaging specifications embossed carrier embossed cavity 0.10 (.004) thickness max. 24.0 (.945) dimensions: mm (inches) end start user direction of feed 160 (6.299) no component no component components 390 (15.354) 4 (.157) 16 (.630) 24.0 (.945) 101 101 101 101 qty: 400 pcs. per reel


▲Up To Search▲   

 
Price & Availability of SDR1307-2R2ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X