Part Number Hot Search : 
43650 L51DC S1616 MC1203 11003 GK18P G5240 MSM541
Product Description
Full Text Search
 

To Download SBL1030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SBL1030CT ~ sbl1040ct dual schottky barrier rectifiers prv : 30 ~ 40 volts io : 10 am p eres features : * plastic package has underwriters laboratory flammability classifications 94v-0 * dual rectifier construction, positive center tap * metal silicon junction, majority carrier conduction * low power loss, high efficiency * guardring for overvoltage protection * for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * pb / rohs free mechanical data : * case : jedec to-220ab molded plastic body * terminals: plated leads, solderable per mil-std-750 method 2026 * polarity: as marked * mounting position: any * weight : 2.24 grams (approximately) maximum ratings and electrical characteristics ( tc = 25 c unless otherwise noted ) symbol SBL1030CT sbl1040ct unit maximum repetitive peak reverse voltage v rrm v maximum working peak reverse voltage v rwm v maximum dc blocking voltage v dc v maximum average forward rectified current total device at t c = 107 c per leg peak forward surg current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) per leg maximum instantaneous forward voltage at 5.0a (note 1) v f v maximum instantaneous reverse current t c = 25 c per leg at rate dc blocking voltage (note 1) t c = 100 c typical thermal resistance (junction to case) per leg r jc c/w operating junction and storage temperature range t j , t stg c note : (1) pulse test : 300 s pluse width, 1% duty cycle page 1 of 2 rev. 01 : march 7, 2006 ma 50 30 21 3.0 -40 to + 125 0.5 i r 0.55 parameter i fsm 10 5.0 30 40 28 40 a 175 a i f(av) 0.105(2.67) 0.095(2.41) pin 2 0.205(520) 0.195(4.95) 0.635(16.13) 0.625(15.87) 0.055(1.39) 0.045(1.14) 0.145(3.68) 0.135(3.43) 0.160(4.06) 0.140(3.56) 0.603(15.32) 0.573(14.55) 0.560(14.22) 0.530(13.46) 0.350(8.89) 0.330(8.39) 0.185(4.70) 0.175(4.44) 0.037(0.94) 0.027(0.68) 0.415(10.54)max. 0.154(3.91)dia. 0.148(3.74) 0.113(2.87) 0.103(2.62) pin 1 pin 3 case 0.022(0.56) 0.014(0.36) 13 2 to-220ab dimensions in inches and ( millimeters ) certificate th97/10561qm certificate tw00/17276em
fig.1 - forward current derating curve fig.2 - maximum non-repetitive peak forward surge current per leg 0 25 50 75 100 125 150 1 10 100 case temperature, ( c) number of cycles at 60hz fig.3 - typical instantaneous fig.4 - typical reverse characteristics forward characteristics per le g per le g page 1 of 2 rev. 01 : march 7, 2006 rating and characteristic curves ( SBL1030CT ~ sbl1040ct ) 8 6 4 2 10 160 0 200 0 120 80 40 peak forward surge current, (a) average forward current, (a) 10 1.0 80 0.01 0.1 100 020 4060 percent of rated peak reverse voltage, (%) instantaneous reverse current, (ma) 10 1.0 instantaneous forward current, (a) 100 t j =t jmax 8.3 ms single half sine-wave (jedec method) 0.01 instantaneous forward voltage, (v) 0 0.4 0.6 0.8 0.2 0.001 t j = 75 c resistive or inductive load t j = 25 c 1.2 1.0 t j = 25 c t j = 125 c pulse width = 300 s 1% duty cycle t j = 125 c 0.1 1.4 certificate th97/10561qm certificate tw00/17276em


▲Up To Search▲   

 
Price & Availability of SBL1030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X