Part Number Hot Search : 
A1321ELH A1321ELH MH88511 11201 D74HC3 2SC3528 2SC3528 78LXX
Product Description
Full Text Search
 

To Download PSMN005-55B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation october 1999 discrete semiconductors PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor
october 1999 2 rev 1.200 philips semiconductors product speci?cation PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor features symbol quick reference data ? 'trench' technology v dss = 55 v ? very low on-state resistance ? fast switching i d = 75 a ? low thermal resistance r ds(on) 5.8 m w (v gs = 10 v) r ds(on) 6.3 m w (v gs = 5 v) general description siliconmax products use the latest philips trench technology to achieve the lowest possible on-state resistance in each package at each voltage rating. applications:- ? d.c. to d.c. converters ? switched mode power supplies the psmn005-55p is supplied in the sot78 (to220ab) conventional leaded package. the PSMN005-55B is supplied in the sot404 surface mounting package. pinning sot78 (to220ab) sot404 (d 2 pak) pin description 1 gate 2 drain 1 3 source tab drain limiting values limiting values in accordance with the absolute maximum system (iec 134) symbol parameter conditions min. max. unit v dss drain-source voltage t j = 25 ?c to 175?c - 55 v v dgr drain-gate voltage t j = 25 ?c to 175?c; r gs = 20 k w -55v v gs continuous gate-source - 15 v voltage v gsm peak pulsed gate-source t j 150 ?c - 20 v voltage i d continuous drain current t mb = 25 ?c; v gs = 5 v - 75 2 a t mb = 100 ?c; v gs = 5 v - 75 2 a i dm pulsed drain current t mb = 25 ?c - 240 a p d total power dissipation t mb = 25 ?c - 230 w t j , t stg operating junction and - 55 175 ?c storage temperature d g s 13 tab 2 123 tab 1 it is not possible to make connection to pin:2 of the sot404 package 2 maximum current limited by package
october 1999 3 rev 1.200 philips semiconductors product speci?cation PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor thermal resistances symbol parameter conditions typ. max. unit r th j-mb thermal resistance junction - 0.65 k/w to mounting base r th j-a thermal resistance junction sot78 package, in free air 60 - k/w to ambient sot404 package, pcb mounted, minimum 50 - k/w footprint avalanche energy limiting values limiting values in accordance with the absolute maximum system (iec 134) symbol parameter conditions min. max. unit e as non-repetitive avalanche unclamped inductive load, i as = 75 a; - 268 mj energy t p = 100 m s; t j prior to avalanche = 25?c; v dd 15 v; r gs = 50 w ; v gs = 5 v i as non-repetitive avalanche - 75 a current electrical characteristics t j = 25?c unless otherwise specified symbol parameter conditions min. typ. max. unit v (br)dss drain-source breakdown v gs = 0 v; i d = 0.25 ma; 55 - - v voltage t j = -55?c 50 - - v v gs(to) gate threshold voltage v ds = v gs ; i d = 1 ma 1.0 1.5 2.0 v t j = 175?c 0.5 - - v t j = -55?c - - 2.3 v r ds(on) drain-source on-state v gs = 10 v; i d = 25 a - 4.8 5.8 m w resistance v gs = 5 v; i d = 25 a - 5.3 6.3 m w v gs = 4.5 v; i d = 25 a - - 6.7 m w v gs = 5 v; i d = 25 a; t j = 175?c - - 13.2 m w i gss gate source leakage current v gs = 10 v; v ds = 0 v - 2 100 na i dss zero gate voltage drain v ds = 55 v; v gs = 0 v; - 0.05 10 m a current t j = 175?c - - 500 m a q g(tot) total gate charge i d = 75 a; v dd = 44 v; v gs = 5 v - 103 - nc q gs gate-source charge - 15 - nc q gd gate-drain (miller) charge - 52 - nc t d on turn-on delay time v dd = 30 v; r d = 1.2 w ; - 45 - ns t r turn-on rise time v gs = 5 v; r g = 10 w - 180 - ns t d off turn-off delay time resistive load - 420 - ns t f turn-off fall time - 235 - ns l d internal drain inductance measured from tab to centre of die - 3.5 - nh l d internal drain inductance measured from drain lead to centre of die - 4.5 - nh (sot78 package only) l s internal source inductance measured from source lead to source - 7.5 - nh bond pad c iss input capacitance v gs = 0 v; v ds = 25 v; f = 1 mhz - 6500 - pf c oss output capacitance - 1500 - pf c rss feedback capacitance - 700 - pf
october 1999 4 rev 1.200 philips semiconductors product speci?cation PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor reverse diode limiting values and characteristics t j = 25?c unless otherwise specified symbol parameter conditions min. typ. max. unit i s continuous source current - - 75 a (body diode) i sm pulsed source current (body - - 240 a diode) v sd diode forward voltage i f = 25 a; v gs = 0 v - 0.85 1.2 v i f = 75 a; v gs = 0 v - 1.1 - v t rr reverse recovery time i f = 20 a; -di f /dt = 100 a/ m s; - 80 - ns q rr reverse recovery charge v gs = 0 v; v r = 30 v - 0.2 - m c
october 1999 5 rev 1.200 philips semiconductors product speci?cation PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor fig.1. normalised power dissipation. pd% = 100 p d /p d 25 ?c = f(t mb ) fig.2. normalised continuous drain current. id% = 100 i d /i d 25 ?c = f(t mb ); conditions: v gs 3 5 v fig.3. safe operating area. t mb = 25 ?c i d & i dm = f(v ds ); i dm single pulse; parameter t p fig.4. transient thermal impedance. z th j-mb = f(t); parameter d = t p /t fig.5. typical output characteristics, t j = 25 ?c . i d = f(v ds ) fig.6. typical on-state resistance, t j = 25 ?c . r ds(on) = f(i d ) normalised power derating, pd (%) 0 10 20 30 40 50 60 70 80 90 100 0 25 50 75 100 125 150 175 mounting base temperature, tmb (c) 0.001 0.01 0.1 1 1e-06 1e-05 1e-04 1e-03 1e-02 1e-01 1e+00 pulse width, tp (s) transient thermal impedance, zth j-mb (k/w) single pulse d = 0.5 0.2 0.1 0.05 0.02 tp d = tp/t d p t normalised current derating, id (%) 0 10 20 30 40 50 60 70 80 90 100 0 25 50 75 100 125 150 175 mounting base temperature, tmb (c) 0246810 0 100 200 300 400 id/a vds/d vgs\v = 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 6.0 7.0 10.0 1 10 100 1000 1 10 100 drain-source voltage, vds (v) peak pulsed drain current, idm (a) d.c. 100 ms 10 ms rds(on) = vds/ id 1 ms tp = 10 us 100 us 0 20406080100 5 5.5 6 6.5 7 7.5 8 8.5 rds(on)/mohm vgs/v = id/a 3.0 3.2 3.4 3.6 4.0 5.0
october 1999 6 rev 1.200 philips semiconductors product speci?cation PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor fig.7. typical transfer characteristics. i d = f(v gs ) fig.8. typical transconductance, t j = 25 ?c . g fs = f(i d ) fig.9. normalised drain-source on-state resistance. r ds(on) /r ds(on)25 ?c = f(t j ) fig.10. gate threshold voltage. v gs(to) = f(t j ); conditions: i d = 1 ma; v ds = v gs fig.11. sub-threshold drain current. i d = f(v gs) ; conditions: t j = 25 ?c; v ds = v gs fig.12. typical capacitances, c iss , c oss , c rss . c = f(v ds ); conditions: v gs = 0 v; f = 1 mhz 0 0.5 1 1.5 2 2.5 3 3.5 0 20 40 60 80 100 id/a vgs/v tj = 175 25 threshold voltage, vgs(to) (v) 0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 junction temperature, tj (c) typical maximum minimum 0 20406080100 0 50 100 150 gfs/s id/a drain current, id (a) 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 0 0.5 1 1.5 2 2.5 3 gate-source voltage, vgs (v) minimum typical maximum normalised on-state resistance 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 junction temperature, tj (c) 100 1000 10000 100000 0.1 1 10 100 drain-source voltage, vds (v) capacitances, ciss, coss, crss (pf) ciss coss crss
october 1999 7 rev 1.200 philips semiconductors product speci?cation PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor fig.13. typical turn-on gate-charge characteristics. v gs = f(q g ) fig.14. typical reverse diode current. i f = f(v sds ); conditions: v gs = 0 v; parameter t j fig.15. maximum permissible non-repetitive avalanche current (i as ) versus avalanche time (t av ); unclamped inductive load 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0 25 50 75 100 125 150 175 200 225 250 gate charge, qg (nc) gate-source voltage, vgs (v) id = 75 a tj = 25 c vdd = 11 v vdd = 44 v 1 10 100 0.001 0.01 0.1 1 10 avalanche time, t av (ms) maximum avalanche current, i as (a) tj prior to avalanche = 150 c 25 c 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 0 20 40 60 80 100 if/a vsds/v tj/c = 175 25
october 1999 8 rev 1.200 philips semiconductors product speci?cation PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor mechanical data fig.16. sot78 (to220ab); pin 2 connected to mounting base (net mass:2g) notes 1. this product is supplied in anti-static packaging. the gate-source input must be protected against static discharge during transport or handling. 2. refer to mounting instructions for sot78 (to220ab) package. 3. epoxy meets ul94 v0 at 1/8". references outline version european projection issue date iec jedec eiaj sot78 to-220 d d 1 q p l 123 l 2 (1) b 1 e e b 0 5 10 mm scale plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead to-220 sot78 dimensions (mm are the original dimensions) a e a 1 c note 1. terminals in this zone are not tinned. q l 1 unit a 1 b 1 d 1 e p mm 2.54 qq a b d c l 2 (1) max. 3.0 3.8 3.6 15.0 13.5 3.30 2.79 3.0 2.7 2.6 2.2 0.7 0.4 15.8 15.2 0.9 0.7 1.3 1.0 4.5 4.1 1.39 1.27 6.4 5.9 10.3 9.7 l 1 e l 97-06-11
october 1999 9 rev 1.200 philips semiconductors product speci?cation PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor mechanical data fig.17. sot404 surface mounting package. centre pin connected to mounting base. notes 1. this product is supplied in anti-static packaging. the gate-source input must be protected against static discharge during transport or handling. 2. refer to smd footprint design and soldering guidelines, data handbook sc18. 3. epoxy meets ul94 v0 at 1/8". unit a references outline version european projection issue date iec jedec eiaj mm a 1 d 1 d max. e el p h d q c 2.54 2.60 2.20 15.40 14.80 2.90 2.10 11 1.60 1.20 10.30 9.70 4.50 4.10 1.40 1.27 0.85 0.60 0.64 0.46 b dimensions (mm are the original dimensions) sot404 0 2.5 5 mm scale plastic single-ended surface mounted package (philips version of d 2 -pak); 3 leads (one lead cropped) sot404 e e e b d 1 h d d q l p c a 1 a 13 2 mounting base 98-12-14 99-06-25
october 1999 10 rev 1.200 philips semiconductors product speci?cation PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor mounting instructions dimensions in mm fig.18. sot404 : soldering pattern for surface mounting . definitions data sheet status objective specification this data sheet contains target or goal specifications for product development. preliminary specification this data sheet contains preliminary data; supplementary data may be published later. product specification this data sheet contains final product specifications. limiting values limiting values are given in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of this specification is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the specification. philips electronics n.v. 1999 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. life support applications these products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. 17.5 11.5 9.0 5.08 3.8 2.0
october 1999 11 rev 1.200 philips semiconductors product speci?cation PSMN005-55B; psmn005-55p n-channel logic level trenchmos (tm) transistor notes
? philips electronics n.v. sca all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. internet: http://www.semiconductors.philips.com 2000 69 philips semiconductors C a worldwide company for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 3 figtree drive, homebush, nsw 2140, tel. +61 2 9704 8141, fax. +61 2 9704 8139 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 1 60 101 1248, fax. +43 1 60 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 20 0733, fax. +375 172 20 0773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 68 9211, fax. +359 2 68 9102 canada: philips semiconductors/components, tel. +1 800 234 7381, fax. +1 800 943 0087 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: sydhavnsgade 23, 1780 copenhagen v, tel. +45 33 29 3333, fax. +45 33 29 3905 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615 800, fax. +358 9 6158 0920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 4099 6161, fax. +33 1 4099 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 2353 60, fax. +49 40 2353 6300 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: pt philips development corporation, semiconductors division, gedung philips, jl. buncit raya kav.99-100, jakarta 12510, tel. +62 21 794 0040 ext. 2501, fax. +62 21 794 0080 ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, via casati, 23 - 20052 monza (mi), tel. +39 039 203 6838, fax +39 039 203 6800 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108-8507, tel. +81 3 3740 5130, fax. +81 3 3740 5057 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381, fax +9-5 800 943 0087 middle east: see italy netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 pakistan: see singapore philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland : al.jerozolimskie 195 b, 02-222 warsaw, tel. +48 22 5710 000, fax. +48 22 5710 001 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 319762, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 58088 newville 2114, tel. +27 11 471 5401, fax. +27 11 471 5398 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 93 301 6312, fax. +34 93 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 5985 2000, fax. +46 8 5985 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2741 fax. +41 1 488 3263 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2886, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: yukari dudullu, org. san. blg., 2.cad. nr. 28 81260 umraniye, istanbul, tel. +90 216 522 1500, fax. +90 216 522 1813 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 208 730 5000, fax. +44 208 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381, fax. +1 800 943 0087 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 3341 299, fax.+381 11 3342 553 printed in the netherlands 603502/300/04/pp 12 date of release: october 1999 document order number: 9397 750 06976


▲Up To Search▲   

 
Price & Availability of PSMN005-55B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X