Part Number Hot Search : 
LTC10 MK13H MIC21 TS1086 8S31TDJ BZX84C20 LTC10 RS803
Product Description
Full Text Search
 

To Download NAV-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a t t s oftware & s ystems t echnology d ivision t t a he NAV-2000 , is an 8-channel global positioning system receiver (gpsr) chipset, designed around a programmable platform, analog devices? sharc ? dsp. the sharc ? dsp is a 32-bit floating-point digital signal processor (dsp) with on-chip sram and high i/o bandwidth. the NAV-2000 reference design consists of: sharc ? processor boot memory eprom (2mb) the NAV-2000, along with any standard rf front end and gps antenna, makes a complete gps receiver. this receiver design consists of two major functional modules: correlator navigation processor t NAV-2000 chipset highlights eight parallel channels includes programmable sharc ? ? dsp platform adaptable to any standard rf front end soft solution approach for correlation efficient algorithms for very low time to first fix even without almanac very fast acquisition of gps signals computes user's position, velocity and time solution provides navigation and guidance functions real-time differential gps compatibility direct support for rs232 serial link designed for easy customization of applications easy upgradability and expandability spare processing power for additional features and integrated applications precise time and time interval (ptti) output provided with powerful user interface software for pc-at (gvision*) NAV-2000 NAV-2000 global positioning system receiver chipset * gvision is a gpsr user interface software product from accord software & systems pvt. ltd . boot eprom dsp correlator and navigation processor rf front end rs-232 user position, velocty and time output s ingle dsp, eight - channel gpsr chipset for systems integrators and oems
a t t s oftware & s ystems t echnology d ivision t t a correlator the main functions of the included correlator are: parallel processing of eight channels carrier frequency generation c/a code generation for 32 satellites acquisition of carrier frequency and code phase correlation of on-time and dither samples interface to navigation processor self test NAV-2000 ? ? an ideal building block for oem applications the NAV-2000, with its programmatic interface and the enormous 120m flops processing power, forms an ideal building block for versatile oem applications. this approach minimizes the additional processing hardware requirements for integrated gps-based oem applications resulting in a cost-effective end product. navigation processor the main functions of the included navigation processor are : measurement of pseudo range interface with correlator extraction of navigation messages satellite database management satellite selection for position solution computation of position, velocity and time non-volatile memory for storing almanac, ephemeris and position data host communications NAV-2000-based gps receiver adi?s reference gps receiver design based on the adi NAV-2000 chipset, uses gec plessey?s a gp2010 rf front end and commercially available active gps antenna anp-c-114-5 from m/acom. gvision, user interface software which runs on pc-at, provides information such as user?s position, velocity, heading both in text and graphic form overlayed on map display. user interface rf front end NAV-2000 chipset rs-232 keyboard and display correlator and navigation processor rf to if down conversion if clock gps receiver based on NAV-2000 chipset active antenna
a t t s oftware & s ystems t echnology d ivision t t a eight c/a code correlation channels processes gps l1 signal @ 1575.42 mhz carrier aided tracking fast acquisition techniques real time executive-based software architecture all in view solution nmea0183 compatible message format for host communication uses the accord software and systems ( put . ltd ) custom binary message format for host communication real-time differential gps compatibility precise time and time interval (ptti) output NAV-2000 reference design board adi?s NAV-2000 reference design board ? rev 2.0 has following specifications. time to first fix with almanac, position and time estimate: 45 sec. typical with almanac, position, time, ephemeris: 20 sec. typical without almanac, time, position: 90 sec. typical position accuracy less than 30 meters with cep 50% (without s/a) less than 50 meters with cep 90% (without s/a) dynamics velocity 100 m/sec acceleration 4g jerk 5m/sec 3 acquisition less than 24 seconds (without aid) less than 16 seconds (with aid) re-acquisition 2-3 seconds typical satellite data collection 1.8 seconds to 6.8 seconds for synchronisation continuous data collection and parity checking on all eight channels position solution 2d/3d position, velocity and time 47 geodetic datum supported (default wgs84) p erformance c haracteristics g eneral c haracteristics
a t t s oftware & s ystems t echnology d ivision t t a a pplication i nterface the real time executive of the adi NAV-2000 provides a programmatic interface to integrate oem application software. pc h ost c ommunication interface rs232 compati ble baud rate 9600 baud message format nmea0183 version 2.00 ascii custom binary output hex o utput messages users present position latitude, longitude, height, ecef coordinates, velocity, heading, time, channel information, dop, error estimate, satellite used for last fix, receiver status, satellite data, error messages, signal strength, almanac, ephemeris, satellite health status. i nput m essages force satellite re-selection, master reset, override satellite health, almanac, position, time and date. e lectrical characteristics power supply voltage +5v 0.25v power consumption 2.5 watts (approximate) p hysical characteristics dimensions 80mm x 93mm x 20mm connectors rf signal input through sma jack 2 pin power supply connector e nvironmental characteristics ambient temp. -10 o c to +85 o c humidity 95% non condensing +30 o c to +60 o c altitude 18,000 meters NAV-2000 e valuation k it the adi NAV-2000 evaluation kit consist of: item no. description 1. NAV-2000 reference design board - rev 2.0 with dc-dc converter (input = +9v to +16v, output = +5v) housed in an enclosure. 2. antenna (anp-c-114-5 from m/acom) 3. antenna cable (3 meters long) with sma connectors at both ends and rs-232 cable. 4. gvision user interface software on a 3 1/2? floppy diskette 5. NAV-2000 user manual. analog devices worldwide headquarters one technology way p.o. box 9106 norwood, ma 02062-9106 usa tel: 617 461 3060 fax: 617 461 4291 email: systems.solutions@analog.com a nalog devices, inc., together with accord software & systems pvt. ltd. is developing the most advanced system receiver solutions today. accord is based in bangalore, india.
a t t s oftware & s ystems t echnology d ivision t t a


▲Up To Search▲   

 
Price & Availability of NAV-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X