Part Number Hot Search : 
TA203 R2A201 BSM151 SA2420DH C6052 C4002RU R2A201 A1718
Product Description
Full Text Search
 

To Download MBM27C256A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a12 in a7 in a6 in a5 in a4 in a3 in a2 in a1 in a0 in d0 out d1 out d2 out gnd v pp v dd 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 a14 in a13 in a8 in a9 in a11 in oe in a10 in ce in d7 out d6 out d5 out d4 out d3 out 10 9 8 7 6 5 4 3 25 24 21 23 2 26 27 11 12 13 15 16 17 18 19 ce oe a14 a13 a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 27 26 2 23 21 24 25 3 4 5 6 7 8 9 10 20 22 row decoder column decoder 262,144-bit cell matrix column gate output buffer ce, oe logic d0 d1 d2 d3 d4 d5 d6 d7 11 12 13 15 16 17 18 19 a0 a1 a2 a3 a4 a5 a6 a7 a8 a9 a10 a11 a12 a13 a14 d0 d1 d2 d3 d4 d5 d6 d7 a0 - a14 ce d0 - d7 oe v pp : address inputs : chip enable input : data outputs : output enable input : program power supply ce oe 20 22 MBM27C256A(1/2) il00 c-mos 256 k (32 k x 8)-bit uv erasable prom with 3-state outputs ?op view
an an an x an an an x ao ce 0 0 1 0 1 0 1 0 oe 0 1 x 1 0 0 1 0 v dd + 5 v + 5 v + 5 v + 6 v + 6 v + 6 v + 6 v + 5 v v pp + 5 v + 5 v + 5 v + 12.5 v + 12.5 v + 12.5 v + 12.5 v + 5 v dn d out hi-z hi-z d in d out d out hi-z device code function read output disable standby pgm pgm verify (1) pgm verify (2) pgm inh electronic signature * * see following description electronic signature for p rom writer address settings in read mode maker code device code ao 0 1 a1 - a8 a9 d7 0 0 a10 - a13 a14, vpp 0 12 v 0 1 code data d6 0 1 d5 0 1 d4 0 0 d3 0 0 d2 1 0 d1 0 1 d0 0 0 04h 62h MBM27C256A (2/2) 0 1 x hi-z : low level : high level : don? care : high impedance


▲Up To Search▲   

 
Price & Availability of MBM27C256A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X