Part Number Hot Search : 
7289NSC 1X392K SMA6J60A 01061 LD7513A FES2A SMB33C IN4746A
Product Description
Full Text Search
 

To Download L79L12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l79l00 series negative voltage regulators ? november 1998 n output current up to 100 ma n output voltages of-5; -6; -8; -9; -12; -15v n thermal overload protection n short circuit protection n no external components are required n availablein either 5% (ac) or 10% (c) selection description the l79l00 series of three-terminal positive regulators employ internal current limiting and thermal shutdown, making them essentially indestructible. if adequate heatsink is provided, they can deliver up to 100 ma output current. they are intended as fixed voltage regulators in a wide range of applications including local or on-card regulation for elimination of noise and distribution problems associated with single-point regulation. in addition, they can be used with power pass elements to make high-current voltage regulators. the l79l00 series used as zener diode/resistor combination replacement, offers an effective block diagram so-8 to-92 output impedance improvement of typically two orders of magnetude, along with lower quiescent current and lower noise. sot-89 1/13
absolute maximum rating symbol parameter value unit v i dc input voltage v o = -5 v to -9 v -30 v v o = -12 v to -15 v -35 v i o output current 100 ma p tot power dissipation internally limited (*) t stg storage temperature range - 40 to 150 o c t op operating junction temperature range for l79l00c, l79l00ac for l79l00ab 0to125 -40to125 o c o c (*) our so-8 package used for voltage regulators is modified internally to have pins 2, 3, 6 and 7 electrically commoned to the die attach flag. this particular frame decreases the total thermal resistance of the package and increases its ability to dissipate power when an appropriate area of copper on the printed circuit board is available for heatsinking. the external dimensions are the same as for the standard so-8 test circuits thermal data symbol parameter so-8 to-92 sot-89 unit r thj-case r thj-amb thermal resistance junction-case max thermal resistance junction-ambient max 20 55 (*) 200 12 o c/w o c/w (*) considering 6cm 2 of copper board heat-sink l79l00 2/13
connection diagram and ordering numbers (top view) ordering numbers type so-8 to-92 sot-89 output voltage l79l05c l79l05ac l79l05ab l79l06c l79l06ac l79l06ab l79l08c l79l08ac l79l08ab l79l09c l79l09ac l79l09ab L79L12c L79L12ac L79L12ab l79l15c l79l15ac l79l15ab l79l05cd l79l05acd l79l05abd l79l06cd l79l06acd l79l06abd l79l08cd l79l08acd l79l08abd l79l09cd l79l09acd l79l09abd L79L12cd L79L12acd L79L12abd l79l15cd l79l15acd l79l15abd l79l05cz l79l05acz l79l05abz l79l06cz l79l06acz l79l06abz l79l08cz l79l08acz l79l08abz l79l09cz l79l09acz l79l09abz L79L12cz L79L12acz L79L12abz l79l15cz l79l15acz l79l15abz l79l05acu l79l05abu l79l06acu l79l06abu l79l08acu l79l08abu l79l09acu l79l09abu L79L12acu L79L12abu -5 v -5 v -5 v -6 v -6 v -6 v -8 v -8 v -8 v -9 v -9 v -9 v -12 v -12 v -12 v -15 v -15 v -15 v so-8 to-92 pin 1 = v out pin 2 = gnd pin 3 = v in bottom view sot-89 l79l00 3/13
electrical characteristics for l79l05 (refer to the test circuits, t j = 0 to 125 o c, v i = -10v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c-4.6-5-5.4v v o output voltage i o = 1 to 40 ma v i = -7 to -20 v i o = 1 to 70 ma v i = -10 v -4.5 -4.5 -5.5 -5.5 v v d v o line regulation v i =-7to-20v t j =25 o c v i =-8to-20v t j =25 o c 200 150 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 60 30 mv mv i d quiescent current t j =25 o c t j = 125 o c 6 5.5 ma ma d i d quiescent current change i o = 1 to 40 ma 0.2 ma d i d quiescent current change v i =-8to-20v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c40 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i =-8to-18v 40 49 db v d dropout voltage 1.7 v electrical characteristics for l79l06 (refer to the test circuits, t j = 0 to 125 o c, v i = -12v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c -5.52 -6 -6.48 v v o output voltage i o = 1 to 40 ma v i = -8.5 to -20 v i o = 1 to 70 ma v i = -12 v -5.4 -5.4 -6.6 -6.6 v v d v o line regulation v i = -8.5 to -20 v t j =25 o c v i =-9to-20v t j =25 o c 200 150 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 60 30 mv mv i d quiescent current t j =25 o c t j = 125 o c 6 5.5 ma ma d i d quiescent current change i o = 1 to 40 ma 0.2 ma d i d quiescent current change v i =-8to-20v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c50 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i =-9to-20v 38 46 db v d dropout voltage 1.7 v l79l00 4/13
electrical characteristics for l79l08 (refer to the test circuits, t j = 0 to 125 o c, v i = -14v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c -7.36 -8 -8.64 v v o output voltage i o = 1 to 40 ma v i = -10.5 to -23 v i o = 1 to 70 ma v i = -14 v -7.2 -7.2 -8.8 -8.8 v v d v o line regulation v i = -10.5 to -23 v t j =25 o c v i = -11 to -23 v t j =25 o c 200 150 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 80 40 mv mv i d quiescent current t j =25 o c t j = 125 o c 6 5.5 ma ma d i d quiescent current change i o = 1 to 40 ma 0.2 ma d i d quiescent current change v i = -11 to -23 v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c60 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i = -12 to -23 v 36 45 db v d dropout voltage 1.7 v electrical characteristics for l79l09 (refer to the test circuits, t j = 0 to 125 o c, v i = -15v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c -8.28 -9 -9.72 v v o output voltage i o = 1 to 40 ma v i = -11.5 to -23 v i o = 1 to 70 ma v i = -15 v -8.1 -8.1 -9.9 -9.9 v v d v o line regulation v i = -11.5 to -23 v t j =25 o c v i = -12 to -23 v t j =25 o c 250 200 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 80 40 mv mv i d quiescent current t j =25 o c t j = 125 o c 6 5.5 ma ma d i d quiescent current change i o = 1 to 40 ma 0.2 ma d i d quiescent current change v i = -12 to -23 v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c70 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i = -12 to -23 v 36 44 db v d dropout voltage 1.7 v l79l00 5/13
electrical characteristics for L79L12 (refer to the test circuits, t j = 0 to 125 o c, v i = -19v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c -11.1 -12 -12.9 v v o output voltage i o = 1 to 40 ma v i = -14.5 to -27 v i o = 1 to 70 ma v i = -19 v -10.8 -10.8 -13.2 -13.2 v v d v o line regulation v i = -14.5 to -27 v t j =25 o c v i = -16 to -27 v t j =25 o c 250 200 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 100 50 mv mv i d quiescent current t j =25 o c t j = 125 o c 6.5 6 ma ma d i d quiescent current change i o = 1 to 40 ma 0.2 ma d i d quiescent current change v i = -16 to -27 v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c80 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i = -15 to -25 v 36 42 db v d dropout voltage 1.7 v electrical characteristics for l79l15 (refer to the test circuits, t j = 0 to 125 o c, v i = -23v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c -13.8 -15 -16.2 v v o output voltage i o = 1 to 40 ma v i = -17.5 to -30 v i o = 1 to 70 ma v i = -23 v -13.5 -13.5 -16.5 -16.5 v v d v o line regulation v i = -17.5 to -30 v t j =25 o c v i = -20 to -30 v t j =25 o c 300 250 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 150 75 mv mv i d quiescent current t j =25 o c t j = 125 o c 6.5 6 ma ma d i d quiescent current change i o = 1 to 40 ma 0.2 ma d i d quiescent current change v i = -20 to -30 v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c90 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i = -18.5 to -28.5 v 33 39 db v d dropout voltage 1.7 v l79l00 6/13
electrical characteristics for l79l05ab and l79l05ac (refer to the test circuits, v i = -10v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, t j = 0 to 125 o c for l79l05ac, t j = -40 to 125 o c for l79l05ab, unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c-4.8-5-5.2v v o output voltage i o = 1 to 40 ma v i = -7 to -20 v i o = 1 to 70 ma v i = -10 v -4.75 -4.75 -5.25 -5.25 v v d v o line regulation v i =-7to-20v t j =25 o c v i =-8to-20v t j =25 o c 150 100 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 60 30 mv mv i d quiescent current t j =25 o c t j = 125 o c 6 5.5 ma ma d i d quiescent current change i o = 1 to 40 ma 0.1 ma d i d quiescent current change v i =-8to-20v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c40 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i =-8to-18v 41 49 db v d dropout voltage 1.7 v electrical characteristics for l79l06ab and l79l06ac (refer to the test circuits, v i = -12v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, t j = 0 to 125 o c for l79l06ac, t j = -40 to 125 o c for l79l06ab, unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c -5.76 -6 -6.24 v v o output voltage i o = 1 to 40 ma v i = -8.5 to -20 v i o = 1 to 70 ma v i = -12 v -5.7 -5.7 -6.3 -6.3 v v d v o line regulation v i = -8.5 to -20 v t j =25 o c v i =-9to-20v t j =25 o c 150 100 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 60 30 mv mv i d quiescent current t j =25 o c t j = 125 o c 6 5.5 ma ma d i d quiescent current change i o = 1 to 40 ma 0.1 ma d i d quiescent current change v i =-9to-20v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c50 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i =-9to-20v 39 46 db v d dropout voltage 1.7 v l79l00 7/13
electrical characteristics for l79l08ab and l79l08ac (refer to the test circuits, v i = -14v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, t j = 0 to 125 o c for l79l08ac, t j = -40 to 125 o c for l79l08ab, unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c -7.68 -8 -8.32 v v o output voltage i o = 1 to 40 ma v i = -10.5 to -23 v i o = 1 to 70 ma v i = -14 v -7.6 -7.6 -8.4 -8.4 v v d v o line regulation v i = -10.5 to -23 v t j =25 o c v i = -11 to -23 v t j =25 o c 17.5 12.5 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 80 40 mv mv i d quiescent current t j =25 o c t j = 125 o c 6 5.5 ma ma d i d quiescent current change i o = 1 to 40 ma 0.1 ma d i d quiescent current change v i = -11 to -23 v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c60 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i = -12 to -23 v 37 45 db v d dropout voltage 1.7 v electrical characteristics for l79l09ab and l79l09ac (refer to the test circuits, v i = -15v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, t j = 0 to 125 o c for l79l09ac, t j = -40 to 125 o c for l79l09ab, unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c -8.64 -9 -9.36 v v o output voltage i o = 1 to 40 ma v i = -11.5 to -23 v i o = 1 to 70 ma v i = -15 v -8.55 -8.55 -9.45 -9.45 v v d v o line regulation v i = -11.5 to -23 v t j =25 o c v i = -12 to -23 v t j =25 o c 225 150 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 80 40 mv mv i d quiescent current t j =25 o c t j = 125 o c 6 5.5 ma ma d i d quiescent current change i o = 1 to 40 ma 0.1 ma d i d quiescent current change v i = -12 to -23 v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c70 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i = -12 to -23 v 37 44 db v d dropout voltage 1.7 v l79l00 8/13
electrical characteristics for L79L12ab and L79L12ac (refer to the test circuits, v i = -19v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, t j = 0 to 125 o c for L79L12ac, t j = -40 to 125 o c for L79L12ab, unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c -11.5 -12 -12.5 v v o output voltage i o = 1 to 40 ma v i = -14.5 to -27 v i o = 1 to 70 ma v i = -19 v -11.4 -11.4 -12.6 -12.6 v v d v o line regulation v i = -14.5 to -27 v t j =25 o c v i = -16 to -27 v t j =25 o c 250 200 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 100 50 mv mv i d quiescent current t j =25 o c t j = 125 o c 6.5 6 ma ma d i d quiescent current change i o = 1 to 40 ma 0.1 ma d i d quiescent current change v i = -16 to -27 v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c80 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i = -15 to -25 v 37 42 db v d dropout voltage 1.7 v electrical characteristics for l79l15ab and l79l15ac (refer to the test circuits, v i = -23v, i o = 40 ma, c i = 0.33 m f, c o = 0.1 m f, t j = 0 to 125 o c for l79l15ac, t j = -40 to 125 o c for l79l15ab, unless otherwise specified) symbol parameter test conditions min. typ. max. unit v o output voltage t j =25 o c -14.4 -15 -15.6 v v o output voltage i o = 1 to 40 ma v i = -17.5 to -30 v i o = 1 to 70 ma v i = -23 v -14.25 -14.25 -15.75 -15.75 v v d v o line regulation v i = -17.5 to -30 v t j =25 o c v i = -20 to -30 v t j =25 o c 300 250 mv mv d v o load regulation i o = 1 to 100 ma t j =25 o c i o = 1 to 40 ma t j =25 o c 150 75 mv mv i d quiescent current t j =25 o c t j = 125 o c 6.5 6 ma ma d i d quiescent current change i o = 1 to 40 ma 0.1 ma d i d quiescent current change v i = -20 to -30 v 1.5 ma en output noise voltage b = 10hz to 100khz t j =25 o c90 m v svr supply voltage rejection i o = 40 ma f = 120 hz t j =25 o c v i = -18.5 to -28.5 v 34 39 db v d dropout voltage 1.7 v l79l00 9/13
dim. mm inch min. typ. max. min. typ. max. a 1.75 0.068 a1 0.1 0.25 0.003 0.009 a2 1.65 0.064 a3 0.65 0.85 0.025 0.033 b 0.35 0.48 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.25 0.5 0.010 0.019 c1 45 (typ.) d 4.8 5.0 0.188 0.196 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 3.81 0.150 f 3.8 4.0 0.14 0.157 l 0.4 1.27 0.015 0.050 m 0.6 0.023 s 8 (max.) 0016023 so-8 mechanical data l79l00 10/13
dim. mm mils min. typ. max. min. typ. max. a 1.4 1.6 55.1 63.0 b 0.44 0.56 17.3 22.0 b1 0.36 0.48 14.2 18.9 c 0.35 0.44 13.8 17.3 c1 0.35 0.44 13.8 17.3 d 4.4 4.6 173.2 181.1 d1 1.62 1.83 63.8 72.0 e 2.29 2.6 90.2 102.4 e 1.42 1.57 55.9 61.8 e1 2.92 3.07 115.0 120.9 h 3.94 4.25 155.1 167.3 l 0.89 1.2 35.0 47.2 p025h sot-89 mechanical data l79l00 11/13
dim. mm inch min. typ. max. min. typ. max. a 4.58 5.33 0.180 0.210 b 4.45 5.2 0.175 0.204 c 3.2 4.2 0.126 0.165 d 12.7 0.500 e 1.27 0.050 f 0.4 0.51 0.016 0.020 g 0.35 0.14 to-92 mechanical data l79l00 12/13
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a registered trademark of stmicroelectronics ? 1998 stmicroelectronics printed in italy all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com . l79l00 13/13


▲Up To Search▲   

 
Price & Availability of L79L12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X