Part Number Hot Search : 
TA7673 F0140 63000 LLZ16B E914ID 2SD16 BD933 PT3935
Product Description
Full Text Search
 

To Download FDMC7672 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2009 ?2009 fairchild semiconductor corporation FDMC7672 rev.b www.fairchildsemi.com 1 FDMC7672 n-channel power trench ? mosfet FDMC7672 n-channel power trench ? mosfet  30 v, 16.9 a, 5.7 m  features  max r ds(on) = 5.7 m  at v gs = 10 v, i d = 16.9 a  max r ds(on) = 7.0 m  at v gs = 4.5 v, i d = 15.0 a  high performance technology for extremely low r ds(on)  termination is lead-free and rohs compliant general description this n-channel mosfet is produced using fairchild semiconductor?s advanced power trench ? process that has been especially tailored to minimize the on-state resistance. this device is well suited for power management and load switching applications common in notebook computers and portable battery packs. application  dc - dc buck converters  notebook battery power management  load switch in notebook mosfet maximum ratings t a = 25 c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v ds drain to source voltage 30 v v gs gate to source voltage 20 v i d drain current -continuous (package limited) t c = 25 c 20 a -continuous t a = 25 c (note 1a) 16.9 -pulsed 50 e as p d power dissipation t a = 25 c (note 1a) 2.3 w t j , t stg operating and storage junction temperature range -55 to +150 c r  ja thermal resistance, junction to ambient (note 1a) 53 c/w device marking device package reel size tape width quantity FDMC7672 FDMC7672 mlp 3.3x3.3 13 ?? 12 mm 3000 units bottom d d d d s s s g top pin 1 mlp 3.3x3.3 g s s s d d d d 5 6 7 8 3 2 1 4 single pulse avalanche energy (note 3) 144 mj
FDMC7672 n-channel power trench ? mosfet www.fairchildsemi.com 2 ?2009 fairchild semiconductor corporation FDMC7672 rev.b electrical characteristics t j = 25 c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain to source breakdown voltage i d = 250  a, v gs = 0 v 30 v  bv dss  t j breakdown voltage temperature coefficient i d = 250  a, referenced to 25 c 13 mv/c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1  a t j = 125 c 250 i gss gate to source leakage current v gs = 20 v, v ds = 0 v 100 na on characteristics v gs(th) gate to source threshold voltage v gs = v ds , i d = 250  a 1.2 1.9 3.0 v  v gs(th)  t j gate to source threshold voltage temperature coefficient i d = 250  a, referenced to 25 c -6 mv/c r ds(on) static drain to source on resistance v gs = 10 v, i d = 16.9 a 4.3 5.7 m  v gs = 4.5 v, i d = 15.0 a 5.4 7.0 v gs = 10 v, i d = 16.9 a t j = 125 c 5.5 6.9 g fs forward transconductance v dd = 5 v, i d = 16.9 a 82 s dynamic characteristics c iss input capacitance v ds = 15 v, v gs = 0 v, f = 1 mhz 2925 3890 pf c oss output capacitance 1050 1400 pf c rss reverse transfer capacitance 80 120 pf r g gate resistance 0.9  switching characteristics t d(on) turn-on delay time v dd = 15 v, i d = 16.9 a, v gs = 10 v, r gen = 6  13 24 ns t r rise time 612ns t d(off) turn-off delay time 31 49 ns t f fall time 510ns q g(tot) total gate charge v gs = 0 v to 10 v v dd = 15 v i d = 16.9 a 40 57 nc total gate charge v gs = 0 v to 4.5 v 18 24 nc q gs total gate charge 9nc q gd gate to drain ?miller? charge 4 nc drain-source diode characteristics v sd source to drain diode forward voltage v gs = 0 v, i s = 16.9 a (note 2) 0.83 1.2 v v gs = 0 v, i s = 1.9 a (note 2) 0.72 1.2 t rr reverse recovery time i f = 16.9 a, di/dt = 100 a/  s 39 62 ns q rr reverse recovery charge 18 32 nc notes: 1. r  ja is determined with the device mounted on a 1 in 2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of fr-4 material. r  jc is guaranteed by design while r  ca is determined by the user's board design. 2. pulse test: pulse width < 300  s, duty cycle < 2.0 %. 3. e as of 144 mj is based on starting t j = 25 o c, l = 1 mh, i as = 17 a, v dd = 27 v, v gs = 10 v. 100% test at l = 3 mh, i as = 7.9 a. a. 53 c/w when mounted on a 1 in 2 pad of 2 oz copper b.125 c/w when mounted on a minimum pad of 2 oz copper
FDMC7672 n-channel power trench ? mosfet www.fairchildsemi.com 3 ?2009 fairchild semiconductor corporation FDMC7672 rev.b typical characteristics t j = 25 c unless otherwise noted figure 1. 0.0 0.5 1.0 1.5 0 10 20 30 40 50 v gs = 3.5 v v gs = 6 v v gs = 10 v v gs = 3 v v gs = 4 v pulse duration = 80  s duty cycle = 0.5% max v gs = 4.5 v i d , drain current (a) v ds , drain to source voltage (v) on-region characteristics figure 2. 0 1020304050 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v gs = 4.5 v v gs = 6 v v gs = 4 v normalized drain to source on-resistance i d , drain current (a) v gs = 10 v v gs = 3.5 v pulse duration = 80  s duty cycle = 0.5% max n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n - r e s i s t a n c e -75 -50 -25 0 25 50 75 100 125 150 0.6 0.8 1.0 1.2 1.4 1.6 i d = 16.9 a v gs = 10 v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 246810 0 5 10 15 20 t j = 125 o c i d = 16.9 a t j = 25 o c v gs , gate to source voltage (v) r ds(on) , drain to source on-resistance ( m  ) pulse duration = 80  s duty cycle = 0.5% max o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 1234 0 10 20 30 40 50 t j = 150 o c v ds = 5 v pulse duration = 80  s duty cycle = 0.5% max t j = -55 o c t j = 25 o c i d , drain current (a) v gs , gate to source voltage (v) figure 6. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.001 0.01 0.1 1 10 100 t j = -55 o c t j = 25 o c t j = 150 o c v gs = 0 v i s , reverse drain current (a) v sd , body diode forward voltage (v) s o u r c e t o d r a i n d i o d e forward voltage vs source current
FDMC7672 n-channel power trench ? mosfet www.fairchildsemi.com 4 ?2009 fairchild semiconductor corporation FDMC7672 rev.b figure 7. 0 9 18 27 36 45 0 2 4 6 8 10 i d = 16.9 a v dd = 15 v v dd = 10 v v gs , gate to source voltage (v) q g , gate charge (nc) v dd = 20 v gate charge characteristics figure 8. 0.1 1 10 30 50 100 1000 5000 f = 1 mhz v gs = 0 v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss c a p a c i t a n c e v s d r a i n to source voltage figure 9. 0.01 0.1 1 10 100 1 10 20 t j = 100 o c t j = 25 o c t j = 125 o c t av , time in avalanche (ms) i as , avalanche current (a) 200 u n c l a m p e d i n d u c t i v e switching capability figure 10. 25 50 75 100 125 150 0 10 20 30 40 50 60 70 limited by package r  jc = 4.0 o c/w v gs = 4.5 v v gs = 10 v i d , drain current (a) t c , case temperature ( o c ) m a x i m u m c o n t i n u o u s d r a i n c u r r e n t v s c a s e t e m p e r a t u r e figure 11. 0.01 0.1 1 10 100 0.01 0.1 1 10 70 100  s 1 s dc 100 ms 10 ms 1 ms 10 s i d , drain current (a) v ds , drain to source voltage (v) this area is limited by r ds(on) single pulse t j = max rated r  ja = 125 o c/w t a = 25 o c 200 fo rw ard bi as safe operating area figure 12. 10 -4 10 -3 10 -2 10 -1 110 100 1000 0.5 1 10 100 1000 2000 v gs = 10 v p ( pk ) , peak transient power (w) t, pulse width (sec) single pulse r  ja = 125 o c/w t a = 25 o c s i n g l e p u l s e m a x i m u m power dissipation typical characteristics t j = 25 c unless otherwise noted
FDMC7672 n-channel power trench ? mosfet www.fairchildsemi.com 5 ?2009 fairchild semiconductor corporation FDMC7672 rev.b figure 13. transient thermal response curve 10 -4 10 -3 10 -2 10 -1 110 100 1000 0.0005 0.001 0.01 0.1 1 2 single pulse r  ja = 125 o c/w duty cycle-descending order normalized thermal impedance, z  ja t, rectangular pulse duration (sec) d = 0.5 0.2 0.1 0.05 0.02 0.01 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z  ja x r  ja + t a typical characteristics t j = 25 c unless otherwise noted
FDMC7672 n-channel power trench ? mosfet www.fairchildsemi.com 6 ?2009 fairchild semiconductor corporation FDMC7672 rev.b dimensional outline and pad layout b. dimensions are in millimeters. c. dimensions and tolerances per a. does not conform to jedec registration mo-229 asme y14.5m, 1994 0.10 cab 0.05 c top view bottom view recommended land pattern 0.10 c 0.08 c b a 3.30 3.30 0.05 0.00 0.10 c 2x 2x 0.8 max side view seating plane 0.10 c pin #1 ident (0.203) 8 5 1.95 0.65 d. drawing file name : mlp08xreva pin#1 quadrant 0.40 0.30 4 1 (8x) e. land pattern recommendation is based on fsc design only 2.32 2.22 0.55 0.45 (4x) 1.150 0.299 2.05 1.95 0.350 r0.150 0.785
www.fairchildsemi.com FDMC7672 n-channel power trench ? mosfet ?2009 fairchild semiconductor corporation FDMC7672 rev.b 7 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms auto-spm? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? ecospark ? efficentmax? ezswitch? * ?* fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? megabuck? microcoupler? microfet? micropak? millerdrive? motionmax? motion-spm? optologic ? optoplanar ? ? pdp spm? power-spm? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? ? saving our world, 1mw /w /kw at a time? smartmax? smart start? spm ? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 supremos? syncfet? sync-lock? ?* the power franchise ? ? tinyboost? tinybuck? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? trifault detect? truecurrent?*  serdes? uhc ? ultra frfet? unifet? vcx? visualmax? xs? ? tm t m datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. fairchild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in the industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. rev. i40


▲Up To Search▲   

 
Price & Availability of FDMC7672

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X