Part Number Hot Search : 
HZK24L 6050117 BCM5650 HV3KVLCD BZX85 20100CT AN17813A KB200TXV
Product Description
Full Text Search
 

To Download BAS40V-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p b l e a d - f r e e ds30561 rev. 2 - 2 1 of 2 bas40v www.diodes.co m ? diodes incorporated bas40v dual surface mo unt schottky barrier dio de features note: 1. no purposefully added lead. 2. part mounted on fr-4 board with recommended pad layout, which can be found on our website at http :// www .diodes.com/ datasheets /ap02001. pdf . 3. short durat ion test pulse used to minimize self-heating effect. characteristic symbol value unit peak repetitive revers e voltage working peak revers e voltage dc blocking voltage v rrm v rwm v r 40 v forward continuous cur rent (note 2) i fm 200 ma forward surge curr ent (note 2) @ t < 1.0s i fsm 600 ma operating temperature range t j -55 to +125 c storage temperature range t stg -65 to +150 c characteristic symbol min typ max unit test condition reverse break down voltage (note 3) v (br)r 40 ? ? v i r = 10 m a forward voltage (note 3) v f ? ? 380 1000 mv t p < 300 m s, i f = 1.0ma t p < 300 m s, i f = 40ma reverse leak age current (note 3) i r ? 20 200 na t p < 300 m s, v r = 30v total capacitance c t ? 4.0 5.0 pf v r = 0v, f =1.0mhz reverse rec overy t ime t rr ? ? 5.0 ns i f = i r = 10ma to i r = 1.0ma, r l = 100 w case: sot-563, molded plastic case material: molded pl astic. ul flammability classification rating 94v-0 moisture sensitivity: lev el 1 per j-std-020c terminal connections: see diagram terminals: finish ? matte tin annealed over alloy 42 leadframe. solderable per mil-std-202, method 208 marking & type code information: see last page ordering information: see last page weight: 0.003 grams (approx.) mechanical data low forward voltage drop fast switching pn junction guard r ing for transient and esd protection lead free by desi gn/rohs c ompliant (note 1) a m l b c h k g d maximum ratings @ t a = 25 c unless otherwise s pecified electri cal character isti cs @ t a = 25 c unless otherwise s pecified sot-563 dim min max typ a 0.15 0.30 0.25 b 1.10 1.25 1.20 c 1.55 1.70 1.60 d 0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 k 0.56 0.60 0.60 l 0.10 0.30 0.20 m 0.10 0.18 0.11 all dimensions in m m c 1 n c a 2 c 2 a 1 n c t c u d o r p w e n thermal charact eristi cs @ t a = 25 c unless otherwise s pecified characteristic symbol value unit power dissipation (note 2) p d 150 mw thermal resistance, j unction to ambient air (note 2) r q ja 833 c/w
ds30561 rev. 2 - 2 2 of 2 bas40v www.diodes.co m month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d date code key kan = product type marking code ym = date code marking y = year (ex: r = 2004) m = month ex: 9 = september marking i nformat ion notes: 4. for packaging details, go to our website at http :// www .diodes.com/ datasheets /ap02007. pdf . device packaging shipping BAS40V-7 sot-563 3000/tape & reel orderi ng inform ation (note 4) -5 0 0 50 10 0 15 0 25 0 20 0 15 0 50 10 0 0 t , a m b ie n t te m p e r a tu r e ( c ) a fi g. 1 , d er at in g c ur ve - t ot al p , p o w e r d i s s i p a t i o n ( m w ) d 0 . 1 1 1 0 1 0 0 1 0 0 0 1 0 0 0 0 0 1 0 2 0 3 0 4 0 v , i n s t a n t a n e o u s r e v e r s e v o l t a g e ( v ) r f i g . 3 t y p i c a l r e v e r s e c h a r a c t e r i s t i c s i , i n s t a n t a n e o u s r e v e r s e c u r r e n t ( n a ) r t = - 4 0 o c a t = 2 5 o c a t = 7 5 o c a t = 1 2 5 o c a t = 0 o c a 0 1 3 2 0 1 0 2 0 4 0 3 0 c , t o t a l c a p a c i t a n c e ( p f ) t v , r e v e r s e v o l t a g e ( v ) r f i g . 4 t y p i c a l c a p a c i t a n c e f = 1 m h z 0 . 0 1 0 . 1 1 0 . 0 0 1 0 . 0 0 0 1 0 1 . 0 0 . 6 0 . 8 0 . 4 0 . 2 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f v , i n s t a n t a n e o u s f o r w a r d v o l t a g e ( v ) f f i g . 2 t y p i c a l f o r w a r d v o l t a g e t = - 4 0 o c a t = 1 2 5 o c a t = 7 5 o c a t = 2 5 o c a t = 0 o c a t c u d o r p w e n year 2004 2005 2006 2007 2008 2009 code r s t u v w k a n y m


▲Up To Search▲   

 
Price & Availability of BAS40V-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X