Part Number Hot Search : 
LBS15401 120EI MC1558SG 39162 MB89538H EN8935A SM7745 EFM201A
Product Description
Full Text Search
 

To Download 74LVC08AD112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 2002 oct 30 2003 feb 24 integrated circuits 74lvc08a quad 2-input and gate
2003 feb 24 2 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a features 5 v tolerant inputs for interfacing with 5 v logic wide supply voltage range from 1.2 to 3.6 v cmos low power consumption direct interface with ttl levels inputs accept voltages up to 5.5 v complies with jedec standard no. 8-1a esd protection: hbm eia/jesd22-a114-a exceeds 2000 v mm eia/jesd22-a115-a exceeds 200 v. specified from - 40 to +85 c and - 40 to +125 c. description the 74lvc08a is a high-performance, low-power, low-voltage, si-gate cmos device, superior to most advanced cmos compatible ttl families. inputs can be driven from either 3.3 or 5 v devices. this feature allows the use of these devices as translators in a mixed 3.3 and 5 v environment. the 74lvc08a provides the 2-input and function. quick reference data gnd = 0 v; t amb =25 c; t r =t f 2.5 ns. notes 1. c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in volts; n = total switching outputs; s (c l v cc 2 f o ) = sum of the outputs. 2. the condition is v i = gnd to v cc . ordering information symbol parameter conditions typical unit t phl /t plh propagation delay na, nb to ny c l = 50 pf; v cc = 3.3 v 2.1 ns c i input capacitance 4.0 pf c pd power dissipation capacitance per gate v cc = 3.3 v; notes 1 and 2 10 pf type number package temperature range pins package material code 74lvc08ad - 40 to +125 c 14 so14 plastic sot108-1 74lvc08adb - 40 to +125 c 14 ssop14 plastic sot337-1 74lvc08apw - 40 to +125 c 14 tssop14 plastic sot402-1 74lvc08abq - 40 to +125 c 14 dhvqfn14 plastic sot762-1
2003 feb 24 3 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a function table see note 1. note 1. h = high voltage level; l = low voltage level. input output na nb ny lll lhl hll hhh pinning pin symbol description 1 1a data input 2 1b data input 3 1y data output 4 2a data input 5 2b data input 6 2y data output 7 gnd ground (0 v) 8 3y data output 9 3a data input 10 3b data input 11 4y data output 12 4a data input 13 4b data input 14 v cc supply voltage
2003 feb 24 4 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a handbook, halfpage mna220 08 1 2 3 4 5 6 7 8 14 13 12 11 10 9 1a 1b 1y 2a 2b 2y gnd 3y 3a 3b 4y 4a 4b v cc fig.1 pin configuration so14 and (t)ssop14. handbook, halfpage 114 gnd (1) 1a v cc 7 2 3 4 5 6 1b 1y 2a 2b 2y 13 12 11 10 9 4b 4a 4y 3b 3a 8 gnd top view 3y mce183 (1) the die substrate is attached to this pad using conductive die attach material. it can not be used as a supply pin or input. fig.2 pin configuration dhvqfn14. handbook, halfpage mna222 1a 1b 1y 2 1 3 2a 2b 2y 5 4 6 3a 3b 3y 10 9 8 4a 4b 4y 13 12 11 fig.3 logic symbol. handbook, halfpage mna223 3 & & & & 2 1 6 5 4 8 10 9 11 13 12 fig.4 logic symbol (ieee/iec).
2003 feb 24 5 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a handbook, halfpage mna221 a b y fig.5 logic diagram (one gate).
2003 feb 24 6 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a recommended operating conditions limiting values in accordance with the absolute maximum rating system (iec 60134); voltages are referenced to gnd (ground = 0 v). notes 1. the input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. for so14 packages: above 70 c derate linearly with 8 mw/k. for ssop14 and tssop14 packages: above 60 c derate linearly with 5.5 mw/k. for dhvqfn14 packages: above 60 c derate linearly with 4.5 mw/k. symbol parameter conditions min. max. unit v cc supply voltage for maximum speed performance 2.7 3.6 v for low-voltage applications 1.2 3.6 v v i input voltage 0 5.5 v v o output voltage 0 v cc v t amb operating ambient temperature - 40 +125 c t r ,t f input rise and fall times v cc = 1.2 to 2.7 v 0 20 ns/v v cc = 2.7 to 3.6 v 0 10 ns/v symbol parameter conditions min. max. unit v cc supply voltage - 0.5 +6.5 v i ik input diode current v i <0 -- 50 ma v i input voltage note 1 - 0.5 +6.5 v i ok output diode current v o >v cc or v o <0 - 50 ma v o output voltage note 1 - 0.5 v cc + 0.5 v i o output source or sink current v o =0tov cc - 50 ma i cc , i gnd v cc or gnd current - 100 ma t stg storage temperature - 65 +150 c p tot power dissipation t amb = - 40 to +125 c; note 2 - 500 mw
2003 feb 24 7 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a dc characteristics at recommended operating conditions; voltages are referenced to gnd (groun d=0v). symbol parameter test conditions min. typ. (1) max. unit other v cc (v) t amb = - 40 to +85 c v ih high-level input voltage 1.2 v cc -- v 2.3 to 2.7 1.7 -- v 2.7 to 3.6 2.0 -- v v il low-level input voltage 1.2 -- gnd v 2.3 to 2.7 -- 0.7 v 2.7 to 3.6 -- 0.8 v v oh high-level output voltage v i =v ih or v il i o = - 100 m a 2.7 to 3.6 v cc - 0.2 -- v i o = - 8 ma 2.3 to 2.7 v cc - 0.5 -- v i o = - 12 ma 2.7 v cc - 0.5 -- v i o = - 18 ma 3.0 v cc - 0.6 -- v i o = - 24 ma 3.0 v cc - 0.8 -- v v ol low-level output voltage v i =v ih or v il i o = 100 m a 2.7 to 3.6 -- 0.2 v i o = 8 ma 2.3 to 2.7 -- 0.6 v i o =12ma 2.7 -- 0.4 v i o =24ma 3.0 -- 0.55 v i li input leakage current v i = 5.5 v or gnd 3.6 - 0.1 5 m a i cc quiescent supply current v i =v cc or gnd; i o =0 3.6 - 0.1 10 m a d i cc additional quiescent supply current per input pin v i =v cc - 0.6 v; i o =0 2.7 to 3.6 - 5 500 m a
2003 feb 24 8 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a note 1. all typical values are measured at v cc = 3.3 v and t amb =25 c. t amb = - 40 to +125 c v ih high-level input voltage 1.2 v cc -- v 2.3 to 2.7 1.7 -- v 2.7 to 3.6 2.0 -- v v il low-level input voltage 1.2 -- gnd v 2.3 to 2.7 -- 0.7 v 2.7 to 3.6 -- 0.8 v v oh high-level output voltage v i =v ih or v il i o = - 100 m a 2.7 to 3.6 v cc - 0.3 -- v i o = - 8 ma 2.3 to 2.7 v cc - 0.65 -- v i o = - 12 ma 2.7 v cc - 0.65 -- v i o = - 18 ma 3.0 v cc - 0.75 -- v i o = - 24 ma 3.0 v cc - 1 -- v v ol low-level output voltage v i =v ih or v il i o = 100 m a 2.7 to 3.6 -- 0.3 v i o = 8 ma 2.3 to 2.7 -- 0.75 v i o =12ma 2.7 -- 0.6 v i o =24ma 3.0 -- 0.8 v i li input leakage current v i = 5.5 v or gnd 3.6 -- 20 m a i cc quiescent supply current v i =v cc or gnd; i o =0 3.6 -- 40 m a d i cc additional quiescent supply current per input pin v i =v cc - 0.6 v; i o =0 2.7 to 3.6 -- 5000 m a symbol parameter test conditions min. typ. (1) max. unit other v cc (v)
2003 feb 24 9 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a ac characteristics gnd = 0 v; t r =t f 2.5 ns. notes 1. all typical values are measured at v cc = 3.3 v. 2. skew between any two outputs of the same package switching in the same direction. this parameter is guaranteed by design. symbol parameter test conditions min. typ. max. unit waveforms v cc (v) t amb = - 40 to +85 c t phl /t plh propagation delay na, nb to ny see figs 6 and 7 1.2 - 11 - ns 2.3 to 2.7 1.0 2.8 6.9 ns 2.7 1.5 2.5 4.8 ns 3.0 to 3.6 1.0 2.1 (1) 4.1 ns t sk(0) skew note 2 -- 1.0 ns t amb = - 40 to +125 c t phl /t plh propagation delay na, nb to ny see figs 6 and 7 1.2 --- ns 2.3 to 2.7 1.0 - 9.0 ns 2.7 1.5 - 6.0 ns 3.0 to 3.6 1.0 - 5.5 ns t sk(0) skew note 2 -- 1.5 ns
2003 feb 24 10 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a ac waveforms handbook, halfpage mna224 t phl t plh v m v m na, nb input ny output gnd v i v oh v ol fig.6 the input na, nb to output ny propagation delays. v m = 1.5 v at v cc 3 2.7 v; v m = 0.5v cc at v cc < 2.7 v; v ol and v oh are typical output voltage drop that occur with the output load. handbook, full pagewidth open gnd 2 v cc v cc v i v o mna505 d.u.t. c l r t r load r load pulse generator s1 fig.7 load circuitry for switching times. v cc v i c l r load t plh /t phl 1.2 v v cc 30 pf 500 w open 2.3 to 2.7 v v cc 30 pf 500 w open 2.7 v 2.7 v 50 pf 500 w open 3.0 to 3.6 v 2.7 v 50 pf 500 w open definitions for test circuits: c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator.
2003 feb 24 11 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a package outlines unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-1 x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 7 8 1 14 y 076e06 ms-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale so14: plastic small outline package; 14 leads; body width 3.9 mm sot108-1
2003 feb 24 12 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.25 0.38 0.25 0.20 0.09 6.4 6.0 5.4 5.2 0.65 1.25 0.2 7.9 7.6 1.03 0.63 0.9 0.7 1.4 0.9 8 0 o o 0.13 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot337-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 1 7 14 8 q a a 1 a 2 l p q detail x l (a ) 3 mo-150 pin 1 index 0 2.5 5 mm scale ssop14: plastic shrink small outline package; 14 leads; body width 5.3 mm sot337-1 a max. 2
2003 feb 24 13 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot402-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 17 14 8 q a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 a max. 1.1 pin 1 index
2003 feb 24 14 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.1 2.9 d h 1.65 1.35 y 1 2.6 2.4 1.15 0.85 e 1 2 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot762-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot762-1 dhvqfn14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 x 3 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 26 13 9 8 7 1 14 x d e c b a 02-10-17 03-01-27 terminal 1 index area a c c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1)
2003 feb 24 15 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a soldering introduction to soldering surface mount packages this text gives a very brief insight to a complex technology. a more in-depth account of soldering ics can be found in our data handbook ic26; integrated circuit packages (document order number 9398 652 90011). there is no soldering method that is ideal for all surface mount ic packages. wave soldering can still be used for certain surface mount ics, but it is not suitable for fine pitch smds. in these situations reflow soldering is recommended. re?ow soldering reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. typical reflow peak temperatures range from 215 to 250 c. the top-surface temperature of the packages should preferably be kept: below 220 c for all the bga packages and packages with a thickness 3 2.5mm and packages with a thickness <2.5 mm and a volume 3 350 mm 3 so called thick/large packages below 235 c for packages with a thickness <2.5 mm and a volume <350 mm 3 so called small/thin packages. wave soldering conventional single wave soldering is not recommended for surface mount devices (smds) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. to overcome these problems the double-wave soldering method was specifically developed. if wave soldering is used the following conditions must be observed for optimal results: use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. for packages with leads on two sides and a pitch (e): C larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; C smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. the footprint must incorporate solder thieves at the downstream end. for packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. the footprint must incorporate solder thieves downstream and at the side corners. during placement and before soldering, the package must be fixed with a droplet of adhesive. the adhesive can be applied by screen printing, pin transfer or syringe dispensing. the package can be soldered after the adhesive is cured. typical dwell time is 4 seconds at 250 c. a mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. manual soldering fix the component by first soldering two diagonally-opposite end leads. use a low voltage (24 v or less) soldering iron applied to the flat part of the lead. contact time must be limited to 10 seconds at up to 300 c. when using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 c.
2003 feb 24 16 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a suitability of surface mount ic packages for wave and re?ow soldering methods notes 1. for more detailed information on the bga packages refer to the (lf)bga application note (an01026); order a copy from your philips semiconductors sales office. 2. all surface mount (smd) packages are moisture sensitive. depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). for details, refer to the drypack information in the data handbook ic26; integrated circuit packages; section: packing methods . 3. these packages are not suitable for wave soldering. on versions with the heatsink on the bottom side, the solder cannot penetrate between the printed-circuit board and the heatsink. on versions with the heatsink on the top side, the solder might be deposited on the heatsink surface. 4. if wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. the package footprint must incorporate solder thieves downstream and at the side corners. 5. wave soldering is suitable for lqfp, tqfp and qfp packages with a pitch (e) larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 6. wave soldering is suitable for ssop, tssop, vso and vssop packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. package (1) soldering method wave reflow (2) bga, lbga, lfbga, sqfp, tfbga, vfbga not suitable suitable dhvqfn, hbcc, hbga, hlqfp, hsqfp, hsop, htqfp, htssop, hvqfn, hvson, sms not suitable (3) suitable plcc (4) , so, soj suitable suitable lqfp, qfp, tqfp not recommended (4)(5) suitable ssop, tssop, vso, vssop not recommended (6) suitable
2003 feb 24 17 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a data sheet status notes 1. please consult the most recently issued data sheet before initiating or completing a design. 2. the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the latest information is available on the internet at url http://www.semiconductors.philips.com. 3. for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. level data sheet status (1) product status (2)(3) definition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn). definitions short-form specification ? the data in a short-form specification is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values definition ? limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the specification is not implied. exposure to limiting values for extended periods may affect device reliability. application information ? applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. disclaimers life support applications ? these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes ? philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change notification (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 feb 24 18 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a notes
2003 feb 24 19 philips semiconductors product speci?cation quad 2-input and gate 74lvc08a notes
? koninklijke philips electronics n.v. 2003 sca75 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. philips semiconductors C a worldwide company contact information for additional information please visit http://www.semiconductors.philips.com . fax: +31 40 27 24825 for sales of?ces addresses send e-mail to: sales.addresses@www.semiconductors.philips.com . printed in the netherlands 613508/05/pp 20 date of release: 2003 feb 24 document order number: 9397 750 10669


▲Up To Search▲   

 
Price & Availability of 74LVC08AD112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X