s7-200 specifications a-16 s7-200 programmable controller system manual c79000-g7076-c233-01 a.4 specifications for the cpu 224 table a-4 specifications for cpu 224 dc/dc/dc and cpu 224 ac/dc/relay description order number cpu 224 dc/dc/dc 6es7 2141ad200xb0 cpu 224 ac/dc/relay 6es7 2141bd200xb0 physical size dimensions (w x h x d) weight power loss (dissipation) 120.5 mm x 80 mm x 62 mm 360 g 8 w 120.5 mm x 80 mm x 62 mm 410 g 9 w cpu features on-board digital inputs on-board digital outputs high speed counters (32 bit value) total single phase counters two phase counters pulse outputs analog adjustments timed interrupts edge interrupts selectable input filter times pulse catch time of day clock (clock accuracy) 14 inputs 10 outputs 6 high-speed counters 6, each at 20 khz clock rate 4, each at 20 khz clock rate 2 at 20 khz pulse rate 2 with 8 bit resolution 2 with 1 ms resolution 4 edge up and/or 4 edge down 7 ranges from 0.2 ms to 12.8 ms 14 pulse catch inputs 2 minutes per month at 25 c 7 minutes per month 0 c to 55 c 14 inputs 10 outputs 6 high-speed counters 6, each at 20 khz clock rate 4, each at 20 khz clock rate 2 at 20 khz pulse rate 2 with 8 bit resolution 2 with 1 ms resolution 4 edge up and/or 4 edge down 7 ranges from 0.2 ms to 12.8 ms 14 pulse catch inputs 2 minutes per month at 25 c 7 minutes per month at 0 c to 55 c program size (stored permanently) data block size (stored permanently): stored permanently backed by super capacitor or battery number of expansion i/o modules maximum digital i/o maximum analog i/o 4096 words 2560 words 2560 words 2560 words 7 modules 256 points 16 inputs and 16 outputs 4096 words 2560 words 2560 words 2560 words 7 modules 256 points 16 inputs and 16 outputs internal memory bits stored permanently on power down backed by super capacitor or battery 256 bits 112 bits 256 bits 256 bits 112 bits 256 bits timers total backed by super capacitor or battery 1 ms 10 ms 100 ms 256 timers 64 timers 4 timers 16 timers 236 timers 256 timers 64 timers 4 timers 16 timers 236 timers counters total backed by super capacitor or battery boolean execution speed move word execution speed timer/counter execution speed single precision math execution speed real math execution speed super capacitor data retention time 256 counters 256 counters 0.37 m s per instruction 34 m s per instruction 50 m s to 64 m s per instruction 46 m s per instruction 100 m s to 400 m s per instruction 190 hours, typical, 120 hours minimum at 40 c 256 counters 256 counters 0.37 m s per instruction 34 m s per instruction 50 m s to 64 per m s instruction 46 m s per instruction 100 m s to 400 m s per instruction 190 hours, typical, 120 hours minimum at 40 c
s7-200 specifications a-17 s7-200 programmable controller system manual c79000-g7076-c233-01 table a-4 specifications for cpu 224 dc/dc/dc and cpu 224 ac/dc/relay (continued) description order number cpu 224 ac/dc/relay 6es7 2141bd200xb0 cpu 224 dc/dc/dc 6es7 2141ad200xb0 on-board communication number of ports electrical interface isolation (external signal to logic circuit) ppi/mpi baud rates freeport baud rates maximum cable length per segment up to 38.4 kbaud 187.5 kbaud maximum number of stations per segment per network maximum number of masters ppi master mode (netr/netw) mpi connections 1 port rs-485 not isolated 9.6, 19.2, and 187.5 kbaud 0.3, 0.6, 1.2, 2.4, 4.8, 9.6, 19.2, and 38.4 kbaud 1200 m 1000 m 32 stations 126 stations 32 masters ye s 4 total, 2 reserved: 1 for pg and 1 op 1 port rs-485 not isolated 9.6, 19.2, and 187.5 kbaud 0.3, 0.6, 1.2, 2.4, 4.8, 9.6, 19.2, and 38.4 kbaud 1200 m 1000 m 32 stations 126 stations 32 masters ye s 4 total, 2 reserved: 1 for pg and 1 op cartridge options memory cartridge (permanent storage) battery cartridge (data retention time) program, data, and configuration 200 days, typical program, data, and configuration 200 days, typical power supply line voltagepermissible range input current cpu only/max load in rush current (maximum) isolation (input power to logic) hold up time (from loss of input power) internal fuse, not user-replaceable 20.4 to 28.8 vdc 120/900 ma at 24 vdc 10 a at 28.8 vdc not isolated 10 ms at 24 vdc 2 a, 250 v, slow blow 85 to 264 vac 47 to 63 hz 35/100 ma at 240 vac 35/220 ma at 120 vac 20 a at 264 vac 1500 vac 80 ms at 240 vac, 20 ms at 120 vac 2 a, 250 v, slow blow +5 power for expansion i/o (max) 660 ma 660 ma 24 vdc sensor power output voltage range maximum current ripple noise current limit isolation (sensor power to logic circuit) 15.4 to 28.8 vdc 280 ma same as input line 600 ma not isolated 20.4 to 28.8 vdc 280 ma less than 1 v peak-to-peak (maximum) 600 ma not isolated
s7-200 specifications a-18 s7-200 programmable controller system manual c79000-g7076-c233-01 table a-4 specifications for cpu 224 dc/dc/dc and cpu 224 ac/dc/relay (continued) description order number cpu 224 ac/dc/relay 6es7 2141bd200xb0 cpu 224 dc/dc/dc 6es7 2141ad200xb0 input features number of integrated inputs input type 14 inputs sink/source (iec type 1) 14 inputs sink/source (iec type 1) input voltage maximum continuous permissible surge rated value logic 1 signal (minimum) logic 0 signal (maximum) 30 vdc 35 vdc for 0.5 s 24 vdc at 4 ma, nominal 15 vdc at 2.5 ma, minimum 5 vdc at 1 ma, maximum 30 vdc 35 vdc for 0.5 s 24 vdc at 4 ma, nominal 15 vdc at 2.5 ma, minimum 5 vdc at 1 ma, maximum isolation (field side to logic circuit) optical isolation (galvanic) isolation groups of 500 vac for 1 minute 8 points and 6 points 500 vac for 1 minute 8 points and 6 points i nput delay times filtered inputs and interrupt inputs 0.2 to 12.8 ms, user-selectable 0.2 to 12.8 ms, user-selectable hsc clock input rate single phase logic 1 level = 15 to 30 vdc logic 1 level = 15 to 26 vdc quadrature logic 1 level = 15 to 30 vdc logic 1 level = 15 to 26 vdc 20 khz 30 khz 10 khz 20 khz 20 khz 30 khz 10 khz 20 khz connection of 2 wire proximity sensor (bero) permissible leakage current 1 ma, maximum 1 ma, maximum cable length unshielded (not hsc) shielded hsc inputs, shielded 300 m 500 m 50 m 300 m 50 m 50 m number of inputs on simultaneously 40 c 55 c 14 14 14 14 output features number of integrated outputs output type 10 outputs solid statemosfet 10 outputs relay, dry contact output voltage permissible range rated value logic 1 signal at maximum current logic 0 signal with 10 k w load 20.4 to 28.8 vdc 24 vdc 20 vdc, minimum 0.1 vdc, maximum 5 to 30 vdc or 5 to 250 vac output current logic 1 signal number of output groups number of outputs on (maximum) per group horizontal mounting (maximum) per group vertical mounting (maximum) maximum current per common/group lamp load on state resistance (contact resistance) leakage current per point surge current overload protection 0.75 a 2 10 5 5 3.75 a 5 w 0.3 w 10 m a, maximum 8 a for 100 ms, maximum no 2.00 a 3 10 4/3/3 4/3/3 8 a 30 w dc/200 w ac 0.002 w , maximum when new 7 a with contacts closed no
s7-200 specifications a-19 s7-200 programmable controller system manual c79000-g7076-c233-01 table a-4 specifications for cpu 224 dc/dc/dc and cpu 224 ac/dc/relay (continued) description order number cpu 224 ac/dc/relay 6es7 2141bd200xb0 cpu 224 dc/dc/dc 6es7 2141ad200xb0 isolation (field side to logic) optical isolation (galvanic) isolation resistance isolation coil to contact isolation between open contacts in groups of 500 vac for 1 minute 5 points 100 m w , minimum when new 1500 vac for 1 minute 750 vac for 1 minute 4 points/3 points/3 points inductive load clamping repetitive energy dissipation < 0.5 li 2 x switching rate clamp voltage limits 1 w, all channels l+ minus 48v output delay off to on (q0.0 and q0.1) on to off (q0.0 and q0.1) off to on (q0.2 through q1.1) on to off (q0.2 through q1.1) 2 m s, maximum 10 m s, maximum 15 m s, maximum 100 m s, maximum switching frequency (pulse train outputs) q0.0 and i0.1 20 khz, maximum 1 hz, maximum relay switching delay lifetime mechanical (no load) lifetime contacts at rated load 10 ms, maximum 10,000,000 open/close cycles 100,000 open/close cycles cable length unshielded shielded 150 m 500 m 150 m 500 m
s7-200 specifications a-20 s7-200 programmable controller system manual c79000-g7076-c233-01 + 1k w note: 1. actual component values may vary. 2. either polarity accepted. 3. optional ground. + + + + 5.6k w 24 vdcpower 1m 0.0 0.1 0.2 0.3 1l+ m l+dc 24 vdc 36v 24 vdc power, ground and output terminals 24 vdc common and 24 vdc input terminals 0.4 2m 2l+ 0.5 0.6 0.7 1.0 1.1 1m 0.0 0.1 0.2 0.3 ml+ 0.4 0.5 0.6 2m 1.0 1.1 1.2 1.3 0.7 1.4 1.5 sensor power output figure a-6 connector terminal identification for cpu 224 dc/dc/dc n () l (+) n () l (+) n () l (+) 1k w + + 5.6k w 120/240 vac 1l 0.0 0.1 0.2 0.3 n l1ac 24vdc commons and relay output terminals 24vdc common and 24vdc input terminals 2l 0.5 0.6 3l 0.7 1.0 1m 0.0 0.1 0.2 0.3 ml+ 0.4 0.5 0.6 2m 1.0 1.1 1.2 1.3 0.7 1.4 1.5 0.4 1.1 note: 1. actual component values may vary. 2. connect ac line to the l terminal. 3. either polarity accepted. 4. optional ground. sensor power output figure a-7 connector terminal identification for cpu 224 ac/dc/relay
|