Part Number Hot Search : 
EUP2471 1A239 DA12CN X9316WP 40020 NJM2206 SW4100 2SA1489
Product Description
Full Text Search
 

To Download 3S4YR-HNFR4565210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manual swipe magnetic card reader 3s4yr-hnfr n manual swipe reader with rs232 interface. n low power through use of cmos circuitry. n equipped with rs232 interface. n single, double or triple track configurations. n 1.5 metre connection cable to host. n powered by the host device. n bi-directional read capability. ordering information track reading including rs232 interface part number track 2 yes 3s4yr-hnfr4 tracks 1 and 2 yes 3s4yr-hnfr6 tracks 2 and 3 yes 3s4yr-hnfr7 tracks 1, 2 and 3 yes 3s4yr-hnfr1
specifications part number 3s4yr-hnfr recommended card type magnetic card: iso 7810, 7811/1-5, 7812, 7813 number of tracks 1, 2 or 3 ; available in many combinations. see "ordering information" recording method f2f recording density track 1: 210 bpi track 2: 75 bpi track 3: 210 bpi memory capacity track 1: 7 bit x 79 characters max track 2: 5 bit x 40 characters max track 3: 5 bit x 107 characters max card feeding speed 20 to 100 cm/second. service life of magnetic head 300,000 passes minimum operating power supply txd is used as a negative power supply for the card reader. dtr and rts is used as a positive power supply for the card reader mounting location anywhere not directly subject to water or sunlight ambient temperature (operation) 0c to 45c
ambient temperature (storage) -15c to 60c ambient humidity (operation) 30% to 85% rh without condensation ambient humidity (storage) 20% to 90% rh vibration 10 to 150hz, 0.15mm single amplitude shock 196mm/sec²(20g) in each of x, y and z directions dimensions 100 l x 38.6 w x 35.2 h mm weight approx. 170 g application examples n eftpos. n id card checkers. n club membership. n access management into pc / lan. data communications data is sent to the host in sequential order, track one, two and then three. following the track identification number, the single byte 'd' (data) or 'e' (error) is followed by the track data and then at the end, a carriage return. for example on track two only. "2" "d" "1234567890" cr track two data data carriage return
error detection there are six error codes which identify a possible fault when reading a card. '1' vertical parity error. '2' lrc error. '3' no data on track. '4' start sentinel is not present. '5' stop sentinel is not present. '6' lrc is not present.


▲Up To Search▲   

 
Price & Availability of 3S4YR-HNFR4565210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X