Part Number Hot Search : 
C1501 10023 ES8381 EHXARG AQH0213 TL431IDT LA6083D BC846AF
Product Description
Full Text Search
 

To Download 2SC5949-OQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sc5949 2005-07-27 1 toshiba transistor silicon npn triple diffused type 2sc5949 power amplifier applications ? p c = 220w ? complementary to 2sa2121 maximum ratings (tc = 25c) characteristic symbol rating unit collector-base voltage v cbo 200 v collector-emitter voltage v ceo 200 v emitter-base voltage v ebo 5 v collector current i c 15 a base current i b 1.5 a collector power dissipation p c 220 w junction temperature t j 150 c storage temperature range t stg ? 55 to 150 c unit: mm jedec D jeita D toshiba 2-21f1a weight: 9.75 g (typ.)
2sc5949 2005-07-27 2 electrical characteristics (tc = 25c) characteristic symbol test conditions min typ. max unit collector cut-off current i cbo v cb = 200 v, i e = 0 D D 5.0 a emitter cut-off current i ebo v eb = 5 v, i c = 0 D D 5.0 a collector-emitter breakdown voltage v (br) ceo i c = 50 ma, i b = 0 200 D D v h fe (1) (note 1) v ce = 5 v, i c = 1 a 55 D 160 dc current gain h fe (2) v ce = 5 v, i c = 8 a 35 60 D collector-emitter saturation voltage v ce (sat) i c = 10 a, i b = 1 a D 0.4 3.0 v base-emitter voltage v be v ce = 5 v, i c = 8 a D 1.0 1.5 v transition frequency f t v ce = 5 v, i c = 1 a D 30 D mhz collector output capacitance c ob v cb = 10 v, i e = 0, f = 1 mhz D 270 D pf note 1: h fe(1) classification r: 55 to 110, o: 80 to 160 marking 2sc5949 toshiba japan lot no. a line indicates lead (pb)-free package or lead (pb)-free finish. part no. (or abbreviation code) characteristisc indicator
2sc5949 2005-07-27 3 12 0 8 12 16 20 4 6 8 10 0 2 4 0.1 5 10 1000 0.03 30 10 10 1 10 1 0.1 0.01 100 i c ? v ce i c ? v be hfe ? i c v ce (sat) ? i c f t ? i c 0.5 0 8 12 16 0 1.0 2.5 100 1000 0.1 1 10 10 100 0.1 1 ?I 100 4 1.5 2.0 300 500 30 50 1 3 0.3 0.1 0.03 30 10 1 3 0.3 0.01 2 0.3 0.5 1 0.1 0.03 0.05 i b = 20 ma common emitter tc = 25c 500 400 200 300 100 50 tc = 100c 25 ? 25 common emitter v ce = 5 v tc = 100c 25 ? 25 common emitter v ce = 5 v tc = 100c 25 ? 25 common emitter i c / i b = 10 v common emitter tc = 25c v ce = 5 v v ceo max *:single non-repetitive pulse tc = 2 5 c curves must be de-rated linearly with increase in temperature. 1 ms * i c max (pulsed) * 10 ms * i c max (continuous) dc operation tc = 25c 100 ms * transition frequency f t (mhz) collector-emitter voltage v ce (v) collector current i c (a) base-emitter voltage v be (v) collector current i c (a) collector current i c (a) dc current gain h fe collector current i c (a) collector current i c (a) collector-emitter saturation voltage v ce (sat) (v) collector current i c (a) collector-emitter voltage v ce (v)
2sc5949 2005-07-27 4


▲Up To Search▲   

 
Price & Availability of 2SC5949-OQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X