Part Number Hot Search : 
00RL7 LTC3809 1ZC51 6043361 GRM21BR HMC406 25X22 P55NE06
Product Description
Full Text Search
 

To Download 12S12250SMT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 3 watt smt single series dc/dc converters 2401 stanwell drive  concord, california 94520  ph: 925/687-4411 or 800/542-3355  fax: 925/687-3333  www.calex.com  email: sales@calex.com 1 eco# 020717-1 t r a h c n o i t c e l e s l e d o m e g n a r t u p n i c d v t u p t u o n i mx a mc d va m r e w o p w t m s 0 0 7 . 3 r 3 s 2 198 13 . 30 0 73 t m s 0 0 6 . 5 s 2 198 15 0 0 63 t m s 0 5 2 . 2 1 s 2 198 12 10 5 23 t m s 0 0 2 . 5 1 s 2 198 15 10 0 23 t m s 0 0 7 . 3 r 3 s 4 28 16 33 . 30 0 73 t m s 0 0 6 . 5 s 4 28 16 35 0 0 63 t m s 0 5 2 . 2 1 s 4 28 16 32 10 5 23 t m s 0 0 2 . 5 1 s 4 28 16 35 10 0 23 t m s 0 0 7 . 3 r 3 s 8 46 35 73 . 30 0 73 t m s 0 0 6 . 5 s 8 46 35 75 0 0 63 t m s 0 5 2 . 2 1 s 8 46 35 72 10 5 23 t m s 0 0 2 . 5 1 s 8 46 35 75 10 0 23 features ! smt technology ! 2:1 input range ! high efficiency up to 83% ! i/o isolation 1500vdc ! short circuit protected ! cecc00802 reflow ! mtbf > 1,000,000 hours
a 3 watt smt single series dc/dc converters 2401 stanwell drive  concord, california 94520  ph: 925/687-4411 or 800/542-3355  fax: 925/687-3333  www.calex.com  email: sales@calex.com 2 eco# 020717-1 s r e t e m a r a p t u p n i l e d o mt m s 0 0 7 . 3 r 3 s 2 1t m s 0 0 6 . 5 s 2 1t m s 0 5 2 . 2 1 s 2 1t m s 0 0 2 . 5 1 s 2 1s t i n u e g n a r e g a t l o v n i m p y t x a m 0 . 9 0 . 2 1 0 . 8 1 c d v d a o l o n t n e r r u c t u p n i d a o l l l u f p y t p y t 0 2 7 5 2 0 2 6 1 3 0 2 5 0 3 0 2 5 0 3 a m e l p p i r d e t c e l f e rp y t5 2a m n w o d t u h s e g a t l o v r e d n ux a m8 c d v y t i r a l o p e s r e v e r t n e r r u c t u p n i x a m5 . 0a r e w o p t u p n i t i u c r i c t r o h sx a m0 0 5 1w m r e t l i f t u p n i r e t l i f i p y c n e i c i f f ep y t5 79 72 82 8% y c n e u q e r f g n i h c t i w sp y t0 0 3z h k e g a t l o v e g r u s t u p n i ) s m 0 0 0 1 ( n i m x a m 7 . 0 - 5 2 c d v n o i t a p i s s i d r e w o p l a n r e t n ix a m0 0 5 2w m e s u f d e d n e m m o c e r e p y t w o l b w o l s a m 0 5 7a m l e d o mt m s 0 0 7 . 3 r 3 s 4 2t m s 0 0 6 . 5 s 4 2t m s 0 5 2 . 2 1 s 4 2t m s 0 0 2 . 5 1 s 4 2s t i n u e g n a r e g a t l o v n i m p y t x a m 0 . 8 1 0 . 4 2 0 . 6 3 c d v d a o l o n t n e r r u c t u p n i d a o l l l u f p y t p y t 5 7 2 1 5 6 5 1 5 1 5 1 5 1 5 1 a m e l p p i r d e t c e l f e rp y t5 1a m n w o d t u h s e g a t l o v r e d n ux a m6 1c d v y t i r a l o p e s r e v e r t n e r r u c t u p n i x a m5 . 0a r e w o p t u p n i t i u c r i c t r o h sx a m0 0 5 1w m r e t l i f t u p n i r e t l i f i p y c n e i c i f f ep y t6 70 83 83 8% y c n e u q e r f g n i h c t i w sp y t0 0 3z h k e g a t l o v e g r u s t u p n i ) s m 0 0 0 1 ( n i m x a m 7 . 0 - 0 5 c d v n o i t a p i s s i d r e w o p l a n r e t n ix a m0 0 5 2w m e s u f d e d n e m m o c e r e p y t w o l b w o l s a m 0 5 3a m l e d o mt m s 0 0 7 . 3 r 3 s 8 4t m s 0 0 6 . 5 s 8 4t m s 0 5 2 . 2 1 s 8 4t m s 0 0 2 . 5 1 s 8 4s t i n u e g n a r e g a t l o v n i m p y t x a m 0 . 6 3 0 . 8 4 0 . 5 7 c d v d a o l o n t n e r r u c t u p n i d a o l l l u f p y t p y t 3 3 6 3 8 7 3 5 7 3 5 7 a m e l p p i r d e t c e l f e rp y t0 1a m n w o d t u h s e g a t l o v r e d n ux a m2 3c d v y t i r a l o p e s r e v e r t n e r r u c t u p n i x a m5 . 0a r e w o p t u p n i t i u c r i c t r o h sx a m0 0 5 1w m r e t l i f t u p n i r e t l i f i p y c n e i c i f f ep y t6 70 83 83 8% y c n e u q e r f g n i h c t i w sp y t0 0 3z h k e g a t l o v e g r u s t u p n i ) s m 0 0 0 1 ( n i m x a m 7 . 0 - 0 0 1 c d v n o i t a p i s s i d r e w o p l a n r e t n ix a m0 0 5 2w m e s u f d e d n e m m o c e r e p y t w o l b w o l s a m 0 0 2a m
a 3 watt smt single series dc/dc converters 2401 stanwell drive  concord, california 94520  ph: 925/687-4411 or 800/542-3355  fax: 925/687-3333  www.calex.com  email: sales@calex.com 3 eco# 020717-1 s r e t e m a r a p t u p t u o l e d o m t m s 0 0 7 . 3 r 3 s 2 1 t m s 0 0 7 . 3 r 3 s 4 2 t m s 0 0 7 . 3 r 3 s 8 4 t m s 0 0 6 . 5 s 2 1 t m s 0 0 6 . 5 s 4 2 t m s 0 0 6 . 5 s 8 4 t m s 0 5 2 . 2 1 s 2 1 t m s 0 5 2 . 2 1 s 4 2 t m s 0 5 2 . 2 1 s 8 4 t m s 0 0 2 . 5 1 s 2 1 t m s 0 0 2 . 5 1 s 4 2 t m s 0 0 2 . 5 1 s 8 4 s t i n u e g a t l o v t u p t u o3 . 352 15 1c d v t n e r r u c t u p t u o n i m x a m 0 7 0 0 7 0 6 0 0 6 5 2 0 5 2 0 2 0 0 2 a m y c a r u c c a e g a t l o v t u p t u o p y t x a m 5 . 0 0 . 1 % , n o i t a l u g e r d a o l % 0 0 1 o t % 0 1 = o i p y t x a m 3 . 0 0 . 1 % , n o i t a l u g e r e n i l . x a m o t . n i m = n i v p y t x a m 1 . 0 3 . 0 % ) z h m 0 2 ( e s i o n & e l p p i r p y t x a m 0 5 5 7 p - p v m , ) z h m 0 2 ( e s i o n & e l p p i r p m e t & d a o l , e n i l r e v o x a m0 0 1p - p v m ) z h m 0 2 ( e s i o n & e l p p i rx a m0 1s m r v m d a o l r e v on i m0 2 1% , e m i t y r e v o c e r t n e i s n a r t e g n a h c p e t s d a o l % 5 2 p y t x a m 0 0 2 0 0 5 s e s n o p s e r t n e i s n a r t , n o i t a i v e d e g n a h c p e t s d a o l % 5 2 p y t x a m 2 6 % t n e i c i f f e o c e r u t a r e p m e t p y t x a m 1 0 . 0 2 0 . 0 c / % t i u c r i c t r o h s s u o u n i t n o c s n o i t a c i f i c e p s l a r e n e g s l e d o m l l as t i n u n o i t a l o s i , e g a t l o v n o i t a l o s i s d n o c e s 0 6 n i m0 0 5 1c d v , e c n a t s i s e r n o i t a l o s i c d v 0 0 5 p y t0 0 0 1s m h o m , e c n a t i c a p a c n o i t a l o s i v 1 , z h k 0 0 1 p y t x a m 5 6 0 0 1 f p l a t n e m n o r i v n e e r u t a r e p m e t g n i t a r e p o n i m x a m 0 4 - 1 7 + c e r u t a r e p m e t e g a r o t s n i m x a m 0 4 - 5 2 1 + c y t i d i m u hx a m5 9% g n i l o o cn o i t c e v n o c r i a - e e r f l a r e n e g e z i s e s a c s e h c n i 4 . 0 x 4 7 . 0 x 7 2 . 1 m m 2 . 0 1 x 8 . 8 1 x 3 . 2 3 l a i r e t a m e s a cc i t s a l p k c a l b e v i t c u d n o c - n o n t h g i e wg 0 1 notes (1) specifications typical at ta=+25 c, resistive load, nominal input voltage, full rated output current unless otherwise noted. (2) transient recovery time is measured to within 1% error band for a step change in output load 75% to 100% (3) when measuring output ripple & noise, an external 0.1f ceramic capacitor is recommended to be placed from +vout to -vout. (4) specifications subject to change without notice.
a 3 watt smt single series dc/dc converters 2401 stanwell drive  concord, california 94520  ph: 925/687-4411 or 800/542-3355  fax: 925/687-3333  www.calex.com  email: sales@calex.com 4 eco# 020717-1 n i pn o i t c n u f 2 , 1t u p n i - , 2 1 , 1 1 , 0 1 , 3 2 2 , 4 1 c n 3 1t u p t u o + 5 1t u p t u o - 4 2 , 3 2t u p n i + n o i t c e n n o c o n : c n mechanical configuration typical application derating curve connecting pin patterns solder reflow profile figure 1. the profile in figure 1 should be used as a starting point for your own experiments. obviously your optimal profile will be a function of many factors including, type of paste, paste thickness, board thickness, number of conductive layers, copper weight, the density of surrounding components, etc. it is recommended that the peak temperature should not exceed +235 c for an extended period of time.                         
  
             


▲Up To Search▲   

 
Price & Availability of 12S12250SMT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X