Part Number Hot Search : 
TF841S KTX401E ENA0190 PJ2PJS 24LC256 B2060 1N5245B 05116
Product Description
Full Text Search
 

To Download UN228 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  small signal transistor arrays 1 publication date: march 2004 sjk00049bed una0228 (UN228) silicon pnp epitaxial planar type (2 elements) silicon npn epitaxial planar type (2 elements) for motor drives features ? small and lightweight ? low power consumption ? low voltage drive ? with 4 elements incorporated absolute maximum ratings t a = 25 c marking symbol: UN228 internal connection note) * : when the dissipation on one device is t c = 25 c 9 10 8 7 6 5 4 3 2 1 parameter symbol rating unit pnp collector-base voltage v cbo ? 12 v (emitter open) collector-emitter voltage v ceo ? 10 v (base open) emitter-base voltage v ebo ? 7v (collector open) collector current i c ? 1a peak collector current i cp ? 2.5 a npn collector-base voltage v cbo 12 v (emitter open) collector-emitter voltage v ceo 10 v (base open) emitter-base voltage v ebo 7v (collector open) collector current i c 1a peak collector current i cp 2.5 a overall total power dissipation * p t 0.5 w junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c unit: mm 1: emitter 2: base 3: collector 4: base 5: emitter 6: emitter 7: base 8: collector 9: base 10: emitter so10-g1 package 12 45 0.2 +0.1 ?0.0 0.5 0.5 0.2 6 7 8 9 10 5 4 3 2 1 0.4 0.1 1.5 0.1 1.5 +0.2 ?0.1 0.8 12 0.9 0.1 5.5 0.3 7.7 0.3 6.5 0.3 note) the part number in the parenthesis shows conventional part number.
una0228 2 sjk00049bed electrical characteristics t a = 25 c 3 c ? pnp ? npn parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = ? 10 a, i e = 0 ? 12 v collector-emitter voltage (base open) v ceo i c = ? 1 ma, i b = 0 ? 10 v emitter -base voltage (collector open) v ebo i e = ? 10 a, i c = 0 ? 7v collector-base cutoff current (emitter open) i cbo v cb = ? 10 v, i e = 0 ? 1 a forward current transfer ratio * 1 h fe v ce = ? 1 v, i c = ? 0.5 a 200 800 ? collector-emitter saturation voltage * 1 v ce(sat) i c = ? 1 a, i b = ? 30 ma ? 0.2 ? 0.3 v transition frequency f t v cb = ? 6 v, i e = 50 ma, f = 200 mhz 150 mhz collector output capacitance c ob v cb = ? 10 v, i e = 0, f = 1 mhz 65 pf (common base, input open circuited) forward voltage * 2 v f i f = ? 1 a ? 1.5 v parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = 10 a, i e = 012v collector-emitter voltage (base open) v ceo i c = 1 ma, i b = 010v emitter -base voltage (collector open) v ebo i e = 10 a, i c = 07v collector-base cutoff current (emitter open) i cbo v cb = 10 v, i e = 01 a forward current transfer ratio * 1 h fe v ce = 1 v, i c = 0.5 a 200 800 ? collector-emitter saturation voltage * 1 v ce(sat) i c = 1 a, i b = 30 ma 0.2 0.3 v transition frequency f t v cb = 6 v, i e = ? 50 ma, f = 200 mhz 150 mhz collector output capacitance c ob v cb = 10 v, i e = 0, f = 1 mhz 50 pf (common base, input open circuited) forward voltage * 2 v f i f = 1 a 1.5 v note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * 1: pulse measurement * 2: application to the built-in diode
una0228 3 sjk00049bed characteristics charts of pnp transistor block i c ? v ce i c ? v be v ce(sat) ? i c h fe ? i c c ob ? v cb ? 2 0 ? 4 ? 6 ? 8 ? 10 ? 12 0 ? 0.8 ? 1.6 ? 2.4 ? 3.2 ? 4.0 ? 4.8 t a = 25 c ? 8 ma ? 10 ma ? 12 ma ? 6 ma ? 2 ma ? 4 ma i b = ? 14 ma collector current i c ( a ) collector-emitter voltage v ce ( v ) ? 1 ?2 ? 3 ? 4 ? 5 ? 6 ? 0.4 0 ? 0.8 ? 1.2 ? 1.6 ? 2.0 ? 2.4 0 v ce = ? 1 v 25 c ? 25 c t a = 75 c base-emitter voltage v be ( v ) collector current i c ( a ) ? 0.01 ? 0.1 ? 1 ? 10 ? 10 ? 3 ? 10 i c / i b = 100/3 ? 10 ? 2 ? 10 ? 1 ? 1 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( a ) 0 100 200 300 400 500 600 v ce = ? 1 v ? 0.01 ? 0.1 ? 1 ? 10 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( a ) 0 40 80 120 160 200 240 ? 0.1 ? 1 ? 10 ? 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb ( v ) common characteristics chart p t ? t a 0 40 80 120 160 0 0.1 0.2 0.3 0.4 0.5 0.6 total power dissipation p t ( w ) ambient temperature t a ( c )
una0228 4 sjk00049bed characteristics charts of npn transistor block i c ? v ce i c ? v be v ce(sat) ? i c h fe ? i c c ob ? v cb 2 0 4 6 8 10 12 0 0.8 1.6 2.4 3.2 4.0 4.8 t a = 25 c 12 ma 10 ma 8 ma 6 ma 2 ma 4 ma i b = 14 ma collector current i c ( a ) collector-emitter voltage v ce ( v ) 0.4 0 0.8 1.2 1.6 2.0 2.4 0 1 2 3 4 5 6 v ce = 1 v ? 25 c t a = 75 c 25 c base-emitter voltage v be ( v ) collector current i c ( a ) 10 ? 3 10 i c / i b = 100/3 10 ? 2 10 ? 1 1 0.01 0.1 1 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( a ) 0 100 200 300 400 500 600 v ce = 1 v 0.01 0.1 1 10 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( a ) 0 20 40 60 80 100 120 0.1 1 10 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb ( v )
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of UN228

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X