Part Number Hot Search : 
30M25 A22JVAB SK9434 MMBZ5243 2MBI150 IRH4054 2MBI150 DH71016
Product Description
Full Text Search
 

To Download ST16C450IJ44-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  exar corporation, 48720 kato road, fremont, ca 94538 (510) 668-7000 fax (510) 668-7017 st16c450 rev. 4.20 plcc package universal asynchronous receiver/transmitter (uart) general description the st16c450 is a universal asynchronous receiver and transmitter. the st16c450 is an improved ver- sion of the ns16450 uart with higher operating speed and lower access time. a programmable baud rate generator is provided to select transmit and receive clock rates from 50 bps to 1.5 mbps. the st16c450 on board status registers provides the error conditions, type and status of the transfer operation being performed. included is complete modem control capability, and a processor interrupt system that may be software tailored to the users requirements. the st16c450 provides internal loop- back capability for on board diagnostic testing. the st16c450 is available in 40 pin pdip, 44 pin plcc, and 48 pin tqfp packages. it is fabricated in an advanced cmos process to achieve low drain power and high speed requirements. features pin to pin and functionally compatible to the indus- try standard 16450 2.97 to 5.5 volt operation 1.5 mbps transmit/receive operation (24mhz) programmable word lengths (5, 6, 7, 8) even, odd, force, or no parity generation and detection independent transmit and receive control standard modem interface low operating current ( 1.2ma typ.) ordering information 6 5 4 3 2 1 44 43 42 41 40 7 8 9 10 11 12 13 14 15 16 17 39 38 37 36 35 34 33 32 31 30 29 18 19 20 21 22 23 24 25 26 27 28 d5 d6 d7 rclk rx n.c. tx cs0 cs1 -cs2 -baudout reset -op1 -dtr -rts -op2 n.c. int n.c. a0 a1 a2 d4 d3 d2 d1 d0 n.c. vcc -ri -cd -dsr -cts xtal1 xtal2 -iow iow gnd n.c. -ior ior -ddis csout -as st16c450cj44 part number package operating temperature device status st16c450cp40 40-lead pdip 0 c to + 70 c active. see the st16c450cq48 for new designs. st16c450cj44 44-lead plcc 0 c to + 70 c active st16c450cq48 48-lead tqfp 0 c to + 70 c active st16c450ip40 40-lead pdip -40 c to + 85 c active. see the st16c450iq48 for new designs. st16c450ij44 44-lead plcc -40 c to + 85 c active st16c450iq48 48-lead tqfp -40 c to + 85 c active september 2003
st16c450 2 rev. 4.20 figure 1, package description, st16c450 48 pin tqfp package 40 pin dip package 48 47 46 45 44 43 42 41 40 39 38 37 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 13 14 15 16 17 18 19 20 21 22 23 24 n.c. d5 d6 d7 rclk n.c. rx tx cs0 cs1 -cs2 -baudout n.c. xtal1 xtal2 -iow iow gnd -ior ior n.c. -ddis csout -as n.c. reset -op1 -dtr -rts -op2 int n.c. a0 a1 a2 n.c. n.c. d4 d3 d2 d1 d0 vcc -ri -cd -dsr -cts n.c. st16c450cq48 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 d0 d1 d2 d3 d4 d5 d6 d7 rclk rx tx cs0 cs1 -cs2 -baudout xtal1 xtal2 -iow iow gnd vcc -ri -cd -dsr -cts reset -op1 -dtr -rts -op2 int n.c. a0 a1 a2 -as csout -ddis ior -ior st16c450cp40
st16c450 3 rev. 4.20 figure 2, block diagram d0-d7 -ior,ior -iow,iow reset a0-a2 -as cs0,cs1 -cs2 int -dtr,-rts -op1,-op2 -cts -ri -cd -dsr tx rx data bus & control logic register select logic modem control logic interrupt control logic transmit shift register receive shift register inter connect bus lines & control signals clock & baud rate generator xtal1 rclk xtal2 -baudout -ddis csout
st16c450 4 rev. 4.20 symbol pin signal pin description 40 44 48 type a0 28 31 28 i address-0 select bit internal registers address selection. a1 27 30 27 i address-1 select bit internal registers address selection. a2 26 29 26 i address-2 select bit internal registers address selection. ior 22 25 20 i read data strobe. its function is the same as -ior (see - ior), except it is active high. either an active -ior or ior is required to transfer data from 16c450 to cpu during a read operation. cs0 12 14 9 i chip select-0. logical 1 on this pin provides the chip select- 0 function. cs1 13 15 10 i chip select-1. logical 1 on this pin provides the chip select- 1 function. -cs2 14 16 11 i chip select -2. logical 0 on this pin provides the chip select- 2 function. iow 19 21 17 i write data strobe. its function is the same as -iow (see - iow), but it acts as an active high input signal. either -iow or iow is required to transfer data from the cpu to st16c450 during a write operation. -as 25 28 24 i address strobe. a logic 0 transition on -as latches the state of the chip selects and the register select bits, a0-a2. this input is used when address and chip selects are not stable for the duration of a read or write operation, i.e., a micropro- cessor that needs to de-multiplex the address and data bits. if not required, the -as input can be permanently tied to a logic 0 (it is edge triggered). d0-d7 1-8 2-9 43-47 2-4 i/o data bus (bi-directional) - these pins are the eight bit, tri- state data bus for transferring information to or from the controlling cpu. d0 is the least significant bit and the first data bit in a transmit or receive serial data stream. gnd 20 22 18 pwr signal and power ground. symbol description
st16c450 5 rev. 4.20 -ior 21 24 19 i read data strobe (active low strobe). a logic 0 on this pin transfers the contents of the st16c450 data bus to the cpu. -iow 18 20 16 i write data strobe (active low strobe). a logic 0 on this pin transfers the contents of the cpu data bus to the addressed internal register. int 30 33 30 o interrupt request (active high). interrupts are enabled in the interrupt enable register (ier), and when an interrupt con- dition exists. interrupt conditions include: receiver errors, available receiver buffer data, transmit buffer empty, or when a modem status flag is detected. csout 24 27 23 o chip select out. a high on this pin indicates that the st16c450 has been enabled by the chip select pin. -baudout 15 17 12 o baud rate generator output. this pin provides the 16x clock of the selected data rate from the baud rate generator. the rclk pin must be connected externally to -baudout when the receiver is operating at the same data rate. -ddis 23 26 22 o drive disable. this pin goes to a logic 0 when the external cpu is reading data from the st16c450. this signal can be used to disable external transceivers or other logic func- tions. -op1 34 38 34 o output-1 (user defined) - see bit-2 of modem control register (mcr bit-2). reset 35 39 35 i reset. (active high) - a logic 1 on this pin will reset the internal registers and all the outputs. the uart transmitter output and the receiver input will be disabled during reset time. (see st16c450 external reset conditions for initial- ization details.) rclk 9 10 5 i receive clock input. this pin is used as external 16x clock input to the receiver section. external connection to - baudout pin is required in order to utilize the internal baud rate generator. symbol description symbol pin signal pin description 40 44 48 type
st16c450 6 rev. 4.20 -op2 31 35 31 o output-2 (user defined). this pin provides the user a general purpose output. see bit-3 modem control register (mcr bit- 3). vcc 40 44 42 pwr power supply input. xtal1 16 18 14 i crystal or external clock input - functions as a crystal input or as an external clock input. a crystal can be connected between this pin and xtal2 to form an internal oscillator circuit. an external 1 mw resistor is required between the xtal1 and xtal2 pins (see figure 3). alternatively, an external clock can be connected to this pin to provide custom data rates (programming baud rate generator section). xtal2 17 19 15 o output of the crystal oscillator or buffered clock - (see also xtal1). crystal oscillator output or buffered clock output. -cd 38 42 40 i carrier detect (active low) - a logic 0 on this pin indicates that a carrier has been detected by the modem. -cts 36 40 38 i clear to send (active low) - a logic 0 on the -cts pin indicates the modem or data set is ready to accept transmit data from the st16c450. status can be tested by reading msr bit-4. this pin has no effect on the uarts transmit or receive operation. -dsr 37 41 39 i data set ready (active low) - a logic 0 on this pin indicates the modem or data set is powered-on and is ready for data exchange with the uart. this pin has no effect on the uarts transmit or receive operation. -dtr 33 37 33 o data terminal ready (active low) - a logic 0 on this pin indicates that the st16c450 is powered-on and ready. this pin can be controlled via the modem control register. writing a logic 1 to mcr bit-0 will set the -dtr output to logic 0, enabling the modem. this pin will be a logic 1 after writing a logic 0 to mcr bit-0, or after a reset. this pin has no effect on the uarts transmit or receive operation. symbol description symbol pin signal pin description 40 44 48 type
st16c450 7 rev. 4.20 -ri 39 43 41 i ring indicator (active low) - a logic 0 on this pin indicates the modem has received a ringing signal from the telephone line. a logic 1 transition on this input pin will generate an interrupt. -rts 32 36 32 o request to send (active low) - a logic 0 on the -rts pin indicates the transmitter has data ready and waiting to send. writing a logic 1 in the modem control register (mcr bit-1) will set this pin to a logic 0 indicating data is available. after a reset this pin will be set to a logic 1. this pin has no effect on the uarts transmit or receive operation. rx 10 11 7 i receive data - this pin provides the serial receive data input to the st16c450. the rx signal will be a logic 1 during reset, idle (no data). during the local loop-back mode, the rx input pin is disabled and tx data is internally connected to the uart rx input, internally, see figure 12. tx 11 13 8 o transmit data - this pin provides the serial transmit data from the st16c450, the tx signal will be a logic 1 during reset, idle (no data). during the local loop-back mode, the tx input pin is disabled and tx data is internally connected to the uart rx input, see figure 12. general description the st16c450 provides serial asynchronous receive data synchronization, parallel-to-serial and serial-to- parallel data conversions for both the transmitter and receiver sections. these functions are necessary for converting the serial data stream into parallel data that is required with digital data systems. synchronization for the serial data stream is accomplished by adding start and stops bits to the transmit data to form a data character (character orientated protocol). data integ- rity is insured by attaching a parity bit to the data character. the parity bit is checked by the receiver for any transmission bit errors. the electronic circuitry to provide all these functions is fairly complex especially when manufactured on a single integrated silicon chip. the st16c450 represents such an integration with greatly enhanced features. the st16c450 is fabricated with an advanced cmos process. the st16c450 is designed to work with high speed modems and shared network environments. the st16c450 is capable of operation to 1.5mbps with a 24 mhz crystal or external clock input. with a crystal of 14.7464 mhz and through a software option, the user can select data rates up to 460.8kbps or 921.6kbps. symbol description symbol pin signal pin description 40 44 48 type
st16c450 8 rev. 4.20 functional descriptions internal registers the st16c450 provides 11 internal registers for monitoring and control. these registers are shown in table 2 below. these registers function as data holding registers (thr/rhr), interrupt status and control registers (ier/isr), line status and control registers, (lcr/lsr), modem status and control registers (mcr/ msr), programmable data rate (clock) control registers (dll/dlm), and a user assessable scratchpad register (spr). table 2, internal register decode a2 a1 a0 read mode write mode general register set (thr/rhr, ier/isr, mcr/msr, lcr/lsr, spr): 0 0 0 receive holding register transmit holding register 0 0 1 interrupt enable register 0 1 0 interrupt status register 0 1 1 line control register 1 0 0 modem control register 1 0 1 line status register 1 1 0 modem status register 1 1 1 scratchpad register scratchpad register baud rate register set (dll/dlm): note *3 0 0 0 lsb of divisor latch lsb of divisor latch 0 0 1 msb of divisor latch msb of divisor latch note *3: these registers are accessible only when lcr bit-7 is set to a logic 1.
st16c450 9 rev. 4.20 programmable baud rate generator the st16c450 supports high speed modem tech- nologies that have increased input data rates by employing data compression schemes. for example a 33.6kbps modem that employs data compression may require a 115.2kbps input data rate. a 128.0kbps isdn modem that supports data compression may need an input data rate of 460.8kbps. the st16c450 can support a standard data rate of 921.6kbps. the programmable baud rate generator is capable of accepting an input clock up to 24 mhz, as required for supporting a 1.5mbps data rate. the st16c450 can be configured for internal or external clock operation. for internal clock oscillator operation, an industry standard microprocessor crystal (parallel resonant/ 22-33 pf load) is connected externally between the xtal1 and xtal2 pins, with an external 1 m w resistor across it. table 3, baud rate generator programming table (1.8432 mhz clock): output user user dlm dll baud rate 16 x clock 16 x clock program program divisor divisor value value (decimal) (hex) (hex) (hex) 50 2304 900 09 00 75 1536 600 06 00 150 768 300 03 00 300 384 180 01 80 600 192 c0 00 c0 1200 96 60 00 60 2400 48 30 00 30 4800 24 18 00 18 7200 16 10 00 10 9600 12 0c 00 0c 19.2k 6 06 00 06 38.4k 3 03 00 03 57.6k 2 02 00 02 115.2k 1 01 00 01 alternatively, an external clock can be connected to the xtal1 pin to clock the internal baud rate generator for standard or custom rates. see figure 3 for crystal oscillator connection. the generator divides the input 16x clock by any divisor from 1 to 2 16 -1. the st16c450 divides the basic crystal or external clock by 16. the frequency of the -baudout output pin is exactly 16x (16 times) of the selected baud rate (-baudout =16 x baud rate). customized baud rates can be achieved by selecting the proper divisor values for the msb and lsb sections of baud rate generator. programming the baud rate generator registers dlm (msb) and dll (lsb) provides a user capability for selecting the desired final baud rate. the example in table 3 below.
st16c450 10 rev. 4.20 figure 3, external crystal oscillator connection loopback mode the internal loop-back capability allows onboard diag- nostics. in the loop-back mode the normal modem interface pins are disconnected and reconfigured for loop-back internally. in this mode msr bits 4-7 are also disconnected. however, mcr register bits 0-3 can be used for controlling loop-back diagnostic test- ing. in the loop-back mode -op1 and -op2 in the mcr register (bits 0-1) control the modem -ri and -cd inputs respectively. mcr signals -dtr and -rts (bits 0-1) are used to control the modem -cts and -dsr inputs respectively. the transmitter output (tx) and the receiver input (rx) are disconnected from their associated interface pins, and instead are connected together internally (see figure 4). the -cts, -dsr, -cd, and -ri are disconnected from their normal modem control inputs pins, and instead are connected inter- nally to -dtr, -rts, -op1 and -op2. loop-back test data is entered into the transmit holding register via the user data bus interface, d0-d7. the transmit uart serializes the data and passes the serial data to the receive uart via the internal loop-back connection. the receive uart converts the serial data back into parallel data that is then made available at the user data interface, d0-d7. the user optionally compares the received data to the initial transmitted data for verifying error free operation of the uart tx/rx circuits. in this mode , the receiver and transmitter interrupts are fully operational. the modem control interrupts are also operational. however, the interrupts can only be read using lower four bits of the modem control register (mcr bits 0-3) instead of the four modem status register bits 4-7. the interrupts are still controlled by the ier. c1 22pf c2 33pf x1 1.8432 mhz r1 50-120 r2 1m xtal1 xtal2
st16c450 11 rev. 4.20 figure 4, internal loopback mode diagram d0-d7 -ior,ior -iow,iow reset a0-a2 -as cs0,cs1 -cs2 int tx rx data bus & control logic register select logic modem control logic interrupt control logic transmit holding registers transmit shift register receive holding registers receive shift register inter connect bus lines & control signals clock & baud rate generator xtal1 rclk xtal2 -baudout -cts -rts -dtr -dsr -ri -cd -op1 -op2 mcr bit-4=1 -ddis csout
st16c450 12 rev. 4.20 register functional descriptions the following table delineates the assigned bit functions for the twelve st16c450 internal registers. the as- signed bit functions are more fully defined in the following paragraphs. table 4, st16c450 internal registers a2 a1 a0 register bit-7 bit-6 bit-5 bit-4 bit-3 bit-2 bit-1 bit-0 [default] note *5 general register set 0 0 0 rhr [xx] bit-7 bit-6 bit-5 bit-4 bit-3 bit-2 bit-1 bit-0 0 0 0 thr [xx] bit-7 bit-6 bit-5 bit-4 bit-3 bit-2 bit-1 bit-0 0 0 1 ier [00] 0000 modem receive transmit receive status line holding holding interrupt status register register interrupt 0 1 0 isr [01] 0000intintintint priority priority priority status bit-2 bit-1 bit-0 0 1 1 lcr [00] divisor set set even parity stop word word latch break parity parity enable bits length length enable bit-1 bit-0 1 0 0 mcr [00] 0 0 0 loop -op2 -op1 -rts -dtr back 1 0 1 lsr [60] 0 trans. trans. break framing parity overrun receive empty holding interrupt error error error data empty ready 1 1 0 msr [x0] cd ri dsr cts delta delta delta delta -cd -ri -dsr -cts 1 1 1 spr [ff] bit-7 bit-6 bit-5 bit-4 bit-3 bit-2 bit-1 bit-0 special register set: note *3 0 0 0 dll [xx] bit-7 bit-6 bit-5 bit-4 bit-3 bit-2 bit-1 bit-0 0 0 1 dlm [xx] bit-15 bit-14 bit-13 bit-12 bit-11 bit-10 bit-9 bit-8 note *3: the special register set is accessible only when lcr bit-7 is set to a logic 1. note *5: the value represents the registers initialized hex value. an x signifies a 4-bit un-initialized nibble.
st16c450 13 rev. 4.20 transmit and receive holding register the serial transmitter section consists of an 8-bit transmit hold register (thr) and transmit shift register (tsr). the status of the thr is provided in the line status register (lsr). writing to the thr transfers the contents of the data bus (d7-d0) to the thr, providing that the thr or tsr is empty. the thr empty flag in the lsr register will be set to a logic 1 when the transmitter is empty or when data is transferred to the tsr. note that a write operation can be performed when the transmit holding register empty flag is set. the serial receive section also contains an 8-bit receive holding register, rhr. receive data is removed from the st16c450 and receive by reading the rhr register. the receive section provides a mechanism to prevent false starts. on the falling edge of a start or false start bit, an internal receiver counter starts counting clocks at 16x clock rate. after 7 1/2 clocks the start bit time should be shifted to the center of the start bit. at this time the start bit is sampled and if it is still a logic 0 it is validated. evaluating the start bit in this manner prevents the receiver from assem- bling a false character. receiver status codes will be posted in the lsr. interrupt enable register (ier) the interrupt enable register (ier) masks the inter- rupts from receiver ready, transmitter empty, line status and modem status registers. these interrupts would normally be seen on the st16c450 int output pin. ier bit-0: logic 0 = disable the receiver ready interrupt. (normal default condition) logic 1 = enable the receiver ready interrupt. ier bit-1: logic 0 = disable the transmitter empty interrupt. (normal default condition) logic 1 = enable the transmitter empty interrupt. ier bit-2: logic 0 = disable the receiver line status interrupt. (normal default condition) logic 1 = enable the receiver line status interrupt. ier bit-3: logic 0 = disable the modem status register interrupt. (normal default condition) logic 1 = enable the modem status register interrupt. ier bit 4-7: not used and set to 0. interrupt status register (isr) the st16c450 provides four levels of prioritized interrupts to minimize external software interaction. the interrupt status register (isr) provides the user with four interrupt status bits. performing a read cycle on the isr will provide the user with the highest pending interrupt level to be serviced. no other inter- rupts are acknowledged until the pending interrupt is serviced. whenever the interrupt status register is read, the interrupt status is cleared. however it should be noted that only the current pending interrupt is cleared by the read. a lower level interrupt may be seen after rereading the interrupt status bits. the interrupt source table 5 (below) shows the data values (bit 0-3) for the four prioritized interrupt levels and the interrupt sources associated with each of these interrupt levels:
st16c450 14 rev. 4.20 table 5, interrupt source table priority [isr] level b it-3 bit-2bit-1 bit-0 source of the interrupt 1 0 1 1 0 lsr (receiver line status register) 2 0 1 0 0 rxrdy (received data ready) 3 0 0 1 0 txrdy ( transmitter holding register empty) 4 0 0 0 0 msr (modem status register) lcr bit-2: (logic 0 or cleared is the default condition) the length of stop bit is specified by this bit in conjunc- tion with the programmed word length. bit-2 word length stop bit length (bit time(s)) 0 5,6,7,8 1 1 5 1-1/2 1 6,7,8 2 lcr bit-3: parity or no parity can be selected via this bit. logic 0 = no parity (normal default condition) logic 1 = a parity bit is generated during the transmis- sion, receiver checks the data and parity for transmis- sion errors. lcr bit-4: if the parity bit is enabled with lcr bit-3 set to a logic 1, lcr bit-4 selects the even or odd parity format. logic 0 = odd parity is generated by forcing an odd number of logic 1s in the transmitted data. the receiver must be programmed to check the same format. (normal default condition) logic 1 = even parity is generated by forcing an even the number of logic 1s in the transmitted. the receiver must be programmed to check the same format. lcr bit-5: if the parity bit is enabled, lcr bit-5 selects the forced parity format. isr bit-0: logic 0 = an interrupt is pending and the isr contents may be used as a pointer to the appropriate interrupt service routine. logic 1 = no interrupt pending. (normal default condi- tion) isr bit 1-3: (logic 0 or cleared is the default condition) these bits indicate the source for a pending interrupt at interrupt priority levels 1, 2, and 3 (see interrupt source table). isr bit 4-7 : not used and set to 0. line control register (lcr) the line control register is used to specify the asynchronous data communication format. the word length, the number of stop bits, and the parity are selected by writing the appropriate bits in this register. lcr bit 0-1: (logic 0 or cleared is the default condi- tion) these two bits specify the word length to be transmit- ted or received. bit-1 bit-0 word length 00 5 01 6 10 7 11 8
st16c450 15 rev. 4.20 lcr bit-5 = logic 0, parity is not forced (normal default condition) lcr bit-5 = logic 1 and lcr bit-4 = logic 0, parity bit is forced to a logical 1 for the transmit and receive data. lcr bit-5 = logic 1 and lcr bit-4 = logic 1, parity bit is forced to a logical 0 for the transmit and receive data. lcr lcr lcr parity selection bit-5 bit-4 bit-3 x x 0 no parity 0 0 1 odd parity 0 1 1 even parity 1 0 1 force parity1 1 1 1 forced parity 0 lcr bit-6: when enabled the break control bit causes a break condition to be transmitted (the tx output is forced to a logic 0 state). this condition exists until disabled by setting lcr bit-6 to a logic 0. logic 0 = no tx break condition. (normal default condition) logic 1 = forces the transmitter output (tx) to a logic 0 for alerting the remote receiver to a line break condition. lcr bit-7: the internal baud rate counter latch and enhance feature mode enable. logic 0 = divisor latch disabled. (normal default condition) logic 1 = divisor latch and enhanced feature register enabled. modem control register (mcr) this register controls the interface with the modem or a peripheral device. mcr bit-0: logic 0 = force -dtr output to a logic 1. (normal default condition) logic 1 = force -dtr output to a logic 0. mcr bit-1: logic 0 = force -rts output to a logic 1. (normal default condition) logic 1 = force -rts output to a logic 0. mcr bit-2: logic 0 = set -op1 output to a logic 1. (normal default condition) logic 1 = set -op1 output to a logic 0. mcr bit-3: logic 0 = set -op2 output to a logic 1. (normal default condition) logic 1 = set -op2 output to a logic 0. mcr bit-4: logic 0 = disable loop-back mode. (normal default condition) logic 1 = enable local loop-back mode (diagnostics). mcr bit 5-7: not used and set to 0. line status register (lsr) this register provides the status of data transfers between. the st16c450 and the cpu. lsr bit-0: logic 0 = no data in receive holding register. (normal default condition) logic 1 = data has been received and is saved in the receive holding register. lsr bit-1: logic 0 = no overrun error. (normal default condition) logic 1 = overrun error. a data overrun error occurred in the receive shift register. this happens when addi- tional data arrives while the rhr is full. in this case the previous data in the shift register is overwritten. note that under this condition the data byte in the receive shift register is not transfer into the rhr, therefore the data in the rhr is not corrupted by the error. lsr bit-2: logic 0 = no parity error (normal default condition) logic 1 = parity error. the receive character does not have correct parity information and is suspect.
st16c450 16 rev. 4.20 lsr bit-3: logic 0 = no framing error (normal default condition). logic 1 = framing error. the receive character did not have a valid stop bit(s). lsr bit-4: logic 0 = no break condition (normal default condi- tion) logic 1 = the receiver received a break signal. lsr bit-5: this bit indicates that the st16c450 is ready to accept new characters for transmission. this bit causes the st16c450 to issue an interrupt to the cpu when the transmit holding register is empty and the interrupt enable is set. logic 0 = transmit holding register is not empty. (normal default condition) logic 1 = transmit holding register is empty. when this bit is a logic 1, the cpu can load a new characters into the transmit holding register for transmission. lsr bit-6: logic 0 = transmitter holding and shift registers are full. logic 1 = transmitter holding and shift registers are empty. lsr bit-7: not used and set to 0. modem status register (msr) this register provides the current state of the control interface signals from the modem, or other peripheral device that the st16c450 is connected to. four bits of this register are used to indicate the changed information. these bits are set to a logic 1 whenever a control input from the modem changes state. these bits are set to a logic 0 whenever the cpu reads this register. msr bit-0: logic 0 = no -cts change (normal default condition) logic 1 = the -cts input to the st16c450 has changed state since the last time it was read. a modem status interrupt will be generated. msr bit-1: logic 0 = no -dsr change (normal default condition) logic 1 = the -dsr input to the st16c450 has changed state since the last time it was read. a modem status interrupt will be generated. msr bit-2: logic 0 = no -ri change (normal default condition) logic 1 = the -ri input to the st16c450 has changed from a logic 0 to a logic 1. a modem status interrupt will be generated. msr bit-3: logic 0 = no -cd change (normal default condition) logic 1 = indicates that the -cd input to the has changed state since the last time it was read. a modem status interrupt will be generated. msr bit-4: cts (active high, logical 1). normally this bit is the compliment of the -cts input. in the loop-back mode, this bit is equivalent to the rts bit in the mcr register. msr bit-5: dsr (active high, logical 1). normally this bit is the compliment of the -dsr input. in the loop-back mode, this bit is equivalent to the dtr bit in the mcr register. msr bit-6: ri (active high, logical 1). normally this bit is the compliment of the -ri input. in the loop-back mode this bit is equivalent to the op1 bit in the mcr register. msr bit-7: cd (active high, logical 1). normally this bit is the compliment of the -cd input. in the loop-back mode this bit is equivalent to the op2 bit in the mcr register.
st16c450 17 rev. 4.20 scratchpad register (spr) the st16c450 provides a temporary data register to store 8 bits of user information. st16c450 external reset conditions registers reset state ier ier bits 0-7 = logic 0 isr isr bit-0=1, isr bits 1-7 = logic 0 lcr, mcr bits 0-7 = logic 0 lsr lsr bits 0-4 = logic 0, lsr bits 5-6 = logic 1 lsr, bit 7 = logic 0 msr msr bits 0-3 = logic 0, msr bits 4-7 = logic levels of the input signals signals reset state tx logic 1 -op1 logic 1 -op2 logic 1 -rts logic 1 -dtr logic 1 csout logic 0 int logic 0
st16c450 18 rev. 4.20 t 1w ,t 2w clock pulse duration 17 17 ns t 3w oscillator/clock frequency 8 24 mhz t 4w address strobe width 35 25 ns t 5s address setup time 5 0 ns t 5h address hold time 5 5 ns t 6s address setup time 5 0 ns t 6h chip select hold time 0 0 ns t 7d -ior delay from chip select 10 10 ns note 1: t 7w -ior strobe width 35 25 ns t 7h chip select hold time from -ior 0 0 ns note 1: t 8d -ior delay from address 10 10 ns note 1: t 9d read cycle delay 40 30 ns t 10d csout delay from chip select 15 10 ns 100 pf load t 11d -ior to -ddis delay 15 10 ns 100 pf load t 12d delay from -ior to data 35 25 ns t 12h data disable time 25 15 ns t 13d -iow delay from chip select 10 10 ns note 1: t 13w -iow strobe width 40 25 ns t 13h chip select hold time from -iow 0 0 ns t 14d -iow delay from address 10 10 ns note 1: t 15d write cycle delay 40 30 ns t 16s data setup time 20 15 ns t 16h data hold time 5 5 ns t 17d delay from -iow to output 50 40 ns 100 pf load t 18d delay to set interrupt from modem 40 35 ns 100 pf load input t 19d delay to reset interrupt from -ior 40 35 ns 100 pf load t 20d delay from stop to set interrupt 1 1 rclk t 21d delay from -ior to reset interrupt 45 40 ns 100 pf load t 22d delay from stop to interrupt 45 40 ns t 23d delay from initial int reset to transmit 8 24 8 24 rclk start t 24d delay from -iow to reset interrupt 45 40 ns t r reset pulse width 40 40 ns n baud rate devisor 1 2 16 -1 1 2 16 -1 rclk note 1: applicable only when -as is tied low. ac electrical characteristics t a =0 - 70c (-40 - +85c for industrial grade packages), vcc=3.3 - 5.0 v 10% unless otherwise specified. symbol parameter limits limits units conditions 3.3 5.0 min max min max
st16c450 19 rev. 4.20 v ilck clock input low level -0.3 0.6 -0.5 0.6 v v ihck clock input high level 2.4 vcc 3.0 vcc v v il input low level -0.3 0.8 -0.5 0.8 v v ih input high level 2.0 2.2 vcc v v ol output low level on all outputs 0.4 v i ol = 5 ma v ol output low level on all outputs 0.4 v i ol = 4 ma v oh output high level 2.4 v i oh = -5 ma v oh output high level 2.0 v i oh = -1 ma i il input leakage 10 10 m a i cl clock leakage 10 10 m a i cc avg power supply current 1.3 3 ma c p input capacitance 5 5 pf absolute maximum ratings supply range 7 volts voltage at any pin gnd - 0.3 v to vcc +0.3 v operating temperature -40 c to +85 c storage temperature -65 c to 150 c package dissipation 500 mw dc electrical characteristics t a =0 - 70c (-40 - +85c for industrial grade packages), vcc=3.3 - 5.0 v 10% unless otherwise specified. symbol parameter limits limits units conditions 3.3 5.0 min max min max
st16c450 20 rev. 4.20 clock timing t3w -baudout 1/2 -baudout 1/3 -baudout 1/3> -baudout t1w t2w external clock x450-ck-1
st16c450 21 rev. 4.20 general read timing -ddis d0-d7 t12d t12h x450-rd-1 -as a0-a2 -cs2 cs1-cs0 -ior ior t4w t5s t5h t6s t6h t7w t7d t7h t9d t11d t8d valid address valid active data active t11d csout t10d t10d active
st16c450 22 rev. 4.20 general write timing -as a0-a2 -cs2 cs1-cs0 -iow iow d0-d7 t4w t5s t5h t6s t6h t13w t13d t13h t15d t16s x550-wd-1 t14d t16h valid address valid active data
st16c450 23 rev. 4.20 modem input/output timing -iow iow -rts -dtr -cd -cts -dsr int -ior ior -ri t17d t18d t18d t19d t18d x450-md-1 active active change of state change of state active active active change of state change of state change of state active active
st16c450 24 rev. 4.20 receive timing stop bit parity bit data bits (5-8) d0 d1 d2 d3 d4 d5 d6 d7 5 data bits 6 data bits 7 data bits start bit rx next data start bit int -ior ior t20d t21d 16 baud rate clock x450-rx-1 active
st16c450 25 rev. 4.20 transmit timing stop bit parity bit data bits (5-8) d0 d1 d2 d3 d4 d5 d6 d7 5 data bits 6 data bits 7 data bits start bit tx next data start bit int t22d t24d 16 baud rate clock x450-tx-1 -iow iow t23d active active tx ready active
st16c450 26 rev. 4.20 package outline drawing 44lead plastic leaded chip carrier (plcc) 1 d d 1 a a 1 d d 1 d 3 b a 2 b 1 e seating plane d 2 244 d 3 c r 45 x h 2 45 x h 1 symbol min max min max inches millimeters a r h 2 h 1 e d 3 d 2 d 1 d c b 1 b a 2 a 1 4.57 1.14 1.22 1.42 16.00 16.66 17.65 0.32 0.81 0.53 ------ 3.05 4.19 0.64 1.07 1.07 1.27bsc 12.70 typ 14.99 16.51 17.40 0.19 0.66 0.33 0.51 2.29 0.180 0.045 0.048 0.056 0.630 0.656 0.695 0.013 0.032 0.021 ----- 0.120 0.165 0.025 0.042 0.042 0.50 bsc 0.500 typ 0.590 0.650 0.685 0.008 0.026 0.013 0.020 0.090 note: the control dimension is the inch column
st16c450 27 rev. 4.20 symbol min max min max inches millimeters a b a 2 a 1 1.20 0.27 1.05 0.15 1.00 0.17 0.95 0.05 0.047 0.011 0.041 0.006 0.039 0.007 0.037 0.002 note: the control dimension is the millimeter column d c 7.10 9.20 0.20 6.90 8.80 0.09 0.280 0.362 0.008 0.272 0.346 0.004 d 1 a l e 7 0.75 0 0.45 0.50bsc 7 0.030 0 0.018 0.20 bsc 36 25 24 13 1 1 2 37 48 d d 1 d d 1 b e a a 2 a 1 a seating plane l c 48 lead thin quad flat pack (tqfp) package outline drawing
st16c450 28 rev. 4.20 notice exar corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. exar corporation assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. charts and schedules contained here in are only for illustration purposes and may vary depending upon a user's specific application. while the information in this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies. exar corporation does not recommend the use of any of its products in life support applications where the failure of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. products are not authorized for use in such applications unless exar corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of exar corporation is adequately protected under the circumstances. copyright 2003 exar corporation datasheet september 2003 send your uart technical inquiry with technical details to hotline: uarttechsupport@exar.com reproduction, in part or whole, without prior written consent of exar corporation is prohibited. explanation of data sheet revisions: from to changes date 4.10 4.20 added revision history. added device status to front page. sept 2003


▲Up To Search▲   

 
Price & Availability of ST16C450IJ44-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X