Part Number Hot Search : 
SJC1440 SJC1440 SJC1440 EM78M680 OP1338T 26S470 DM162 BS616L
Product Description
Full Text Search
 

To Download SMG2319P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SMG2319P -2.1a , -30v , r ds(on) 200 m ? p-channel enhancement mosfet 12-apr-2011 rev. b page 1 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. sc-59 top view a l c b d g h j f k e 1 2 3 1 2 3 rohs compliant product a suffix of ?-c? specifies halogen & lead-free description the miniature surface mount mosfets utilize high cell density process. low r ds(on) assures minimal power loss and conserves energy, making this device ideal for use in power management circuitry. features ? low r ds(on) provides higher efficiency and extends battery life. ? fast switch. ? low gate charge. ? miniature sc-59 surface mount package saves board space. application voltage control small signal switch, power management in portable and battery-powered products such as computer portable electronics and other battery power application. package information package mpq leader size sc-59 3k 7? inch maximum ratings (t a = 25 c unless otherwise specified) parameter symbol ratings unit drain-source voltage v ds -30 v gate-source voltage v gs 20 v t a =25c -2.1 continuous drain current 1 t a =70c i d -1.7 a pulsed drain current 2 i dm 10 a continuous source current (diode conduction) 1 i s -0.4 a t a =25c 1.25 power dissipation 1 t a =70c p d 0.8 w operating junction and st orage temperature range t j , t stg -55 ~ 150 c thermal resistance data t Q 5 sec 250 maximum junction to ambient 1 steady-state r ja 285 c/w notes: 1. surface mounted on 1? x 1? fr4 board. 2. pulse width limited by maximum junction temperature. millimete r millimete r ref. min. max. ref. min. max. a 2.70 3.10 g 0.10 ref. b 2.25 3.00 h 0.40 ref. c 1.30 1.70 j 0.10 0.20 d 1.00 1.40 k 0.45 0.55 e 1.70 2.30 l 0.85 1.15 f 0.35 0.50 1 2 3
elektronische bauelemente SMG2319P -2.1a , -30v , r ds(on) 200 m ? p-channel enhancement mosfet 12-apr-2011 rev. b page 2 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a =25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions static - - -1 v ds = -24v, v gs =0 zero gate voltage drain current i dss - - -10 a v ds = -24v, v gs =0, t j =55c gate-body leakage i gss - - 100 na v ds =0, v gs = 20v gate-threshold voltage v gs(th) -1.3 - - v v ds =v gs , i d = -250 a on-state drain current 1 i d(on) -3 - - a v ds = -5v, v gs = -4.5v - - 200 v gs = -10v, i d = -2.1a drain-source on-resistance 1 r ds(on) - - 300 m ? v gs = -4.5v, i d = -1.7a forward transconductance 1 g fs - 2 - s v ds = -5v, , i d = -2.1a diode forward voltage v sd - -0.7 -1.2 v i s = -0.4a, v gs =0 dynamic 2 total gate charge q g - 3.4 - gate-source charge q gs - 0.8 - gate-drain charge q gd - 1.5 - nc i d = -2.1a v ds = -10v v gs = -5v turn-on delay time td (on) - 8 - rise time t r - 18 - turn-off delay time td (off) - 52 - fall time t f - 39 - ns v ds = -10v v gen = -10v r g =50 ? i d = -1.1a notes: 1. pulse test pw Q 300 us duty cycle Q 2%. 2. guaranteed by design, not subject to production testing.
elektronische bauelemente SMG2319P -2.1a , -30v , r ds(on) 200 m ? p-channel enhancement mosfet 12-apr-2011 rev. b page 3 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curve
elektronische bauelemente SMG2319P -2.1a , -30v , r ds(on) 200 m ? p-channel enhancement mosfet 12-apr-2011 rev. b page 4 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curve
elektronische bauelemente SMG2319P -2.1a , -30v , r ds(on) 200 m ? p-channel enhancement mosfet 12-apr-2011 rev. b page 5 of 5 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curve


▲Up To Search▲   

 
Price & Availability of SMG2319P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X