Part Number Hot Search : 
SF5008 AA10C NCP3418D ST2SC 4100B PQ60015 K1540 LDA200S
Product Description
Full Text Search
 

To Download PSMA75A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 1998 dec 04 1999 jan 26 discrete semiconductors psma8.5a to psma78a transient voltage suppressor diodes handbook, halfpage m3d168
1999 jan 26 2 philips semiconductors product speci?cation transient voltage suppressor diodes psma8.5a to psma78a features glass passivated high maximum operating temperature low leakage current excellent stability ul 94v-o classified plastic package transient suppressor stand-off voltage range: 8.5 to 78 v for 26 types supplied in 12 mm embossed tape. description do-214ac surface mountable package with glass passivated chip. the well-defined void-free case is of a transfer-moulded thermo-setting plastic. fig.1 simplified outline (do-214ac; sod106) and symbol. handbook, 4 columns msa473 cathode band top view side view ka limiting values in accordance with the absolute maximum rating system (iec 134). symbol parameter conditions value unit p rsm non-repetitive peak reverse power dissipation 10/1000 m s exponential pulse; t j =25 c prior to surge; see figs.3 and 5 400 w
1999 jan 26 3 philips semiconductors product speci?cation transient voltage suppressor diodes psma8.5a to psma78a electrical characteristics total series t j =25 c unless otherwise specified. per type t j =25 c unless otherwise specified. symbol parameter conditions min. max. unit v f forward voltage i f = 0.5 a - 1.2 v t stg storage temperature - 65 +175 c t j junction temperature - 65 +175 c device (note 1 ) reverse stand-off voltage breakdown voltage reverse voltage (max) @i rsm (clamping voltage) reverse surge current (max) reverse leakage current (max) @v rwm v rwm (v) v br min. (v) i t (ma) v rsm (v) i rsm (a) i r ( m a) psma8.5a 8.5 9.44 1 14.4 27.8 5.0 psma9.0a 9.0 10.0 1 15.4 26.0 2.5 psma10a 10 11.1 1 17.0 23.5 2.5 psma11a 11 12.2 1 18.2 22.0 2.5 psma12a 12 13.3 1 19.9 20.1 2.5 psma13a 13 14.4 1 21.5 18.6 2.5 psma14a 14 15.6 1 23.2 17.2 2.5 psma15a 15 16.7 1 24.4 16.4 2.5 psma16a 16 17.8 1 26.0 15.4 2.5 psma17a 17 18.9 1 27.6 14.5 2.5 psma18a 18 20.0 1 29.2 13.7 2.5 psma20a 20 22.2 1 32.4 12.3 2.5 psma22a 22 24.4 1 35.5 11.3 2.5 psma24a 24 26.7 1 38.9 10.3 2.5 psma26a 26 28.9 1 42.1 9.5 2.5 psma28a 28 31.1 1 45.4 8.8 2.5 psma30a 30 33.3 1 48.4 8.3 2.5 psma33a 33 36.7 1 53.3 7.5 2.5
1999 jan 26 4 philips semiconductors product speci?cation transient voltage suppressor diodes psma8.5a to psma78a note 1. tolerance and voltage designation: tolerance designation - the type number listed indicates a tolerance of . 5% thermal characteristics notes 1. device mounted on an al 2 o 3 printed-circuit board, 0.7 mm thick; thickness of cu-layer 3 35 m m, see fig.4. 2. device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of cu-layer 3 40 m m, see fig.4. for more information please refer to the general part of the associated handbook . psma36a 36 40.0 1 58.1 6.9 2.5 psma40a 40 44.4 1 64.5 6.2 2.5 psma43a 43 47.8 1 69.4 5.8 2.5 psma45a 45 50.0 1 72.2 5.5 2.5 psma48a 48 53.3 1 77.4 5.2 2.5 psma51a 51 56.7 1 82.4 4.9 2.5 psma54a 54 60.0 1 87.1 4.6 2.5 psma58a 58 64.4 1 93.6 4.3 2.5 psma60a 60 66.7 1 96.8 4.1 2.5 psma64a 64 71.1 1 103.0 3.9 2.5 psma70a 70 77.8 1 113.0 3.5 2.5 PSMA75A 75 83.3 1 121.0 3.3 2.5 psma78a 78 86.7 1 126.0 3.2 2.5 symbol parameter conditions value unit r th j-tp thermal resistance from junction to tie-point 25 k/w r th j-a thermal resistance from junction to ambient note 1 100 k/w note 2 150 k/w device (note 1 ) reverse stand-off voltage breakdown voltage reverse voltage (max) @i rsm (clamping voltage) reverse surge current (max) reverse leakage current (max) @v rwm v rwm (v) v br min. (v) i t (ma) v rsm (v) i rsm (a) i r ( m a)
1999 jan 26 5 philips semiconductors product speci?cation transient voltage suppressor diodes psma8.5a to psma78a graphical data fig.2 maximum total power dissipation as a function of temperature. solid line: tie-point temperature. dotted line: ambient temperature; device mounted on an al 2 o 3 printed-circuit board as shown in fig.4. handbook, halfpage 0 200 4 0 2 1 3 mgr463 p tot (w) 100 t ( c) t j =25 c prior to surge. fig.3 maximum non-repetitive peak reverse power dissipation as a function of pulse duration (exponential pulse). handbook, halfpage 10 - 2 10 2 10 3 10 4 10 - 1 1 t 2 (ms) p rsm (w) 10 mgr465 fig.4 printed-circuit board for surface mounting. dimensions in mm. msb213 4.5 2.5 1.25 50 50 handbook, halfpage mgd521 i rsm (%) 100 90 50 10 t 1 t 2 t fig.5 non-repetitive peak reverse current pulse definition. in accordance with iec 60-1, section 8 . t 1 =10 m s. t 2 = 1000 m s.
1999 jan 26 6 philips semiconductors product speci?cation transient voltage suppressor diodes psma8.5a to psma78a package outline references outline version european projection issue date iec jedec eiaj sod106 97-06-09 do-214ac 0 2.5 5 mm scale transfer-moulded thermo-setting plastic small rectangular surface mounted package; 2 connectors sod106 unit b a 1 cd e q mm 1.6 1.4 0.2 0.05 2.8 2.4 4.5 4.3 h 5.5 5.1 3.3 2.7 dimensions (mm are the original dimensions) a 2.3 2.0 d h a e b (1) a 1 q c note 1. the marking band indicates the cathode.
1999 jan 26 7 philips semiconductors product speci?cation transient voltage suppressor diodes psma8.5a to psma78a definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation.
internet: http://www.semiconductors.philips.com philips semiconductors C a worldwide company ? philips electronics n.v. 1999 sca61 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. middle east: see italy netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 pakistan: see singapore philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 319762, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430 johannesburg 2000, tel. +27 11 470 5911, fax. +27 11 470 5494 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 93 301 6312, fax. +34 93 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 5985 2000, fax. +46 8 5985 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2741 fax. +41 1 488 3263 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2865, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. +90 212 279 2770, fax. +90 212 282 6707 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381, fax. +1 800 943 0087 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 62 5344, fax.+381 11 63 5777 for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 1 60 101 1248, fax. +43 1 60 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 20 0733, fax. +375 172 20 0773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 68 9211, fax. +359 2 68 9102 canada: philips semiconductors/components, tel. +1 800 234 7381, fax. +1 800 943 0087 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: sydhavnsgade 23, 1780 copenhagen v, tel. +45 33 29 3333, fax. +45 33 29 3905 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615 800, fax. +358 9 6158 0920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 4099 6161, fax. +33 1 4099 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 2353 60, fax. +49 40 2353 6300 greece: no. 15, 25th march street, gr 17778 tavros/athens, tel. +30 1 489 4339/4239, fax. +30 1 481 4240 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: pt philips development corporation, semiconductors division, gedung philips, jl. buncit raya kav.99-100, jakarta 12510, tel. +62 21 794 0040 ext. 2501, fax. +62 21 794 0080 ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 2 6752 2531, fax. +39 2 6752 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108-8507, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381, fax +9-5 800 943 0087 printed in the netherlands 135002/00/02/pp8 date of release: 1999 jan 26 document order number: 9397 750 05028


▲Up To Search▲   

 
Price & Availability of PSMA75A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X