Part Number Hot Search : 
P1000B 4VHC1G 2NK90Z B1300 1N5386 D13AN KBPC2514 KBPC2514
Product Description
Full Text Search
 

To Download P0721DF-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  101 sidactor ? protection thyristors ? 2009 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. fixed voltage single slic protection fixed voltage single port series - ms-012 description the ms-012 packaged fixed voltage single port series are sidactor ? devices designed to protect sensitive slics (subscriber line interface circuit) from damaging overvoltage transients. the series provides single port protection using a ?xed voltage switching device for negative surges. positive surges are routed though internal diodes to a ground reference. the series is also pin-to-pin compatible to industry standard programmable so-8 slic protectors. electrical characteristics part number marking v drm @ i drm = 5 a v s @100v/s i h i s i t @v t v t @i t =1 amps v f @2 5 capacitance v min v max ma min ma max a max v max v max p0641df-1 p0641f1 58 77 150 800 1 5 5 see capacitance values table P0721DF-1 p0721f1 65 88 150 800 1 5 5 p0901df-1 p0901f1 75 98 150 800 1 5 5 p1001df-1 p1001f1 85 110 150 800 1 5 5 p1101df-1 p1101f1 95 130 150 800 1 5 5 features & bene?ts t *oufhsbufeejpeftgps positive voltage surges t 4johmfqpsuqspufdujpojo one package t -pxwpmubhfpwfstippu t -pxpotubufwpmubhf t %pftopuefhsbefxjuivtf t 'bjmttipsudjsdvjuxifo surged in excess of ratings t1joupqjo40dpnqbujcmf footprint pinout agency approvals agency agency file number e133083 schematic symbol 1 2 3 4 8 7 6 5 1 2 3 4 5 6 7 8 (nc) (tip) (ground) (ground) (ring) (nc) (tip) (ring) applicable global standards t5*"" t *56,&oibodfe level t*56,#btjd -fwfm t(3*oufscvjmejoh t(3*ousbcvjmejoh t*&$ t:%5 t:%5 t:%5 * series resistance required notes: - absolute maximum ratings measured at t a = 25oc (unless otherwise noted). - devices are uni-directional - all electrical characteristics shown are de?ned from tip (pins 1 & 8) to ground (pins 6 & 7), and ring (pins 4 & 5) to ground (pins 6 & 7) - v f > 8.5 volts @ 10 x 700 s , 37.5 amps
102 sidactor ? protection thyristors ? 2009 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection fixed voltage single package symbol parameter value unit 1 2 3 4 8 7 6 5 ms-012 t j operating junction temperature range up  c t s storage temperature range up  c r 0 ja thermal resistance: junction to ambient 120 c/w series i pp i tsm di/dt 2x10s 1.2x 5 0s/8x20s 10x700/ 5 x310s 10x1000s 600v rms 1s a min a min a min a min a min amps/s max f 120 100 50 30 1 500 surge ratings thermal considerations note: off-state capacitance (c o ) is measured at 1 mhz with a 2 v bias. capacitance values part number pf pin 1,8-6,7 / 4, 5 -6,7 tip-ground, ring-ground pf pin 1,8-4, 5 tip-ring min max min max p0641df-1 40 90 20 45 P0721DF-1 35 85 20 45 p0901df-1 30 80 20 40 p1001df-1 25 75 15 35 p1101df-1 25 70 15 30 50 100 0 t r t d 0 peak value half value t C time (s) i pp C peak pulse current C %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d v-i characteristics t r x t d pulse waveform i h i drm v drm v t +v +i v s i s i t v f -v -i notes: - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp sbujohtbqqmjdbcmfpwfsufnqfsbuvsfsbohfpg?$up ?$ - the device must initially be in thermal equilibrium with -40c < t j <  ?$
103 sidactor ? protection thyristors ? 2009 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. fixed voltage single slic protection -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) C c percent of v s change C % 25 c 25c case temperature (t c ) - oc 2.0 1. 8 1. 6 1. 4 1. 2 1. 0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160 ratio of i h i h (t c = 25oc) normalized v s change vs. junction temperature normalized dc holding current vs. case temperature time temperature t p t l t s(max) t s(min) 2 5 t p t l t s time to peak temperature (t 2 5 oc to peak) ramp-down ramp-up preheat critical zone t l to t p figure 1 soldering parameters physical speci?cations environmental speci?cations lead material copper alloy terminal finish 100% matte-tin plated body material ul recognized epoxy meeting ?ammability classi?cation 94v-0 high temp voltage blocking 80% rated v drm (v dc
 ?$ps ?$ ps 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 temp cycling ?$up ?$ njoexfmm vqup cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 v dc  ?$
3) vqupist&*" jedec, jesd22-a-101 high temp storage ?$ist.*-45% .fuipe
 jedec, jesd22-a-101 low temp storage -65c, 1008 hrs. thermal shock ?$up ?$ njoexfmm tfdusbotgfs  10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 autoclave (pressure cooker test) ?$ 3) bun vqupist&*" jedec, jesd22-a-102 resistance to solder heat ?$ tfdt.*-45% .fuipe
moisture sensitivity level 3)  ?$ ist sfnpxdzdmft ?$1fbl
+&%&$+45%  -fwfm re?ow condition pb-free assembly (see fig. 1) pre heat - temperature min (t s(min) ) ?$ - temperature max (t s(max) ) ?$ - time (min to max) (t s ) 60-180 secs. average ramp up rate (liquidus temp (t l ) to peak) 3c/sec. max. t s(max) to t l - ramp-up rate 3c/sec. max. re?ow - temperature (t l ) (liquidus) ?$ - temperature (t l ) 60-150 secs. peak temp (t p )  
?$ time within 5 c of actual peak temp (t p ) 30 secs. max. ramp-down rate 6c/sec. max. time 2 5 c to peak temp (t p ) 8 min. max. do not exceed ?$
104 sidactor ? protection thyristors ? 2009 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection fixed voltage single dimensions ms-012 dimension inches millimeters min max min max a 0.053 0.069 1.35 1.75 a1 0.004 0.010 0.10 0.25 a2 0.043 0.065 1.25 1.65 b 0.012 0.020 0.31 0.51 c 0.007 0.010 0.17 0.25 d 0.189 0.197 4.80 5.00 e 0.228 0.244 5.80 6.20 e1 0.150 0.157 3.80 4.00 e 0.050 bsc* 1.27 bsc* l 0.016 0.050 0.40 1.27 * bsc = b asic s pacing between c enters packing options package type description quantity added suf?x industry standard d ms-012 smt 8-pin soic tape and reel pack 2500 n/a eia-481-d tape and reel speci?cations ms-012 o recommended soldering pad outline (reference only) part marking o xxxxxf1 xxxxx part number code (refer to electrical characteristics table) date code part numbering construction variable p: sidactor single type p -1 median voltage package type xxx 1 d f i pp rating 0.8 (0.03) 1.5 0 (.059) 4.0 (.158) 5.5 (.216) 2.0 (.079) 8.0 (.315) 6.4 (.252) 12.0 (.472) direction of feed ? min. carrier tape embossment cover ta p e dimensions are: millimeters (inches) 0 min. min. 0.40 (0.016) 2.1 (.083) 1. 5 5 (.061) 0.49 (12.4) 0.512 (13.0) arbor hole dia. 12.99 (330.0) dimensions are in inches (and millimeters). direction of feed o


▲Up To Search▲   

 
Price & Availability of P0721DF-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X