Part Number Hot Search : 
MIC61150 KBPC101 KN4A4M MMBZ5235 WT5081 DB104G CX209 BD675
Product Description
Full Text Search
 

To Download MP650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification output configuration guide mp - - example: mp1k0- a 2 2 e k # s slot1 slot2 slot3 slot4 slot5 slot6 slot7 450/650/1k0(450w/650w/1000w) slot1 o/p:2v@25a slot2,3 o/p:12v@25a slot6,7 o/p:48v@6.3a slot4 blank slot slot5 o/p:5v@10a 12v@4.2a single output(ms-150) single output(ms-75) dual output(md-1 00) 1 slot (150w max.) 1 slot (75w max.) 1 slot (100w max.) a 2a r b 2b l c 2c m s d 2d e 2e n t u w vx f 2f o g 2g h 2h p i 2i j 2j k 2k q voltage code voltage code voltage code voltage code voltage voltage voltage voltage 2v 2v 5v 3.3v 3.3v 3.3v 5v 5v 5v 5v 5v 7.5v 7.5v 12v 12v 12v 12v 5v 24v 12v 24v 15v 15v 15v 15v 15v 5v 12v 12v 15v 18v 18v 24v 24v 24v 27v 27v 33v 33v 48v 48v 48v modular power with pfc parallel or option code (see table 1.) 450w/650w(5slot) 1000w(7slot) pfc-450 pfc-650 pfc-1000 model voltage range frequency range power factor efficiency note.1 ac current input inrush current leakage current 85 ~ 264vac 120 ~370vdc 47 ~ 63hz pf>0.95/230vac pf>0.98/115vac at full load 82.5% typ. 84% typ. 84% typ. 9a/115vac 4.5a/230vac 25a/115vac 40a/230vac 6.3a/115vac 3.2a/230vac 30a/115vac 50a/230vac 20a/115vac 40a/230vac 13.5a/115vac 6.7a/230vac <1.5ma/240vac 650w max. 1000w max. 450w/650w/1000w modular power zvt technology to reduce power dissipation and improve efficiency various output configuration is selectable built in active pfc, pf>0.95 universal ac input/ full range remote control on every individual output module remote sense on every individual output module(ms-75,150,300) built in parallel function(ms-300) protections: short circuit / overload / over voltage for all output modul es additional 12v/0.1a auxiliary output for remote control cooling by built-in dc fan with fan alarm function 3 years warranty features : m p s e r i e s single output(ms-300) 2 slot (300w max.) remote control auxiliary power(aux) safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration function ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11; env50204, en55024, en 61000-6-1, en61204-3, light industry level, criteria a -20 ~ +70 (refer to output load derating curve) 20 ~ 90% rh non-condensing rc+/rc-: 0 ~ 0.8v or short, power on rc+/rc-: 4 ~ 12v or open, power off 12v@0.1a(only for remote on/off control) -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 50 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh environment safety & emc (note 5) emi conduction & radiation output 450w max. total output power protection fan alarm over temperature protection type : shut down o/p voltage, recovers automatically after t emperature goes down thermal switch detect on the heatsink of power mosfet output shutdown when fan is malfunction others dimension packing 254*127*63.5mm (l*w*h) 278*127*63.5mm (l*w*h) 278*177.8*6 3.5mm (l*w*h) 1.8kg(typ.); 6pcs / 11.8kg / 1.25cuft 2.16kg(typ.); 6pcs / 14kg / 1.34cu ft 3kg(typ.); 6pcs /19kg / 1.74cuft file name:mp-450,650,1k0-spec 2010-10-18
output (ms-300) dc voltage output voltage code 1500ms, 50ms, 20ms at full load 2 slot single output (300w) ms-300 rated current current range peak load note.4 rated power ripple & noise (max.) note.2 voltage adj. range voltage tolerance note.3 line regulation load regulation setup, rise, hold up time specification overload over voltage protection 116 ~ 150% rated output power protection type : shut down o/p voltage, re-power on to recover protection type : constant current limiting, recovers automatical ly after fault condition is removed 450w/650w/1000w modular power m p s e r i e s output (ms-75) dc voltage output voltage code 3.3v 5v 12v 15v 24v 48v 15a 15a 6.3a 5a 3.2a 1.6a 0 ~ 15a 0 ~ 15a 0 ~ 6.3a 0 ~ 5a 0 ~ 3.2a 0 ~ 1.6a 17.3a 17.3a 7.3a 5.8a 3.7a 1.8a 49.5w 75w 75.6w 75w 76.8w 76.8w 80mvp-p 80mvp-p 150mvp-p 150mvp-p 150mvp-p 250mvp-p 2.6 ~ 4v 4 ~ 6v 9 ~ 13.2v 13.2 ~ 16.8v 20 ~ 26.4v 40 ~ 53v 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.3% 0.3% 0.2% 0.2% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% ms-75l ms-75m ms-75n ms-75o ms-75p ms-75q 1500ms, 50ms, 20ms at full load 1 slot single output (75w) ms-75 rated current current range peak load note.4 rated power ripple & noise (max.) note.2 voltage adj. range voltage tolerance note.3 line regulation load regulation setup, rise, hold up time overload over voltage protection 116 ~ 150% rated output power protection type : shut down o/p voltage, re-power on to recover 4.1 ~ 5v 6.1 ~ 7.5v 13.3 ~ 18v 16.9 ~ 22v 26.5 ~ 35v 53.1 ~ 60v protection type : constant current limiting, recovers automatical ly after fault condition is removed output (ms-150) dc voltage output voltage code ms-150a ms-300-2a ms-300-2b ms-300-2c ms-300-2d ms-300-2e ms-300 -2f ms-300-2g ms-300-2h ms-300-2i ms-300-2j ms-300-2k 2v 2v 3.3v 3.3v 5v 5v 7.5v 7.5v 12v 12v 15v 15v 18v 18v 24v 24v 27v 27v 33v 33v 48v 48v 25a 50a 50a 50a 25a 25a 18a 40a 13a 25a 10a 20a 8.5a 16.7a 6.5a 12.5a 5.8a 11.2a 4.7a 9.1a 3.2a 6.3a 0 ~ 25a 0 ~ 50a 0 ~ 50a 0 ~ 50a 0 ~ 25a 0 ~ 25a 0 ~ 18a 0 ~ 40a 0 ~ 13a 0 ~ 25a 0 ~ 10a 0 ~ 20a 0 ~ 8.5a 0 ~ 16.7a 0 ~ 6.5a 0 ~ 12.5a 0 ~ 5.8a 0 ~ 11.2a 0 ~ 4.7a 0 ~ 9.1a 0 ~ 3.2a 0 ~ 6.3a 30a 57.5a 57.5a 57.5a 30a 30a 20.7a 46a 15a 29a 11.5a 23a 9.8a 19.2a 7.5a 14.4a 6.7a 12.9a 5.4a 10.5a 3.68a 7.2a 50w 100w 165w 82.5w 125w 250w 135w 300w 156w 300w 150w 300w 153w 300.6w 156w 300w 156.6w 302.4w 155.1w 300.3w 153.6w 302.4w 50mvp-p 80mvp-p 80mvp-p 80mvp-p 80mvp-p 80mvp-p 100mvp-p 100mvp-p 150mvp-p 150mvp-p 150mvp-p 150mvp-p 150mvp-p 150mvp-p 150mvp-p 150mvp-p 150mvp-p 200mvp-p 250mvp-p 250mvp-p 250mvp-p 300mvp-p 1.6 ~ 2.6v 1.6 ~ 2.6v 2.6 ~ 4v 2.6 ~ 4v 4 ~ 6v 4 ~ 6v 6 ~ 9v 6 ~ 9v 9 ~ 13.2v 9 ~ 13.2v 13.2 ~ 16.8v 13.2 ~ 16.8v 16.8 ~ 20v 16.8 ~ 20v 20 ~ 26.4v 20 ~ 26.4v 25 ~ 31v 25 ~ 31v 30 ~ 40v 30 ~ 40v 40 ~ 53v 40 ~ 53v 3.0% 3.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% ms-150b ms-150c ms-150d ms-150e ms-150f ms-150g ms-150h ms -150i ms-150j ms-150k 1500ms, 50ms, 20ms at full load 1 slot single output (150w) ms-150 rated current current range peak load note.4 rated power ripple & noise (max.) note.2 voltage adj. range voltage tolerance note.3 line regulation load regulation setup, rise, hold up time overload over voltage protection 121 ~ 150% rated output power 116 ~ 150% rated output power 2.7 ~ 4v 3 ~ 4v 4.1 ~ 5v 4.1 ~ 5v 6.1 ~ 7.5v 6.1 ~ 7.5v 9.1 ~ 11.2v 9.1 ~ 11.2v 13.3 ~ 18v 13.3 ~ 18v 16.9 ~ 22v 16.9 ~ 22v 20.1 ~ 26v 20.1 ~ 26v 26.5 ~ 35v 26.5 ~ 35v 31.1 ~ 39v 31.1 ~ 39v 40.1 ~ 48v 40.1 ~ 48v 53.1 ~ 60v 53.1 ~ 60v protection type : shut down o/p voltage, re-power on to recover protection type : constant current limiting, recovers automatical ly after fault condition is removed file name:mp-450,650,1k0-spec 2010-10-18 remote inhibit control remote inhibit control remote inhibit control rc+/rc-: 0 ~ 0.8v or open, power on rc+/rc-: 4 ~ 12v power off rc+/rc-: 0 ~ 0.8v or open, power on rc+/rc-: 4 ~ 12v power off rc+/rc-: 0 ~ 0.8v or open, power on rc+/rc-: 4 ~ 12v power off function function function
output (md-100) dc voltage output voltage code md-100r md-100s md-100t md-100u md-100v md-100x 5v 5v 5v 15v 5v 12v 15v 24v 15v 10a 10a 10a 4a 8a 4.2a 3.4a 2.5a 2.7a 2 ~ 10a 2 ~ 10a 2 ~ 10a 0 ~ 4.7a 1 ~ 4.7a 0 ~ 8a 0 ~ 5.8a 0.5 ~ 3a 0 ~ 4.7a 90w 100.4w 101w 100w 100.5w 100mvp-p 150mvp-p 150mvp-p 200mvp-p 150mvp-p 100mvp-p 100mvp-p 100mvp-p 150mvp-p 4.75 ~ 5.5v 4.75 ~ 5.5v 4.75 ~ 5.5v 4.75 ~ 5.5v 14.2 ~ 16.5v 14.2 ~ 16.5v 11.4 ~ 13.2v 14.2 ~ 16.5v 22.8 ~ 26.4v 4.75 ~ 5.5v 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 0.5% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 1.0% 1500ms, 50ms, 20ms at full load 1 slot isolated dual output (100w) md-100 rated current current range rated power note.6 ripple & noise (max.) note.2 voltage adj. range voltage tolerance note.3 line regulation load regulation setup, rise, hold up time 105 ~ 150% rated output power 5v 8a 0 ~ 10a 100mvp-p 12v 3.4a 0 ~ 4.7a 100.8w 120mvp-p 11.4 ~ 13.2v 3.0% 2.0% 1.0% 0.5% 2.0% 1.0% 24v 2.5a 0.6 ~ 3a 240mvp-p 22.8 ~ 26.4v 12v 12v 5a 3.4a 1 ~ 5a 0 ~ 5.8a 100.8w 120mvp-p 120mvp-p 11.4~ 13.2v 11.4~ 13.2v 3.0% 2.0% 1.0% 0.5% 2.0% 1.0% md-100w note overload over voltage protection protection type : shut down o/p voltage, re-power on to recover protection type : shut down o/p voltage, re-power on to recover 5.6 ~ 7.2v 5.6 ~ 7.2v 5.6 ~ 7.2v 5.6 ~ 7.2v 13.3 ~ 17v 16.6 ~ 22v 16.6 ~ 22v 16.6 ~ 22v 26.5 ~ 34v 5.6 ~ 7.2v 13.3 ~ 17v 26.5 ~ 34v 13.3 ~ 17v 13.3 ~ 17v 450w/650w/1000w modular power m p s e r i e s specification file name:mp-450,650,1k0-spec 2010-10-18 table 1. parellel code(for ms-300 only) code x,1,2 for mp450,MP650 code x,1,2,3,4,5,6 for mp1k0 code x 1 23 4 5 6 slot1 slot2 slot3 slot4 slot5 slot6 slot7 ----- ----- ----- ----- ----- ----- 1. mp450:the value changed by installing different output modules. th e efficiency in specification means output modules are composed by foll owing modules. 5v(voltage code c)*1, 12v(voltage code e)*1, 24v(voltage code h)*1, 5 v(voltage code m)*1. MP650:the value changed by installing different output modules. the e fficiency in specification means output modules are composed by follo wing modules. 5v(voltage code c)*2, 12v(voltage code e)*1, 24v(voltage code h)*2. mp1k0:the value changed by installing different output modules. the e fficiency in specification means output modules are composed by follo wing modules. 5v(voltage code c)*2, 12v(voltage code e)*2, 24v(voltage code h)*3. the hold-up time of above combination is 20ms(typ.) 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. 35% duty cycle maximum within every 10 seconds. average output power sh ould not exceed the rated power. 5. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still mee ts emc directives. 6. if the output voltage adjust to higher level, the rated current should be de rated to meet the total rated power for both outputs(for md-100 only). for guidance on how to perform these emc tests, please refer to ?emi testing of c omponent power supplies.? (as available on http://www.meanwell.com) remote inhibit control rc+/rc-: 0 ~ 0.8v or open, power on rc+/rc-: 4 ~ 12v power off function
unit:mm file name:mp-450,650,1k0-spec 2010-10-18 mechanical specification mp450 MP650 450w/650w/1000w modular power m p s e r i e s 10 8.2 tb1 3 2 1 air flow direction cn4 3 1 2 4-m4 8-m4(both sides) 19 16 max. 16 max. 12.5 38 63.5 147.5 254 12 max. 12 max. 19 101.5 127 12.25 147.5 101.5 19 38 19 278 171.5 10 8.2 8-m4(both sides) air flow direction 171.5 127 63.5 3 2 2 13 cn4 1 tb1 12.5 4-m4 12.25
file name:mp-450,650,1k0-spec 2010-10-18 mechanical specification 450w/650w/1000w modular power m p s e r i e s direction air flow tb1 3 2 1 23 1 cn4 8-m4(both sides) 19 12.5 38 63.5 171.5 278 8.2 10 4-m4 19 177.8 152.4 15.65 171.5 mp1k0 cn4(pfc-450/650/1k0) : jst b3b-xh or equivalent pin no. 13 2 assignment -rc: -remote on/off vcc: 12v/0.1a auxiliary output +rc: +remote on/off mating housing jst xhp or equivalent terminal jst sxh-001t-p0.6 or equivalent pin no. 13 2 assignment ac/l fg ac/n tb1(pfc-450/650/1k0) mechanism of output modules ms-150 41 svr2 cn20 21 max. 138 60 -v +v svr1 +v -v 60 ms-75 21 max. 16 max. 16 max. cn51 1 4 138 34 2 jst xhp or equivalent jst sxh-001t-p0.6 or equivalent +s: +remote sensing -s: -remote sensing +rc: +remote on/off -rc: -remote on/off output connector( jst b4b-xh or equivalent cn51) : pin no. 1 assignment mating housing output connector( jst b4b-xh or equivalent cn20) : pin no. 13 4 2 assignment mating housing jst xhp or equivalent jst sxh-001t-p0.6 or equivalent +s: +remote sensing -s: -remote sensing +rc: +remote on/off -rc: -remote on/off terminal terminal 12 max. unit:mm 3 max. 3 max. 16 max.
(horizontal) 3 max. 3 max. file name:mp-450,650,1k0-spec 2010-10-18 mechanism of output modules 450w/650w/1000w modular power m p s e r i e s md-100 note: 1.remote on/off of cn4 turn on/off the entire power system note: 1.the voltage difference among each output should be minimized th at less than 2% is required. 2.remote on/off of cn20,cn33,cn41,cn51 turn on/off the individual o utput module 2.the total output current must not exceed the value determined by the foll owing equation. 3.svr1~5: dc output voltage adjustment(svr4 for ch2 of md-100,svr5 fo r ch1 of md-100) (output current at parallel operation) = (the rated current per unit) (n umber of unit) 0.9 ms-300 output connector(cn33) jst b6b-xh or equivalent : pin no. 13 5 46 2 assignment mating housing jst xhp or equivalent terminal jst sxh-001t-p0.6 or equivalent +s: +remote sensing -s: -remote sensing +rc: +remote on/off -rc: -remote on/off p:current sharing g:gnd output connector(cn41) : jst b2b-zr or equivalent pin no. 12 assignment +rc -rc mating housing jst zhr-2 or equivalent terminal jst szh-002t-p0.5 or equivalent derating curve ambient temperature ( ) rated power (%) -20 0 10 20 30 40 50 60 70 20 40 50 60 80 100 input voltage (v) 60hz 100 90 80 85 70 80 rated power (%) ta=25 85 90 100 120 140 160 180 200 220 240 264 static characteristics svr3 2 svr5 cn41 1 svr4 21 max. 138 60 +v1 gnd1 +v2 gnd2 +v cn33 1 6 -v +v 60 -v 138 16 max. 16 max. 42 max.


▲Up To Search▲   

 
Price & Availability of MP650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X