Part Number Hot Search : 
160CA RF300 STC1815 MM1134 802M135B MC1648 AL4CA05 K4107
Product Description
Full Text Search
 

To Download FR1603G-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fr1601g ? fr1607g t o -220a 1 o f 2 ? 20 00 w on- t op e l e c t ron i cs fr1601g ? fr1607g 16a fast recovery glass passivated rectifier features ! glass passivated die construction b ! fast switching ! high current capability c ! low reverse leakage current ! high surge current capability g a ! plastic material has ul flammability classification 94v-o pin1 2 d mechanical data f e ! case: molded plastic ! terminals: plated leads solderable per p mil-std-202, method 208 ! polarity: see diagram i ! weight: 2.24 grams (approx.) l ! mounting position: any h ! marking: type number pin 1 + + j pin 2 - case k maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol fr 1601g fr 1602g fr 1603g fr 1604g fr 1605g fr 1606g fr 1607g unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current @t c = 105c i o 16 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 250 a forward voltage @i f = 16a v fm 1.3 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 125c i rm 5.0 100 a reverse recovery time (note 1) t rr 150 250 500 ns typical thermal resistance junction to case r  jc 3.0 k/w operating and storage temperature range t j , t stg -65 to +150 c note: 1. measured with if = 0.5a, ir = 1.0a, irr = 0.25a. see figure 5. wte power semiconductors to-220a dim min max a 14.9 15.1 b ? 10.5 c 2.62 2.87 d 3.56 4.06 e 13.46 14.22 f 0.68 0.94 g 3.74 ? 3.91 ? h 5.84 6.86 i 4.44 4.70 j 2.54 2.79 k 0.35 0.64 l 1.14 1.40 p 4.95 5.20 all dimensions in mm
0 4 8 1 2 16 0 25 50 75 100 125 150 175 i , average forward current (av) t , c as e temper a tur e ( c ) fig . 1 , t ypica l forwar d curren t deratin g curve c 0.1 1 10 2 0 100 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fig. 3, typical instantaneous forward characteristics f t = 25 c pulse width = 300 s 1% duty cycle j m 0 1 25 2 5 0 3 75 1 1 0 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 2 max non-repetitive peak surge current 8.3ms single half sine-wave jedec method 1.0 10 100 1000 1.0 10 100 c , capacitance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r t = 25 c f = 1.0mhz j 50v dc approx 50 ni (non-inductive) w 10 ni w 1.0 ni w oscilloscope (note 1) pulse generator (note 2) device under test t rr se t tim e bas e fo r 5 /10 ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise time = 7.0ns max. input impedance = 1.0m , 22pf. 2 . ris e t im e = 10n s max . inpu t impedanc e = 5 0 . w w fig. 5 reverse recovery time characteristic and test circuit (+) (+) (-) (-) fr1601g ? fr1607g t o -220a 2 of 2 ? 20 00 w on- t op e l e c t ron i cs


▲Up To Search▲   

 
Price & Availability of FR1603G-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X